Part Number Hot Search : 
704123 87001 CX74005 Q800302 4740A IRFY140 16DPGW5B SMB10AT3
Product Description
Full Text Search
 

To Download LBN07092 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 6MHz Bandwidth
Part Number: LBN07092
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 2 dB Bandwidth 35 dB Bandwidth 40 dB Bandwidth 45 dB Bandwidth Passband Variation Absolute Delay Ultimate Rejection Subatrate Material Ambient Temperature Package Size C
Unit
MHz dB MHz MHz MHz MHz dB usec
Minimum
69.95 6 50
Typical
70 23.5 6.02 6.71 6.75 6.79 0.5 3.94 52 -6.58 25
Maximum
70.05 24.5 6.8 7.2 8 1.5 4.1 -
dB
DIP3512 (35.2x12.7x5.2mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07092 2005-3-17 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 6MHz Bandwidth
Part Number: LBN07092
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
Input1 Output5
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07092 2005-3-17 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 6MHz Bandwidth
Part Number: LBN07092
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond
-19
Passband Respond
-23.5455
-20
-33.5455
-21
-43.5455
-22
-53.5455
-23
-63.5455
-24
-73.5455
-25
-83.5455
-26
-27
-93.5455
-28
-103.5455
62
64
66
68
70
72
74
76
78
65
66
67
68
69
70
71
72
73
74
75
Group Delay Variation(f02.5MHz)
Phase Linearity(f02.5MHz)
Simth Chart
S11
Simth Chart
S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07092 2005-3-17 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN07092

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X