Part Number Hot Search : 
P1916 120FC SMK0765 A475K 1602B2 4AC24 2A040 AQV214
Product Description
Full Text Search
 

To Download LBN07091 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 12.4MHz Bandwidth
Part Number: LBN07091
www.sipatsaw.com
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 3 dB Bandwidth Selectivity 400kHz 600kHz 1MHz 5MHz Passband Variation Absolute Delay Ultimate Rejection(f015MHz) Subatrate Material Ambient Temperature Package Size C
Unit
MHz dB MHz dBc dBc dBc dBc dB usec
Minimum
69.9
Typical
70 26.5
Maximum
70.1 28 12.45
12.35 35 45 50 55
12.4 43 60 60 60 0.5 3.4
1 3.7
dB
55
60 YZ-LiNbO3 25
DIP3512 (35.2x12.7x5.2mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07091 2005-3-9 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 12.4MHz Bandwidth
Part Number: LBN07091
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07091 2005-3-9 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 12.4MHz Bandwidth
Part Number: LBN07091
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond Passband Respond
Type performance
-23
-36.2679
-24
-46.2679
-25
-56.2679
Magnitude(dB) -26
-66.2679
-27
-76.2679
-28
-86.2679
-29
-30
-96.2679
-31
-106.2679
54
58
62
66
70
74
78
82
86
60
62
64
66
68
70 72 Frequency(MHz)
74
76
78
80
Group Delay Variation(f06.2MHz)
Phase Linearity(f06.2MHz)
Simth Chart
S11
Simth Chart
S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07091 2005-3-9 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN07091

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X