Part Number Hot Search : 
MAX970 C10H1 QRB1134 CGY2105 IM43JR 1A470M OPI153 BY179
Product Description
Full Text Search
 

To Download LBN07090 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 9.15MHz Bandwidth
Part Number: LBN07090
www.sipatsaw.com ts
SIPAT Co., Ltd.
Specifications
Parameter Center Frequency
Insertion Loss 3dB Bandwidth Selectivity f0 400kHz f0 600kHz f0 1MHz f0 5MHz Ultimate Rejection( f015MHz) Passband Variation Absolute Delay Subatrate Material Ambient Temperature Package Size C dB dB usec
Unit
MHz dB MHz dB
Minimum
69.95
Typical
70 23.5
Maximum
70.05 25
9.15 35 45 50 45 60
9.2 55 55 55 47 62 0.6 3.64 YZ-LiNbO3 25 1.2 4
DIP3512 (35.2x12.7x5.2mm3)
Notes:
1. All specifications are based on the test circuit shown 2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over temperature 3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances 4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending on board layout.
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07090 2005-2-4 1.0 Page 1/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 9.15MHz Bandwidth
Part Number: LBN07090
www.sipatsaw.com
SIPAT Co., Ltd.
Package Dimension
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07090 2005-2-4 1.0 Page 2/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
China Electronics Technology Group Corporation No.26 Research Institute
70MHz SAW Filter 9.15MHz Bandwidth
Part Number: LBN07090
www.sipatsaw.com
SIPAT Co., Ltd.
Typical Performance
Frequency Respond Passband Respond
Type performance
-33.1782
-20
-21
-43.1782
-22
-53.1782
Magnitude(dB) -23
-63.1782
-24
-73.1782
-25
-83.1782
-26
-93.1782
-27
-103.1782
-28
58
61
64
67
70
73
76
79
82
62
64
66
68
70 72 Frequency(MHz)
74
76
78
Phase Linearity (f0 4.6MHz)
Group delay variation(f0 4.6MHz)
Simth Chart
S11
Simth Chart
S22
SIPAT Co., Ltd.
( CETC No. 26 Research Institute ) Nanping Huayuan Road No. 14 Chongqing, China, 400060
Part Number Rev. Date Rev.
LBN07090 2005-2-4 1.0 Page 3/3
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com


▲Up To Search▲   

 
Price & Availability of LBN07090

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X