Part Number Hot Search : 
2405A ST211035 74ALS1 4707EX LTC3409 KYZ25A2 T15CA MCIMX
Product Description
Full Text Search
 

To Download K3100G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K3100G Series
3.3V Crystal Clock Oscillators
TTL/CMOS Compatible Tight Symmetry (45/55%) Available Tri-State Option Available
100ppm Stability Standard - K3100GC
x. Ma mm 7 20, x. Ma mm 08 13,
Tighter Stabilities Available
25ppm Stability:- K3100GA 50ppm Stability:- K3100GB Case Ground for EMI Protection
Z E 00G K318.000 MH E COD 4 TI DAT C
m 8m 5,0
x. Ma
PIN 1
E L E C T R I C A L S P E C I F I C AT I O N S
MODEL Frequency Range (MHz) Frequency Stability (ppm) Overall 0C to 70C -40C to 85C Temperature Range (C) Operating Storage Supply Voltage (V) Supply Current (mA) Output CMOS -40C to +85C -55C to +125C +3.3 5% <30 0.9 VCC 0.1 VCC Up to 80MHz 50pF; >80MHz 30pF <10 40/60 10ps RMS @ 100MHz <10 Inclusive of calibration, temperature, voltage, load, shock,vibration, aging 25 N/A 50 50 100 100 K3100GA K3100GB 1.0 to 125 K3100GC
"0" Level (VOL) "1" Level (VOH)
Load TR & TF (ns) Symmetry (%) Jitter (Typical) Start up Time (ms)
PA R T N U M B E R I N G G U I D E K3100GXXXX - Specify Frequency
"Blank" = Fixed Frequency "E" = Tri-State "Blank" = 0oC to 70oC Operating Temperature "M" = -40oC to 85oC Operating Temperature "Blank" = 40/60% Symmetry "S" = 45/55 Symmetry "A" 25ppm Frequency Stability (Available 0/70oC only) "B" = 50 ppm Frequency Stability "C" = 100ppm Frequency Stability
2553 N. Edgington Street, Franklin Park, IL 60131
Phone: 847.451.1000
Fax: 847.451.7585
800-888-1499 or www.champtech.com
1
K3100G Series
3.3V Crystal Clock Oscillators
PIN 1 7 8 14 FUNCTION N/C / Tri-State Ground Output + VCC
SHIPPING TUBE CROSS SECTION
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210D, Cond. J 235C; 30 seconds MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
Phone: 847.451.1000 Fax: 847.451.7585
2553 N. Edgington Street, Franklin Park, IL 60131
800-888-1499 or www.champtech.com
2


▲Up To Search▲   

 
Price & Availability of K3100G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X