Part Number Hot Search : 
D103E TDA4942 F220IO 70400 HV9801A 3362X201 3CD010 ML6673
Product Description
Full Text Search
 

To Download K1570AQH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K1570AQH Series
5V Voltage Controlled Crystal Oscillators ! Applications: Phase-Locked Loops (PLL's); Clock Recovery; Reference Signal Tracking; Synthesizers; Frequency Modulation/Demodulation ! ! ! ! ! 16-pin DIL Package 25.0 to 52.0 MHz Frequency Range 0.5V to 4.5V Control Voltage 25ppm Stability -40C to 85C Operating Temperature
x. Ma mm 0,7 2
ax. mM 8m 3,0 1
0AQH Z K157.000 MH E CODE 46 TI DAT C
mm 7,6
x. Ma
PIN 1
E L E C T R I C A L S P E C I F I C AT I O N S
Model Frequency Range (MHz) Input Current (mA) Frequency Control Function Deviation (ppm) Minimum Maximum Linearity (%) Modulation Bandwidth (3dB) Nominal Control Voltage (V) Control Voltage Range (V) Transfer Function Input Impedance Frequency Stability (ppm) Overall 0oC to +70oC -40oC to +85oC Temperature Range (oC) Operating Storage Supply Voltage (V) Symmetry (%) CMOS/TTL Start Up Time (ms) Typical SSB Phase Noise (dBC/Hz) Offset from Carrier 10Hz 100Hz 1KHz 10KHz 100KHz -40oC to +85oC -55oC to +125oC +5.0V 5% 40/60 <10 -65 -95 -120 -140 -150 Inclusive of Calibration, Temperature, Voltage, Load and Aging 25 50 40 55 100 190 < 10 > 20KHz 2.5 0.5 to 4.5 Positive > 50K @ 10KHz 60 120 < 15 25 to 33 < 26 K1570AQH 33 to 35 35 to 52 < 45
(For Custom Deviation Range, Vc Range, etc. - Consult Factory)
PA R T N U M B E R I N G G U I D E
K1570AQHX - Specify Frequency "Blank" = 0C to 70C Operating Temp. "M" = -40C to +85C Operating Temp.
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
1
K1570AQH Series
Voltage Controlled Crystal Oscillators
PIN 1 7 8 14 FUNCTION Voltage Control Gnd/ & Case Gnd Output + VCC
SHIPPING TUBE CROSS SECTION
OUTPUT WAVEFORM
TEST CIRCUIT DIAGRAM
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210D, Cond. C 260C; 10 seconds: 1 inch/sec. MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
2


▲Up To Search▲   

 
Price & Availability of K1570AQH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X