Part Number Hot Search : 
SD1219 STV0498 B66101MA 2SB1190 MN5290 SCL4511 BZT52B15 SLD1332V
Product Description
Full Text Search
 

To Download K1149AA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 K1149 Series
5V Crystal Clock Oscillators
! 4-pin Package, Compatible with 14-pin DIL ! 40 to 160MHz Frequency Range (Discrete Higher Frequencies Available ! Designed to Drive Standard ECL 10K and 10KH Families ! ECL and PECL Options Available ! Dual Complementary Output Available ! 50 Drive Capability ! Internal 470W Output Pull-Down Resistor Available
x. Ma mm 8 20, x. Ma mm 2 13,
HZ E 49 K1100.000 M E COD T 1 TI DA C
mm 2* 6,2
x. Ma
PIN 1
*> 140MHz (Height) = 8,51mm Max
E L E C T R I C A L S P E C I F I C AT I O N S
MODEL Frequency Range (MHz) Higher Frequency Available (MHz) Frequency Stability (ppm) Overall 0C to 70C Temperature Range (C) Operating Storage Supply Voltage (V) ECL (VEE) PECL (VCC) Supply Current (mA) Typical Maximum Jitter (Typical) Start up Time (ms) 28; 55 on R-Suffix (Option 3) 60; 90 on R-Suffix (Option 3) 5ps RMS @ 40MHz <10 -5.2 5% +5.0 5% 0C to +70C -55C to +125C Inclusive of calibration, temperature, voltage, load, shock,vibration, aging 100 See Part Numbering Guide Below 40 to 160 180, 200, 220
PA R T N U M B E R I N G G U I D E ( U s e t h i s c h a r t f o r o r d e r i n g )
PIN 1 7 8 14 Frequency (MHz) Option Options Available 1. Optional +5.0 10% Operation at VSS 2. 50ppm (K1149XX5 available only in frequency range of 40MHz to 160MHz 3. Optional internal pull down resistor available only in the range of 40MHz to 160MHz - K1149XX-R K1149AA K1149AB K1149AC N/C VEE ECL Out VSS & Case GND K1149AM N/C VSS & ECL Out VEE K1149BA VSS & PECL Out VCC K1149BC K1149BM VSS & ECL Out VEE K1149CA N/C VEE & PECL Out VCC Case GND Case GND VEE ECL Out VSS VSS ECL Out VEE Comp. Out Comp Out Comp Out VEE ECL Out VSS & Case GND 2, 3
Case GND Case GND
Case GND Case GND
40 to 125 1, 2, 3
40 to 160
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
1
K1149 Series
5V Crystal Clock Oscillators
TEST CIRCUIT DIAGRAM
OUTPUT WAVEFORM
ECL Specifications Parameter Ground Reference Power Supply (ECL) Power Supply (PECL) "0" Level "1" Level Rise Time Fall Time Overlap Symmetry Symbol Units Test Condition VSS VEE VCC VOL VOH TR TF TOL S Volts Volts Volts Volts Volts ps ps ps % Reference Reference N/A 50 into VSS-2 50 into VSS-2 50 into, 20% to 80% 50 into, 20% to 80% 50% VSS -1.3 40 VSS-1.95 VSS-1.02 1.0 1.0 Min. Typ. 0 -5.2 VSS-1.6 Max Test Condition Reference N/A Reference 50 into VCC-2
PECL Specifications Min. Typ. 0 Max.
4.75 VCC-1.95 VCC-1.02
5.0
5.25 VCC-1.6 VCC-1.74
VSS-0.74 50 into VCC-2 2.0 2.0 1.0 60 50 into, 20% to 80% 50 into, 80% to 20% 50% VCC -1.3
1.0 1.0
2.0 2.0 1.0
40
60
MECHANICAL AND ENVIRONMENTAL SPECIFICATIONS
TEST METHODS
Temperature Cycle Mechanical Shock Vibration Humidity Steady State Thermal Shock Electrostatic Discharge Solderability Hermeticity Resistance to Soldering Lead Integrity Marking Permanence Life Test
REFERENCE PROCEDURES
MIL-STD-833, Mtd 1010, Cond. B MIL-STD-883, Mtd 2002, Cond. B MIL-STD 883, Mtd 2007, Cond. B MIL-STD-202, Mtd 103 MIL-STD-883, Mtd 1011.7 Cond. B MIL-STD-883, Mtd 3015 Class II MIL-STD-883, Mtd 2022.2 MIL-STD-883, Mtd 1014.8, Cond. A1
DESCRIPTION
-55C to +125C; Air-to-Air; 100 cycles; 10 min. dwell 1500 g's 20-2000 Hz; 0.06 inch; 15g's; 3 planes 40C; 90%-95% R.H.; 56 days 100C to 0C; Water-to-Water; 15 cycles 2 KV to 4 KV Threshold Solder dip; Meniscograph Criteria Mass spectro. 2 x 10-8 atmos. CC/sec He
MIL-STD-202, Mtd 210D, Cond. J 235C; 30 seconds MIL-STD-883, Mtd 2004.5, Cond. A, B1 Lead tension & bend stress MIL-STD-883, Mtd 2015.8 MIL-STD-883, Mtd 1005.6 Resistance to solvents
125C, powered, 1000 hours minimum
2553 N. Edgington Street, Franklin Park, IL 60131 " Phone: 847.451.1000 " Fax: 847.451.7585 800-888-1499 or www.champtech.com
2


▲Up To Search▲   

 
Price & Availability of K1149AA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X