Part Number Hot Search : 
KDV273 R5F2134 MA3X557 IL386N 4731A OPB910 KBPC10 LHF32KZ5
Product Description
Full Text Search
 

To Download JG0-0023 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PULSEJACKTM LAN/ Filtered Connectors Ethernet, PoE (Power over Ethernet), Gigabit, USB Options
Pulse offers a broad selection of filtered connectors. Each Pulsejack platform is designed to house a range of magnetic configurations and other internal components (common mode termination) with four 75ohm resistors and HV Cap, chip-side pin outs, shield options, USB ports and LED options. Features: * Meets or exceeds IEEE 802.3 and ANSI X3.263 * 1500 Vrms isolation * Self-contained termination saves PCB space * Patented InterLock Base construction for high reliability Fig. 1 Fig. 2 Fig. 3 Fig. 4
Figure Note: General representation of part, see specifications for exact number of ports. Total(16) PCB Pins per Configuration(2) Turns Ratio(3) Package Port TX RX TX RX L x W x H (mm) 10/100BASE-TX CMT 7 12 T,C T,C 1CT:1.414 1CT:1 21.59 x 16.26 x 13.84 CMT(12) 7 12 T,C T,C 1CT:1 1CT:1 21.59 x 16.26 x 13.84 --(13) 8 12 T,C T,C 1CT:1 1CT:1 21.59 x 16.26 x 13.84 CMT(13) 7 8 T,C T,C 1CT:1 1CT:1 21.59 x 16.26 x 13.84 CMT(13) 8 12 T,C,S C,T 1CT:1 1CT:1 21.59 x 16.26 x 13.84 CMT 7 12 T,C T,C 1CT:1 1CT:1 25.4 x 16.26 x 13.51 CMT 8 12 T,C,S C,T 1CT:1 1CT:1 25.4 x 16.26 x 13.51 CMT 8 12 T,C T,C 1CT:1 1CT:1 25.4 x 16.26 x 13.51 10/100BASE-TX Multiport CMT 7 12 T,C T,C 1CT:1 1CT:1 21.36 x 31.18 x 13.61 CMT 7 12 T,C T,C 1CT:1 1CT:1 21.36 x 59.12 x 13.61 CMT 7 12 T,C T,C 1CT:1 1CT:1 21.36 x 87.07 x 13.61 CMT 7 12 T,C T,C 1CT:1 1CT:1 21.36 x 114.71 x 13.61 10/100BASE-TX Dual Row Multiport CMT 7 11 T,C T,C 1CT:1 1CT:1 32.00 x 31.50 x 25.52 CMT 7 11 T,C T,C 1CT:1 1CT:1 32.00 x 59.44 x 25.52 CMT(13) 7 8 T,C T,C 1CT:1 1CT:1 28.95 x 87.38 x 25.53 CMT 7 8 T,C T,C 1CT:1 1CT:1 32.00 x 115.31 x 25.52 Power over Ethernet (PoE) 10/100Base-TX CMT(9) 9 13 C,T C,T 1CT:1 1CT:1 33.02 x 16.79 x 13.61 CMT(10) 9 13 C,T C,T 1CT:1 1CT:1 33.02 x 16.79 x 13.61 Power over Ethernet (PoE) 10/100Base-TX Multiport CMT(10) 8 12 C,T C,T 1CT:1 1CT:1 25.40 x 31.19 x 13.84 CMT(10) 8 12 C,T C,T 1CT:1 1CT:1 25.41 x 59.13 x 13.60 Gigabit (10/100/1000BASE-TX) Gigabit(11) 12 16 Gigabit Gigabit 1CT:1 1CT:1 33.02 x 16.79 x 13.87 Gigabit(11) 12 16 Gigabit Gigabit 1CT:1 1CT:1 33.02 x 16.79 x 13.87 Gigabit(11) 12 12 Gigabit Gigabit 1CT:1 1CT:1 33.02 x 16.79 x 13.87 Gigabit (10/100/1000BASE-T) Multiport Gigabit(11) 10 14 Gigabit Gigabit 1CT:1 1CT:1 25.40 x 31.19 x 13.84 Gigabit(11) 10 14 Gigabit Gigabit 1CT:1 1CT:1 25.40 x 59.39 x 13.84 Gigabit(12) 10 14 Gigabit Gigabit 1CT:1 1CT:1 25.41 x 87.33 x 13.84 Gigabit(11) 10 14 Gigabit Gigabit 1CT:1 1CT:1 25.40 x 115.27 x 13.84 Gigabit (10/100/1000BASE-T) Dual Row Multiport Gigabit(11) 10 10 Gigabit Gigabit 1CT:1 1CT:1 28.95 x 59.44 x 25.52 Gigabit(11) 10 10 Gigabit Gigabit 1CT:1 1CT:1 28.95 x 87.38 x 25.52 Gigabit(11) 10 10 Gigabit Gigabit 1CT:1 1CT:1 28.95 x 115.32 x 25.52 Combo 10/100BASE-TX / Dual USB 2.0 Type A Female Ports CMT -- -- T,C,S C,T 1CT:1 1CT:1 27.69 x 19.08 x 31.45 CMT -- -- T,C,S C,T 1CT:1 1CT:1 26.09 x 17.09 x 29.72 Gigabit -- -- Gigabit Gigabit 1CT:1 1CT:1 27.43 x 18.82 x 31.00 Other(4) Components (9) Includes ESD overvoltage protection diodes (10) Provides typically 2kV voltage isolation and are compliant to IEEE 802.3af PoE standard (11) Includes Gigabit compatible magnetics (12) Built-In BST Circuit = Capacitor resistor termination circuit (13) Different electrical connection (See datasheet for more information) Comm.(15) Pins per Port (PCB Side)
A
Digi-Key Part No. 553-1236-ND 553-1237-ND 553-1238-ND 553-1239-ND 553-1240-ND 553-1241-ND 553-1242-ND 553-1243-ND 553-1244-ND 553-1245-ND 553-1246-ND 553-1247-ND 553-1248-ND 553-1249-ND 553-1250-ND 553-1251-ND 553-1252-ND 553-1253-ND 553-1254-ND 553-1255-ND 553-1256-ND 553-1257-ND 553-1258-ND 553-1259-ND 553-1260-ND 553-1261-ND 553-1262-ND 553-1306-ND 553-1307-ND 553-1308-ND 553-1266-ND 553-1267-ND 553-1268-ND 1 5.94 4.00 5.07 5.01 6.12 5.88 6.78 5.88 8.66 15.50 24.89 30.16 16.36 29.73 42.87 59.45 9.72 7.83 12.73 22.77 7.83 7.83 7.53 12.73 22.77 31.04 41.39 38.43 51.86 69.15 8.40 8.40 8.71 Price Each 10 100 4.07 2.60 3.47 3.43 4.19 4.03 4.64 4.03 6.34 11.87 19.06 23.99 12.52 23.65 34.10 47.30 7.12 5.36 9.31 17.43 5.36 5.36 5.16 9.31 17.43 24.70 32.93 30.57 42.97 57.29 5.75 5.75 6.38 3.24 1.99 2.76 2.73 3.34 3.21 3.70 3.21 5.25 10.05 16.14 20.67 10.60 20.38 29.38 40.75 5.90 4.27 7.72 14.76 4.27 4.27 4.10 7.72 14.76 21.28 28.37 26.34 39.51 52.68 4.58 4.58 5.28 Pulse Part No. J0018D21E J00-0065 J0006D21B J0011D21 J0026D21B J1012F21C J1026F21C J1011F01P J8064D628A J8064D648A J8064D668A J8064D688A J20-0013 J20-0014 J2042H3B J20-0016 JK0-0020 JK0-0025 JG0-0031 JG0-0032 JK0-0014 JK0-0016 JK0-0017 JG0-0023 JG0-0025 JG0-0027 JG0-0028 JC0-0131 JC0-0132 JC0-0133 JW0-0009 JY0-0016 JW0-0006
Number Tab of Latch Fig. Rows X Ports(7) Up/Down(1) 1X1 1X1 1X1 1X1 1X1 1X1 1X1 1X1 1X2 1X4 1X6 1X8 2X2 2X4 2X6 2X8 1X1 1X1 1X2 1X4 1X1 1X1 1X1 1X2 1X4 1X6 1X8 2X4 2X6 2X8 1X1 w/2USB 1X1 w/2USB 1X1 w/2USB Down Down Down Down Down Up Up Up Down Down Down Down Both Both Both Both Up Up Up Up Up Up Up Up Up Up Up Both Both Both Up Up Up
Shield EMI Tabs(5) Yes Yes Yes Yes Yes Yes Yes -- Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes -- Yes --
Auto MDIX Yes Yes Yes Yes -- Yes -- Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes Yes -- -- Yes
LEDs L-R(6,8) G-G G-Y G-Y -- G-Y Y-G Y-G G-Y G-Y G-Y G-Y G-Y G-Y G-Y -- G-Y Y/G-G Y/G-G Y/G-G Y/G-G G-G Y/G-G -- G-G(14) G-G(14) G-G G-G -- -- -- G-Y(6 (R)) G/O-Y G/Y-G
1
2
3
1
2
1
2
3
4
KEY (1) Tab Down = thumb lock facing down to PCB; Tab Up = thumb lock facing away from PCB (2) Magnetics = Chip (PHY) to Cable (Media) side: T= Transformer, C = Common Mode Choke, S = Shunt Inductor (3) Turns Ratio = Chip (PHY) to Cable (Media) side (4) CMT (Common Mode Termination) with HV Cap within the connector; no extra PCB real estate required
(5) EMI Tabs = On the outside face of the shield for connecting to a front panel (6) LEDs require external 5V source and 250 external resistors ("R") = 250 internal resistor built-in (7) Note: For example, 1X4 = 1 row/4 columns or a 2X4 = 2 rows/4 columns (8) LEDs: L-R = Left - Right : G = green, Y = yellow; "--" = none; Bicolor : G/O = Green/Orange, Y/G = Yellow/Green, G/Y = Green/Yellow
(14) PoE = Power over Ethernet compatible product, compliant to IEEE 802.3af standard, providing minimum 1.5kV isolation (15) Number of PCB connections required for RJ-45 connector communication to PHY/IC Chip (16) Total number of PCB pins for PCB layout, which include LED option
DSL (CPE) Filters
Z-230PJ Economical Single-Line DSL Filter * Filters one or more phone devices sharing a single jack * Compact in-line design - plugs into any standard phone jack * Blocks and isolates DSL/HPN from phone equipment * Supports G. lite, G.dmt ADSL, V.90, Caller ID and metallic-loop testing * Compliant and listed with FCC, UL, CE, CSA and T1E1 Dual-Line DSL Filter * Filters one or more phone devices sharing a single jack on line 1 and line 2 * Provides separate jacks for phone and DSL/HPN * Blocks and isolates DSL/HPN from phone equipment * Supports G. lite, G. dmt, ADSL, V.90, Caller ID and metallic-loop testing * Compliant and listed with FCC, CS03, UL, CE and CSA * Compact in-line design - plugs into any standard phone jack * Wall-mount design-snaps over existing wall outlet
These customer premises equipment (CPE) filters are designed to expedite the service delivery and improve the performance of digital subscriber line (DSL) and home phoneline network services over plain old telephone service (POTS). Its filter design electronically isolates the high-speed DSL and HPN data streams from the voice-band POTS to provide premium quality and optimal DSL and HPN data rates.
Z-230TJ Economical Single-Line Phone/DSL Filter * Provides separate jacks for phone and DSL/HPN * Compact in-line design- plugs into any standard phone jack * Filters one or more phone devices sharing a single jack * Blocks and isolates DSL/HPN from phone equipment * Supports G. lite, G.dmt, ADSL, V.90, Caller ID and metallic-loop testing * Compliant and listed with FCC, UL, CE, CSA and T1E1 ANSI Single-Line DSL Filter * Meets ANSI T1.421 for xcellent voice quality and performance * Filters one or more phone devices sharing a single jack * Blocks and isolates DSL/HPN from phone equipment * Ideal for blocking RF interference from DSL/HPN for uninterrupted data streaming * Compatible with ADSL, ADSL2, ADSL2+, ADSL2++, ADSLQ+ (analog mode) and VDSL * Supports G. lite, G.dmt, ADSL, V.90, Caller ID and metallic-loop testing * Compliant and listed with FCC, UL, CE, and CSA * Compact in-line design-plugs into any standard phone jack * Wall-mount design-snaps over existing wall outlet
D S L
F IL T E R
Fig. 1
Fig. 2
Fig. 3A
Fig. 4A
IN S TA LL AT 1 IO EN X (N 2 LO TE O IN C N TO KD 3 IN SE IN TO O P TO R G T LA P LS 4 OV C W FI TA A R S E E ALL LT BS N E E C D QU IN LID R FI TO E WA LT JA R P O BO IR LO LL ER C LU M TT E K FI P D G LE OM ) LT CK P D TE E IN LA IR R G TE E LY C TA CTL O Y MB PS LE
R(R)
C A R LS B WA W D, D WCS .E A L X 92 F C0I E0L LS 8 T U US E SAR -T (8 E0 C0 H) .C 4 O 57 M -0 96 7
M F PL C IE C P R RS H O IN E W N G G IT E E .# H R6P E H AR QE T U US IV A 68 A -3 , LE 3 F N 64 CC C0R E -O U 0.1 T L -N E B S
C O M P 68 LIE ,S R 6H IN E FC FC W G U C C IT E SA R R H R -3 E U E 3 G LE PA Q6. SR T 0.1 UIV 40 # B A -O LE TNN C E
0W 67 25 7-09 Z-D ) 45 M O DEL (800 .C MO SA CH ER 8 U S-TE FILT 9200 SU EL SL CA L D D, .EXC DUALSBA WW W CAR
-B
LO C
K
E
TE
LY
S(R) Z
MB O L LS DO D EL C U S L Z-3 K S (R) F IL 30 E TCR EW (R) R
E LS
TO
TO
P
U
P
E X ZC -E
E
X
C
LO C TA KIN BG S
O
C
TO
M
03 04
O T
TO
M
Fig. 3B
www..com
B O T
B
6
Fig. 4B
Fig. 1 2 3A 3B 4A 4B
Description Single In-Line DSL Filter Single In-Line Phone/DSL Filter Dual-Line In-Line Filter Dual-Line Wall-Mount Filter ANSI In-Line Single Filter ANSI Wall-Mount Single Filter
Digi-Key Part No. 553-1183-ND 553-1184-ND 553-1187-ND 553-1188-ND 553-1185-ND 553-1186-ND
1 2.82 3.81 4.20 6.75 3.97 6.54
Price Each 25 1.67 2.35 2.59 4.16 2.35 4.03
6
06
04
50 1.50 2.20 2.43 3.90 2.11 3.77
Pulse Part No. Z-230PJ Z-230TJ Z-D250P2J Z-D250W Z-330P2J Z-330CW
More Product Available Online: www.digikey.com
000
(T000)
C 30 LIST 08 ED 51 3 US
C 30 LIS 08 TED 51 3 US
P H O N E
D S L/ H P N
LIN E
LIN E
LIN
Toll-Free: 1-800-344-4539 * Phone: 218-681-6674 * Fax: 218-681-3380
www..com
DS
L/H
PN
LIN E
E
PHO
NE
DSL
/HP
N
(T061)
201


▲Up To Search▲   

 
Price & Availability of JG0-0023

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X