Part Number Hot Search : 
78M12 31300 RBV5010 MAX2406 74HCT373 N4XJL IPW60R STPS745M
Product Description
Full Text Search
 

To Download JANSR2N7392 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 91394E
RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
Product Summary
Part Number IRHM7460SE RDS(on) Radiation Level RDS(on) 100K Rads (Si) 0.32 ID 18A
IRHM7460SE JANSR2N7392 500V N-CHANNEL REF: MIL-PRF-19500/661
RAD Hard HEXFET TECHNOLOGY
(R)
QPL Part Number JANSR2N7392
International Rectifiers RADHardTM HEXFET(R) MOSFET technology provides high performance power MOSFETs for space applications. This technology has over a decade of proven performance and reliability in satellite applications. These devices have been characterized for both Total Dose and Single Event Effects (SEE). The combination of low RDS(on) and low gate charge reduces the power losses in switching applications such as DC to DC converters and motor control. These devices retain all of the well established advantages of MOSFETs such as voltage control, fast switching, ease of paralleling and temperature stability of electrical parameters.
TO-254AA
Features:
! ! ! ! ! ! ! !
Single Event Effect (SEE) Hardened Ultra Low RDS(on) Low Total Gate Charge Proton Tolerant Simple Drive Requirements Ease of Paralleling Hermetically Sealed Light Weight
Absolute Maximum Ratings
Parameter
ID @ VGS = 12V, TC = 25C ID @ VGS = 12V, TC = 100C IDM PD @ TC = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current Continuous Drain Current Pulsed Drain Current Max. Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction Storage Temperature Range Lead Temperature Weight For footnotes refer to the last page 18 11.7 72 250 2.0 20 500 18 25 3.8 -55 to 150
Pre-Irradiation
Units A
W
W/C
V mJ A mJ V/ns
o
C
300 (0.063 in. (1.6mm) from case for 10 sec.) 9.3 (Typical)
g
www.irf.com
1
5/17/01
IRHM7460SE
Pre-Irradiation
@ Tj = 25C (Unless Otherwise Specified) Min
500 2.5 6.0
Electrical Characteristics
Parameter
Typ Max Units
0.66 6.8 0.32 0.36 4.5 50 250 100 -100 180 30 95 29 93 90 59 V V/C V S( ) A
Test Conditions
VGS = 0V, ID = 1.0mA Reference to 25C, ID = 1.0mA VGS = 12V, ID = 11.7A VGS = 12V, ID = 18A VDS = VGS, ID = 1.0mA VDS > 15V, IDS = 11.7A VDS= 400V ,VGS=0V VDS = 400V, VGS = 0V, TJ = 125C VGS = 20V VGS = -20V VGS =12V, ID = 18A VDS = 250V VDD =250V, ID =18A, VGS =12V, RG = 2.35
BVDSS Drain-to-Source Breakdown Voltage BV DSS /TJ Temperature Coefficient of Breakdown Voltage RDS(on) Static Drain-to-Source On-State Resistance VGS(th) Gate Threshold Voltage gfs Forward Transconductance IDSS Zero Gate Voltage Drain Current
IGSS IGSS Qg Q gs Qgd td(on) tr td(off) tf LS + LD
Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Total Gate Charge Gate-to-Source Charge Gate-to-Drain (Miller) Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Inductance
nA nC
ns nH
Measured from drain lead (6mm/0.25in. from package) to source lead (6mm/0.25in. from package)
Ciss C oss C rss
Input Capacitance Output Capacitance Reverse Transfer Capacitance

3500 730 260

pF
VGS = 0V, VDS = 25V f = 1.0MHz
Source-Drain Diode Ratings and Characteristics
Parameter
IS ISM VSD t rr Q RR ton Continuous Source Current (Body Diode) Pulse Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min Typ Max Units
18 72 1.8 800 16
Test Conditions
A
V nS C Tj = 25C, IS = 18A, VGS = 0V Tj = 25C, IF = 18A, di/dt 100A/s VDD 50V
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
Thermal Resistance
Parameter
RthJC RthCS RthJA Junction-to-Case Case-to-Sink Junction-to-Ambient
M i n Typ Max Units
0.50 0.21 48
C/W
Test Conditions
Typical socket mount
Note: Corresponding Spice and Saber models are available on the G&S Website. For footnotes refer to the last page
2
www.irf.com
Pre-Irradiation
IRHM7460SE
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability. The hardness assurance program at International Rectifier is comprised of two radiation environments. Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both pre- and post-irradiation performance are tested and specified using the same drive circuitry and test conditions in order to provide a direct comparison.
Table 1. Electrical Characteristics @ Tj = 25C, Post Total Dose Irradiation
Parameter
BVDSS V/5JD IGSS IGSS IDSS RDS(on) RDS(on) VSD Drain-to-Source Breakdown Voltage Gate Threshold Voltage Gate-to-Source Leakage Forward Gate-to-Source Leakage Reverse Zero Gate Voltage Drain Current Static Drain-to-Source# $ On-State Resistance (TO-3) Static Drain-to-Source# $ On-State Resistance (TO-254) Diode Forward Voltage# $
Min
500 2.0
100K Rads (Si)
Max
4.5 100 -100 50 0.32 0.32 1.8
Units
V nA A V
Test Conditions "
VGS = 0V, ID = 1.0mA VGS = VDS, ID = 1.0mA VGS = 20V VGS = -20V VDS= 400V, VGS=0V VGS = 12V, ID = 11.7A VGS = 12V, ID = 11.7A VGS = 0V, ID = 18A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
Table 2. Single Event Effect Safe Operating Area
Ion Cu Br Ni LET Energy MeV/(mg/cm )) (MeV) 28 285 36.8 305 26.6 265
400 300 VDS 200 100 0 0 -5 -10 VGS -15 -20
V ,5 (V) Range (m) @V/5=0V @V/5=-5V @V/5=-10V @V/5=-15V @V/5=-20V 43 375 375 375 375 375 39 350 350 350 325 300 42 375
Cu Br Ni
Fig a. Single Event Effect, Safe Operating Area
For footnotes refer to the last page
www.irf.com
3
IRHM7460SE
Pre-Irradiation
100
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
VGS 15V 12V 10V 9.0V 8.0V 7.0V 6.0V BOTTOM 5.0V TOP
10
VGS 15V 12V 10V 9.0V 8.0V 7.0V 6.0V BOTTOM 5.0V TOP
1
5.0V
1
0.1
5.0V
20us PULSE WIDTH TJ = 25 oC
1 10 100
0.01 0.1
0.1 0.1
20us PULSE WIDTH TJ = 150 o C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.5
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 18A
I D , Drain-to-Source Current (A)
TJ = 150 o C
10
2.0
1.5
TJ = 25 o C
1
1.0
0.5
0.1 5.0
V DS = 50V 20s PULSE WIDTH
6.0 7.0 8.0 9.0 10.0 11.0 12.0
VGS , Gate-to-Source Voltage (V)
0.0 -60 -40 -20
VGS = 12V
0 20 40 60 80 100 120 140 160
TJ , Junction Temperature( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
4
www.irf.com
Pre-Irradiation
IRHM7460SE
8000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1MHz Ciss = Cgs + Cgd , Cds SHORTED Crss = Cgd Coss = Cds + Cgd
20
ID = 18A VDS = 400V VDS = 250V VDS = 100V
C, Capacitance (pF)
6000
16
Ciss
4000
12
Coss Crss
8
2000
4
0
1
10
100
0
FOR TEST CIRCUIT SEE FIGURE 13
0 40 80 120 160 200
VDS , Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
10
ID , Drain Current (A)
TJ = 150 C
100 10us
TJ = 25 C
1
100us 10 1ms
0.1 0.2
V GS = 0 V
0.6 1.0 1.4 1.8 2.2
1
TC = 25 C TJ = 150 C Single Pulse
10 100
10ms 1000 10000
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
www.irf.com
5
IRHM7460SE
Pre-Irradiation
20
VDS VGS
RD
16
ID , Drain Current (A)
RG
D.U.T.
+
-VDD
12
VGS
Pulse Width 1 s Duty Factor 0.1 %
8
Fig 10a. Switching Time Test Circuit
4
VDS 90%
0
25
50
75
100
125
150
TC , Case Temperature ( o C)
10% VGS
td(on) tr t d(off) tf
Fig 9. Maximum Drain Current Vs. Case Temperature
Fig 10b. Switching Time Waveforms
1
Thermal Response (Z thJC )
D = 0.50 0.20 0.10 0.05 0.02 0.01 P DM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1 1
0.1
0.01
SINGLE PULSE (THERMAL RESPONSE)
0.001 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
6
www.irf.com
Pre-Irradiation
IRHM7460SE
1200
EAS , Single Pulse Avalanche Energy (mJ)
TOP BOTTOM
15V
1000
ID 8A 11A 18A
VDS
L
DRIVER
800
RG
D.U.T.
IAS tp
600
+ - VDD
V/5 20V
A
400
0.01
Fig 12a. Unclamped Inductive Test Circuit
200
0
25
50
75
100
125
150
V(BR)DSS tp
Starting TJ , Junction Temperature ( C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
50K
QG
12V
.2F .3F
12 V
QGS VG QGD
VGS
3mA
D.U.T.
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
www.irf.com
7
IRHM7460SE
Pre-Irradiation
Footnotes:
Repetitive Rating; Pulse width limited by
maximum junction temperature. VDD = 50V, starting TJ = 25C, L= 3.1 mH Peak IL = 18A, VGS = 12V ISD 18A, di/dt 110A/s, VDD 500V, TJ 150C
Pulse width 300 s; Duty Cycle 2% Total Dose Irradiation with VGS Bias.
12 volt VGS applied and VDS = 0 during irradiation per MIL-STD-750, method 1019, condition A. Total Dose Irradiation with V DS Bias. 400 volt VDS applied and VGS = 0 during irradiation per MlL-STD-750, method 1019, condition A.
Case Outline and Dimensions TO-254AA
.12 ( .005 ) 3.78 ( .149 ) 3.53 ( .139 ) -A13.84 ( .545 ) 13.59 ( .535 ) 6.60 ( .260 ) 6.32 ( .249 ) -B1.27 ( .050 ) 1.02 ( .040 )
17.40 ( .685 ) 16.89 ( .665 ) 31.40 ( 1.235 ) 30.39 ( 1.199 ) 1 2 3
20.32 ( .800 ) 20.07 ( .790 )
13.84 ( .545 ) 13.59 ( .535 )
LEGEND 1 - COLL 2 - EMIT 3 - GATE
-C-
3.81 ( .150 ) 2X NOTES:
3X
1.14 ( .045 ) 0.89 ( .035 ) .50 ( .020 ) .25 ( .010 ) M C AM B MC
3.81 ( .150 )
IRHM57163SED IRHM57163SEU
LEGEND 1- DRAIN 2- SOURCE 3- GATE
CAUTION BERYLLIA WARNING PER MIL-PRF-19500 Package containing beryllia shall not be ground, sandblasted, machined, or have other operations performed on them which will produce beryllia or beryllium dust. Furthermore, beryllium oxide packages shall not be placed in acids that will produce fumes containing beryllium.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. . Data and specifications subject to change without notice. 05/01
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of JANSR2N7392

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X