Part Number Hot Search : 
STTH506D SZ3C130B SI7942DP PQ12SZ11 S133BCI RC30S08 SMC27 CT374P
Product Description
Full Text Search
 

To Download J1006F01P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PULSEJACK
1x1 Tab-UP RJ45
Description:
TM
www.pulseeng.com
10/100 Base-TX RJ45 1x1 Tab-UP with LEDs 8-pin (J1 series) and 6-pin (JP series) integrated magnetics connector, designed to support applications, such as ADSL modems, LAN-on-Motherboard, and Hub and Switches.
Features and Benefits: RoHS-5 peak wave solder temperature rating 235C RoHS-6 peak wave solder temperature rating 260C Suitable for CAT 5 & 6 Fast Ethernet Cable or better UTP Electrical Performance Summary: Meets IEEE 802.3 specification 350H minimum OCL with 8mA bias current High performance for maximum EMI suppression
Electrical Specifications @ 25C -- Operating Temperature 0C to +70C
RoHS-5 2 Compliant Part No. RoHS-6 3 Compliant Part No. Turns Ratios
TX RX EMI LEDs 1 L/R
Fingers
Insertion Loss (dB TYP)
1-65 MHz 1-10 MHz
Return Loss (dB TYP) 100 15
10-30 MHz 30-60 MHz 60-80 MHz 1-30 MHz
Crosstalk (dB TYP)
30-60 MHz 60-100 MHz
Common Mode Rejection (dB TYP)
1-50 MHz 50-150 MHz
Hipot (Vrms)
@60Hz 1 MIN
J1006F01P J1006F01PNL 1CT:1 1CT:1 J1006F21 J1006F21NL 1CT:1 1CT:1 J1011F01P J1011F01PNL 1CT:1 1CT:1 J1011F21P J1011F21PNL 1CT:1 1CT:1 J1012F01C J1012F01CNL 1CT:1 1CT:1 J1012F21C J1012F21CNL 1CT:1 1CT:1 J1012F21K J1012F21KNL 1CT:1 1CT:1 J1012F21R J1012F21RNL 1CT:1 1CT:1 J1026F01 J1026F01NL 1CT:1 1CT:1 J1026F01P J1026F01PNL 1CT:1 1CT:1 J1026F21C J1026F21CNL 1CT:1 1CT:1 JP006821U JP006821UNL 1CT:1 1CT:1 JP011821U JP011821UNL 1CT:1 1CT:1 JP026821U JP026821UNL 1CT:1 1CT:1 NOTES: 1. LEDs Left/Right: G = green, Y = yellow, G_O = green/orange bi-color LED, R = LEDs with resistors.
No YES No YES No YES YES YES No No YES YES YES YES
G/Y NONE G/Y G/Y Y/G Y/G G/G RG/RY NONE G/Y Y/G G_O/Y G_O/Y G_O/Y
-1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0
-20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20
-16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16 -16
-12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12 -12
-10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10 -10
-40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40 -40
-35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35 -35
-30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30
-30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30 -30
-20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20 -20
1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
2. RoHS-5 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Product contains lead in applications considered as solders. 3. RoHS-6 - Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high temperature solder (solder alloys containing more than 85% lead).
RJ45 Durability Testing Rating
Part Number JP/J1 Series Mating Force (MAX) 5 lbs./2.268 kgs. Unmating Force (MAX) 5 lbs./2.268 kgs. Durability 750 Insertions Plug to Jack Retention (MIN) 20 lbs./9.072 kgs.
RJ45 Material Specification
Part Number Material JP/J1 Series Brass Shield Finish 10-20m inches Nickel over 10-20m inches Brass Material Phosphor Bronze Contact Plating Area Housing Solder Area
3
Material
Specification UL 94 V-0
MSL Rating 1
2
Nickel underplating and 120 inches Sn90/Pb10 selective gold plating 15 inches over 50 inches nickel Thermoplastic
Notes: 1. Connector dimensions comply with FCC dimension requirements. 2. MSL = Moisture Sensitivity Level rating from 1 to 5 (highest rating = 1, lowest rating = 5). 3. NL parts are tin matte finish over nickel.
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
1
J402.D (6/06)
PULSEJACK
1x1 Tab-UP RJ45
TM
www.pulseeng.com J1 Series Mechanicals
.640 16,26
LEFT LED RIGHT LED FRONT
1.00 MAX 25,4
BACK
EMI Fingers
.532 .003 13,51 0,08
SIGNAL LEADS
.125 3,18
.020 0,51
Patent Pending
TM
.130 3,30 .425 10,80
.020 LED 0,51 LEADS
J10XXXXXX
Date Code Country of Origin
.150 SHIELD PIN 3,81
EMI Fingers
FRONT VIEW
HOUSING POST
.135 .020 3,43 0,51
.100 2,54
.002 0,05
BACK VIEW
.130 3,30 .250 6,35
.002 0,05
.290 .002 7,37 0,05
.003 0,08
SIDE VIEW
.390 9,91 .290 7,37
.060 1,52 .040 1,02 .290 7,37 .100 2,54 .130 3,30 .250 6,35 .064 1,63 .003 0,08
.050 1,27
4X .040 .003 1,02 0,08
.670 17,02
4X R .010 MAX 0,25
BACK
12 11 7 86 PIN #1 8X .035 0,89 2 .003 0,08 .560 14,22
RECOMMENDED PANEL CUTOUT
10 9 53 4
.000 0,00
.010 (TOP OF PCB 0,25 TO BOTTOM OF OPENING)
FACE VIEW
2X .125 3,18 .129 3,28
2X
.135 3,43 .675 17,15
FRONT
.000 0,00 .050 1,27 .100 2,54 .150 3,81 .200 5,08 .250 6,35 .300 7,62 .350 8,89 .400 10,16 .485 12,32
SUGGESTED PCB LAYOUT
Dimensions: Inches mm
Unless otherwise specified, all tolerances are .010 0,25
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
2
J402.D (6/06)
PULSEJACK
1x1 Tab-UP RJ45
J1006
TD+ 1
TM
www.pulseeng.com J1 Series Electrical Schematics
J1011
1 TX+ TD+ 1 1 TX+
CT
3
CT
3
TD- 2
PCB SIDE TO PHY
PCB SIDE TO PHY
1CT : 1 TRANSMIT
2 TX-
TD- 2
1CT : 1 TRANSMIT
2 TX-
RD+ 7
3 RX+
CABLE SIDE
RD+ 7
3 RX+
CT 6
CT 6
RD- 8
1CT : 1 TRANSMIT
6 RX-
RD- 8
1CT : 1 TRANSMIT 75 75
6 RX-
4
4 5 7
N/C 4
5 7
4
75
0.001 F
N/C 5 NOTE: Connect CHS GND to PCB ground.
8
CHS GROUND
5 C1
75
8
NOTE: Connect CHS GND to PCB ground.
J1012
TD+ 1 1 TX+
J1026
TD+ 1 1 TX+
CT
2
CT
3
TD- 3
1CT : 1 TRANSMIT
2 TX-
TD- 2
1CT : 1 TRANSMIT
2 TX-
PCB SIDE TO PHY
PCB SIDE TO PHY
RD+ 4
CABLE SIDE
3 RX+
RD+ 7
CT 5
CT
6
RD- 6
1CT : 1 RECEIVE
6 RX-
RD- 8
1CT : 1 RECEIVE
6 RX-
4 75 75 75 5 7 C1 75 75 75
4 4 5 7 0.001 F
CHS GROUND
8
75
8
CHS GROUND
5 C1
75
8
NOTE: Connect CHS GND to PCB ground.
NOTE: Connect CHS GND to PCB ground.
LED = P 9 10 12 11 Right LED Left LED
LED = L or R 10 9 12 11 Right LED Left LED
LED = C or K 10 9 12 11 Right LED Left LED
Standard LED
Yellow Green
Wavelength
585 nm 565 nm
Forward* V(MAX)
2.5 V 2.5 V
(TYP)
2.1 V 2.2 V
* With a forward current of 20 mA
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
3
J402.D (6/06)
CABLE SIDE
3 RX+
CABLE SIDE
PULSEJACK
1x1 Tab-UP RJ45
TM
www.pulseeng.com JP Series Mechanicals
LEFT LED
RIGHT LED
EMI Fingers
Dimensions: Inches mm
Unless otherwise specified, all tolerances are .010 0,25
USA 858 674 8100 * UK 44 1483 401 700 * France 33 3 84 35 04 04 * Singapore 65 6287 8998 * Shanghai 86 21 54643211 / 2 * China 86 769 85538070 * Taiwan 886 3 4641811
www.pulseeng.com
4
J402.D (6/06)
PULSEJACK
1x1 Tab-UP RJ45
JP006
TD+ 2
TM
www.pulseeng.com JP Series Electrical Schematics
JP011
1 TX+ TD+ 2 1 TX+
CT 1
CT
1
TD- 3
PCB SIDE TO PHY
RD+ 4
RD+ 4
3 RX+
CT 6
CT 6
RD- 5
1CT : 1 TRANSMIT
6 RX-
RD- 5
1CT : 1 TRANSMIT 75 75
6 RX-
4 5 7 8 0.001 F SHIELD
4 5 7 8
75
75
NOTE: Connect CHS GND to PCB ground.
JP026
TD+ 2 1 TX+
CT
1
TD- 3
1CT : 1 TRANSMIT
2 TX-
PCB SIDE TO PHY
RD+ 4
CT 6
RD- 5
1CT : 1 RECEIVE
6 RX-
CABLE SIDE
3 RX+
4 75 75 75 5 7 8
Standard LED
Yellow Green Orange
Wavelength
585 nm 565 nm 610 nm
Forward* V (MAX)
2.5 V 2.5 V 2.5 V
(TYP)
2.1 - 2.2 V 2.1 - 2.2 V 2.1 - 2.2 V
* With a forward current of 20 mA
0.001 F SHIELD 75
NOTE: Connect CHS GND to PCB ground.
For More Information:
Pulse Worldwide Headquarters
12220 World Trade Drive San Diego, CA 92128 U.S.A. www.pulseeng.com TEL: 858 674 8100 FAX: 858 674 8262
Pulse Northern Europe
3 Huxley Road Surrey Research Park Guildford, Surrey GU2 5RE United Kingdom TEL: 44 1483 401700 FAX: 44 1483 401701
Pulse Southern Europe
Zone Industrielle F-39270 Orgelet France TEL: 33 3 84 35 04 04 FAX: 33 3 84 25 46 41
Pulse Pulse North China China Headquarters Room 1503
No. 1 Industrial District Changan, Dongguan China TEL: 86 769 85538070 FAX: 86 769 85538870 XinYin Building No. 888 YiShan Road Shanghai 200233 China TEL: 86 21 54643211/2 FAX: 86 21 54643210
Pulse South Asia
150 Kampong Ampat #07-01/02 KA Centre Singapore 368324 TEL: 65 6287 8998 FAX: 65 6280 0080
Pulse North Asia
No. 26 Kao Ching Road Yang Mei Chen Taoyuan Hsien Taiwan, R. O. C. TEL: 886 3 4641811 FAX: 886 3 4641911
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks or registered trademarks of their respective owners. (c) Copyright, 2006. Pulse Engineering, Inc. All rights reserved.
www.pulseeng.com
J402.D (6/06)
CABLE SIDE
3 RX+
PCB SIDE TO PHY
1CT : 1 TRANSMIT
2 TX-
TD- 3
1CT : 1 TRANSMIT
2 TX-
CABLE SIDE


▲Up To Search▲   

 
Price & Availability of J1006F01P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X