Part Number Hot Search : 
4731A APBA3010 C0525A 4731A 74F564 PC102 PC102 PC102
Product Description
Full Text Search
 

To Download IXFR26N60Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HiPerFETTM Power MOSFETs IXFR 26N60Q ISOPLUS247TM Q-CLASS
(Electrically Isolated Back Surface)
N-Channel Enhancement Mode Avalance Rated, High dV/dt Low Gate Charge and Capacitances
VDSS = 600 V ID25 = 23 A RDS(on) = 250 mW trr 250 ns
Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL VISOL Weight
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 MW Continuous Transient TC = 25C TC = 25C, Note 1 TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/ms, VDD VDSS TJ 150C, RG = 2 W TC = 25C
Maximum Ratings 600 600 20 30 23 92 26 45 1.5 5 310 -55 ... +150 150 -55 ... +150 V V V V A A A mJ J V/ns W C C C C V~ g
ISOPLUS 247TM E153432
G = Gate S = Source * Patent pending
D = Drain
1.6 mm (0.063 in.) from case for 10 s 50/60 Hz, RMS t = 1 min
250 2500 5
Features * Silicon chip on Direct-Copper-Bond substrate - High power dissipation - Isolated mounting surface - 2500V electrical isolation * IXYS advanced low Qg process * Low gate charge and capacitances - easier to drive - faster switching * Low drain to tab capacitance(<30pF) * Low RDS (on) HDMOSTM process * Rugged polysilicon gate cell structure * Rated for Unclamped Inductive Load Switching (UIS) * Fast intrinsic Rectifier Applications * DC-DC converters * Battery chargers * Switched-mode and resonant-mode power supplies * DC choppers * AC & DC motor control Advantages * Easy assembly * Space savings * High power density
98727 (06/09/00)
Symbol
Test Conditions
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 600 2.5 V 4.5 V 100 nA TJ = 25C TJ = 125C 25 mA 1 mA 250 mW
VDSS VGS(th) IGSS IDSS RDS(on)
VGS = 0 V, ID = 250mA VDS = VGS, ID = 4mA VGS = 20 V, VDS = 0 VDS = VDSS VGS = 0 V VGS = 10 V, ID = IT Notes 2, 3
IXYS reserves the right to change limits, test conditions, and dimensions.
(c) 2000 IXYS All rights reserved
1-2
IXFR 26N60Q
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. Notes 2, 3 14 22 5100 VGS = 0 V, VDS = 25 V, f = 1 MHz 560 210 30 VGS = 10 V, VDS = 0.5 * VDSS, ID = IT RG = 2.0 W (External), Notes 2, 3 32 80 15 150 VGS = 10 V, VDS = 0.5 * VDSS, ID = IT Notes 2, 3 34 80 0.4 0.15 200 S pF pF pF ns ns ns ns nC nC nC K/W K/W
Dim. Millimeter Min. Max. A 4.83 5.21 A1 2.29 2.54 A2 1.91 2.16 b 1.14 1.40 1.91 2.13 b1 b2 2.92 3.12 C 0.61 0.80 D 20.80 21.34 E 15.75 16.13 e 5.45 BSC L 19.81 20.32 L1 3.81 4.32 Q 5.59 6.20 R 4.32 4.83 S 13.21 13.72 T 15.75 16.26 U 1.65 3.03 Inches Min. Max. .190 .205 .090 .100 .075 .085 .045 .055 .075 .084 .115 .123 .024 .031 .819 .840 .620 .635 .215 BSC .780 .800 .150 .170 .220 .244 .170 .190 .520 .540 .620 .640 .065 .080 1 Gate, 2 Drain (Collector) 3 Source (Emitter) 4 no connection
ISOPLUS 247 (IXFR) OUTLINE
gfs C iss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS = 10 V; ID = IT
Source-Drain Diode Symbol IS ISM VSD t rr QRM IRM Test Conditions VGS = 0 V Repetitive; Note 1 IF = IT, VGS = 0 V, Notes 2, 3
Characteristic Values (TJ = 25C, unless otherwise specified) min. typ. max. 26 104 1.5 250 A A V ns mC A
IF = 50A,-di/dt = 100 A/ms, VR = 100 V
1.0 10
Note: 1. Pulse width limited by TJM 2. Pulse test, t 300 ms, duty cycle d 2 % 3. IT = 13A
(c) 2000 IXYS All rights reserved
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025
2-2


▲Up To Search▲   

 
Price & Availability of IXFR26N60Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X