Part Number Hot Search : 
1N4762A FN521 BCR8PM 12CTQ045 74AC74B 32000 AD7224TE SGM8291
Product Description
Full Text Search
 

To Download IXCY10M90S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Switchable Current Regulators
IXCP10M90S IXCY10M90S
VAK = 900 V IA(P) = 1 - 100 mA RDYN = 100 k
Symbol VAKR VAGR VGK ID PD TJ Tstg TL MD
Test Condition TJ = 25C to 150C TJ = 25C to 150C
Maximum Ratings 900 900 20 V V V A W C C C Nm/lb.in. Nm/lb.in. TO-252 AA (IXCY) 1 3 Pin connections 1 = Gate(G), Control terminal; 2 and tab = A (+) Positive terminal 3 = K (-), Negative terminal 1 2 3 TAB TO-220 AB (IXCP)
TAB
TC = 25C TC = 25C
-0.3 40 -55 ... +150 -55 ... +150 260 0.45/4 0.55/5
Temperature for Soldering (max. 10 s) Mounting torque with screw M3 (TO-220) with screw M3.5 (TO-220)
Features Symbol Test Condition Characteristic Values (TJ = 25C unless otherwise specified) min. typ. max. 900 7 -5 25 100 9 15 V mA V A k 3.1 K/W 80 K/W 100 K/W Minimum of 900 V breakdown Resistor programmable current source 40 W continuous dissipation International standard packages JEDEC TO-220 and TO-252 On/Off switchable current source Applications Highly stable voltage sources Current surge limiters Transient voltage protection Instantaneously reacting resetable fuses Soft start-up circuits
VAKR IA(P) VGK(off) ID(P) VAK/ IA(P) RthJC RthJA
RK = 300 , (Fig. 1) VD = 10 V; RK = 300 ; (Fig. 2) ID = 100 A; VD = 900 V Fig. 4 VD= 720 V; VGK = -10 V (Fig. 1) Dynamic resistance; VD= 10 V RK = 300 ; (Fig. 1)
Thermal Resistance junction-to-case Thermal Resistance junction-to-ambient TO-220 TO-252
(c) 2000 IXYS All rights reserved
98729 (07/00)


▲Up To Search▲   

 
Price & Availability of IXCY10M90S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X