Part Number Hot Search : 
B105K DS1284N DTA123 TA0751B XN1000 XAA170S SGC10 BT815A
Product Description
Full Text Search
 

To Download IRS20954STRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60276
IRS20954S
Protected Digital Audio Driver
Features
* * * * * * * * Floating PWM input enables easy half bridge implementation Integrated programmable bi-directional over-current protection with self-reset function Programmable compensated preset deadtime for improved THD performances High noise immunity 100 V high voltage ratings deliver up to 500 W output power 3.3 V / 5 V logic compatible input Operates up to 800 kHz RoHS compliant
Product Summary
VOFFSET (max) Io+ Gate driver Selectable Deadtime Propagation delay OC protection delay Io -
100 V
1.0 A 1.2 A 15 ns, 25 ns, 35 ns, 45 ns 90 ns 1 s (max)
Description
The IRS20954 is a high voltage, high speed MOSFET driver with floating PWM input, specially designed for Class D audio amplifier applications. The bi-directional current sensing requires no external shunt resistors. It can capture over-current conditions at either positive or negative load current direction. A built-in control block provides secure protection sequence against over-current conditions, including a programmable reset timer. The internal deadtime generation block provides accurate gate switch timing and enables optimum deadtime settings for better audio performances, such as THD and audio noise floor.
Package
16-Lead SOIC (narrow body)
Typical Connection
IRS 20954 S
VDD CSD IN PWM VSS NC VREF CSH VB HO VS NC VCC LO COM Vcc 12 V Speaker +B
(Please refer to Lead Assignments for correct pin configuration. This diagram shows electrical connections only)
OCSET DT
-B
www.irf.com
1
IRS20954S
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to VSS; all currents are defined positive into any lead. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions.
Symbol
VB VS VHO VCSH VCC VLO VDD VSS VIN VCSD VDT VOCSET VREF IDDZ ICCZ IBSZ IOREF d VS /dt d VSS /dt d VSS /dt PD Rth,JA TJ TS TL
Definition
High-side floating supply voltage High-side floating supply voltage (Note 1) High-side floating output voltage CSH pin input voltage Low-side fixed supply voltage (Note 1) Low-side output voltage Floating input supply voltage Floating input supply voltage (Note 1) PWM input voltage CSD pin input voltage DT pin input voltage OCSET pin input voltage VREF pin voltage Floating input supply zener clamp current (Note 1) Low-side supply zener clamp current (Note 1) Floating supply zener clamp current (Note 1) Reference output current Allowable VS voltage slew rate Allowable VSS voltage slew rate (Note 2) Allowable VSS voltage slew rate upon power-up (Note 3) Maximum power dissipation Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds)
Min.
-0.3 VB-20 Vs-0.3 Vs-0.3 -0.3 -0.3 -0.3 (see IDDZ) VSS -0.3 VSS -0.3 -0.3 -0.3 -0.3 -55 -
Max.
220 VB+0.3 VB+0.3 VB+0.3 20 VCC +0.3 210 VDD+0.3 VDD+0.3 VDD+0.3 VCC +0.3 VCC +0.3 VCC +0.3 10 10 10 5 50 50 50 1.0 115 150 150 300
Units
V
mA
V/ns V/ms W C/W C
Note1: VDD - VSS, VCC -COM and VB - VS contain internal shunt zener diodes. Please note that the voltage ratings of these can be limited by the clamping current. Note2: For the rising and falling edges of step signal of 10 V; Vss=15 V to 200 V. Note3: Vss ramps up from 0 V to 200 V.
www.irf.com
2
IRS20954S
Recommended Operating Conditions
For proper operation, the device should be used within the recommended conditions below. The Vs and COM offset ratings are tested with supplies biased at IDD=5 mA, VCC=12 V, and VB-VS=12 V.
Symbol
VB VS IDDZ VSS VHO VCC VLO VIN VCSD VDT IOREF VOCSET
Definition
High-side floating supply absolute voltage High-side floating supply offset voltage Floating input supply Zener clamp current Floating input supply absolute voltage High-side floating output voltage Low-side fixed supply voltage Low-side output voltage PWM input voltage CSD pin input voltage DT pin input voltage Reference output current to COM (Note 2) OCSET pin input voltage
Min.
Vs+10 Note 1 1 0 VS 10 0 VSS VSS 0 0.3 0.5
Max.
Vs+18 100 5 200 VB 18 VCC VDD VDD VCC 0.8 5
Units
V mA
V
mA V
TA Ambient temperature -40 125 C Note 1: Logic operational for Vs equal to -5 V to +200 V. Logic state held for Vs equal to -5 V to -VBS. Note 2: Nominal voltage for VREF is 5 V. IOREF of 0.3 mA to 0.8 mA dictates total external resistor value on VREF to be 6.3 k to 16.7 k.
Electrical Characteristics
VCC, VBS= 12 V, IDD=5 mA, VSS=20 V, VS=0 V, CL=1 nF, and TA=25 C unless otherwise specified.
Symbol
Definition
Min. 8.4 8.2 19.8 8.0 7.8 19.8 8.2 7.7 9.9 -
Typ. 8.9 8.7 20.8 8.5 8.3 20.8 8.7 8.2 10.4 -
Max. 9.4 9.2 3 21.8 9.0
Units V mA V
Test Conditions
Low-side Supply UVCC+ VCC supply UVLO positive threshold UVCCVCC supply UVLO negative threshold IQCC Low-side quiescent current VCLAMPL Low-side Zener diode clamp voltage High-side Floating Supply High-side well UVLO positive UVBS+ threshold High-side well UVLO negative UVBSthreshold IQBS High-side quiescent current ILKH High-side to low-side leakage current VCLAMPH High-side Zener diode clamp voltage Floating Input Supply VDD, VSS floating supply UVLO UVDD+ positive threshold VDD, VSS floating supply UVLO UVDDnegative threshold IQDD Floating input quiescent current Floating input Zener diode clamp VCLAMPM voltage Floating input side to low-side leakage ILKM current
VDT = VCC ICC=2 mA
V 8.8 1 50 21.8 9.2 V 8.7 1 10.9 50 mA V A VDD=9.5 V +Vss IDD=2 mA VDD=VSS =200 V VSS =0 V V mA A VB=VS =200 V IBS=2 mA
www.irf.com
3
IRS20954S
Electrical Characteristics (cont.)
Symbol
Definition
Min. 2.3 4.6 1.0 1.0+ Vs 0.62 x VDD 0.26 x VDD 50 50 -
Typ. 5.1 1.2 1.2+ Vs 0.70 x VDD 0.30 x VDD 100 100 -
Max. 1.5 40 5 5.6 1.4 1.4+ Vs 0.78 x VDD 0.34 x VDD 150 150 1 1 1
Units V A
Test Conditions
Floating PWM Input VIH Logic high input threshold voltage VIL Logic low input threshold voltage IIN+ Logic "1" input bias current IINLogic "0" input bias current Protection VREF Reference output voltage Vth,OCL Vth,OCH Vth,1 Vth,2 ICSD+ ICSDLow-side OC threshold in Vs High-side OC threshold in VCSH
VIN =3.3 V VIN = VSS IOREF =0.5 mA OCSET=1.2 V, Fig. 13 Vs=200 V, Fig. 14 VSS =0 V
V
CSD pin shutdown release threshold CSD pin self reset threshold CSD pin discharge current CSD pin charge current Shutdown propagation delay from tSD VCSD > VSS + VthOCH to shutdown Propagation delay time from VCSH > tOCH VthOCH to shutdown Propagation delay time from Vs> tOCL VthOCL to shutdown Gate Driver (Fig.5) Output high short circuit current Io+ (source) IoOutput low short circuit current (sink) Low level output voltage VOL LO - COM, HO - VS High level output voltage VOH VCC - LO, VB - HO tr Turn-on rise time tf Turn-off fall time High- and low-side turn-on propagation ton_1 delay, floating inputs High- and low-side turn-off propagation toff_1 delay, floating inputs High- and low-side turn-on propagation ton_2 delay, non-floating inputs High- and low-side turn-off propagation toff_2 delay, non-floating inputs Deadtime: LO turn-off to HO turn-on DT1 (DTLO-HO) & HO turn-off to LO turn-on (DTHO-LO) Deadtime: LO turn-off to HO turn-on DT2 (DTLO-HO) & HO turn-off to LO turn-on (DTHO-LO) Deadtime: LO turn-off to HO turn-on DT3 (DTLO-HO) & HO turn-off to LO turn-on (DTHO-LO) Deadtime: LO turn-off to HO turn-on DT4 (DTLO-HO) & HO turn-off to LO turn-on (DTHO-LO)VDT= VDT4
A
VSD = VSS +5 V Fig. 2
s
Fig. 3 Fig. 4
0.8 1.0 8
1.0 1.2 15 10 105 90 105 90 15
0.1
A
Vo=0 V, PW<10 s Vo=12 V, PW<10 s
V 1.4 22 ns VDT>VDT1, VSS = COM VDT1>VDT> VDT2, VSS = COM VDT2>VDT> VDT3, VSS = COM VDT3>VDT> VDT4, VSS = COM VDT = VCC, VS = 100 V, VSS = COM Io=0 A
15
25
35
20
35
50
25
45
60
www.irf.com
4
IRS20954S
Electrical Characteristics (cont.)
Symbol VDT1 VDT2 VDT3
Definition
DT mode select threshold 2 DT mode select threshold 3 DT mode select threshold 4
Min. 0.51*(Vcc) 0.32*(V cc) 0.21*(V cc)
Typ. 0.57*(V cc) 0.36*(V cc) 0.23*(V cc)
Max. 0.63*(V cc) 0.40*(V cc) 0.25*(Vv
Units V
Test Conditions
Lead Definitions
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Symbol
VDD CSD IN VSS NC VREF OCSET DT COM LO VCC NC VS HO VB CSH
Description
Floating input positive supply Shutdown timing capacitor, referenced to VSS PWM non-inverting input, in phase with HO Floating input supply return 5 V reference output for setting OCSET Low-side over-current threshold setting, referenced to COM Input for programmable deadtime, referenced to COM Low-side supply return Low-side output Low-side logic supply High-side floating supply return High-side output High-side floating supply High-side over-current sensing input, referenced to VS
VDD CSD IN VSS NC VREF OCSET DT
1 2 3 4 5 6 7 8
16 15 14
CSH VB HO VS NC VCC LO COM
20954
13 12 11 10 9
IRS20954 16 Lead SOIC (narrow body)
www.irf.com
5
IRS20954S
Block Diagram
FLOATING INPUT
VDD
UV DETECT
UV DETECT
CSH
VB
Q
IN
10.4V
INPUT LOGIC
HIGH SIDE CS
UV
HO
20.8V
HV LEVEL SHIFT
VSS
HV LEVEL SHIFT
FLOATING HIGH SIDE
HV LEVEL SHIFT
VS
5V REG
CHARGE/ DISCHARGE
VCC
UV DETECT
CSD
DEAD-TIME
DT
PROTECTION CONTROL
HV LEVEL SHIFT
HV LEVEL SHIFT
20.8V
SD
LO
COM
LOW SIDE CS
OCSET
5.1V REFERENCE
VREF
DT
www.irf.com 6
IRS20954S
Figure 1: Switching Time Waveform Definitions
Vth1
CSD
90% HO/LO
tSD
Figure 2: CSD to Shutdown Waveform Definitions
www.irf.com 7
IRS20954S
Vth1
CSD
90% HO/LO
tSD
Figure 3: CSH to Shutdown Waveform Definitions
VS
VTHCSL
90% LO
tOCL
Figure 4: Vs > VTH,SCL to Shutdown Waveform Definitions
www.irf.com 8
IRS20954S
Functional Description
Floating PWM Input The IRS20954 has a floating input interface which enables easy half bridge implementation. Three pins, VDD, CSD and IN, are referenced to VSS. As a result, the PWM input signal can be directly fed into IN referencing ground, which is typically middle point of DC bus in a half bridge configuration. The IRS20954 also has a non-floating input with VSS tied to COM.
VDD
IN
10.4V
HV LEVEL SHIFT
CSD
PROTECTION
VSS
Floating Bias 0V - 200V
Floating Input Isolation
COM
IRS20954
Figure 5: Floating PWM Input Structure Over-Current Protection (OCP)
The IRS20954 features over-current protection to protect the power MOSFET from over load conditions. The IRS20954 enters shutdown mode when it detects over-current condition either from low side or high side current sensing. The timing control block measures resume timing interval with an external timing capacitor Ct. All the critical timing of the over-current protection is specified and guaranteed for secure protection. The sequence on the over-current detection is: 1. 2. 3. 4. 5. 6. As soon as either high or low side current sensing block detects over-current condition, the OC Latch (OCL) flips and shutdowns the outputs LO and HO. The CSD pin starts discharging the external capacitor Ct. When VSCD crosses the lower threshold Vth2, the output signal from the COMP2 resets the OCL. The CSD pin starts charging the external capacitor Ct. When VSCD crosses the upper threshold Vth1, the COMP1 flips and enables shutdown signal released. If one of current sensing block detects over-current condition, the sequence is repeated until the cause of over-current goes away.
www.irf.com 9
IRS20954S
VAA
VCSD
VSS
Vth1 Vth2 t OCL / t OCH
OC detection
Charge
CSD Capacitor
Discharge
Shutdown
SD
Power on mute
Release
Normal operation
Protection reset interval
Normal operation
Figure 6: Over-Current Protection Timing Chart
Protection Control The internal protection control block manages operational mode between shutdown and normal, with a help from CSD pin. Shutdown mode forces LO and HO to output 0 V to the COM and VS respectively to turn the power MOSFET off. The external capacitor pin, CSD, provides five functions. 1. Power up delay timer for self reset configuration 2. Self-reset configuration 3. Shutdown input 4. Latched protection configuration 5. Shutdown status output (host I/F)
VDD
Vth1
COMP1
CSD
OC
S R
Q
UVLO(VB)
Ct
COMP2
Vth2
OC DET (H)
VSS
HV LEVEL SHIFT
FLOATING INPUT
HV LEVEL SHIFT
HV LEVEL SHIFT
FLOATING HIGH SIDE
LOW SIDE
OC DET (L)
UVLO(VCC)
PWM
SD
DEAD TIME
HO LO
Figure 7: Shutdown Functional Block Diagram
www.irf.com
10
IRS20954S
Self Reset Protection By simply putting a capacitor between the CSD and VSS, the OCP in the IRS20954 acts as a self.
VDD CSD
CSH
VB
Ct
IN VSS NC VREF OCSET DT
HO VS NC VCC LO COM
Figure 8: Self-Reset Protection Configuration Designing Ct
Timing capacitor Ct programs the protection resume interval timing tPR given as:
t PR = 1.1
or
Ct VDD I CSD
[sec]
Ct =
t PR I CSD 1.1 VDD
[F]
For example, tPR is 1.2 s with a 10 F capacitor for VDD=10.8 V. The start-up time tSU, from power-up to shutdown release, is given as:
t SU = 0.7
or
Ct VDD I CSD
[sec]
Ct =
t SU I CSD 0.7 VDD
[F]
where ICSD is charge/discharge current in CSD pin, 100 A. VDD is supply voltage respect to VSS. Protection-resume timing tPR should be long enough to avoid over heating and failure of the MOSFET from the repetitive sequences of shutdown and resume when the load is in continuous short circuit. In most of applications, the minimum recommended protection-resume timing tPR is 0.1 s. Shutdown Input
By externally discharging Ct down to below Vth2, for example with a transistor shown in Fig. 9, the IRS20954 enters shutdown mode. The operation resumes when the voltage of CSD pin comes back and cross the upper threshold of CSD, Vth1, by its charging process.
www.irf.com
11
IRS20954S
VDD CSD IN
SHUTDOWN
CSH
VB
HO VS NC VCC LO COM
VSS NC VREF OCSET DT
Figure 9: Shutdown Input
Latched Protection Connecting CSD to VDD through a 10 k or less resistor configures the IRS20954 as a latched over-current protection. The over-current protection stays in shutdown mode after over-current condition detected. To reset the latch status, an external reset switch brings CSD pin voltage down below the lower threshold, Vth2. Minimum reset pulse width required is 200 ns.
VDD CSH
<10k
RESET
CSD IN VSS NC VREF OCSET DT
VB
HO VS NC VCC LO COM
Figure 10: Latched Protection Configuration
Interfacing with System Controller
The IRS20954 communicates with external system controller by adding simple interfacing circuit shown in Fig. 11. A generic PNP-BJT U1, such as 2N3906, is to send out SD signal when OCP event happens by capturing sinking current in CSD pin. Another generic NPN-BJT U2, such as 2N3094, is to reset the internal protection logic by pulling the CSD voltage below Vth2. Note that the CSD pin is configured as a latched type OCP in this configuration.
U1
SD
VDD
<10k
CSH
CSD IN VSS NC
VB
HO VS NC VCC LO COM
RESET
VREF
U2
OCSET DT
VSS
Figure 11: Interfacing System Controller Programming OCP Trip Level
In a Class D audio amplifier, the direction of the load current alternates according to the audio input signal. An overcurrent condition can therefore happen during either a positive current cycle or a negative current cycle. The IRS20954 uses RDS(ON) in the output MOSFET as current sensing resistors. Due to the high voltage IC structural constraints, high and low side have different implementations of current sensing. Once measured current gets exceeded predetermined threshold, OC output signal is fed to the protection block to shutdown the MOSFET to protect the devices.
www.irf.com
12
IRS20954S
R2
UV DETECT
D1 +B R1
CSH VB
HIGH SIDE CS
UV Q
R3
HO
Dbs Q1
Cbs OUT
HV LEVEL SHIFT
FLOATING HIGH SIDE
5V REG UV DETECT
HV LEVEL SHIFT
VS
VCC
Vcc
DEAD TIME
SD
LO
Q2
COM
-B R5
LOW SIDE CS
OCSET
R4
VREF
Figure 12: Bi-Directional Over-Current Protection Low Side Over-Current Sensing For the negative load current, low side over-current sensing monitors over load condition and shutdown the switching operation if the load current exceeds the preset trip level. The low side current sensing is based on measurement of VDS during the low side MOFET on state. In order to avoid incorrect current value due to overshoot , VS sensing ignores the first 200 ns signal after LO turned on. OCSET pin is to program the threshold for low side over-current sensing. The threshold voltage at VS pin turning on the OC protection is the same as the voltage applied to the OCSET pin to COM. It is recommended to use VREF to supply a reference voltage to a resistive divider, R4 and R5, generating a voltage to OCSET for better immunity against VCC fluctuations.
+B
Q1
OC REF
OCREF
5.1V
0.5mA
VS
OUT
R4 R5
OCSET
+
OC Comparator
OC
COM
LO
LO
Q2
IRS20954
-B
Figure 13: Low-Side Over-Current Sensing
www.irf.com
13
IRS20954S
Since the sensed voltage of VS is compared with the voltages fed to the OCSET pin, the required voltage of OCSET with respect to COM for a trip level ITRIP+ is: VOCSET = VDS(LOW SIDE) = ITRIP+ x RDS(ON) In order to neglect the input bias current of OCSET pin, it is recommended to use 10 k total for R4 and R5 to drain 0.5 mA through the resistors. High Side Over-Current Sensing For the positive load current, high side over-current sensing monitors over load condition by measuring VDS with CSH and Vs pins and shutdown the operation. The CSH pin is to detect the drain-to-source voltage refers to the VS pin which is the source of the high side MOSFET. In order to neglect overshoot ringing at the switching edges, CSH sensing circuitry starts monitoring after the first 300 ns the HO is on by blanking the signal from CSH pin. In contrast to the low side current sensing, the threshold of CSH pin to engage OC protection is internally fixed at 1.2 V. An external resistive divider R2 and R3 can be used to program a higher threshold. An external reverse blocking diode, D1, is to block high voltage feeding into the CSH pin while high side is off. By subtracting a forward voltage drop of 0.6 V at D1, the minimum threshold which can be set in the high side is 0.6 V across the drain to source. With the configuration in Fig. 14, the voltage in CSH is:
VCSH = R3 (V DS ( HIGHSIDE ) + V F ( D1) ) R 2 + R3
Where: VDS(HIGH SIDE) is drain to source voltage of the high side MOSFET in its ON state VF(D1) is the forward drop voltage of D1 Since VDS(HIGH SIDE) is determined by the product of drain current ID and RDS(ON) in the high side MOSFET. VCSH can be written as:
VCSH =
R3 (RDS ( ON ) I D + VF ( D1) ) R 2 + R3
R 2 VDS + VF = -1 R3 VthOCH
The reverse blocking diode D1 is forward biased by a 10 k resistor R1 when the high side MOSFET is on.
www.irf.com
14
IRS20954S
CSH
R2 R1 R3
D1
+B
CSH Comparator OC +
VB
1.2V
HO
HO
Q1
VS
OUT
Vcc
LO
Q2
IRS20954
-B
Figure 14: Programming High Side Over-Current Threshold OCP Design Example
High Side Over-current Setting
Fig. 14 demonstrates the typical peripheral circuit of high side current sensing. For example, the over-current protection level is set to trip at 30 A with a MOSFET with RDS(ON) of 100 m, the component values of R2 and R3 are calculated as: Choose R2+R3=10 k, thus R3
= 10k - R2 .
R3 = 10k
VthOCH VDS + VF
VthOCL = 1.2 V VF = 0.6 V
VDS@ID=30A = 100 m x 30 A = 3 V
VDS is the voltage drop at ID=30 A across RDS(ON) of the high side MOSFET. VF is a forward voltage of reverse blocking diode, D1. The values of R2 and R3 from the E-12 series are:
R2 = 6.8 k R3 = 3.3 k
Choosing the Right Reverse Blocking Diode
The reverse blocking diode D1 is determined by voltage rating and speed. To block bus voltage, reverse voltage has to be higher than (+B)-(-B). Also the reverse recovery time needs to be as fast as the bootstrap charging diode. The Philips BAV21W, 200 V, 50 ns high speed switching diode, is more than sufficient.
www.irf.com \
15
IRS20954S
Low Side Over-current Setting Designing with the same MOSFET as in high side with RDS(ON) of 100 m, the OCSET voltage, VOCSET, to set 30 A trip level is given by: VOCSET = ITRIP+ x RDS(ON) = 30 A x 100 m = 3.0 V
Choose R4+R5=10 k for proper loading of VREF pin, thus
R5 = =
VOCSET 10k VREF
3.0V 10k 5.1V = 5.8k
Where VREF is the output voltage of VREF pin, 5.1 V typical. Choose R5 = 5.6 k and R4 = 3.9 k from E-12 series. In general, RDS(ON) has a positive temperature coefficient that needs to be considered when the threshold level is being set. Although this characteristic is preferable from a device protection point of view, these variation needs to be considered as well as variations of external or internal component values.
Deadtime Generator
The deadtime generator block provides a blanking time between the high-side on and low-side on to avoid a simultaneous on state causing shoot-through. The IRS20954 has an internal deadtime generation block to reduce the number of external components in the output stage of a Class D audio amplifier. Selectable deadtime programmed through the DT/SD pin voltage is an easy and reliable function, which requires only two external resistors. This selectable deadtime way of setting prevents outside noise from modulating the switching timing, which is critical to the audio performances.
How to Determine Optimal Deadtime The effective deadtime in an actual application differs from the deadtime specified in this datasheet due to finite switching fall time, tf. The deadtime value in this datasheet is defined as the time period from the starting point of turn-off on one side of the switching stage to the starting point of turn-on on the other side as shown in Fig. 15. The fall time of MOSFET gate voltage must be subtracted from the deadtime value in the datasheet to determine the effective dead time of a Class D audio amplifier. (Effective deadtime) = (Deadtime in datasheet) - (fall time, tf)
www.irf.com
16
IRS20954S
90% HO (or LO) Effective dead-time
10%
tf Deadtime 10%
LO (or HO)
Figure 15: Effective Deadtime
A longer dead time period is required for a MOSFET with a larger gate charge value because of the longer tf. A shorter effective deadtime setting is always beneficial to achieve better linearity in the Class D switching stage. However, the likelihood of shoot-through current increases with narrower deadtime settings in mass production. Negative values of effective deadtime may cause excessive heat dissipation in the MOSFETs, potentially leading to serious damage. To calculate the optimal deadtime in a given application, the fall time tf for both output voltages, HO and LO, in the actual circuit needs to be measured. In addition, the effective deadtime can also vary with temperature and device parameter variations. Therefore, a minimum effective deadtime of 10 ns is recommended to avoid shoot-through current over the range of operating temperatures and supply voltages.
Programming Deadtime DT pin provides a function setting deadtime. The IRS20954 determines its deadtime based on the voltage applied to the DT pin. An internal comparator translates which pre-determined deadtime is being used by comparing internal reference voltages. Threshold voltages for each mode are set internally by a resistive voltage divider off VCC, negating the need of using a precise absolute voltage to set the mode. The relationship between the operation mode and the voltage at DT pin is illustrated in the Fig. 16 below.
Dead- time
15nS 25nS 35nS 45nS VDT
0.23 xVcc
0.36 xVcc
0.57 xVcc
Vcc
.
Figure 16: Deadtime Settings vs. VDT Voltage
www.irf.com
17
IRS20954S
Table 1 shows suggested values of resistance for setting the deadtime. Resistors with up to 5% tolerance can be used if these listed values are followed.
IRS20954
>0.5mA
Vcc
R6
DT
R7
COM
Figure 17: External Resistor Deadtime R6 R7 DT/SD mode voltage DT1 <10 k Open 1.0*(Vcc) DT2 3.3 k 8.2 k 0.71*(Vcc) DT3 5.6 k 4.7k 0.46*(Vcc) DT4 8.2 k 3.3 k 0.29*(Vcc) Table 1: Suggested Resistor Values for Deadtime Settings Power Supply Considerations Supplying VDD VDD is designed to be supplied with the internal zener diode clamp. VDD supply current IDD can be estimated by: IDD = 1.5 mA x 300 x 10 x switching frequency + 0.5 mA + 0.5 mA (Dynamic power consumption) (Static) (zener bias) The resistance of Rdd to feed this IDD therefore is:
-9
Rdd
V+ B - 10.8V [] I DD
In case of 400 kHz average PWM switching frequency, the required IDD is 1.18 mA. A condition using 50 V power supply voltage yields Rdd=33 k. Make sure IDD is below the maximum zener diode bias current, IDDZ, at static state conditions such as a condition with no PWM input.
I DDZ
V+ B - 10.8V - 0.5mA Rdd
www.irf.com
18
IRS20954S
Rdd
IRS20954S
VDD CSD IN
PWM
10.4V
+B
CSH VB HO VS
NC
VSS
NC
VREF
VCC LO COM
Vcc
OCSET DT
12V
-B
Figure 18: Supplying VDD
Charging VBS Prior to start
The high side bootstrap power supply can be charged up through a resistor from the positive supply bus to VB pin by utilizing an internal 20.8 V zener diode clamp between VB and VS. Advantage of this scheme is to eliminate the minimum duration required for the initial low-side ON. To determine the requirement for Rcharge, following condition has to be met;
I CHARGE > I QBS
Where ICHARGE is a required charging current through Rcharge IQBS is high side quiescent current Note that Rcharge can drain floating supply charge during on state of high side, which limits maximum PWM modulation index capability of the system. Rcharge should be large enough not to discharge the floating power supply during the high side ON.
Icharge
IRS20954S
VDD CSH
Rcharge
+B
IN
IQBS
20.8V
CSD
VB HO VS
NC
NC
IQBC
VSS
VREF
OCSET DT
20.8V
VCC LO COM
Vcc
12V
-B
Figure 19: Bootstrap Supply Pre-Charging
Start-up Sequence (UVLO)
The protection control block monitors the status of the power supply of VDD and VCC whether the voltages are above the Under Voltage Lockout threshold. The LO and HO of the IRS20954 are disabled by shutdown until the UVLO of VCC and VDD are released and CSD timer capacitor Ct is charged up. After the UVLO of VCC is released, CSD pin resets power-on timer. At the time the voltage at CSD pin reached the release threshold, Vth1, shutdown logic enables LO and HO. The OC detection blocks for the low side and high side are disabled until UVLO of VCC and VBS are released.
www.irf.com
19
IRS20954S
Power-down Sequence As soon as VDD or VCC reaches the UVLO negative going threshold, protection logic makes LO and HO 0 V to turn off the MOSFET.
VCC
UVLO( VCC )
CHARGE / DISCHARGE
Discharge
HO
LO
Figure 20: IRS20954 Power-Down Timing Chart
Power Supply Decoupling As the IRS20954 contains analog circuitry, careful attention to the power supply decoupling should be taken to achieve proper operation. Ceramic capacitors of 0.1 F or more close to the power supply pins are recommended. Please also refer to the application note AN-978 for general considerations of high voltage gate driver IC.
VSS Negative Bias Clamping There is a case that VSS can go below the COM potential such as a case missing negative supply in dual supply configuration. This causes excessive negative VSS voltage to damage the IRS20954. It is recommended to have a diode to clamp potential negative bias to VSS, if there is a possibility. A standard recovery 1 A diode such as 1N4002 is sufficient in most cases for this purpose.
VDD CSD IN VSS NC VREF Negative VSS Clamping Diode OCSET DT
CSH VB HO VS NC VCC LO COM
-Vbus
Figure 21: Negative VSS Clamping
www.irf.com
20
IRS20954S
Junction Temperature Estimation The power dissipation in the IRS20954 consists of following dominant items; PMID: dissipation in floating input logic and protection PLOW: dissipation in low side PHIGH: dissipation in high side 1. PMID: Dissipation in Floating Input Section
The dissipation in floating input section is given by;
PMID = PZDD + PLDD V+ BUS - VDD VDD RDD
Where PZDD is dissipation from internal zener diode clamping VDD voltage. PLDD is dissipation from internal logic circuitry. V+BUS is positive bus voltage feeding VDD from. RDD is a resistor feeding VDD from V+BUS. For obtaining a value of RDD, refer to Supplying VDD section above. 2. PLOW: Dissipation in Low Side
The dissipation in low side includes loss from logic circuitry and loss from driving LO, and is given by;
PLOW = PLDD + PLO RO = (I QCC VCC ) + Vcc Qg f SW RO + Rg + Rg (int)
Where PLDD is dissipation from internal logic circuitry. PLO is dissipation from gate drive stage to LO. RO is equivalent output impedance of LO, typically 10 for the IRS20954. Rg(int) is internal gate resistance of MOSFET. Rg is external gate resistance. Qg is total gate charge of low side MOSFET.
3.
PHIGH: Dissipation in High Side
The dissipation in high side includes loss from logic circuitry and loss from driving LO and is given by;
PHIGH = PLDD + PHO RO = (I QBS VBS ) + VBS Qg f SW RO + Rg + Rg (int)
www.irf.com
21
IRS20954S
Where PLDD is dissipation from internal logic circuitry. PHO is dissipation from gate drive stage to LO. RO is equivalent output impedance of HO, typically 10 for the IRS20954. Rg(int) is internal gate resistance of high side MOSFET. Rg is external gate resistance. Qg is total gate charge of high side MOSFET. Then, total dissipation Pd is given by;
Pd = PMID + PLOW + PHIGH
Estimated Tj from the thermal resistance between ambient and junction temperature, RthJA;
T j = RthJA Pd + TA < 150C
www.irf.com
22
IRS20954S
Case Outline
NOTES: 1. DIMENSIONING & TOLERANCING PER ANSI Y14.5W-1982 2. CONTROLLING DIMENSION. MILLIMETER 3. DIMENSIONS ARE SHOWN IN MILLIMETER [INCHES] 4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AC 5. DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE 6. DIMENSION DOES NOT INCLUDE MOLD PROTUSIONS. MOLD PROTUSIONS SHALL NOT EXCEED 0.15 [.006] 16-Lead SOIC (narrow body)
www.irf.com
23
IRS20954S
LOADED TAPE FEED DIRECTION
B
A
H
D
F
C
NOTE : CONTROLLING DIM ENSION IN M M
E
G
CARRIER TAPE DIMENSION FOR Metric Code Min Max A 7.90 8.10 B 3.90 4.10 C 15.70 16.30 D 7.40 7.60 E 6.40 6.60 F 10.20 10.40 G 1.50 n/a H 1.50 1.60
16SOICN Imperial Min Max 0.311 0.318 0.153 0.161 0.618 0.641 0.291 0.299 0.252 0.260 0.402 0.409 0.059 n/a 0.059 0.062
F
D
C B
A
E
G
H
REEL DIMENSIONS FOR 16SOICN Metric Imperial Code Min Max Min Max A 329.60 330.25 12.976 13.001 B 20.95 21.45 0.824 0.844 C 12.80 13.20 0.503 0.519 D 1.95 2.45 0.767 0.096 E 98.00 102.00 3.858 4.015 F n/a 22.40 n/a 0.881 G 18.50 21.10 0.728 0.830 H 16.40 18.40 0.645 0.724
www.irf.com
24
IRS20954S
LEAD-FREE PART MARKING INFORMATION
Part number Date code
IRSxxxxx YWW?
IR logo
Pin 1 Identifier
? P
MARKING CODE Lead Free Released Non-Lead Free Relased
?XXXX
Lot Code (Prod mode - 4 digit SPN code)
Assembly site code Per SCOP 200-002
ORDER INFORMATION
16-Lead SOIC IRS20954SPbF 16-Lead SOIC Tape & Reel IRS20954STRPBF
SO-16 package is MSL3 qualified. This product has been designed and qualified for the industrial level. Qualification standards can be found at www.irf.com WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 12/3/2006
www.irf.com
25


▲Up To Search▲   

 
Price & Availability of IRS20954STRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X