Part Number Hot Search : 
IH0515S D2164 40ST1092 07197 LC100 XPT8863 B32672P 3433EFE
Product Description
Full Text Search
 

To Download IRF7413PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95017A
IRF7413PBF
l l l l l l l l l Generation V Technology Ultra Low On-Resistance N-Channel Mosfet Surface Mount Available in Tape & Reel Dynamic dv/dt Rating Fast Switching 100% RG Tested Lead-Free
HEXFET(R) Power MOSFET
S S S G
1 8
A A D D D D
2
7
VDSS = 30V RDS(on) = 0.011
3
6
4
5
Top View
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infra red, or wave soldering techniques. Power dissipation of greater than 0.8W is possible in a typical PCB mount application.
SO-8
Absolute Maximum Ratings
Symbol
VDS VGS ID @ TA = 25C ID @ TA = 70C IDM PD @TA = 25C EAS dv/dt TJ, TSTG
Parameter
Drain-to-Source Voltage Gate-to-Source Voltage Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current
Max
30 20 13 9.2 58 2.5
Units
V
c
A W mW/C mJ V/ns C
Power Dissipation Linear Derating Factor Single Pulse Avalanche Energency Peak Diode Recovery dv/dt
e
d
0.02 260 5.0 -55 to +150
Junction and Storage Temperature Range
Thermal Resistance Ratings
Symbol
RJL RJA
h Junction-to-Ambient gh
Junction-to-Drain Lead
Parameter
Typ
--- ---
Max
20 50
Units
C/W
06/29/06
IRF7413PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Symbol
V(BR)DSS V(BR)DSS/TJ RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd RG td(on) tr td(off) tf Ciss Coss Crss
Parameter
Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min
30 --- --- --- 1.0 10 --- --- --- --- --- --- --- 1.2 --- --- --- --- --- --- ---
Typ
--- 0.034 --- --- --- --- --- --- --- --- 52 6.1 16 --- 8.6 50 52 46 1800 680 240
Max Units
--- --- 0.011 0.018 3.0 --- 1.0 25 -100 100 79 9.2 23 3.7 --- --- --- --- --- --- --- pF ns VDD = 15V ID = 7.3A RG = 6.2 nC V
Conditions
VGS = 0V, ID = 250A VGS = 10V, ID = 7.3A VGS = 4.5V, ID = 3.7A VDS = 10V, ID = 3.7A VDS = 30V, VGS = 0V VDS = 24V, VGS = 0V, TJ = 125C VGS = -20V VGS = 20V ID = 7.3A VDS = 24V VGS = 10V, See Fig. 6 and 9
V/C Reference to 25C, ID = 1mA V S A nA
f f
VDS = VGS, ID = 250A
f
RG = 2.0, See Fig. 10 VGS = 0V VDS = 25V = 1.0MHz, See Fig. 5
f
Source-Drain Ratings and Characteristics
Symbol
IS ISM VSD trr Qrr
Parameter
Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode)A Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge
Min. Typ. Max. Units
--- --- --- --- --- --- --- --- 74 200 3.1 A 58 1.0 110 300 V ns nC
Conditions
MOSFET symbol showing the integral reverse p-n junction diode. TJ = 25C, IS = 7.3A, VGS = 0V TJ = 25C, IF = 7.3A di/dt = 100A/s
e
e
Notes:
Repetitive rating; pulse width limited by Starting TJ = 25C, L =9.8mH
max. junction temperature. ( See fig. 11 )
ISD 7.3A, di/dt 100A/s, VDD V(BR)DSS, Pulse width 300s; duty cycle 2%. Surface mounted on FR-4 board R is measured at TJ approximately 90C
T J 150C
RG = 25, IAS =7.3A. (See Figure 12)
IRF7413PBF
100
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V TOP
100
I D , Drain-to-Source Current (A)
I D, Drain-to-Source Current (A)
VGS 15V 10V 7.0V 5.5V 4.5V 4.0V 3.5V BOTTOM 3.0V TOP
10
10
3.0V
3.0V
1 0.1 1
20s PULSE WIDTH TJ = 25C A
10
1 0.1 1
20s PULSE WIDTH TJ = 150C A
10
V DS , Drain-to-Source Voltage (V)
V DS Drain-to-Source Voltage (V) ,
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
2.0
R DS(on) , Drain-to-Source On Resistance (Normalized)
I D = 7.3A
I D , Drain-to-Source Current (A)
1.5
TJ = 150C TJ = 25C
10
1.0
0.5
1 3.0 3.5
V DS = 10V 20s PULSE WIDTH
4.0 4.5
A
0.0 -60 -40 -20 0 20 40 60 80
VGS = 10V
100 120 140 160
A
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature (C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
IRF7413PBF
3200 2800 2400 2000 1600 1200 800 400 0 1 10 100
Coss
V GS , Gate-to-Source Voltage (V)
V GS = 0V, f = 1MHz C iss = Cgs + C gd , Cds SHORTED C rss = C gd Ciss C oss = C ds + C gd
20
I D = 7.3A V DS = 24V V DS = 15V
16
C, Capacitance (pF)
12
8
Crss
4
A
0 0 10 20 30
FOR TEST CIRCUIT SEE FIGURE 9
40 50 60
A
VDS , Drain-to-Source Voltage (V)
Q G , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
1000
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY RDS(on)
TJ = 150C
10
ID , Drain Current (A)
TJ = 25C
100
100us 10 1ms
1 0.4 1.2 2.0 2.8
VGS = 0V
A
3.6
1 0.1
TC = 25 C TJ = 150 C Single Pulse
1 10
10ms
100
VSD , Source-to-Drain Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
IRF7413PBF
QG
V DS VGS
RD
10V
VG
QGS
QGD
RG 10V
D.U.T.
+
- VDD
Charge
Pulse Width 1 s Duty Factor 0.1 %
Fig 9a. Basic Gate Charge Waveform
Current Regulator Same Type as D.U.T.
Fig 10a. Switching Time Test Circuit
VDS
50K 12V .2F .3F
90%
D.U.T. VGS
3mA
+ V - DS
10% VGS
td(on)
IG ID
tr
t d(off)
tf
Current Sampling Resistors
Fig 9b. Gate Charge Test Circuit
100
Fig 10b. Switching Time Waveforms
Thermal Response (Z thJA )
D = 0.50 0.20 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJA + TA 0.1 1 10 100
10
0.1 0.0001
0.001
0.01
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
IRF7413PBF
EAS , Single Pulse Avalanche Energy (mJ)
600
TOP
500
15V
BOTTOM
ID 3.3A 6.0A 7.3A
VDS
L
DRIVER
400
RG
20V
D.U.T
IAS tp
+ - VDD
300
A
0.01
200
Fig 12a. Unclamped Inductive Test Circuit
V(BR)DSS tp
100
0 25 50 75 100 125 150
Starting T J, Junction Temperature ( o C)
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
I AS
Fig 12b. Unclamped Inductive Waveforms
IRF7413PBF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 13. For N-Channel HEXFETS
IRF7413PBF
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
9DH 6 6 i DI8C@T HDI H6Y $"! %'' # " &$ '( (' ! (' (%' HDGGDH@U@ST HDI H6Y "$ &$ "" ( #' !$ $ !$ $
9 6 ' & ! % " $
7
% @
$ #
C !$Ab dA
6
p 9 @ r r C
#(& $&# $AA76TD8 !$AA76TD8 !!'# !## (( % A (% $ A'
"' # !&AA76TD8 %"$AA76TD8 $' %! !$ # A $ !& A'
%Y r
F G
r
6
FAA#$ 8 Ab#dA 'YAG & 'YAp
'YAi !$Ab dA
6 867
IPU@T) AA9DH@ITDPIDIBAEAUPG@S6I8DIBAQ@SA6TH@A #$H ((# !AA8PIUSPGGDIBA9DH@ITDPI)AHDGGDH@U@S "AA9DH@ITDPITA6S@ATCPXIADIAHDGGDH@U@STAbDI8C@Td #AAPVUGDI@A8PIAPSHTAUPAE@9@8APVUGDI@AHT !66 $AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A $Ab%d %AAA9DH@ITDPIA9P@TAIPUADI8GV9@AHPG9AQSPUSVTDPIT AAAAAHPG9AQSPUSVTDPITAIPUAUPA@Y8@@9A!$Ab d &AAA9DH@ITDPIADTAUC@AG@IBUCAPAAG@69AAPSATPG9@SDIBAUP AAAAA6ATV7TUS6U@
APPUQSDIU 'YA&!Ab!'d
%#%Ab!$$d
"YA !&Ab$d
'YA &'Ab&d
SO-8 Part Marking
@Y6HQG@)AUCDTADTA6IADSA& AHPTA@U
DIU@SI6UDPI6G S@8UDAD@S GPBP
;;;; )
96U@A8P9@AXX QA2A9@TDBI6U@TAG@69AS@@ QSP9V8UAPQUDPI6G A2AG6TUA9DBDUAPAAUC@A@6S XXA2AX@@F 6A2A6TT@H7GATDU@A8P9@ GPUA8P9@ Q6SUAIVH7@S
IRF7413PBF
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 06/2006


▲Up To Search▲   

 
Price & Availability of IRF7413PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X