Part Number Hot Search : 
70HF20 IRFD11 NTE725 AO4704 LV5609LP D74LVC5 74LV4067 32U02
Product Description
Full Text Search
 

To Download IM29LV001B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Specification
IMT
IM29LV001T and IM29LV001B 1 M Bit (128K x 8) 3.3V-Only Flash Memory
Features:
* * * * * 0.40 m, triple-poly double-metal CMOS process Single power supply operation 3.3V 10% for both read and write High endurance > 10,000 program/erase cycles Fast read access time 70 and 90 ns Single page erasability for optimal data alterability Page size: 512 bytes Hardwired data protection Inhibits program and erase operations of the top (IM29LV001T) or bottom (IM29LV001B) 32 pages of the array for false write and virus prevention. Flexible boot block configurability Fast program and erase operations: Byte program : < 35 sec typical Page erase : < 7 msec typical Chip erase : < 2 sec typical Self-timed program/erase operations with end-of-cycle detection Data# Polling and Toggle Bit Inadvertent write protection Glitch filtering for WE# and CE# Low Vcc (< 2.2 V ) write inhibit Hardwired data protection Low Icc for power conservation Read: 6 ma typical Write: 10 ma typical Stand-by: 10 A typical Compatible with JEDEC byte wide pinout and single-supply flash command standards Package types: 32-pin PLCC, TSOP and PDIP Others available upon request
*
*
*
*
* *
* *
General Descriptions
The IM29LV001T/B is a 1 Mega-bit, 5V-only page erasable flash memory organized as 128K X 8 bits.It is manufactured with IMT's proprietary double metal, 0.40 m CMOS flash technology. High performance cell design and advanced process technology attain better reliability, manufacturability, circuit performance and future scaleability than other alternative approaches. Fast, self-timed program/erase operations are made possible with an innovative cell and array architecture which is free from the over-erase problem of the traditional stacked-gate structures. Single page (512 bytes) data alterability ensures optimum flexibility and efficiency in program codes, parameters and data storage. It also allows backward compatibility to other large-erase-block based products for direct replacement. flash
The IM29LV001T/B is designed with interface features for direct in-system programming and erase operations. Vendor re-programmable, hardwired data protection is provided for absolute prevention in inadvertent data alteration and virus infection. The IM29LV001 conforms to the JEDEC byte wide memory pin-out and single supply flash command standards. Designed, manufactured and tested for extended endurance applications, the IM29LV001 is specified for more than 10 4 cycling endurance and greater than 10 years of data retention.
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
Vcc WE N/C A14 A13 A8 A9 A11 OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3 A12 A15 A16 N/C Vcc WE N/C A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 Vss DQ3 DQ4 DQ5 DQ6 A14 A13 A8 A9 A11 OE A10 CE DQ7
Pin-out Assignments
N/C A16 A15 A12 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 DQ1 DQ2 Vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
32-pin PDIP
32-pin PLCC
A11 A9 A8 A13 A14 N/C WE Vcc N/C
A16
A15 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3 Vss DQ2 DQ1 DQ0 A0 A1 A2 A3
OE A10 CE DQ7 DQ6 DQ5 DQ4 DQ3 Vss DQ2 DQ1 DQ0 A0 A1 A2 A3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
A11 A9 A8 A13 A14 NC WE Vcc N/C A16 A15 A12 A7 A6 A5 A4
Standard 32-pin TSOP
Reverse 32-pin TSOP
Block Diagram
OE WE CE A0 A16 DQ0 DQ7
Control Signal Inputs and Logic Address Input and Pre-decorder
Command Logic and State Machine
High Voltage Generators and Logic
X-Dec
Flash Cell Array Y-Gating
I/O Buffer and Data Latch
Y-Dec
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
either CE# or OE# is high. See Fig. 1 for the read cycle timing diagram. Write The write operation is used to issue commands and data for the program and erase functions of the device. It is initiated by forcing CE# low, OE# high and WE# low. The addresses are latched by the falling edge of either CE# or WE#, whichever occurs last. The data is latched by the rising edge of either CE# or WE#, whichever occurs first. See Fig. 2 for the timing diagram of writing a command with WE# as the controlling signal, and Fig. 3 for that with CE# as the controlling signal. Erase: Page and Chip Erase The IM29LV001T/B provides two erase functions: page erase and chip erase. The page erase function erases a single page (512 bytes in size) at a time. It is activated by writing the page erase command to the part. The page erase command is consisted of 6 write cycles as shown in Table 2. The first 5 cycles contain the command codes, while the 6th cycle asserts the page address (A9 to A16) by forcing the correct address signals to the address pins. See Fig. 9 for the flow chart and Fig. 5 for the page erase timing diagram. The chip erase function erases the complete 1 mega-bit array simultaneously. It is activated by a 6-byte command cycle shown in Table 2. See Fig. 6 for the timing diagram and Fig. 10 for the flow chart. The page and chip erase operations, once initiated, will trigger an internal timer to start the erase operation until completion, which takes typically 6 ms for the page and 2 sec for the chip erase. During this period, the data and address buses of the part are in high impedance states. The system buses
A1 Note 1 Ain X X Note 1 Ain X X VIH VIL VIH VIL A9 Note 1 Ain X X Note 1 Ain Note 1 VH Note 1 VH Note 1 VH VH Note 1 VH Note 1 VH
Note 1
Flexible Boot Block Architecture
The page erase function of IM29LV001T/B erases only the bytes located inside the 512byte boundary (as defined by A9 - A16) of the selected page. It does not affect any other memory location o utside of the page boundary. Any page of the array can be used as an independent data storage unit which is not affected by the erase and programming operations of the rest of the array. A boot block of any size can be constructed by selecting a contiguous, or non-contiguous if so desired, group of pages from the top or bottom address. This provides the most convenient boot block configuration than those utilizing the fixedsize boot block approach.
Hard Wired Data Protection
A hard wired data protection option is provided for the first 32 pages either from the top address (IM29LV001T) or from the bottom address (IM29LV001B). This option can be utilized to protect the BIOS boot codes which usually reside in the top or bottom 16K-byte address range.
Device Operation
Read The read operation of the IM29LV001T/B is activated by setting CE# and OE# to low (VIL) and WE# to high (VIH). Data is obtained from the output pins. CE# controls the device selection function. When CE# is high, the device is deselected and only standby power is consumed. When CE# is low, the device is selected. OE# controls the output buffer. It is used to gate data from the output pins. The data bus is in high impedance state when
OPERATION CE# OE# WE# A0 Note 1 Read VIL VIL VIH Ain Standby VIH X X X Output Disable VIL VIH VIH X Note 1 Write VIL VIH VIL Ain Note 1 VIL X Enable Hardwired Data Protect VIL VH Note 1 Disable Hardwired Data Protect VH VH VIL X Verify Hardwired Data Protect VIL VIL VIH VIL Product Identification Manufacturer ID Byte 1 VIL VIL VIH VIL Byte 2 VIL VIL VIH VIH Device ID VIL VIL VIH VIH Note 1: VH=12 V, Ain = address input, X = don't care. Note 2: A5H for IM29LV001T and A6H for IM29LV 001B Table 1 Operation Modes
I/O DOUT HIGHZ HIGHZ DIN X X CODE 7FH 1FH Note 2 A5H/A6H
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
are free for other operations. Program Byte program operation is initiated by issuing a program command which is consisted of 4 write cycles as shown in Table 2. The first 3 cycles contain the command codes and the 4th cycle asserts the byte address and data. See Fig. 11 for the flow chart and Fig. 4 for the timing diagram. The program operation, once initiated, will continue internally until completion, typically within 20 s. During the byte programming period, the data and address buses of the part are in high impedance state. The system buses are free for other operations. For example, during the byte programming period, the host is free to perform other tasks, such as to fetch data from other locations in the system for the next byteprogram operation. Program/Erase Status Detection: Data# Polling and Toggle Bit The IM29LV001T/B provides two status bits for detecting the completion of a program or erase period. They are the Data# Polling (DQ7) and Toggle (DQ6) bits. During the program or erase operation, the only valid read operations of the part are to read Data# Polling and Toggle Bits. Both bits are enabled and can be detected after the program or erase cycle is initiated by the first rising edge of WE# or CE# signal. See Fig. 7 and 8 for the timing diagrams and Fig. 9, 10 and 11 for the flow charts representation of the usage of Data# Polling and Toggle Bit in page erase, chip erase and byte program operations. Data# Polling (DQ7)
IMT
When the IM29LV001T/B is in the program or erase period, any attempt to read DQ7 will receive the complement of the intended data of the program or erase operation. Once the program or erase cycle is completed, DQ7 will show true data. The device is then ready for the next operation. See Fig. 7 for Data# Polling timing diagram. Toggle Bit (DQ6) During the program or erase cycle, any consecutive attempts to read DQ6 will produce alternating 0's and 1's. It will start with "0" and then toggle between "0" and "1". When the program or erase cycle is completed, the toggling action will stop. The device is then ready for the next operation. See Fig. 8 for Toggle Bit timing diagram. Data Protection The IM29LV001T/B provides both hardware and software features to protect nonvolatile data from inadvertent writes. Optional Hardwired data protection for selected sectors: The program and erase operations of the first (IM29LV001T) or last (IM29LV001B) 32 pages can be disabled permanently to prevent false write and/or virus infection. As shown in Table 1, the hardwired protection mode can be enabled by applying VH, or 12 Volt, to A9 and OE#, and VIL to CE# and WE#. The mode can be disabled by applying the same voltages to the above pins except CE#, where V H is applied. To verify the status of the hardwired data protection mode, A9 is set to VH ( or 12 Volt), CE#, OE# and A0 to VIL, and WE# and A1 to VIH. If D0 = "1" then the hardwired data protection mode is enabled. Or vice versa, if D0 = "0". The status of the hardwired data
Command
Read Reset/ Read 2AAAH Program 2AAAH Page Erase 2AAAH Chip Erase 2AAAH Product Identification Manufacturer ID Byte 1 5555H AAH 2AAAH Byte 2 5555H AAH 2AAAH Device ID 5555H AAH 2AAAH Note: A5H for IM29LV001T and A6H for IM29LV001B
First Cycle Add Data xxxxH F0H 5555H AAH 5555H AAH 5555H AAH 5555H AAH
Second Cycle Add Data 55H 55H 55H 55H
Third Cycle Add Data 5555H 5555H 5555H 5555H F0H A0H 80H 80H
Fourth Cycle Add Data
Byte Add Byte Add Byte Data Byte Data
Fifth Cycle Add Data
Sixth Cycle Add Data
5555H 5555H
AAH AAH
2AAAH 2AAAH
55H 55H
Page Add
5555H
30H 10H
55H 55H 55H
5555H 5555H 5555H
90H 90H 90H
xx00H xx11H xx01H
7FH 1FH Note A5H/A6H
Table 2 Command Definitions This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
Third Cycle Add 5555H Data 90H Add A16 - A2 A1 Don't Care 1 A0 0 Fourth Cycle Data/Status Protected: D0 = 1, D7-1=Don't Care Unprotected: D0 = 0, D7-1=Don't Care Data 55H
Command
First Cycle Add 5555H Data AAH
Second Cycle Add 2AAAH
Read Hardwired Protection Status Bit
Table 3 Hardwired Protection Status Bit Read Command
protection mode can also be verified by software means. See Table 3 for the command code to access the status bit of the top and bottom sector. The hardwired data protection mode can not be disabled by software means, however. Noise/Glitch Protection: A WE# or CE# noise glitch of less than 5 ns will not initiate a program or erase cycle. VCC Power Up/Down Detection: The program or erase operation is inhibited when VCC is less than 3.5V. Write Inhibit Mode: The program or erase operation is inhibited if any one of the following conditions is enforced: OE# low, CE# high, or WE# high. This prevents inadvertent data alterations during power-up or power-down period. Product Identification The product identification mode identifies the device as the IM29LV001T/B and the manufacturer as IMT. This mode may be accessed by hardware or software operations. They are typically used by a Flash Memory programmer to identify the IMT IM29LV001T/B device and apply the correct algorithm to program the data. See Table 1 for hardware operation or Table 2
for software operation codes. The manufacturer ID for IMT is consisted of two bytes. The first byte is 7F which is located at A0=0 and A1=0. The second byte is 1F, located at A0=1 and A1=1. The device ID is A1, located at A1=0 and A0=1. See Table 4
Byte 1 Byte 2 Address Data Address Data ID Type A16-2 A1 A0 A16-2 A1 A0 Manufacturer ID X 00 7FH X 1 1 1FH Note Device ID X 0 1 A5H/A6H Not Applicable Note: A5H for IM29LV001T and A6H for IM29LV001B Table 4 Product Identification Table
for manufacturer and device ID designations. Termination of Product Identification Mode To return to the standard read mode, the Software Product Identification mode must be terminated. It is accomplished by issuing the Reset/Read operation, which returns the device to the read operation. See Table 2 for the Reset/Read command codes.
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
Operating Ranges
Ambient Temperature : Commercial ( C ) Devices...0 C to 70 C Industrial ( I ) Devices......-40 C to +85 C Extended ( E ) Devices... -55 C to 125 C Vcc Supply Voltages : 3.0 V to 3.6 V
Absolute Maximum Ratings
Storage temperature...... -65C to +150 C Ambient temperature with power applied.........................-65C to +125C Voltage with respect to ground Vcc............................. -0.5 V to 3.6 V A9 .......................... -0.5 V to +12.5 V All the other pins... -0.5 V to Vcc + 0.5 V
DC Parameters:
Symbol ICC Parameter Power Supply Current Read Write Standby Power Supply Current TTL input CMOS input Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage High voltage input for Product ID and Hardwired Data Protection modes High voltage input for Product ID and Hardwired Data Protection modes 2.0 0.4 2.4 11.5 12.5 50 Min Limits Max 10 15 1 15 1 10 0.8 Units mA mA mA A A A V V V V V A Test Conditions CE#=OE#=VIL,WE#=VIH , all I/Os open, Address input = VIL/VIH, at f=1/TRC, Min., VCC=VCC, Max CE#=WE#=VIL, OE#=VIH, VCC = VCC, Max. CE# = VIH, VCC = VCC, Max. CE# = VCC -0.3V, VCC = VCC, Max. VIN =GND to VCC, VCC = VCC, VCC = VCC, Max. VCC = VCC, Max. IOL = 2.1 mA, VCC = VCC, Min. IOH = -400A, VCC = VCC, Min. CE# = OE# =VIL, WE# = VIH CE# = OE# = VIL, WE# = VIH, A9 = VH,
Max Max
ISB1 ISB2 ILI ILO VIL VIH VOL VOH VH IH
. .
VOUT =GND to VCC , VCC = VCC,
Max
.
AC Parameters: a) Read Characteristics:
Parameter Description IM29LV00155 Min Max 55 55 55 25 0 0 20 20 0 IM29LV00170 Min Max 70 70 70 35 0 0 30 30 0 IM29LV00190 Min Max 90 90 90 45 0 0 40 40 0 IM29LV001120 Min Max 120 120 120 60 0 0 50 50 0
tRC tAA tCE tOE tCLZ tOLZ tCHZ tOHZ tOH
Read cycle time Address to output delay CE# to output delay OE# to output delay CE# low to output active OE# low to output active CE# high to output at high-Z OE# high to output at high-Z Output hold from address change
Unit ns ns ns ns ns ns ns ns ns
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
IM29LV001-55 Min Max 55 0 35 20 0 0 0 0 0 25 20 0 0 25 20 30 9 3 55 25 IM29LV001-70 Min Max 70 0 45 30 0 0 0 0 0 35 30 0 0 35 30 30 9 3 70 35 IM29LV001-90 IM29LV001-120 Min Max Min Max 90 120 0 0 55 60 40 45 0 0 0 0 0 0 0 0 0 0 45 50 30 35 0 0 0 0 45 50 30 35 30 30 9 9 3 3 90 120 45 60 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns s ms s ns ns
b) Write Characteristics:
Parameter tWC tAS tAH tDS tDH tOES tOEH tCS tCH tCP tCPH tWS tWH tWP tWPH tWHWH1 tWHWH2 tWHWH3 tCEP tOEP Description Write command cycle time Address setup time Address hold time Data setup time Data hold time OE# setup time OE# hold time CE# setup time CE# hold time CE# write pulse width CE# write pulse width high WE# setup time WE# hold time WE# write pulse width WE# write pulse width high Byte programming time Page erase time Chip erase time CE# access time for Data# Polling and Toggle bit read OE# access time for Data# Polling and Toggle bit read
Test Conditions
Input rise and fall time .................................... 5 ns Input pulse levels........................................... 0.0 V to 3.0 V Timing measurement reference level Input................................................. 1.5 V Output............................................... 1.5 V Output loading 55ns and 70 ns parts.......................... 1 TTL load + 30 pF 90 ns and 120 ns parts........................ 1 TTL load + 100 pF
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
tRC
ADDRESS CE
IMT
t CE tOE
OE
VIH
WE
t CLZ tOLZ
HIGH Z
t OHZ
t
OH
t CHZ
DATA VALID
DQ
DATA VALID
t AA
Fig. 1 Read Cycle Timing Diagram
t AS
ADDRESS CE
t AH t CH t OEH t WP t WPH t DS
t CS t OES
OE
WE
DQ
HIGH Z
DATA VALID
t DH
Fig. 2 WE Controlled Command Write Timing Diagram
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
t AS t AH t CP t OES t CPH t OEH tWH t DS
ADDRESS CE
OE
t WS
WE
DQ
HIGH Z
DATA VALID
t DH
Fig. 3 CE Controlled Command Write Timing Diagram
THREE-BYTE COMMAND CODE FOR BYTE PROGRAMMING MODE
DATA BYTE
ADDRESS
5555
2AAA
5555
Add
DQ
AA
55
A0
Data
CE
OE
t WP
WE
t WC t WPH
tW H W H 1
Internal Programming Start
Fig. 4 Byte Programming Mode Timing Diagram
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
SIX-BYTE COMMAND CODE FOR PAGE ERASE OPERATION
ADDRESS
5555
2AAA
5555
5555
2AAA
Page Address
DQ
AA
55
80
AA
55
30
CE
OE
t WP
WE
t WC t WPH
t WHWH2
Internal Erase Start
Fig. 5 Page Erase Timing Diagram
SIX-BYTE COMMAND CODE FOR CHIP ERASE OPERATION
ADDRESS
5555
2AAA
5555
5555
2AAA
5555
DQ
AA
55
80
AA
55
10
CE
OE
t WP
WE
t WC t WPH
t WHWH3
Internal Erase Start
Fig. 6 Chip Erase Timing Diagram
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
ADDRESS
WE
t CEP
CE
t OEH
OE
X
t OES t OEP
X X X
DQ7
t WHWH1,2,or 3
Fig. 7 Data Polling Timing Diagram
ADDRESS
WE
t CEP
CE
tOEH
OE
tOES t OEP
DQ6
X
t WHWH1,2,or 3
Fig. 8 Toggle Bit Timing Diagram
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
Start 5555H/AAH
2AAAH/55H
5555H/80H
5555H/AAH
2AAAH/55H
Page Address/30H
No
Time Out For
t WHWH2?
Yes
No
Data# Polling: DQ7=Data?
No
Toggle Bit: DQ6 stops toggling? Yes
Yes
Page Erase Completion
Page Erase Completion
Page Erase Completion
Fig. 9 Page Erase Flow Chart
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
Start 5555H/AAH
2AAAH/55H
5555H/80H
5555H/AAH
2AAAH/55H
5555H/10H
No
Time Out For
t WHWH3?
Yes
No
Data# Polling: DQ7=Data?
No
Toggle Bit: DQ6 stops toggling? Yes
Yes
Chip Erase Completion
Chip Erase Completion
Chip erase Completion
Fig. 10 Chip Erase Flow Chart
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696
Preliminary Specification
IMT
Start
5555H/AAH
2AAAH/55H
5555H/A0H
Program Byte Address/Data
No
Time Out For
t WHWH1?
Yes
No
Data# Polling: DQ7=Data?
No
Toggle Bit: DQ6 stops toggling? Yes
Yes
Byte Program Completion
Byte Program Completion
Byte Program Completion
Fig. 11 Byte Program Flow Chart
This advanced data sheet contains product specifications which are subject to change without notice. Rev. 0.27 Integrated Memory Technologies, Inc. 2285 Martin Ave., STE A, Santa Clara, CA 95050. Tel. (408) 986-1088 Fax (408) 727-8696


▲Up To Search▲   

 
Price & Availability of IM29LV001B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X