Part Number Hot Search : 
SZN4469 LM257606 VN750 M68300 74453010 SLA608L AH293Y 1H220
Product Description
Full Text Search
 

To Download IDT74ALVCH16345PA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT74ALVCH16345 3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
* 0.5 MICRON CMOS Technology * Typical tSK(o) (Output Skew) < 250ps * ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) * VCC = 3.3V 0.3V, Normal Range * VCC = 2.7V to 3.6V, Extended Range * VCC = 2.5V 0.2V * CMOS power levels (0.4 W typ. static) * Rail-to-Rail output swing for increased noise margin * Available in TSSOP package
IDT74ALVCH16345
FEATURES:
DESCRIPTION:
DRIVE FEATURES:
* High Output Drivers: 24mA * Suitable for heavy loads
APPLICATIONS:
* * * *
3.3V high speed systems 3.3V and lower voltage computing systems High speed synchronous DRAM modules PC motherboards
This registered address line driver is built using advanced dual metal CMOS technology. The ALVCH16345 is configured with banks of four drivers, each to be used in high speed synchronous memory applications. The ALVCH16345 is ideal for driving memory modules in systems where multiple memory modules are used. One each of the four output banks drives a different module; modules can be added or removed without affecting the signal integrity of the other modules in the system. Dual clock enables (CEx) allow use of the device in high speed memory interleaving applications where the clock can be alternately enabled and disabled, allowing the address to be held for additional cycles during memory access. The ALVCH16345 has been designed with a 24mA output driver. This driver is capable of driving a moderate to heavy load while maintaining speed performance. The ALVCH16345 has "bus-hold" which retains the inputs' last state whenever the input goes to a high impedance. This prevents floating inputs and eliminates the need for pull-up/down resistors.
FUNCTIONAL BLOCK DIAGRAM
CE1 OE
1 29
CE2
56
CE D1
8
1Q 1
CE D5
36
1Q 5
D
4Q 1
D
4Q 5
CE D2
14
1Q 2
CE D6
42
1Q 6
D
4Q 2
D
4Q 6
CE D3
15
1Q 3
CE D
4Q 3
1Q 7
D7
43
D
4Q 7
CE D4
21
1Q 4
CE D
4Q 4
1Q 8
D8
49
D
4Q 8
CLK
28
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
1
(c) 2004 Integrated Device Technology, Inc.
JANUARY 2004
DSC-4734/2
IDT74ALVCH16345 3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
PIN CONFIGURATION
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Max VTERM(2) Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Continuous Clamp Current, VI < 0 or VI > VCC Continuous Clamp Current, VO < 0 Continuous Current through each VCC or GND -0.5 to +4.6 -0.5 to VCC+0.5 -65 to +150 -50 to +50 50 -50 100 VTERM(3) TSTG IOUT IIK IOK ICC ISS
Unit V V C mA mA mA mA
CE1
1Q1 2Q1
56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
CE2
1Q8 2Q8
GND
3Q1 4Q1
GND
3Q8 4Q8
VCC D1
1Q2 2Q2
VCC D8
1Q7 2Q7
GND
3Q2 4Q2
GND
3Q7 4Q7
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. VCC terminals. 3. All terminals except VCC.
D2 D3
1Q3 2Q3
D7 D6
1Q6 2Q6
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT CI/O Parameter(1) Input Capacitance Output Capacitance I/O Port Capacitance Conditions VIN = 0V VOUT = 0V VIN = 0V Typ. 5 7 7 Max. 7 9 9 Unit pF pF pF
GND
3Q3 4Q3
GND
3Q6 4Q6
NOTE: 1. As applicable to the device type.
D4 VCC
1Q4 2Q4
D5 VCC
1Q5 2Q5
GND
3Q4 4Q4
GND
3Q5 4Q5
FUNCTION TABLE(1)
Inputs CEx H X L L X CLK X L X OE L L L L H Dx X X L H X Output xQx B2 B2 L H Z
CLK
OE
TSSOP TOP VIEW
PIN DESCRIPTION
Pin Names OE Dx xQx CLK CEx Data Inputs(1) 3-State Data Outputs Clock Input Clock Enable Inputs (Active LOW) Description 3-State Output Enable Inputs (Active LOW)
NOTES: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance = LOW-to-HIGH Transition 2. Output level before the indicated steady-state input conditions were established.
NOTE: 1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.
2
IDT74ALVCH16345 3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Operating Condition: TA = -40C to +85C
Symbol VIH VIL IIH IIL IOZH IOZL VIK VH ICCL ICCH ICCZ ICC Parameter Input HIGH Voltage Level Input LOW Voltage Level Input HIGH Current Input LOW Current High Impedance Output Current (3-State Output pins) Clamp Diode Voltage Input Hysteresis Quiescent Power Supply Current VCC = 2.3V, IIN = -18mA VCC = 3.3V VCC = 3.6V VIN = GND or VCC One input at VCC - 0.6V, other inputs at VCC or GND VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 3.6V VCC = 3.6V VCC = 3.6V VI = VCC VI = GND VO = VCC VO = GND Test Conditions Min. 1.7 2 -- -- -- -- -- -- -- -- -- Typ.(1) -- -- -- -- -- -- -- -- -0.7 100 0.1 Max. -- -- 0.7 0.8 5 5 10 10 -1.2 -- 40 V mV A A A A V Unit V
Quiescent Power Supply Current Variation
--
--
750
A
NOTE: 1. Typical values are at VCC = 3.3V, +25C ambient.
BUS-HOLD CHARACTERISTICS
Symbol IBHH IBHL IBHH IBHL IBHHO IBHLO
NOTES: 1. Pins with Bus-Hold are identified in the pin description. 2. Typical values are at VCC = 3.3V, +25C ambient.
Parameter(1) Bus-Hold Input Sustain Current Bus-Hold Input Sustain Current Bus-Hold Input Overdrive Current VCC = 3V VCC = 2.3V VCC = 3.6V
Test Conditions VI = 2V VI = 0.8V VI = 1.7V VI = 0.7V VI = 0 to 3.6V
Min. - 75 75 - 45 45 --
Typ.(2) -- -- -- -- --
Max. -- -- -- -- 500
Unit A A A
3
IDT74ALVCH16345 3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
OUTPUT DRIVE CHARACTERISTICS
Symbol VOH Parameter Output HIGH Voltage VCC = 2.3V VCC = 2.3V VCC = 2.7V VCC = 3V VCC = 3V VOL Output LOW Voltage VCC = 2.3V to 3.6V VCC = 2.3V VCC = 2.7V VCC = 3V IOH = - 24mA IOL = 0.1mA IOL = 6mA IOL = 12mA IOL = 12mA IOL = 24mA Test Conditions(1) VCC = 2.3V to 3.6V IOH = - 0.1mA IOH = - 6mA IOH = - 12mA Min. VCC - 0.2 2 1.7 2.2 2.4 2 -- -- -- -- -- Max. -- -- -- -- -- -- 0.2 0.4 0.7 0.4 0.55 V Unit V
NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = - 40C to + 85C.
OPERATING CHARACTERISTICS, TA = 25C
VCC = 2.5V 0.2V Symbol CPD CPD Parameter Power Dissipation Capacitance Outputs enabled Power Dissipation Capacitance Outputs disabled Test Conditions CL = 0pF, f = 10Mhz Typical VCC = 3.3V 0.3V Typical Unit pF
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V 0.2V Symbol fMAX tPLH tPHL tPZH tPZL tPHZ tPLZ tSU tSU tH tH tW tSK(o) tSK(b) Propagation Delay CLK to xQx Output Enable Time OE to xQx Output Disable Time OE to xQx Set-up Time, CEx to CLK, HIGH or LOW Set-up Time, Dx to CLK, HIGH or LOW Hold Time, CEx to CLK, HIGH or LOW Hold Time, Dx to CLK, HIGH or LOW Pulse Width, CLK HIGH or LOW Output Skew(2) Output Skew(2) 1.5 1.5 0.5 0.5 3 -- -- -- -- -- -- -- -- -- 1.5 1.5 0.5 0.5 3 -- -- -- -- -- -- -- -- -- 1.5 1.5 0.5 0.5 3 -- -- -- -- -- -- -- 500 350 ns ns ns ns ns ps ps 1.5 5.5 1.5 4.5 1.5 5.2 ns 1.5 5.2 1.5 5.1 1.5 4.5 ns Parameter Min. 150 1.5 Max. -- 5.4 VCC = 2.7V Min. 150 1.5 Max. -- 4.4 VCC = 3.3V 0.3V Min. 150 1.5 Max. -- 4 Unit ns ns
NOTES: 1. See TEST CIRCUITS AND WAVEFORMS. TA = - 40C to + 85C. 2 Skew between any two outputs of the same package and switching in the same direction. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
4
IDT74ALVCH16345 3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
TEST CIRCUITS AND WAVEFORMS TEST CONDITIONS
Symbol VLOAD VIH VT VLZ VHZ CL VCC(1)= 3.3V0.3V VCC(1)= 2.7V 6 2.7 1.5 300 300 50 6 2.7 1.5 300 300 50 VCC(2)= 2.5V0.2V 2 x Vcc Vcc Vcc / 2 150 150 30 Unit V V V mV mV pF
SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL
VIH VT 0V VOH VT VOL VIH VT 0V
ALVC Link
Propagation Delay
ENABLE CONTROL INPUT tPZL OUTPUT SWITCH NORMALLY CLOSED LOW tPZH OUTPUT SWITCH NORMALLY OPEN HIGH VLOAD/2 VT tPHZ VT 0V tPLZ DISABLE VIH VT 0V VLOAD/2 VLZ VOL VOH VHZ 0V
ALVC Link
VCC 500 Pulse Generator
(1, 2)
VLOAD Open GND
VIN D.U.T. RT
VOUT
500 CL
ALVC Link
Test Circuit for All Outputs
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator. NOTES: 1. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2ns; tR 2ns.
NOTE: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
Enable and Disable Times
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL SYNCHRONOUS CONTROL
SWITCH POSITION
Test Open Drain Disable Low Enable Low Disable High Enable High All Other Tests Switch VLOAD GND Open
tSU
tH
tREM
tSU
tH
VIH VT 0V VIH VT 0V VIH VT 0V VIH VT 0V
ALVC Link
INPUT
tPLH1
tPHL1
VIH VT 0V VOH VT VOL VOH VT VOL
Set-up, Hold, and Release Times
OUTPUT 1
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
VT
tSK (x)
tSK (x)
OUTPUT 2 tPLH2 tPHL2
VT
ALVC Link
Pulse Width
ALVC Link
tSK(x) = tPLH2 - tPLH1 or tPHL2 - tPHL1
Output Skew - tSK(X)
NOTES: 1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs. 2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
5
IDT74ALVCH16345 3.3V CMOS REGISTERED ADDRESS LINE DRIVER WITH 3-STATE OUTPUTS
INDUSTRIAL TEMPERATURE RANGE
ORDERING INFORMATION
IDT ALVC X XX Bus-Hold Temp. Range XXX Family XX XXX Device Type Package
PA
Thin Shrink Small Outline Package
345 16 H 74
Registered Address Line Driver with 3-State Outputs Double-Density, 24mA Bus-Hold - 40C to +85C
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74ALVCH16345PA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X