Part Number Hot Search : 
ERB32 D44H10 1N5408G GNOA05 D44H10 221M25 P4KE43 QS532807
Product Description
Full Text Search
 

To Download HX2-15V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact & Slim 2 Form C Non-polarized Relay
HX-RELAYS
* High-density mounting is possible * High reliability The use of a gold-clad bifurcated structure for the movable contacts, and a low gas material for the forming materials and coil wiring ensures high contact reliability.
FEATURES
15.0 .591 7.4 .291 9.4 .370
* Compact size of (W) 7.4 x (L) 15.0 x (H) 9.4 mm (W) .291x (L) .591x (H) .370 inch. * Surge withstand voltage of 1,500 V (between contact and coil) Conforms to FCC Part 68.
mm inch
SPECIFICATIONS
Contact
Arrangement 2 Form C Initial contact resistance Max. 100 m (By voltage drop 6 V DC 1 A) Contact material Gold-clad silver alloy Nominal switching 1 A 30 V DC, 0.3 A 125 V AC capacity (resistive load) Max. switching power 30 W (DC), 37.5 VA (AC) (resistive load) Rating Max. switching voltage 110 V DC, 125 V AC Max. switching current 1A Min. switching capability f1 1 mA 1 V DC Nominal operating power 320 mW Mechanical (at 180 cpm) 107 Expected 105 life (min. Electrical (at 20 cpm) (1 A 30 V DC, operations) 0.3 A 125 V AC resistive) Note:
f1This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
Characteristics
Initial insulation*1 resistance Between contacts Initial breakdown voltage Between contact and coil Between contacts sets Temperature rise*2 Operate time*3 (at 20C 68F) Release time(without diode)*3 (at 20C 68F) Functional*4 Shock resistance Destructive*5 Functional*6 Vibration resistance Destructive Ambient temperature Humidity Atmospheric pressure Min. 1,000 M (at 500 V DC) 750 V rms for 1 min. 1,000 V rms for 1 min. 1,000 V rms for 1 min. Max. 60C Max. 6 ms (Approx. 4 ms) Max. 5 ms (Approx. 3 ms) Min. 100 m/s2 {10G} Min. 1,000 m/s2 {100G} 10 to 55 Hz at double amplitude of 1.0 mm 10 to 55 Hz at double amplitude of 1.5 mm -40 to +70C -40 to +158F 5 to 85% R.H. 86 to 106 kPa Approx. 2g .07 oz
Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 By resistive method, nominal voltage applied to the coil; contact carrying current: 1A. *3 Nominal voltage applied to the coil, excluding contact bounce time. *4 Half- wave pulse of sine wave: 11ms, detection time: 10s *5 Half- wave pulse of sine wave: 6ms *6 Detection time: 10s *7 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 61)
Conditions for opetation, transport and storage*7 Unit weight
TYPICAL APPLICATIONS
* Telephone exchange, transmission equipment * Communications devices * Measurement devices * Home appliances, and audio/visual equipment * Office equipment
ORDERING INFORMATION
Ex. HX 2 3V
Contact arrangement 2: 2 Form C
Note: 2,500V Surge (Bellcore) type is also available. Please consult us for details.
Coil voltage(DC) 1.5, 3, 4.5, 5, 6, 9, 12, 24 V
183
HX
TYPES AND COIL DATA
Contact arrangement Coil rating, V DC 1.5 3 4.5 5 6 9 12 24 Part No. Standard PC board terminal arrangement HX2-1.5V HX2-3V HX2-4.5V HX2-5V HX2-6V HX2-9V HX2-12V HX2-24V Pick-up voltage, V DC (max.) (at 20C 68F) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Drop-out voltage, V DC (min.) (at 20C 68F) 0.15 0.3 0.45 0.5 0.6 0.9 1.2 2.4 Normal operating current, mA (10%) (at 20C 68F) 214 107 71.1 64.0 53.6 35.6 26.7 13.3 Coil Resistance, ohm (10%) (at 20C 68F) 7.0 28.1 63.3 78.1 112 253 450 1,800 Nominal operating power, mW 320 320 320 320 320 320 320 320 Max. allowable voltage, V DC (at 70C 158F) 1.65 3.3 4.95 5.5 6.6 9.9 13.2 26.4
2 Form C
Standard packing: Tube; 40 pcs.; Case : 1,000 pcs.
DIMENSIONS
1. Standard PC board terminal type
PC board pattern (Bottom view)
15.00 .591 9.4 .370 0.45 .018 3.5 .138 1.15 .138 0.5 .020 5.08 .200 2.54 .100 0.25 .010 5.08 .200 7.4 .291 10.16 .400 2.54 .100 5.08 .200 2.54 .100 8-1 dia 8-.039 dia
mm inch
Schematic (Bottom view)
1 345
12
10 9 8
General tolerance: 0.3 .012
Tolerance: 0.1 .004
REFERENCE DATA
1. Maximum switching capacity 2. Life curve
200 No. of operations, x104
3. Mechanical life
Tested sample: HX2-12 V, 10 pcs.
Ratio against the rated voltage, %V 100 90 80 70 60 50 40 30 20 10 Drop-out voltage Max. Min. 100 500 No. of operations, x104 1,000 Pick-up voltage Max. Min.
3.0 Switching current, A 2.0
DC load (cos = 1) AC load (cos = 1)
100 50 30 20 125 V AC resistive load
1.0 0.5 0.4 0.3 0.2
30 V DC resistive load
10
20 30
50 100 200 300 Switching voltage, V
0.2
0.4 0.6 0.8 1.0 Switching current, A
1.2
0
4. Electrical life (1 A 30 V DC resistive load)
Tested sample: HX2-12 V, 6 pcs. Operating frequency: 20 cpm
5. Coil temperature rise Change of contact resistance
100 90 Contact resistance, m Temperature rise, C 80 70 60 50 40 30 20 Min. 10 5 No. of operations, x104 10 0 100 110 120 130 140 150 Coil applied voltage, %V Max. 60 50 40 30 20
Change of pick-up and drop-out voltage
Ratio against the rated voltage, %V 100 90 80 70 60 50 40 30 20 10 0 5 No. of operations, x104 Min. Drop-out voltage Max. Min. Pick-up voltage Max.
Tested sample: HX2-12 V Measured portion: Inside the coil Ambient temperature: 25C 77F, 70C 158F
70 70C 158F Room temperature (25C 77F) 1A 0A 1A 0A
10 0
10
184
HX
6. Operate/release time characteristics
Tested sample: HX2-12V, 10 pcs.
6 Variation ratio, % 5 4 3 2 Reset time 1 0 Set time Max. Min. Max. Min. Quantity 35 30 Drop-out voltage 25 Pick-up voltage 20 15 10 5 0 10 20 30 40 50 60 70 80 90 100 Ratio against the rated voltage, %V -40 -20
7. Distribution of pick-up and drop-out voltage
Tested sample: HX2-12V, 50 pcs.
8. Ambient temperature characteristics
Tested sample: HX2-12V, 5 pcs.
-40 -30 -20 -10 Pick-up voltage 20 40 60 80 Ambient temperature, C -10 -20 -30 -40 Drop-out voltage
Set/reset time, msec.
0
80
90
100
110
120
Coil applied voltage, %V
9. Distribution of contact resistance
Tested sample: HX2-12V, 25 pcs. (25 x 4 contacts)
50
10.-(1) High frequency characteristics
Isolation characteristics
10.-(2) High frequency characteristics
Insertion loss characteristics
Isolation, dB
40 Quantity
100
30
Insertion loss, dB
0.5 0.4 0.3 0.2 0.1
20 50 10
0
20 30 Contact resistance, m
40
10 100 Frequency, MHZ
1,000
0
10 100 Frequency, MHZ
1,000
NOTES
1. Coil operating power Pure DC current should be applied to the coil. The wave form should be rectangular. If it includes ripple, the ripple factor should be less than 5%. However, check it with the actual circuit since the characteristics may be slightly different. The nominal operating voltage should be applied to the coil for more than 10 ms to set/reset the latching type relay. 2. Cleaning In automatic cleaning, cleaning with the boiling method is recommended. Avoid ultrasonic cleaning which subject the relay to high frequency vibrations. It may cause the contacts to stick. lt is recommended that a fluorinated hydrocarbon or other alcoholic solvent be used. 3. Packing style * Packing direction The relay is packed in a tube with the relay orientation mark on the left side, as shown in the figure below. Take note of the relay orientation when mounting relays on the printed circuit board.
Orientation (indicates PIN No. 1) stripe
4. Automatic insertion To maintain the internal function of the relay, the chucking pressurre should not exceed the values below. Chucking pressure in direction A: 9.8 N {1 kgf} or less Chucking pressure in direction B: 9.8 N {1 kgf} or less Chucking pressure in direction C: 4.9 N {500 gf} or less
Stopper (gray)
Stopper (green)
The temperature range is -40 to +70C -40 to +158F
Please chuck the portion. Avoid chucking the center of the relay.
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, (c) Copyright Matsushita Electric Works, 185 Ltd.
,,,,,,,, ,,
A
C
B
Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of HX2-15V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X