Part Number Hot Search : 
EE08042 6047741 AOI4102 DS1982 SC2540 TMXW319 2SK142 5Q0765
Product Description
Full Text Search
 

To Download HT3834 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HT3834 36 Melody Music Generator
Features
* Operating voltage: 2.4V~5.0V * ROSC Operating frequency: 6MHz * Three operating modes for 28-pin package, * Volume control * Hold key * Ring detect * Hook detect * Mono output * High D/A converter resolution: 16 bits * Polyphonic 4 notes * 16/28-pin SOP package
MCU control mode, key control mode and manual mode
* Dual operating mode for 16-pin package, key control
mode and MCU mode
* Low voltage detect
General Description
The HT3834 is a CMOS VLSI designed for musical instruments, especially 36 melody songs. The HT3834 has an integrated controller and a WTS (Wave Table Synthesizer). The HT3834 has applications in areas such as phone ringtones, high function toys, musical boxes, doorbells etc.
Block Diagram
PA0~PA7 PB0~PB7 OSC1 OSC2 RES 8 - b it MCU 3 2 K 1 6 - b it ROM 2088 RAM M u ltip lie r /P h a s e G e n e ra l 1 6 - B it DAC A U D IO VD VS VD VS D DA SA S
Pin Assignment
PB1 1 2 3 4 5 6 7 8 9 10 11 12 13 14 PB0 AUD TEST VDDA VSSA AUD 1 2 3 4 5 6 7 8 H T3834 1 6 S O P -A VDDA VSSA OSC2 OSC1 VSS VDD RES 16 15 14 13 12 11 10 9 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0 OSC2 OSC1 VSS VDD RES NC NC NC 28 27 26 25 24 23 22 21 20 19 18 17 16 15 H T3834 2 8 S O P -A PB2 PB3 PB4 PB5 PB6 PB7 PA7 PA6 PA5 PA4 PA3 PA2 PA1 PA0
Rev. 1.00
1
November 2, 2006
HT3834
Pad Assignment
PB0 PB1 PB2 PB3 PB5 PB4 19 18 17 16 4 15 14 13 PB6 PB7 PA7 PA6 PA5 PA4 PA3
AUD TEST VDDA VSSA 3 2
1
25
24 23 22
21 20
(0 , 0 ) OSC2 5
OSC1 6 7 8 9 VSS VDD RES
10 PA0
11 12 PA1 PA2
Chip size: 21352385 (mm)2 * The IC substrate should be connected to VSS in the PCB layout artwork.
Pad Coordinates
Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 X -876.150 -876.150 -876.150 -876.150 -916.350 -916.350 -916.350 -916.350 -916.350 710.500 810.500 921.100 916.350 Y 1043.000 931.200 817.560 715.600 -63.124 -740.976 -842.650 -942.650 -1044.324 -1041.350 -1041.350 -1041.350 414.500 Pad No. 14 15 16 17 18 19 20 21 22 23 24 25 X 916.350 916.350 916.350 916.350 916.350 916.350 704.250 593.650 493.650 383.050 283.050 172.450 Y
Unit: mm
514.500 625.100 725.100 835.700 935.700 1046.300 1041.550 1041.550 1041.550 1041.550 1041.550 1041.550
Rev. 1.00
2
November 2, 2006
HT3834
Pad Description
Pad Name VDD VDDA VSS VSSA PA0~PA7 I/O 3/4 3/4 3/4 3/4 I/O Internal Connection 3/4 3/4 3/4 3/4 Wake-up, Pull-high or None Pull-high or None 3/4 Xtal/Resistor 3/4 3/4 Positive power supply DAC power supply Negative power supply, ground DAC negative supply, ground Bidirectional 8-bit I/O port, wake-up by mask option Function
PB0~PB7 RESET OSC1 OSC2 AUD
I/O I I O O
Bidirectional 8-bit I/O port Reset input, active low XIN for Xtal or ROSCIN for resistor by mask option XOUT or T1 DAC output interface
Absolute Maximum Ratings
Supply Voltage ......................... VSS-0.3V to VSS+5.5V Input Voltage ............................ VSS-0.3V to VDD+0.3V Storage Temperature .......................... -50C to 125C Operating Temperature ......................... -25C to 70C
Note: These are stress ratings only. Stresses exceeding the range specified under Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Symbol VDD IDD Parameter Operating Voltage Operating Current 4.5V ISTB 3V Standby Current 4.5V IOH 3V Flag Source Current 4.5V 3V Flag Sink Current 4.5V Input High Voltage for I/O Ports Input Low Voltage for I/O Ports 3/4 3/4 3/4 Test Conditions VDD 3/4 3V No load (OSC= 6MHz) Conditions 3/4 Min. 2.4 3/4 3/4 3/4 3/4 5 Typ. 4.5 2 8 1 1 3/4 Max. 5 8
Ta=25C Unit V mA 10 3/4 3 3/4 mA
3/4
mA
IOL VIH VIL
3/4 3/4 3/4
5 0.8VDD 0
3/4 3/4 3/4
3/4 VDD 0.2VDD
mA V V
Rev. 1.00
3
November 2, 2006
HT3834
Function Description
Mode selection Low voltage detect Key Control Mode PA0: Ring Detect When an incoming 13Hz~90Hz ring signal is detected after a period of 200ms, the music will automatically start playing. When the incoming ring signal stops, after a period of 6 seconds the music will stop playing. This line detects the on/off hook condition of the telephone. Only when the telephone is in an on-hook condition, can the music be chosen and played. If the handset is lifted to talk, the music will stop playing and the HOLD key will be effective. This key chooses and plays one of the 36 stored musical melodies. When the key is pressed the next melody in the list will be selected and played. When the HOLD key is pressed, the telephone hold function will be activated and when an incoming ring signal is detected the music will be played. If this key is pressed during a phone conversation the phone will be put on hold and the caller can listen to the music while waiting. If, when the music is playing, the handset is lifted, the music will immediately stop playing. After this happens the HOLD function will have no effect for a period of 2 seconds. Controls the music volume in 8 discrete steps. Each time the key is pressed the volume will reduce one step at a time until the lowest volume is reached. When the lowest volume is reached, the next key press will return the volume to its maximum level. PB3=1, PA7=0: Key control mode PB3=1, PA7=1: MCU control mode PB3=0: Manual control mode PA5=0 (normal); PA5=1 (low voltage active, program stop)
PA1: Hook Detect
PA2: Melody select key
PA3: Telephone Hold key
PA4: Volume key
MCU Mode PA0: clock pin PA1: data pin Timing Chart
T2 CLK T1 DATA B it0 B it1 30m s B it2 B it3 T2 B it4 B it5 B it6 4m s B it7 P a r ity
Clock from external CPU Data from external CPU
T1
10m s
T2
300ms
Note:
50ms after power up, the device will be ready to communicate with the external CPU using the CLK and DATA lines. Communication via the CLK and DATA lines is conducted in a simple manner. The device will obtain its data on the high going edge of the CLK line. If the device does not receive a complete byte within 50ms then the present byte will be discarded and the next byte will then be received. Even-parity is used for data checking. For the previous 8-bits, if the total number of 1s is odd then the parity bit is set to 1, otherwise it is set to 0. If the parity is incorrect then the byte will be discarded.
Data Type (Command) 00H~23H 30H~53H 5FH 60H~6FH This command will select and play one of the 36 stored musical melodies (play once). This command will select and play one of the 36 stored musical melodies (repeatedly once). Stop play 16 level volume control, 60H refers to highest volume (power on default 60H)
Rev. 1.00
4
November 2, 2006
HT3834
Song Selection (Manual Selection Mode Only) Mid Name All Child Classical Xmas Shuffle Trigger Mode PB3 PA0 PA1 PA2 VDD Phone Ring PA3 PA4 PA5 PA6 PA6 Mode 1 PA0 PA1 VSS (See Manual Selection Mode) PA2 PA3 PA4 PA5 PA6 PA7 VDD VDD Re-trigger Re-play PA7 VSS Ring Detect Hook Select Hold Volume LVR BusyB BusyB Mode 2 VDD VSS Toggle Toggle+10min Mode 3 VSS VDD Level Hold Non-retrigger VDD Clock Data No function No function No function LVR BusyB BusyB 3/4 VSS VSS 3/4 3/4 PB2 1 1 1 1 0 PB1 1 1 0 0 1 PB0 1 0 1 0 1 English Song Name Play all songs, classical (R) xmas (R) children Play children songs, CHxx.mid Play classical songs, CLxx.mid Play xmas songs, XMasxx.mid Random play
Volume + Volume BusyB STOP
PB4 VDD VSS
PB5/PB6/PB7 Mode PWM On-Off
Rev. 1.00
5
November 2, 2006
HT3834
Manual Selection Mode (28-pin Package only)
* Re-trigger play Songx.mid (for chosen songs) * Replay the song that has been chosen by re-trigger mode, non-retriggerable (for doorbell) * Toggle: Pressing the key once will play songs sequentially. Song1, Song2, .... SongN, Song1, Song2, ....
(There is 2sec of silence between every two songs) Pressing the key again and the song will stop. Pressing the key again will play the next song sequentially. Pressing the key again and the song will stop.
* Toggle + 10 min timer * Level Hold: Hold key, songs will play sequentially and repeatedly
(There is 2sec of silence between every two songs). Songs will stop when the key is released. Pressing the key again, will play sequentially from the next song.
* Non-retrigger: for bound trigger switch, in order not to be triggered during song playing. * Volume+ / Volume -: volume up / down, power on default max volume=7. Min volume=0 (silence). 8 levels volume
control.
* STOP: stop play
Output
* PA6: BusyB (Op amp control) * PB5: PWM/On-Off control red LED, when stop play is high * PB6: PWM/On-Off control blue LED, when stop play is high * PB7: PWM/On-Off control green LED, when stop play is high
Song List Data No. Child 1 2 3 4 5 6 7 8 9 10 11 12 Classical 1 2 3 4 5 CL1.mid CL2.mid CL3.mid CL4.mid CL5.mid Canon Spring Song Jeanie With The Light Brown Hair To a Wild Rose ROMANCE de Amor CH1.mid CH2.mid CH3.mid CH4.mid CH5.mid CH6.mid CH7.mid CH8.mid CH9.mid CH10.mid CH11.mid CH12.mid Lullaby My Bonnie Little Boy Blue Clementine Mary Had a Little Lamb Old Black Joe Twinkle Twinkle Little Star Where, Oh Where Has My Little Dog Gone ? Rain, Rain London Bridge Lavender's Blue Rock-a-bye, Baby Mid Name English Song Name
Rev. 1.00
6
November 2, 2006
HT3834
No. 6 7 8 9 10 11 12 Xmas 1 2 3 4 5 6 7 8 9 10 11 12 Xmas1.mid Xmas2.mid Xmas3.mid Xmas4.mid Xmas5.mid Xmas6.mid Xmas7.mid Xmas8.mid Xmas9.mid Xmas10.mid Xmas11.mid Xmas12.mid Jingle Bells Silent Night The Twelve Days of Christmas Away in a Manger The First Noel Santa Claus Is Coming to Town We Wish You a Merry Christmas Toy Solder's March God Rest Ye Merry, Gentlemen Over the River and Through the Woods Go Tell it on the Mountain Angels We Have Heard On High Mid Name CL6.mid CL7.mid CL8.mid CL9.mid CL10.mid CL11.mid CL12.mid Green Sleeves Swan Lake About Strange Lands and People Old French Song Impromptu Solveigs Song Berceuse English Song Name
Application Circuits
MCU Mode
V V
DD DD
A m p lile r C u r c u it c a n u s e H T 8 2 V 7 3 3 V
DD
PB3
VDD
VDDA
PA7 AUD TEST PA0~PA3 PA5
1kW
8050
SPK 8W
OSC1 180kW OSC2 V 100kW RES 0 .1 m F
V o lta g e D e te c t L o w : N o rm a l H ig h : L o w V o lta g e R e s e t E n a b le A m p L o w : N o rm a l H ig h : S ta n d b y V 300W 300W 300W
DD
DD
PA6 PA0 PA1 CLO CK DATA
PB5 VSS VSSA H T3834 PB6 PB7
Rev. 1.00
7
November 2, 2006
HT3834
Key Control Mode
V
DD
A m p lile r C u r c u it c a n u s e H T 8 2 V 7 3 3 V
DD
VDD OSC1 180kW OSC2
VDDA
PB3 AUD V
DD
1kW
8050
SPK 8W
51kW PA1 V 100kW RES 0 .1 m F
DD
IS C 2 D E C K -IS O 1 V 10kW T IP R IN G V o lta g e D e te c t L o w : N o rm a l H ig h : L o w V o lta g e R e s e t E n a b le A m p L o w : N o rm a l H ig h : S ta n d b y V
DD DD
PA0
22mF 250V 2 .2 k W 47kW
TEST
V
PA5
DD
HO LD VOL
51kW PA3 SELECT PA4 PA2
PA6
PB5 PA7 VSS VSSA H T3834 PB6 PB7
300W 300W 300W
Rev. 1.00
8
November 2, 2006
HT3834
Manual Selection Mode: Mode 1
V 10W 0 .1 m F 47mF VDDA VDD PB5 PB6 100kW RES 0 .1 m F AUD V
DD DD
V 300W 300W 300W
DD
V
DD
PB7
PA6 PA0 PA1
O u tp u t A m p lifie r C ir c u it S e e B e lo w
R e - tr ig g e r R e - p la y V o lu m e + V o lu m e S to p
PA2 PA3 PA4 PA5 PA7
PB0 PB1 PB2
PB3 OSC1 180kW OSC2 VSSA VSS
H T3834
OP Amp V 47mF AUD 20kW B usyB 0 .1 m F 2 IN
T r a n s is to r
DD
V
DD
8 VDD 1 7
OUTN SPK 8W OUTP AUD PA6
1kW 750W
SPK 8W
PA6
H T82V733 3 V re f CE VSS 10mF 5 4
Rev. 1.00
9
November 2, 2006
HT3834
Manual Selection Mode: Mode 2
V 10W 0 .1 m F 47mF VDDA VDD V V 100kW RES 0 .1 m F
DD DD DD
PB5 PB6 PB7
300W 300W 300W
AUD T o g g le T o g g le + 1 0 m in V o lu m e + V o lu m e S to p PA2 PA3 PA4 PA5 PA7 PA0 OSC1 180kW OSC2 V
DD
PA6
O u tp u t A m p lifie r C ir c u it S e e B e lo w
PA1 PB3 VSSA VSS H T3834
OP Amp V 47mF AUD 20kW B usyB 0 .1 m F 2 IN
T r a n s is to r
DD
V 8
DD
VDD 1 7
OUTN SPK 8W OUTP AUD PA6
1kW 750W
SPK 8W
PA6
H T82V733 3 V re f CE VSS 10mF 5 4
Rev. 1.00
10
November 2, 2006
HT3834
Manual Selection Mode: Mode 3
V 10W 0 .1 m F 47mF VDDA VDD V V 100kW RES 0 .1 m F AUD PA6 O u tp u t A m p lifie r C ir c u it S e e B e lo w V PA1 PA0 OSC1 180kW OSC2 PB3 VSSA VSS H T3834
DD DD DD DD
PB5 PB6 PB7
300W 300W 300W
L e v e l H o ld N o n - r e tr ig g e r V o lu m e + V o lu m e S to p
PA2 PA3 PA4 PA5 PA7
OP Amp V 47mF AUD 20kW B usyB 0 .1 m F 2 IN
T r a n s is to r
DD
V
DD
8 VDD 1
OUTN SPK 8W 7 OUTP AUD PA6
1kW 750W
SPK 8W
PA6
H T82V733 3 V re f CE VSS 10mF 5 4
Rev. 1.00
11
November 2, 2006
HT3834
Package Information
16-pin SOP (300mil) Outline Dimensions
16 9 A
B 1 8 C C' G H
D E F
a
Dimensions in mil Min. 394 290 14 390 92 3/4 4 32 4 0 Nom. 3/4 3/4 3/4 3/4 3/4 50 3/4 3/4 3/4 3/4 Max. 419 300 20 413 104 3/4 3/4 38 12 10
Symbol A B C C D E F G H a
Rev. 1.00
12
November 2, 2006
HT3834
28-pin SOP (300mil) Outline Dimensions
28 A
15 B
1
14
C C' G H D E F
a
Symbol A B C C D E F G H a
Dimensions in mil Min. 394 290 14 697 92 3/4 4 32 4 0 Nom. 3/4 3/4 3/4 3/4 3/4 50 3/4 3/4 3/4 3/4 Max. 419 300 20 713 104 3/4 3/4 38 12 10
Rev. 1.00
13
November 2, 2006
HT3834
Product Tape and Reel Specifications
Reel Dimensions
T2 D
A
B
C
T1
SOP 16W (300mil) Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 3301 621.5 130.5 -0.2 20.5 16.8+0.3 -0.2 22.20.2
SOP 28W (300mil) Symbol A B C D T1 T2 Description Reel Outer Diameter Reel Inner Diameter Spindle Hole Diameter Key Slit Width Space Between Flange Reel Thickness Dimensions in mm 3301 621.5 13+0.5 -0.2 20.5 24.8+0.3 -0.2 30.20.2
Rev. 1.00
14
November 2, 2006
HT3834
Carrier Tape Dimensions
D
E F W C
P0
P1
t
B0
D1
P
K0 A0
SOP 16W (300mil) Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 160.2 120.1 1.750.1 7.50.1 1.5+0.1 1.5+0.25 40.1 20.1 10.90.1 10.80.1 30.1 0.30.05 13.3
SOP 28W (300mil) Symbol W P E F D D1 P0 P1 A0 B0 K0 t C Description Carrier Tape Width Cavity Pitch Perforation Position Cavity to Perforation (Width Direction) Perforation Diameter Cavity Hole Diameter Perforation Pitch Cavity to Perforation (Length Direction) Cavity Length Cavity Width Cavity Depth Carrier Tape Thickness Cover Tape Width Dimensions in mm 240.3 120.1 1.750.1 11.50.1 1.5+0.1 1.5+0.25 40.1 20.1 10.850.1 18.340.1 2.970.1 0.350.01 21.3
Rev. 1.00
15
November 2, 2006
HT3834
Holtek Semiconductor Inc. (Headquarters) No.3, Creation Rd. II, Science Park, Hsinchu, Taiwan Tel: 886-3-563-1999 Fax: 886-3-563-1189 http://www.holtek.com.tw Holtek Semiconductor Inc. (Taipei Sales Office) 4F-2, No. 3-2, YuanQu St., Nankang Software Park, Taipei 115, Taiwan Tel: 886-2-2655-7070 Fax: 886-2-2655-7373 Fax: 886-2-2655-7383 (International sales hotline) Holtek Semiconductor Inc. (Shanghai Sales Office) 7th Floor, Building 2, No.889, Yi Shan Rd., Shanghai, China 200233 Tel: 021-6485-5560 Fax: 021-6485-0313 http://www.holtek.com.cn Holtek Semiconductor Inc. (Shenzhen Sales Office) 5/F, Unit A, Productivity Building, Cross of Science M 3rd Road and Gaoxin M 2nd Road, Science Park, Nanshan District, Shenzhen, China 518057 Tel: 0755-8616-9908, 8616-9308 Fax: 0755-8616-9533 Holtek Semiconductor Inc. (Beijing Sales Office) Suite 1721, Jinyu Tower, A129 West Xuan Wu Men Street, Xicheng District, Beijing, China 100031 Tel: 010-6641-0030, 6641-7751, 6641-7752 Fax: 010-6641-0125 Holtek Semiconductor Inc. (Chengdu Sales Office) 709, Building 3, Champagne Plaza, No.97 Dongda Street, Chengdu, Sichuan, China 610016 Tel: 028-6653-6590 Fax: 028-6653-6591 Holmate Semiconductor, Inc. (North America Sales Office) 46729 Fremont Blvd., Fremont, CA 94538 Tel: 510-252-9880 Fax: 510-252-9885 http://www.holmate.com
Copyright O 2006 by HOLTEK SEMICONDUCTOR INC. The information appearing in this Data Sheet is believed to be accurate at the time of publication. However, Holtek assumes no responsibility arising from the use of the specifications described. The applications mentioned herein are used solely for the purpose of illustration and Holtek makes no warranty or representation that such applications will be suitable without further modification, nor recommends the use of its products for application that may present a risk to human life due to malfunction or otherwise. Holteks products are not authorized for use as critical components in life support devices or systems. Holtek reserves the right to alter its products without prior notification. For the most up-to-date information, please visit our web site at http://www.holtek.com.tw.
Rev. 1.00
16
November 2, 2006


▲Up To Search▲   

 
Price & Availability of HT3834

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X