Part Number Hot Search : 
DB104 V300B28 IRHNJ MM5246 V300B28 MMBD71 M8708120 ANALO
Product Description
Full Text Search
 

To Download HLMP-CB11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HLMP-Cxxx T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps Data Sheet
Features
* Well defined spatial radiation pattern * High luminous output * Available in blue, green, and cyan color * Viewing angle: 15, 23 and 30 * Standoff or non-standoff leads * Superior resistance to moisture
HLMP-CB11, HLMP-CB12, HLMP-CM11, HLMP-CM12, HLMP-CE11, HLMP-CE12, HLMP-CB26, HLMP-CB27, HLMP-CM26, HLMP-CM27, HLMP-CE26, HLMP-CE27, HLMP-CB36, HLMP-CB37, HLMP-CM36, HLMP-CM37, HLMP-CE36, HLMP-CE37
Description
These high intensity blue and green LEDs are based on the most efficient and cost effective InGaN material technology. The 470 nm typical dominant wave- length for blue and 525 nm typical wavelength for green is well suited to color mixing in full color signs. The 505 nm typical dominant wavelength for cyan is suitable for traffic signal application. These LED lamps are untinted, non-diffused, T-13/4 packages
incorporating second generation optics which produce well-defined spatial radiation patterns at specific viewing cone angles. These lamps are made with an advanced optical grade epoxy, offering superior temperature and moisture resistance in outdoor signal and sign applications. The high maximum LED junction temperature limit of +110 C enables high temperature operation in bright sunlight conditions.
Applications
* * * * Traffic signals Commercial outdoor advertising Front panel backlighting Front panel indicator
CAUTION: Devices are Class I ESD sensitive. Please observe appropriate precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Package Dimensions Package A
2.35 (0.093) MAX. 1.14 0.20 (0.045 0.008) 5.80 0.20 (0.228 0.008)
0.70 (0.028) MAX.
0.50 0.10 SQ. TYP. (0.020 0.004) 2.54 0.38 (0.100 0.015)
5.00 0.20 (0.197 0.008)
NOTE 1
8.71 0.20 (0.343 0.008)
CATHODE LEAD 1.00 MIN. (0.039) CATHODE FLAT
31.60 MIN. (1.244)
Package B
1.14 0.20 (0.045 0.008) 1.50 0.15 (0.059 0.006) 0.70 (0.028) MAX. 5.00 0.20 NOTE 1 (0.197 0.008) 5.80 0.20 (0.228 0.008)
0.50 0.10 SQ. TYP. (0.020 0.004) 2.54 0.38 (0.100 0.015)
8.71 0.20 (0.343 0.008) DIMENSION H (REFER TO TABLE BELOW) 31.60 MIN. (1.244)
CATHODE LEAD 1.00 MIN. (0.039) CATHODE FLAT
DIMENSION H: 15 = 11.40 0.25 mm (0.449 0.01 INCH) 23 = 11.85 0.25 mm (0.467 0.01 INCH) 30 = 11.50 0.25 mm (0.453 0.01 INCH)
NOTES: 1. MEASURED JUST ABOVE FLANGE. 2. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 3. EPOXY MENISCUS MAY EXTEND ABOUT 1 mm (0.040") DOWN THE LEADS. 4. IF HEAT SINKING APPLICATION IS REQUIRED, THE TERMINAL FOR HEAT SINK IS ANODE.
2
Device Selection Guide Typical Viewing Angle, 2q1/2 (Degree) 15 15 15 15 15 15 15 15 23 23 23 23 23 23 23 23 30 30 30 30 30 30 30 30 30 30 30 Intensity (cd) at 20 mA Min. Max. 2.5 3.2 2.5 9.3 12.0 9.3 7.2 7.2 1.9 2.5 1.9 7.2 9.3 7.2 5.5 5.5 1.15 1.5 1.5 1.5 7.2 7.2 7.2 7.2 7.2 5.5 5.5 7.2 5.5 7.2 27.0 21.0 27.0 21.0 21.0 5.5 4.2 5.5 21.0 16.0 21.0 16.0 16.0 3.2 2.5 4.2 2.5 21.0 12.0 21.0 12.0 12.0 16.0 16.0 Package Dimension A A B A A B A B A A B A A B A B A A B B A A B B B A B
Part Number HLMP-CB11-TW0xx HLMP-CB11-UVAxx HLMP-CB12-TW0xx HLMP-CM11-Y20xx HLMP-CM11-Z1Cxx HLMP-CM12-Y20xx HLMP-CE11-X10xx HLMP-CE12-X10xx HLMP-CB26-SV0xx HLMP-CB26-TUDxx HLMP-CB27-SV0xx HLMP-CM26-X10xx HLMP-CM26-YZCxx HLMP-CM27-X10xx HLMP-CE26-WZ0xx HLMP-CE27-WZ0xx HLMP-CB36-QT0xx HLMP-CB36-RSAxx HLMP-CB37-RU0xx HLMP-CB37-RSDxx HLMP-CM36-X10xx HLMP-CM36-XYCxx HLMP-CM37-X10xx HLMP-CM37-XYCxx HLMP-CM37-XYDxx HLMP-CE36-WZ0xx HLMP-CE37-WZ0xx
Color Blue Blue Blue Green Green Green Cyan Cyan Blue Blue Blue Green Green Green Cyan Cyan Blue Blue Blue Blue Green Green Green Green Green Cyan Cyan
Standoff No No Yes No No Yes No Yes No No Yes No No Yes No Yes No No Yes Yes No No Yes Yes Yes No Yes
Lens Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear Clear
Notes: 1. Tolerance for luminous intensity measurement is 15%. 2. The luminous intensity is measured on the mechanical axis of the lamp package. 3. The optical axis is closely aligned with the package mechanical axis. 4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper safety equipment. 5. 2q1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.
3
Part Numbering System
HLMP - x x xx - x x x xx Mechanical Options 00: Bulk DD: Ammo Pack Color Bin Options 0: Full Color Bin Distribution A: Color Bin 1 and 2 C: Color Bin 3 and 4 D: Color Bin 4 and 5 Maximum Intensity Bin 0: No Maximum Intensity Bin Limitation Others: Refer to Device Selection Guide Minimum Intensity Bin Refer to Device Selection Guide Viewing Intensity Bin 11: 15 Without Standoff 12: 15 With Standoff 26: 23 Without Standoff 27: 23 With Standoff 36: 30 Without standoff 37: 30 With Standoff Color B: Blue 470 nm M: Green 525 nm E: Cyan 505 nm Package C: T-13/4 (5 mm) Round Lamp
4
Absolute Maximum Rating at TA = 25C Parameters DC Forward Current [1] Current[3] Peak Pulsed Forward Power Dissipation LED Junction Temperature Operating Temperature Range Storage Temperature Range Wave Soldering Temperature[2]
Notes: 1. Derate linearly as shown in Figure 2. 2. 1.59 mm (0.060 inch) below body. 3. Duty factor 10%, frequency 1 KHz.
Value 30 100 30 120 110 -40 to +85 -40 to +100 250 for 3 secs
Unit mA mA mA mW
C C C C
Average Forward Current
Electrical/Optical Characteristics TA = 25o C Blue Parameters Forward Voltage Reverse Voltage[1] Thermal Resistance Dominant Wavelength[2] Peak Wavelength Symbol VF VR RqJ-PIN ld lPEAK 460 5.0 240 470 480 464 520 Min. Typ. Max. 3.5 4.0 5.0 240 525 540 516 Green Min. Typ. Max. 3.6 4.0 5.0 240 490 505 510 501 Cyan Min. Typ. Max. 3.5 4.0 Units V V
o C/W
Test Condition IF = 20 mA IR = 10 A LED Junction to Anode Lead IF = 20 mA Peak of Wavelength of Spectral Distribution at IF = 20 mA Wavelength Width at Spectral Distribution Power Point at IF = 20 mA
nm nm
Spectral Half Width
Dl1/2
23
32
30
nm
Luminous Efficacy[3]
hv
74
484
319
lm/W Emitted Luminous Power/Emitted Radiant Power
Notes: 1. The reverse voltage of the product is equivalent to the forward voltage of the protective chip at I R = 10 A. 2. The dominant wavelength, ld, is derived from the Chromaticity Diagram and represents the color of the lamp. 3. The radiant intensity, Ie in watts/steradian, may be found from the equation Ie = Iv/h v, where Iv is the luminous intensity in candelas and hv is the luminous efficacy in lumens/watt.
5
1.00 CYAN 0.80
IF - FORWARD CURRENT - mA
40 RJ-A = 585 C/W
RELATIVE INTENSITY
BLUE 0.60
GREEN
30
20 RJ-A = 780 C/W 10
0.40
0.20 0 350
0
400
450
500
550
600
650
0
20
40
60
80
100
WAVELENGTH - nm
VF - FORWARD VOLTAGE - VOLTS
Figure 1. Relative intensity vs. wavelength.
Figure 2. Forward current vs. ambient temperature.
30
1.025
RELATIVE DOMINANT WAVELENGTH (NORMALIZED AT 20 mA)
CYAN
1.020 GREEN 1.015 1.010 1.005 BLUE 1.000 0.995 0.990 0 10 20 30 DC FORWARD CURRENT - mA
FORWARD CURRENT - mA
BLUE 20
10
GREEN 0 0 1.0 2.0 3.0 4.0
FORWARD VOLTAGE - V
Figure 3. Forward current vs. forward voltage.
Figure 4. Relative dominant wavelength vs. DC forward current.
RELATIVE INTENSITY (NORMALIZED AT 20 mA)
1.6 1.4 1.2 1.0 0.8 GREEN 0.6 0.4 0.2 0 0 5 BLUE
10
15
20
25
30
FORWARD CURRENT - mA
Figure 5. Relative intensity vs. DC forward current.
6
1
RELATIVE LUMINOUS INTENSITY
0.5
0 -90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 6. Spatial radiation pattern for Cx11 and Cx12.
1
RELATIVE LUMINOUS INTENSITY
0.5
0 -90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 7. Spatial radiation pattern for Cx26 and Cx27.
1
RELATIVE LUMINOUS INTENSITY
0.5
0 -90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
Figure 8. Spatial radiation pattern for Cx36 and Cx37.
7
Intensity Bin Limit Table Intensity (mcd) at 20 mA Bin N P Q R S T U V W X Y Z 1 Min 680 880 1150 1500 1900 2500 3200 4200 5500 7200 9300 12000 16000 Max 880 1150 1500 1900 2500 3200 4200 5500 7200 9300 12000 16000 21000
Blue Color Bin Table Bin 1 2 3 4 5 Min Dom 460.0 464.0 468.0 472.0 476.0 Max Dom 464.0 468.0 472.0 476.0 480.0 Xmin 0.1440 0.1818 0.1374 0.1766 0.1291 0.1699 0.1187 0.1616 0.1063 0.1517
Tolerance for each bin limit is 0.5 nm.
Ymin 0.0297 0.0904 0.0374 0.0966 0.0495 0.1062 0.0671 0.1209 0.0945 0.1423
Xmax 0.1766 0.1374 0.1699 0.1291 0.1616 0.1187 0.1517 0.1063 0.1397 0.0913
Ymax 0.0966 0.0374 0.1062 0.0495 0.1209 0.0671 0.1423 0.0945 0.1728 0.1327
Green Color Bin Table Bin 1 2 3 4 5 Min Dom 520.0 524.0 528.0 532.0 536.0 Max Dom 524.0 528.0 532.0 536.0 540.0 Xmin 0.0743 0.1650 0.1060 0.1856 0.1387 0.2068 0.1702 0.2273 0.2003 0.2469
Tolerance for each bin limit is 0.5 nm.
Ymin 0.8338 0.6586 0.8292 0.6556 0.8148 0.6463 0.7965 0.6344 0.7764 0.6213
Xmax 0.1856 0.1060 0.2068 0.1387 0.2273 0.1702 0.2469 0.2003 0.2659 0.2296
Ymax 0.6556 0.8292 0.6463 0.8148 0.6344 0.7965 0.6213 0.7764 0.6070 0.7543
Tolerance for each bin limit is 15%.
Cyan Color Bin Table Bin 1 2 3 4 7 8 Min Dom 490.0 495.0 500.0 505.0 498.0 503.0 Max Dom 495.0 500.0 505.0 510.0 503.0 508.0 Xmin 0.0454 0.1318 0.0345 0.1164 0.0082 0.1057 0.0039 0.1027 0.0132 0.1092 0.0040 0.1028
Tolerance for each bin limit is 0.5 nm.
Ymin 0.2945 0.306 0.4127 0.3889 0.5384 0.4769 0.6548 0.5584 0.4882 0.4417 0.6104 0.5273
Xmax 0.1164 0.0235 0.1057 0.0082 0.1027 0.0039 0.1097 0.0139 0.1028 0.0040 0.1056 0.0080
Ymax 0.3889 0.4127 0.4769 0.5384 0.5584 0.6548 0.6251 0.7502 0.5273 0.6104 0.6007 0.7153
8
www.agilent.com/semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (916) 788-6763 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6756 2394 India, Australia, New Zealand: (+65) 6755 1939 Japan: (+81 3) 3335-8152(Domestic/International), or 0120-61-1280(Domestic Only) Korea: (+65) 6755 1989 Singapore, Malaysia, Vietnam, Thailand, Philippines, Indonesia: (+65) 6755 2044 Taiwan: (+65) 6755 1843 Data subject to change. Copyright (c) 2004 Agilent Technologies, Inc. December 7, 2004 5989-1022EN


▲Up To Search▲   

 
Price & Availability of HLMP-CB11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X