Part Number Hot Search : 
RO2104A TC74VH SRF104 ICM7362 RFR3806 MAX82 BD617 SX52BD
Product Description
Full Text Search
 

To Download HDM3224CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM3224C-S
Dimensional Drawing
11.9 2.5
4.00.5
w
w
w
82.80.2 79.66
103.7
101.0
.D
a
0.068
aS t
R
G
he
et
40.0
2.5
5010
4U
.
6.55
om c
320 X 240 Dots Color Graphic Small Size w/CCFL Backlight
1
CN2
0.015
B
0.234
0.015
1.35 12.6
1
59.74 62.80.2 2.5 71.8 76.8
1.3x4 6.5
CN1
47.40.5
Features Features Backlight.........................................................................CCFL Options...................................................................Color RGB Normal/Extended Temperature Bottom Viewing Built-in Controller.............................................................None
Absolute Maximum Ratings
Physical Data Module Size...................................76.8W x 103.7H x 6.5T mm Viewing Area Size......................................62.8W x 82.8H mm Dot Pitch.................................................0.249W x 0.083H mm Dot Size..................................................0.234W x 0.068H mm Weight.................................................................................74g Power Supply
VDD VSS L C M VEE + 3.3V
w
SYM VIH VIL VDD VL -
w
w
0
.D
30V R2
t a
S a
e h
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12
PARAMETER
SUPPLY VOLTAGE
SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE
t e
U 4
.c
VDD-VSS VEE VIN TOP TSTG
CONNECTOR INFORMATION: CN1: FH12-16S-0.5SV (HIROSE) CN2: BHSR-02VS-1 (JST) MATING: SM02B-BHSS-1-TB (JST) CCFL INVERTER: HARISON HIU-757 TDK CXA-2083
m o
MIN -0.3 0 -0.3 0 -20
Dimension tolerance: +/-0.3mm
SYMBOL
MAX 7.0 42.0 7.0 50 60
UNIT V V V C C
Pin Connections
SYMBOL LEVEL FUNCTION
DATA CONNECTOR
D7 D6 D5 D4 D3 D2 D1 D0 VSS VDD DISPOFF CP LOAD FRAME VSS VEE VCFL GND H/L H/L H/L H/L H/L H/L H/L H/L 0V 3.3V H/L H/L H/L H 0V Ground Power supply for logic H=On, L=Off Data shift Data Latch Ground First Line Marker Data Bus
R1 RV +
R1+RV+R2 = 10 ~ 20K
Electrical Characteristics (VDD=3.30.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE CONDITION MIN 0.8 VDD TYP 3.3 24.0 MAX VDD 0.2 VDD 3.6 24.3 UNIT V V V V
13 14 15 16 1 2
Operating voltage for LC
SUPPLY VOLTAGE DRIVE METHOD
3.0 23.7 1/240 DUTY
CCFL CONNECTOR
VDD = 5.0V
Page 31
w
w
w
.D
Power supply for CCFL Ground
at
Sh a
et e
4U
.
om c


▲Up To Search▲   

 
Price & Availability of HDM3224CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X