Part Number Hot Search : 
TDA84 TS3704I MV5E164 AMA2805D 48507 TOP242R BU4219G EMK12G
Product Description
Full Text Search
 

To Download HDM3224CL-S-TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDM 3224CL-S-TF
Dimensional Drawing
w
w
w
.D
at
Sh a
et e
4U
.
om c
3.9" 320 X 240 Color Graphic, Transflective w/LED Backlight
Features Features
Backlight................................................................. White LED Options...............................................Color STN, Transflective Bottom / Top Viewing Portrait / Landscape Touch Screen Built-in Controller..............................................................None Physical Data Module Size..................................76.8W x 103.7H x 5.5T mm Viewing Area Size......................................62.8W x 82.8H mm Dot Pitch................................................0.249W x 0.083H mm Dot Size.................................................0.239W x 0.073H mm Weight.............................................................................66.5g Power Supply
V DD V SS L C M + 3.3V
Electrical Characteristics (Ta = 25C)
PARAMETER SYM CONDITION VF = 3.6 V MIN 3.0 19.7 TYP 3.3 20.0 9.0 0.3 3.6 140 0.7 MAX 3.6 20.3 13.5 0.5 4.0 UNIT V V mA mA V mA W
V EE A
LED Backlight K
w
w
w
-0.3 0 -0.3 -20 -40
.D
R1 RV + 25V R2
t a
S a
e h
PIN NO. 1 2 3 4 5 6 7 8 9 10 11
Power Supply Voltage Power Supply Current LED Forward Voltage
t e
U 4
VDD VEE--VSS IDD VEE VF IF PF
.c
m o
CONNECTOR INFORMATION: CN1: FFC Pitch 0.5mm, Width 8.5mm MATING : 52689-1693 (Molex) CN2: BHSR-02VS-1 (JST) MATING: SM02B-BHSS-1-TB (JST)
Dimension tolerance: +/-0.3mm
IF = 140 mA 3.3
LED Forward Current LED Power DRIVE METHOD
1/240 DUTY
Pin Connections
SYMBOL LEVEL FUNCTION
DATA CONNECTOR
D7 D6 D5 D4 D3 D2 D1 D0 M VDD DISPOFF CP LOAD FRAME VSS VEE A K H/L H/L H/L H/L H/L H/L H/L H/L 3.3V H/L H/L H/L H 0V AC Signal for LC Driving Power supply for logic H=On, L=Off Data shift Data Latch Ground First Line Marker Data Bus
R1 +RV+R 2 = 10 ~ 20K
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE SUPPLY VOLTAGE FOR LCD INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE SYMBOL VDD -V SS VEE VIN T OP T STG MIN MAX 7.0 30.0 VDD +0.3 70 80 UNIT V V V C C
12 13 14 15 16 1 2
Operating voltage for LC
BACKLIGHT CONNECTOR
Page 29
w
w
w
.D
Power supply for LED Ground
at
Sh a
et e
4U
.
om c


▲Up To Search▲   

 
Price & Availability of HDM3224CL-S-TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X