![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Fiber Optic Multi-Channel Connectors ITT Cannon's EOMC Series Fiber Optic connectors are designed to meet the needs of military and commercial customers who require a rugged environmental multifiber field connector. The FOMC combines features which provide the user with a connector that will withstand rough handling and weather extremes with features of elastomeric cable and interface sealing, scoop proof interface to prevent optical contact damage, removable front insert for easy optical contact cleaning, anodized shell finish, and a tough, strong dust cap with attaching stainless steel strap. Hermaphroditic design means plugs will mate with an identical plug as well as receptacles. The removable insert assures correcting mating and alignment. In the FOMC, ruggedness is combined with good optical perfomance, rapid coupling and attractive pricing. Another plus feature for ITT Cannon's FOMC design is the fiber flexure chamber which prevents tensile loads from being applied to the terminated fiber. The chamber provides space for surplus fiber in a service loop of sufficient lenght to permit one retemination of one or more fibers in the plug and cable receptacle without reterminating the strength member at the same time. This versatility is an ITT Cannon exclusive. The FOMC 2, 4, and 8 channel connector are available as a cable plug, and several receptacle shell configurations. The 8 channel can also be used with less contacts i.e. 6,4, or 2 channels. Sealing plugs are supplied with the 8 channel connector when using less than the full complement of contacts. This catalog provides complete ordering information on available shell types, contact layouts, fiber and cable dimensional and mechanical parameters. FOMC State-of-the-art ceramic alignment tips on the contact provide maximum coupling performance - less than 1.0 dB average coupling less. Standard Data Description Shell Hardware Cable Clamp Insert, Front Removable Interfacial Seal Cable Seal O Rings Alignment Guide Strain Relief Spring Fungus inert per requirement 4 of MIL-STD-454 Fluid resistant (elastomeric materials) per MIL-H-5606-Hydraulic fluid, petroleum base MIL-L7808-Lubricating oil, synthetic base MIL-G-3056-Gasoline MIL-A-8243-Ethelyne gylcol Materials Aluminum Alloy Aluminum Alloy Thermoplastic Elastomer Elastomer Elastomer Thermoplastic Stell wire with black chrome finish Thermoplastic Thermoplastic Elastomer Laser with clear chromate over exposed base metal Mandrel/Yoke Receptacle Yoke Dust Cap Marking Contact Arrangements Face Veiw of Insert 2 and 4 Channel 8 Channel F2 F1 F1 F1 F2 F3 F4 M1 M1 M1 M2 M2 M3 M4 Dimensions are shown in inches (millimeters). Dimensions subject to change. www.ittcannon.com 299 Fiber Optic Multi-Channel Connectors How to Order FOMC 62 W FOMC 2 C * *** SERIES Fiber Optic Multi-Channel SHELL STYLE 2 - Square Flange Receptcale (2/4) channel only) 6 - Cable Plug 7 - Jam Nut Receptacle SHELL SIZE (Channels) (Maximum number of contact positions) 2 4 8 DUST CAP W - Connector supplied with dust cap X - Without dust cap CABLE TYPE 1 - Pigtail buffered fiber (receptacle only) 2 - Multi fiber strengthened cable 3 - Singel fiber strengthned cables (8 channel only) SERIES SHELL STYLE SHELL SIZE DUST CAP CABLE TYPE CABLE SIZE (O.D) POLARIZATION POSITION MODIFICATION CODES CABLE SIZE (O.D) A - .190 + _.015 (4.83 + _.38) D - .236 + _.019 (6.0 + _.5) F - .276 + _.015 (7.0 + _.4) G - .374 + _.015 (9.50 + _.38)* H - .500 + _.015 (12.70 + _.38)* P - Pigtail buffered fiber *NOTE: Cable size G and H are for 8 channel FOMC Connector only POLARIZATION (8 channel plug only. Omit for 2/4 channel) 0 - Not polarized 1 thru 6 - key position MODIFICATION CODES Consult factory 2 and 4 Channel Square Flange Receptacle FOMC 2 1.395 (35.43) 1.480 (37.60) 1.064 (BSC .(27.03) 3.700 (93.98) .130 (3.30) Millimeters are in parenthesis 2.40 (60.96) 1.064 (BSC (27.03) 1.480 (37.60) .128 (3.25) Dia. 4 Holes O .013 .150 (3.81) Max. Panel Plug FOMC 6 3.700 (93.98) Shell 2.40 (60.96) End Nut 1.175 Dia. (29.845) Cable Strain Relief Front Removable insert Connector Identification And Mating Instructions Jam Nut Receptacle FOMC 7 1.395 (35.43) .764 (19.41) .130 (3.30) 1.395 (35.43) 3.700 (93.98) .130 (3.30) 2.40 (60.96) 1.505 Dia (38.23) .945 Dia. (24.00) Shell 1.150 (29.21) Yoke Tabs 1 (3 .44 6. 0 58 ) Jam Nut Front Removable Insert Rear Removable Yoke (Optical Contact Retainer) .150 (3.81) Max. Panel .150 (3.81) Max. Panel Dimensions are shown in inches (millimeters). Dimensions subject to change. www.ittcannon.com 300 Fiber Optic Multi-Channel Connectors 8 Channel Square Flange Receptacle FOMC FOMC 2 2.50 BSC (63.5) 2.0 BSC (50.8) 2.02 (51.2) 3.96 (100.5) .193 (4.9) 2.64 (67.1) 2.500 (63.5) .255 DIA. (6.35) 4 HOLES O.015 1.98 DIA. (50.4) 1.76 DIA. (44.7) 2.00 (50.8) Plug FOMC 6 5.98 (151.8) 5.28 (134.0) 2.64 (67.1) 2.03 DIA. (51.6) 1.76 DIA. (44.7) Jam Nut Receptacle FOMC 7 2.02 (51.2) 1.32 (33.5) 5.24 (133.0) .800 (20.3) .193 (4.9) 3.22 (81.8) .193 (4.9) 2.02 (51.2) O-Ring 2.500 DIA. (63.5) 1.700 Dia. (43.2) 1.76 Dia. (44.7) Recommended Panel Cutouts 2 and 4 Channel FOMC 2 FOMC 7 FOMC 2 8 Channel FOMC 7 . IA D 2 ) 36 .0 2. (60 M48 x 1.5-6g thd. .200 (5.1) Max. Panel Removable Front Insert M48 x 1.5-6g Thd. Jarn Nut .200 (5.1) Max. Panel Polarizing Flanges 3.96 (100.5) 2.02 (51.2) .193 (4.9) 2.64 (67.1) 2.500 DIA. (63.5) . IA D 2 ) 36 .0 2. (60 1.76 Dia. (44.7) M48 x 1.5-6g Thd. .200 (5.1) Max. Panel 1.064 BSC (27.03) 1.073 +.010 -.000 (27.25 + 0.25) -0.00) DIA 1.064 BSC (27.03) 1.016 + .000 -.005 (25.80 + 0.00 -0.13) O2.000 -.000 2.000 (50.8) (50.8 +.038 -.0.0) +.015 O.253 + .002 _ O.005 CSK B2 x .507+/- .010 1.821 + .005 -.000 (48.25 + 0.13) -0.00) O.005 .126 + .002 DIA. _ CSK 82 x .230 + .005 _ 1.073 + .010 Dia. (27.25 + 0.25) -.000 -.000) 2.000 BSC (50.8) 1.890 Dia. (48.00 + 0.25) +.010 -.000) -.000 Dimensions are shown in inches (millimeters). Dimensions subject to change. www.ittcannon.com 301 Fiber Optic Multi-Channel Connectors Contact Assembly FOMC TIP, TERMINUS FERRULE, OPTICAL "O" RING, FRONT SPRING BODY. REAR FERRULE "O" RING REAR TUBE, SUPPORT TIP I.D. .175 (4.44) MAX. DIA. 1.300 (33.02) MAX. .170 (4.32) MAX. DIA. .230 (5.84) MAX. DIA. FIBER BUFFER DIA How to Order - Contacts FOMC T 10 - 1270 ITT CANNON SERIES TERMINUS ASSEMBLY BUFFER DIAMETER TIP SERIES FOMC - Fiber Optic Multi-Channel TERMINUS ASSEMBLY BUFFER DIAMETER (in millimeters) 05 - 0.5 mm Buffer 10 - 1.0 mm Buffer 11 - 1.1 mm Buffer TIP (I.D. in tenths of microns) 1270 - 127.0 m min. 1300 - 130.0 m min. 1440 - 144.0 m min. Coupling Performance 900 TOTAL SAMPLES = 3056 MEAN = 0.93 SID. DEV. = 0.32 MINIMUM = 0 MAXIMUM = 2.2 50/125 FIBER CERAMIC ALIGNMENT TIP CONTACTS 800 700 600 FREQUENCY 500 400 300 200 100 0 0 0.5 1 1.5 2 2.5 CONNECTOR LOSS (dB) Dimensions are shown in inches (millimeters). Dimensions subject to change. www.ittcannon.com 302 Fiber Optic Cable Assemblies ITT Cannon is a major supplier of fiber optic cable assemblies for mulit channel tactical ground based and avionics appliations. Experienced includes delivery of more than 20,000 custom fiber optic links over the past twelve years. Cable assemblies are built to specific design requirements and are 100% optically tested. FOMC TERMINATED CABLE LENTGH FOMC Plug-to-Plug Assembly TERMINATED ASSEMBLY LENTGH PIGTAIL CONNECTORS (SMA.ST(R) CONNECTORS) * FOMC Receptacle/Pigtail Assembly *ST is a trademark of AT&T FOHC TERMINATED LENTGH MARKING SLEEVE INDIVIDUAL SINGLEFIBER CABLES (NYLON BRAIDED SLEEVE) CONNECTOR ASSY BACKSHELL MULTI-FIBER TACTICAL CABLE DUST CAP 38999 F.O. Plug-to Plug Assembly TERMINATED LENTGH MARKING SLEEVE CONNECTOR ASSY CABLES PIGTAIL CONNECTORS * (SMA.ST(R) CONNECTORS) DUST CAP 38999 F.O. Receptacle/Pigtail Assembly *ST is a trademark of AT&T Dimensions are shown in inches (millimeters). Dimensions subject to change. www.ittcannon.com 303 |
Price & Availability of FOMC7-2W1A0
![]() |