Part Number Hot Search : 
170M2620 MC1458 MP150 TS01APE 5C060 2N495302 PA16209 14600
Product Description
Full Text Search
 

To Download ET21MD1ABE2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 C&K ET Series Sealed Subminiature Toggle Switches
Features/Benefits * Sealed against solder and cleaning
process contaminants
* ESD protection available * Thru-hole and surface mount models * Compact size and small footprint
save PCB space * RoHS compliant models available
Typical Applications * Hand-held telecommunications * Instrumentation * Medical equipment
Models Available
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or DC max. See page F-32 for additional ratings. ELECTRICAL LIFE: ETX1 models: 60,000 make-and-break cycles at full load. All other models: 30,000 cycles. CONTACT RESISTANCE: Below 20 m typ. initial @ 2-4 V DC, 100 mA, for both silver and gold plated contacts. INSULATION RESISTANCE: 109 min. ELECTROSTATIC DISCHARGE (ESD) RESISTANT OPTION: M3 & S3 insulating actuator only: 9,000 V DC min. @ sea level, actuator to terminals. F1 conductive bushing only: Dissipates up to 20,000 V DC from actuator to ground. M3 & S3 actuator and F1 bushing options are not recommended for use together. DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level. OPERATING TEMPERATURE: -30C to 85C. SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E method 9 (1 hour steam aging). DEGREE OF PROTECTION: IP57; Protection against harmful dust deposit, full-scale voltage protection, temporary immersion. PACKAGING: Surface mount switches are shipped in tape and reel packaging, see page G-35 for drawings and reel information.
Materials
CASE & BUSHING: Glass filled nylon 6/6, flame retardant, heat stabilized (UL 94V-0). SA surface mount: High temperature material, glass filled 4/6 nylon, flame retardant, heat stabilized (UL 94V-0). F1 conductive bushing option is impregnated with carbon fibers. ACTUATOR: M3 & S3 anti-static actuator: Nylon 4/6, black standard (UL 94V-0). All other actuators: Brass, chrome plated. Internal o-ring seal standard with all actuators. SWITCH SUPPORT: Brass, tin plated. CONTACTS & TERMINALS: B contact material: Copper alloy, with gold plate over nickel plate. Q contact material: Copper alloy, silver plated. See G-35 for additional contact materials. TERMINAL SEAL: Epoxy.
NOTE: Any models supplied with Q, B, G, P or R contact material are RoHS compliant and compatible. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages G-31 thru G-35. For additional options not shown in catalog, consult our Customer Service Center. All models are process sealed to withstand machine soldering temperatures and pressure wash cleaning methods.
Switch Function ET01 SP, On-None-On ET02 SPST, Off-None-On ET03 SP, On-Off-On ET05 SP, Mom.-Off-Mom. ET07 SP, On-Off-Mom. ET08 SP, On-None-Mom. ET21 DP, On-None-On ET23 DP, On-Off-On ET24 DP, On-On-On ET25 DP, Mom.-Off-Mom. ET27 DP, On-Off-Mom. ET28 DP, On-None-Mom.
Actuator M .240" high M3 Plastic, anti-static, .240" high S .400" high L .320" high S1 .540" high
Bushing D1 .177" High, Unthreaded F1 .177" high, unthreaded, ESD conductive Terminations A Right angle, PC thru-hole AV Vertical right angle, PC thru-hole C PC Thru-hole SA Right angle, surface mount SA1 Right angle, surface mount rear-facing V3 Vertical mount, V-bracket AV3 Vertical right angle, snap-in, PC thru-hole V31 Vertical mount, V-bracket, snap-in Contact Material W Wire wrap B Gold K Gold, tin-lead P Gold, matte tin Q Silver G Gold over silver L Gold over silver, tin-lead R Gold over silver, matte-tin
G Toggle
Seal E Epoxy Plastic Actuator Color NONE No actuator color 2 Black 1 White
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-30
www.ittcannon.com
C&K ET Series Sealed Subminiature Toggle Switches
SWITCH FUNCTION
SWITCH FUNCTION POS. 1 POS. 2 POS. 3 CONNECTED TERMINALS POS. 2
POS. 1
POS. 3
NO. POLES
MODEL NO.
C&K marking on opposite side ON ON MOM. ON ON OFF NONE OFF OFF OFF NONE NONE ON ON MOM. MOM. MOM. ON 2-3 OPEN 2-3 2-3
C&K marking on opposite side N/A 2-1
SCHEMATIC
ET01 ET03 ET05
SP
OPEN
2-1
ET07 ET08 ET02 SPDT
N/A N/A
2-1 3-1
SPDT SPST
Terminal Nos. For Reference Only Part number shown: ET01MD1CBE ET02 Models: Omit terminal 2
ET21 ET23 ET25
DP
ON ON MOM. ON ON ON
NONE OFF OFF OFF NONE ON
ON ON MOM. MOM. MOM. ON
2-3,5-6
N/A
2-1,5-4
2-3,5-6
OPEN
2-1,5-4
ET27 ET28 ET24** DPDT
2-3,5-6 2-3,5-6
N/A 2-3,5-4
2-1,5-4 2-1,5-4 DPDT
Part number shown: ET21MD1CBE
Terminal Nos. For Reference Only
MOM. = Momentary All models with all options (except M3 actuator) when ordered with G, L, R or Q contact material except with F1 conductive bushing.
** Wiring for 3-way switch, see Section O.
G Toggle
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-31
www.ittcannon.com
C&K ET Series Sealed Subminiature Toggle Switches
ACTUATOR COLOR
ACTUATOR
M
.240" HIGH
M3
PLASTIC, ANTISTATIC, .240" HIGH
S
.400" HIGH
L
.320" HIGH
Standard with A, AV, V3 & V31 terminations.
Material: Nylon 4/6 (UL 94V-0), black standard. Static resistance: 9,000 V DC min. @ sea level, actuator to terminals. Not available with F1 conductive bushing option. Not UL approved.
Standard with C or W terminations.
S1
.540" HIGH
OPTION CODE
PLASTIC ACTUATOR COLOR BLACK (M3 & S3 only) WHITE (M3 & S3 only)
(NONE) 1
NOTE: All actuators have chrome finish (except M3 & S3 ).
BUSHING
D1 F1
.177" HIGH, UNTHREADED ESD, CONDUCTIVE BUSHING UNTHREADED, .177" HIGH F1 bushing is not UL/CSA approved
NOTE: ESD protection depends on proper grounding of switch support bracket. F1 conductive bushing option is impregnated with carbon fibers; dissipates electrostatic discharge (ESD) up to 20,000 V from actuator to ground. Available with all metal actuator options and A, AV, AV3, V3 and V31 termination options only. Internal actuator o-ring seal standard.
TERMINATIONS
C
PC THRU-HOLE SP DP
W
WIRE WRAP
SP
DP
PC MOUNTING SP ET02 - omit center hole. DP
G Toggle
Not available with F1 conductive bushing.
Not available with F1 conductive bushing.
SP and DP
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-32
www.ittcannon.com
C&K ET Series Sealed Subminiature Toggle Switches
TERMINATIONS
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
ET01MD1ABE Horizontal Actuation
SPDT
Not available with ET02 model.
Actuator Shown In Pos. 1
A
RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
ET21MD1ABE Horizontal Actuation
DPDT
Actuator Shown In Pos. 1
AV
VERTICAL RIGHT ANGLE, PC THRU-HOLE
PC MOUNTING
ET01MD1AVBE Vertical Actuation
Actuator Shown In Pos. 1
SPDT
ET02 - omit terminal 2. NOTE: Terminal bend radii and lead-in manufacturing option.
AV
VERTICAL RIGHT ANGLE, PC THRU-HOLE PC MOUNTING
G Toggle
ET21MD1AVBE Vertical Actuation
DPDT
Actuator Shown In Pos. 1 NOTE: Terminal bend radii and lead-in manufacturing option. Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-33
www.ittcannon.com
C&K ET Series Sealed Subminiature Toggle Switches
TERMINATIONS
AV3
VERTICAL RIGHT ANGLE, SNAP-IN, PC THRU-HOLE PC MOUNTING
ET01SD1AV2BE Vertical Actuation
Actuator Shown In Pos. 1
SPDT
SA
RIGHT ANGLE, SURFACE MOUNT
PC MOUNTING
SMT
Actuator Shown In Pos. 1
ET01M3D1SAKE Horizontal Actuation
SPDT Only
Not available with S and S1 actuators. Standard with tape & reel packaging, See page G-35.
SA1
RIGHT ANGLE, SURFACE MOUNT
SMT
ETA01M3D1SA1BE Horizontal Actuation
Only available with switch functions ET01, ET02 and ET03. Actuators M and M3, bushing D1, contact material B. Standard with tape and reel packaging-see page G-36
SPDT Only
V3 V31
VERTICAL MOUNT, V-BRACKET VERTICAL MOUNT, V-BRACKET, SNAP-IN PC MOUNTING
G
V31 Snap-In
ET02 Models: Omit center hole.
Toggle
ET01MD1V3BE
SPDT
Actuator Shown In Pos. 1 ET02 Models: Omit terminal 2
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-34
www.ittcannon.com
C&K ET Series Sealed Subminiature Toggle Switches
TERMINATIONS
V3
VERTICAL MOUNT, V-BRACKET PC MOUNTING
ET21MD1V3BE
DPDT
Actuator Shown In Pos. 1
CONTACT MATERIAL
OPTION CODE RoHS RoHS COMPLIANT COMPATIBLE YES NO YES YES YES NO YES YES GOLD 1 YES YES YES YES YES YES GOLD OVER 2,3 SILVER GOLD
3
CONTACT MATERIAL
TERMINAL PLATING GOLD 1 TIN-LEAD
6
RATINGS
B K P Q G L R
LOW LEVEL/ DRY CIRCUIT
0.4 VA MAX. @ 20 V AC OR DC MAX.
SILVER 4,5
SILVER 5
POWER
ETX1 MODELS: 3 AMPS @ 120 V AC OR 28 V DC. ALL OTHER MODELS: 2 AMPS @ 120 V AC OR 28 V DC.
TIN-LEAD 6 MATTE TIN
7
LOW LEVEL/DRY CIRCUIT OR POWER
ETX1 MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 3 AMPS @120 V AC OR 28 V DC. ALL OTHER MODELS: 0.4 VA MAX @ 20 V AC OR DC MAX. OR 2 AMPS @ 120 V AC OR 28 V DC.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 2 3 4 5 6 7
CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, with gold plate over nickel plate. CENTER CONTACTS & ALL TERMINALS: Copper alloy, with gold plate over nickel plate. END CONTACTS: Coin silver, silver plated. CENTER CONTACT & ALL TERMINALS: Copper alloy, silver plated. TERMINALS: Copper alloy, with tin-lead alloy over nickel plate. TERMINALS: Copper alloy, with matte tin over nickel plate.
NOTE: Any models supplied with Q, B , G, P or R contact material are RoHS compliant. For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. All models with all options (except M3 actuator) when ordered with G, L, R or Q contact material except with F1 conductive bushing.
6
SEAL
E
EPOXY SEAL
AVAILABLE HARDWARE
Cap
PART NO.
.312 (7,92)
706201000 WHITE 706202000 BLACK 706203000 RED
Material: Vinyl Finish: Matte
NOTE: Other colors available, consult Customer Service Center.
G Toggle
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-35
www.ittcannon.com
C&K ET Series Sealed Subminiature Toggle Switches
TAPE & REEL
For part number ET01M3D1SAKE
REEL INFORMATION OUTSIDE DIAMETER PILOT HOLE QUANTITY PER REEL 13.00 (330,0) .512 (13,0) 600
For part number ET01M3D1SA1BE
0.630 (16,00) 0.157 (4,0) 0.079 (2,0) o 0.059 (1,50) 0.069 (1,75) 0.297 (7,55) 0.014 (0,35) REEL INFORMATION OUTSIDE DIAMETER PILOT HOLE QUANTITY PER REEL 1.732 (44,0) ITT 0.996 (25,30) 13.00 (330,0) .795 (20,20) 500
0.795 (20,2)
FEED DIRECTION
G Toggle
Dimensions are shown: Inch (mm) Specifications and dimensions subject to change
G-36
www.ittcannon.com


▲Up To Search▲   

 
Price & Availability of ET21MD1ABE2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X