Part Number Hot Search : 
103SHCBE H11N1TVM 74LS14N TGA1055 CX06B227 E100A 683ML KT933
Product Description
Full Text Search
 

To Download DBSFE-9P-A191-F204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cannon Speedy D
IDC contacts
Speedy D connectors terminate ribbon cables without stripping and without splicing. They are intermateable with all D Subminiature types offered on the market. The extremely low profile is another typical feature of the Speedy D.
Technical Data
Materials
Shell Insulator Contacts Contact area Termination area Steel, with pure tin matt High quality thermoplast, flame retardant, UL94V-0 Copper alloy gold-plated over nickel pure tin, matt
Mechanical Features
Coupling Polarizing Termination Wire sizes Ribbon cable Temperature rating to DIN IEC 68 part 1 Friction, accessories Keystone shape shell IDC AWG 26 (0,13mm2), AWG 28 (0,08mm2) solid or stranded Conductor spacing 1,27mm -55/125C
Electrical Data
Current rating Contact resistance Voltage rating Insulation resistance Air/creepage paths 1.5 A at 25C, 1 A at 70C ambient temperature 15 mOhm (milli Ohm) 780 VAC 5 x 103 MOhm (Mega Ohm) minimum 0,9mm
Standard Contact Arrangements
Contact size 20 Face view pin insert
1
2
3
4
5
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
6
7
8
9
9
10
11
12
13
14
15
14
15
16
17
18
19
20
21
22
23
24
25
20 21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
Shell size No. of contacts
E
9
A
15
B
25
C
37
Dimensions shown in mm Specifications and dimensions subject to change. www.ittcannon.com
2
Cannon Speedy D
RoHS Compliant Ordering Key
D
Series D Subminiature Shell size E A B C - - - - 9 contacts 15 contacts 25 contacts 37 contacts
B
SF
Y - 25
P - A190 - K87
Contact termination SF - flat cable termination Mounting method without letter- through-hole o 3.05 E-clinch nut 4-40 X-clinch nut M3 Y-Float mounting Number of contacts 9; 15; 25; 37 Contact type P-Pin S-Socket Contact finish (=Performance class) without code - Performance class 3 A191 - Performance class 2 A190 - Performance class 1 Shielding and shell finish A197 - shell with pure tin, matt, (socket connector only) K87 - shielding with grounding indents. Pure tin, matt, (pin connector only) Modification F204 - supplied with strain relief
Contact finishes/Performance class
without code - A191 A190 performance class 3 (50 mating cycles) is standard version of Speedy D - performance class 2 (200 mating cycles) - performance class 1 (500 mating cycles)
Dimensions shown in mm Specifications and dimensions subject to change. www.ittcannon.com
3
Cannon Speedy D
Pin connector / Socket connector
0,15 M B-E A A D E 8,23 +0,25
1 2 3 4 4 3 2 1
B C 0,2 M A 0,1 M D
0,15 M B-E
ITT CANNON 1 +0,15 10 11 12 12 12 12 12
+0 ,1
3,05
C
R2 ,62
10
R
2, 6
2
-0 ,1 6
0,1 M C D n x 1,27 = E 1,27 1,15 max.
2,84
3,05 +0,15
B
5 -.0,3
5 -.0,3
8,02 +0,25
C
12,9 -0,7
21,8
6,1 -.0,25
6,3 -.0,25
+0,2
0,8 +0,2
o1,20,02 o1,2+0.1
Dimensions
No. of contacts 9 15 25 37 P S P S P S P S A 0,3 30,8 30,8 39,1 39,1 53,0 53,0 69,3 69,3 B 0,3 25,0 25,0 33,3 33,3 47,0 47,0 63,5 63,5 C 0,15 16,8 16,25 25,1 24,55 38,85 38,3 55,3 54,75 D 19,4 19,4 27,7 27,7 41,4 41,4 57,9 57,9 E
0,9
8 x 1,27 = 10,18 14 x 1,27 = 17,78 24 x 1,27 = 30,48 36 x 1,27 = 45,72
P-Pin S-Socket
Mounting methods
3,30 MAX,
o3,05+0,15
4-40UNC-B
M3
2,803
2,803
Standard Through-hole
E Clinch nut 4-40UNC
X Clinch nut M3
5,59
-0,4
O 2,26 0,08
Y dual float mount
Dimensions shown in mm Specifications and dimensions subject to change. www.ittcannon.com
4
22
16,2
16
Cannon Speedy D
IDC contacts
Receptacle
No. of contacts 9 15 25 37 Through-hole DESF- 9 DASF-15 DBSF-25 DCSF-37 S-A197 S-A197 S-A197 S-1A97 Float mount DESFY- 9 DASFY-15 DBSFY-25 DCSFY-37 S-A197 S-A197 S-A197 S-A197 Clinch nut 4-40* DESFE- 9 DASFE-15 DBSFE-25 DCSFE-37 S-A197 S-A197 S-A197 S-A197
or metric thread replace E by X
Plugs
(pin connector only)
No. of contacts 9 15 25 37
with grounding indents DESF- 9P-K87 DASF-15P-K87 DBSF-25P-K87 DCSF-37P-K87
Float mount DESFY- 9P-K87 DASFY-15P-K87 DBSFY-25P-K87 DCSFY-37P-K87
Clinch nut 4-40* DESFE-9P-K87 DASFE-15P-K87 DBSFE-25P-K87 DCSFE-37P-K87
or metric thread replace E by X
Performance class
Performance class 1: A190 into order ref. Performance class 2: A191 into order ref. e.g.DESF--9P-A190-K87 or DESF--9S-A191-A197
Cable strain relief
No. of contact 9 15 25 37 Order No. 029-8757-009 029-8757-015 029-8758-025 029-8757-037
Dimensions shown in mm Specifications and dimensions subject to change. www.ittcannon.com
5
Cannon Speedy D
Mounting combinations
Figure 1A
front mount
Figure 1B
rear mount front mount
Pin
Pin
rear mount
B
A
H
C
front mount
Socket
rear mount
front mount
Socket
rear mount
Figure 2
front mount
Figure 3
rear mount front mount
Pin
Pin
rear mount
A
C C
B
front float mount
Socket
rear float mount
front float mount
Socket
front float mount
Fig. 1A 1B 2 2 2 2 3 3 3 3
Size A, E B, C, D A, E B, C, D A, E B, C, D A, E B, C, D A, E B, C, D
Pin Standard Standard Standard Standard float float Standard Standard float float
Socket Standard Standard float float Standard Standard float float Standard Standard
A +0,76 6,35 6,04 5,53 5,23 5,53 5,23 - - - -
B +0,76 7,63 7,71 - - - - 8,59 8,66 8,59 8,51
C +0,76 6,99 7,06 6,18 6,25 6,18 5,87 7,95 7,64 7,95 7,87
H _0,76/-0 6,99 6,68 - - - - - - - -
Remark: A, B, C and H are dimensions between panels and represent the recommended limit to be used in the design of the connector mounting method.
Standard pin assemblies contain 0,38 mm thick front shells on E and A sizes and 0,61 mm thick shells on B, C and D sizes.
Dimensions shown in mm Specifications and dimensions subject to change. www.ittcannon.com
6
Cannon Speedy D
Panel cut-outs
Front Mounting Cutout
0,81R E C D C 10 E D
Rear Mounting Cutout
10
A B
A B
mounting no. of contacts 9 front rear 15 front rear 25 front rear 37 front rear 50 front rear
A 0,2 22,2 20,5 30,5 28,8 44,3 42,5 60,7 59,1 58,3 56,3
B 0,2 25,0 25,0 33,3 33,3 47,0 47,0 63,5 63,5 61,1 61,1
C 0,2 13,0 11,4 13,0 11,4 13,0 11,4 13,0 11,4 15,8 14,9
D +0,1 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0 3,0
rad. E 0,2 2,1 3,4 3,4 3,4 2,1 3,4 2,1 3,4 2,1 3,4
No. of contacts 9
float mounting front rear
A 0,2 23,0 21,3 31,3 29,6 45,1 43,3 61,5 59,8 59,2 57,1
B 0,2 25,0 25,0 33,3 33,3 47,0 47,0 63,5 63,5 61,1 61,1
C 0,2 13,8 12,2 13,8 12,2 13,8 12,2 13,8 12,2 16,6 14,9
D +0,1 2,2 2,2 2,2 2,2 2,2 2,2 2,2 2,2 2,2 2,2
rad. E 0,2 2,1 3,4 2,1 3,4 2,1 3,4 2,1 3,4 2,1 3,4
15
front rear
25
front rear
37
front rear
50
front rear
Mounting
Panel
Panel
F
Standard
R
F
Standard float mount Code Y
R
F - front mounting R - rear mounting
Dimensions shown in mm Specifications and dimensions subject to change. www.ittcannon.com
7


▲Up To Search▲   

 
Price & Availability of DBSFE-9P-A191-F204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X