Part Number Hot Search : 
15W10 HPR2XX GNGBAM MAX483E LH5116 0100CT MAC08M K0351
Product Description
Full Text Search
 

To Download CWB2214CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMOS/DMOS High Speed Analog Switch
CORPORATION
CWB2214
FEATURES DESCRIPTION The CWB2214 is a High Speed SPST Analog Switch designed utilizing Calogic's proprietary CMOS/DMOS processing techniques. The device features low-power CMOS input logic and level translation circuitry and high speed, low capacitance lateral DMOS switches fabricated together in a monolithic structure. ORDERING INFORMATION Part Package Temperature Range 0 to 85oC 0 to 85oC 0 to 85oC CWB2214CP Plastic 8-Pin Dip CWB2214CY Plastic SO-8 XCWB2214 Sorted Chips in Carriers
* High OFF Isolation. . . . . . . . . . . . . . . . >40dB @ 100MHz . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >25dB @ 200MHz * Fast Switching Inputs * CMOS Compatible * Wide Bandwidth. . . . . . . . . . . . . . . . . . . . -3dB @ 250MHz * Low ON Resistance * RF and Video Switches * High Frequency Data Acquisition * High Frequency Multiplexing
PIN CONFIGURATION
8 PIN DIP LOGIC IN 1 GND 2 IN-S 3 GND 4 8 7 6 5 TOP VIEW CWB2214CP V+ D-OUT N/C V-
APPLICATIONS
SO-8 LOGIC IN GND IN-S GND 4 TOP VIEW CWB2214CY 5 1 8 V+ D-OUT VV-
CWB FUNCTIONAL DIAGRAM
LOGIC IN 1
IN-S 3
D-OUT 7
One SPST Switch per Package. Switch shown in Logic '1' Input Position. Logic '0' < 1.0V _ Logic '1' > 4.5V _
NOTE: All devices contain diodes to protect inputs against damage due to high static voltages or electric fields; however, it is advised that precautions be taken not to exceed the maximum recommended input voltages. All unused inputs must be connected to an appropriate logic level (VDD or GND).
CWB2214
CORPORATION
ABSOLUTE MAXIMUM RATINGS VV+ VIN IL IS IS TJ TS PD Negative Supply Voltage . . . . . . . . . . . . . . . . . . . . -20V Positive Supply Voltage . . . . . . . . . . . . . . . . . . . . . +20V Control Input Voltage Range . . . . . . . . . . . . . . V+ +0.3V V- -0.3V Continuous Current, any Pin except S or D. . . . . . 20mA Continuous Current, S or D . . . . . . . . . . . . . . . . . . 40mA Peak Pulsed Current, S or D, 80sec, 1%, Duty Cycle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Junction Temperature Range. . . . . . . . . . -55 to +125oC Storage Temperature Range . . . . . . . . . . -55 to +125oC Power Dissipation (derate at 12mW/ oC, above +85oC). . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
RECOMMENDED OPERATING CONDITIONS VV+ VIN TOP Negative Supply Voltage . . . . . . . . . . . . . . . . -5 to -15V Positive Supply Voltage . . . . . . . . . . . . . . . . +5 to +15V Control Input Voltage Range . . . . . . . . . . . . . . 0 to +5V Operating Temperature . . . . . . . . . . . . . . . . 0 to +85oC
ELECTRICAL CHARACTERISTICS (TA = +25oC, V- = -15V, V+ = +15V unless otherwise noted)
SYMBOL STATIC VANALOG Analog Signal Range -10 45 rDS(ON) Switch ON Resistance 50 130 VIH VIL IIN ID(OFF) IS(OFF) II+ DYNAMIC tON tOFF OIRR IL Cd Cs Switch Turn-ON Time Switch Turn-OFF Time OFF Isolation Rejection Ratio Insertion Loss Drain-Node Capacitance Source-Node Capacitance 37 22 40 20 40 25 7.8 0.3 3.0 13 pF dB 60 40 nsec VIN = 5.0V, RL = 50 CL = 12pF RL = 50 f = 100MHz f = 200MHz RL = 50, f = 200MHz VD = 0 VS = 0 f = 1MHz, VIN = 0 Negative Supply Quiescent Current Positive Supply Quiescent Current High Level Input Voltage Low Level Input Voltage Logic Input Leakage Current 0.01 0.02 Switch OFF Leakage Current 0.2 0.2 4.5 3.4 1.0 0.1 0.1 5.0 5.0 -8.0 8.0 mA nA A VIN = +5.0V VIN = +15V VD = +10V, VS = -10V, VIN = 5V VS = +10V, VD = -10V, VIN = 5V VIN = 0 or V+ +10 80 80 160 V V VS = -10V VS = +2.0V VS = +10V PARAMETER MIN TYP MAX UNITS TEST CONDITIONS
CWB2214
CORPORATION
ELECTRICAL CHARACTERISTICS (V- = -15V, V+ = +15V unless otherwise noted) LIMITS AT TEMPERATURE EXTREMES
SYMBOL STATIC VANALOG rDS(ON) Analog Signal Range Switch ON Resistance Logic Input Leakage Current Switch OFF Leakage Current Negative Supply Quiescent Current Positive Supply Quiescent Current 10 120 120 240 IIN ID(OFF) IS(OFF) II+ 1.0 2.0 200 200 -10 10 A nA mA V VS = -10V VS = +2.0V VS = +10V VIN = +5.0V VIN = +15V VD = +10V, VS = -10V, VIN = 5V VS = +10V, VD = -10V, VIN = 5V VIN = 0 or V+ PARAMETER MAXIMUM TA @ TA = +85 oC UNITS TEST CONDITIONS
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25oC, unless otherwise specified) SWITCHING TIMES TEST CIRCUIT
+15V SWITCH INPUT +3V RL = 50 LOGIC INPUT SWITCH OUTPUT V0 CL = 12pF
TEST WAVEFORMS
3.0V LOGIC INPUT t RISE < 6nSEC t FALL < 4nSEC
50%
0 (VS ) SWITCH INPUT
V0
0.9
-15V SWITCH ILLUSTRATED IN LOGIC '1', SWITCH OFF, POSITION
SWITCH OUTPUT 0 V0 =
(R
RL
L
tON
+ r DS(ON) VS
)
t OFF
CWB2214
CORPORATION
TYPICAL PERFORMANCE CHARACTERISTICS (TA = +25oC unless otherwise specified)
140
r DS(ON) - Switch On Resistance (Ohms)
SWITCH ON RESISTANCE -VSSUPPLY VOLTAGE 140 R L = 50 V ANALOG = +0.3V
r DS(ON) - Switch On Resistance (Ohms)
SWITCH ON RESISTANCE -VSANALOG VOLTAGE V-, V+ = +15V _ R L = 50
120 100 80 60 40 20 0 + _5 T A = +25 o C
120 100 80 60 40 20 0 -10
T A = +85 oC
T A = +85 oC T A = +25 o C
_ +7.5
_ +10
_ +12.5
_ +15
-5.0
0
+5.0
+10
V-, V+ - Supply Voltages (Volts)
VS - Source Voltage (Volts)
INSERTION LOSS -VSFREQUENCY 0
V- = -15V RL = 50
OFF ISOLATION -VSFREQUENCY
80
OIRR - OFF Isolation Rejection Ratio (dB)
V+ = +15V 4
I L - Insertion Loss (dB)
V+ = +15V
70 60 50 40 30 20 10 0 10
V- = -15V RL = 50
8
12
16
20 10
20
50
100
200
500 1000
20
50
100
200
500 1000
f - Frequency (MHz)
f - Frequency (MHz)


▲Up To Search▲   

 
Price & Availability of CWB2214CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X