Part Number Hot Search : 
TLPGE125 RU4AJG TCP135K2 XE9624F PVT312L ISL6312 GS1501 SMB20
Product Description
Full Text Search
 

To Download CO15100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE
FEATURES WIDE FREQUENCY RANGE EXCELLENT FOR 16 AND 32 BIT MPU'S 3-STATE FUNCTION SPECIFICATIONS
SERIES PACKAGE FREQUENCY RANGE FREQUENCY STABILITY OPERATING TEMPERATURE RANGE STORAGE TEMPERATURE RANGE VOLTAGE INPUT CURRENT SYMMETRY RISE AND FALL TIME (0.5 - 4.5 VDC) OUTPUT LOGIC "0" LEVEL LOGIC "1" LEVEL LOAD ENABLE/DISABLE FUNCTION CONTROL (PIN 1) OUTPUT (PIN 8 OR 5) 60 mA MAX 40 TO 60% NORMAL 45 TO 55% TIGHT 10 ns MAX - 500 KHz TO 25.00 MHz 6ns MAX - 25.10 MHz TO 70.00 MHz 4 ns MAX - 70.1 MHz TO 100.00 MHz +0.5 VDC MAX (10% VDD) +4.5 V MIN (90% VDD) 1-10 TTL OR 15 pF CMOS HIGH OR OPEN LOW ENABLE : HIGH DISABLE (LOW) : HIGH IMPEDANCE 60 mA MAX 40 TO 60% NORMAL 45 TO 55% TIGHT 10 ns MAX - 500 KHz TO 25.00 MHz 6ns MAX - 25.10 MHz TO 70.00 MHz 4 ns MAX - 70.1 MHz TO 100.00 MHz +0.5 VDC MAX (10% VDD) +4.5 V MIN (90% VDD) 1-10 TTL OR 15 pF CMOS HIGH OR OPEN LOW ENABLE : HIGH DISABLE(LOW) : HIGH IMPEDANCE CO15 14 PIN DIP 500 KHz TO 100.00 MHz CO15100 : 100 PPM CO15050 : 50 PPM CO15025 : 25 PPM 0 C TO + 70 C STANDARD -40 CTO + 85 C EXTENDED -55 C TO +125 C +5 VDC 0.5 VDC C019 8 PIN DIP 500 KHz TO 100.00 MHz CO19100 : 100 PPM CO19050 : 50 PPM CO19025 : 25 PPM 0 C TO + 70 C STANDARD -40 CTO + 85 C EXTENDED -55 C TO +125 C +5 VDC 0.5 VDC
SERIES CO15 AND CO19
FREQUENCY STABILITY INCLUSIVE OF ROOM TOLERANCE , FREQUENCY STABILITY OVER TEMPERATURE, 10% POWER SUPPLY VARIATION, AGING, SHOCK, AND VIBRATION +3.3 VOLT VERSION IS AVAILABLE. CONSULT RALTRON FOR SPECIFICATIONS OUTPUT LOADS ALSO AVAILABLE AT 15 pF, 30 pF AND 50 pF. CONSULT RALTRON FOR SPECIFICATIONS
ENVIRONMENTAL AND TECHNICAL CONDITIONS
ENVIRONMENTAL TEMPERATURE CYCLE SHOCK VIBRATION RESISTANCE TO SOLDERING HEAT HUMIDITY MIL-STD 883, METHOD 1010, 10 CYCLES -20 C TO 85 C MIL-STD-202, METHOD 213, TEST CONDITION C MIL-STD-202, METHOD 204, TEST CONDITION A MIL-STD-202, METHOD 210, TEST CONDITION B
OUTPUT WAVEFORM
tf VCC "1" LEVEL tr
+4.5 VDC +2.5 VDC +0.5 VDC
t T
1/2 VCC
"0" LEVEL
85% RELATIVE HUMIDITY AT 85 C 250 HOURS MECHANICAL
0 VDC
GROSS LEAK TEST FINE LEAK TEST TERMINAL STRENGTH MARKING INK
MIL-STD-883, METHOD 1014, TEST CONDITION C MIL-STD-883, METHOD 1014, TEST CONDITION A MIL-STD-202, METHOD 211, TEST CONDITION A AND C EPOXY, HEAT CURED.
MOISTURE RESISTANCE MIL-STD 202, METHOD 106, OMIT STEP 7B SOLDERABILITY SOLVENT RESISTANCE MIL-STD-202, METHOD 208, 95% COVERAGE MIL-STD-202, METHOD 215
PART NUMBERING SYSTEM
SERIES CO15 CO19 (14 PIN DIP) (8 PIN DIP) FREQUENCY STABILITY 100 100 PPM 050 50 PPM 025 25 PPM FREQUENCY IN MHz EXT EXTENDED TEMPERATURE T TIGHT SYMMETRY SYMMETRY OPTIONS - TR TAPE AND REEL* GW GULL WING 3.3 +3.3 V
EXAMPLE: CO15100-12.000-EXT, CO19050-45.000-T
* Available for Gull Wing only
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
THROUGH HOLE CLOCK OSCILLATORS-3 STATE HCMOS COMPATIBLE
SERIES CO15 AND CO19
TEST CIRCUIT
FREQUENCY STANDARD
OSCILLOSCOPE A + .01 pF POWER SUPPLY V
FREQUENCY COUNTER
14 (8) VDD
8 (5) OUT CL
CLOCK OSCILLATOR N/C 1 GND 7 (4)
OUTLINE DRAWINGS
CO15 PACKAGE (FULL SIZE 14 PIN DIP)
Scale none Dimension in mm inch
CO19 PACKAGE (HALF SIZE 8 PIN DIP) Scale none
Dimension in
mm inch
COLORED DOT INDICATES PIN 1 LOCATION
MARKING AREA
MARKING AREA
COLORED DOT INDICATES PIN 1 LOCATION .031 .003 0.79 .08 .031 .003 PIN 4 13.21 MAX PIN 8 13.21 MAX .520 MAX PIN 5 0.79 .08 5.08 MAX .200 MAX .250 MIN 0.46 .08 DIA .018 .003 DIA 7.62 .13 .300 .005 PIN 1 13.20 MAX .519 MAX .300 .005 7.62 .13
5.08 MAX
.200 MAX
0.46 .08 DIA .018 .003 DIA
6.35 MIN
PIN 1
15.24 .13 .600 .005
PIN 7
4.57
.180
.300 .005
PIN 14
12.19 .480 20.80 MAX .819 MAX
PIN 8
PIN CONNECTION
PIN 1 7 8 14 FUNCTION E/D GROUND OUTPUT VCC
7.62 .13
PIN CONNECTION NOTE: PIN 7 IS INTERNAL TO HEADER
PIN 1 4 5 8 FUNCTION E/D GROUND OUTPUT VCC
NOTE: PIN 4 IS INTERNAL TO HEADER
PACKAGING 14 PIN DIP: 25 PIECES PER PLASTIC TUBE 8 PIN DIP: 40 PIECES PER PLASTIC TUBE
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A. Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
.520 MAX
6.35 MAX .250 MAX


▲Up To Search▲   

 
Price & Availability of CO15100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X