Part Number Hot Search : 
HMM55C22 MB90372 31742 P010018 HER802T 10F60UHF CS9DB102 2SD25
Product Description
Full Text Search
 

To Download CL40-7605J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CL40 SERIES
Single and triple output
Recommended for new design-ins
* * * * * * *
85VAC to 264VAC universal input range Pre-approved SELV power solution Up to 40W continuous output power Up to 50W peak output power UL, CSA, VDE and BABT approved VDE0871-A conducted noise performance Stand alone "listed" equipment
[ 2 YEAR WARRANTY ]
The CL40 series is a family of 40W (50W peak) external switching power supplies. The CL40 enables the system specifier to optimise the design for several reasons. Firstly, because the power supply offers pre-approved SELV (Safety Extra Low Voltage) outputs, the submission of the apparatus for safety approval is simplified. This represents a significant saving of time and money. Secondly, the task of integrating the power supply into the mechanical design is eliminated, presenting further savings in time and money by ensuring a shorter and simpler design cycle. This means that your product gets to market faster. These advantages are complemented by universal input, CE mark, IEC950, UL, CSA, VDE and BABT approvals, to complete a worldwide packaged power solution suitable for a wide variety of low power, desktop applications.
SPECIFICATION
OUTPUT SPECIFICATIONS Line regulation LL to HL, FL Total regulation NL to FL (Note 5) Overshoot/undershoot Transient response (Single output model)
All specifications are typical at nominal input, full load at 25C unless otherwise stated ELECTROMAGNETIC COMPATIBILITY SPECIFICATIONS 0.2% 0.2% 1.0% 5.0% 5.0% See table 10% max. GENERAL SPECIFICATIONS 250mV max. dev., 1ms recovery to 1% 0.02%/C 6.25V 0.75V 90W Pin max. 50W Pout min. Continuous with auto-restart Hold-up time Efficiency Isolation voltage Switching frequency Approvals and standards Case material 110VAC 230VAC 110VAC and 230VAC Input/output Input/chassis Variable 12ms 110ms 70% typical 3000VAC 1500VAC 20kHz to 70kHz VDE0805, EN60950 IEC950, IEC1010, UL1950 BABT, CSA C22.2 No. 950 ABS plastic UL94V-0 800g (28oz) MIL-HDBK-217E 100,000 hours min. Radiated emissions EN55022, EN55011, FCC Conducted emissions EN55022, EN55011, FCC Electrostatic discharge EN61000-4-2 Electrostat. air discharge IEC801-2 RF field susceptibility IEC801-3 Electrical fast EN61000-4-4 transients/bursts Surge susceptibility EN61000-4-5 Level B Level A Level 4 Level 3 Level 3 Level 3 Level 3
Single outputs Multi's: +5.1V output Multi's: aux. outputs Single outputs Multi's: +5.1V output, Multi's: aux. outputs At turn-on +5.1V output (50% FL to 100% FL step)
Temperature coefficient All outputs Overvoltage protection Output power limit Short Circuit Protection INPUT SPECIFICATIONS Input voltage range Input frequency range Input surge current Safety ground leakage current 110VAC 230VAC 110VAC, 60Hz 230VAC, 50Hz Note 1 +5.1V output only Primary power limited
85 to 264VAC Material flammability 47 to 440Hz Weight 12A max. 30A max. 0.2mA 0.4mA MTBF
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating 0C to +40C Non-operating -40C to +85C 0C to 40C ambient 40W Peak (0C to 40C, max. 60s) 50W Non-condensing Operating Non-operating 5% to 95% RH 10,000 feet max. 40,000 feet max. 2.4G rms (approx)
Relative humidity Altitude
Vibration, 5Hz to 500Hz See Note 8
PAGE 1
AC/DC POWER SUPPLIES
|
40W AC/DC
40 Watt AC/DC external power supplies
OUTPUT VOLTAGE +5.1V (A) +12.0V (B) -12.0V +5.1V (A) +15.0V (B) -15.0V +5.1V +12.0V +13.5V +15.0V +16.5V +24.0V Notes
1 For 230VAC operation a minimum output load of 4 Watts is required. 2 Natural convection cooling, 40W maximum. 3 Peak output current lasting less than 60 seconds with duty cycle less than 10%. During peak loading outputs may go outside of regulation limits. Peak total power must not exceed 50W. 4 Figures are peak-to-peak. Output noise is measured across a 20MHz bandwidth using a 12" twisted pair terminated with a 47F capacitor. 5 Total regulation is defined as the static output regulation at 25C, including initial tolerance, load currents within stated limits, and output voltages adjusted to their factory settings. Also, for `B' output stated regulation: I(A)/I(B)<5. 6 The standard CL40 is IEC950/VDE0805 approved as a stand-alone power supply. The plastic case incorporates an IEC 320 inlet receptacle. No input cable is supplied in Europe as standard. An input cable is supplied to customers in the US only. To order add the suffix `I' to the end of the model number, e.g. CL40-7605I. In order to have a stand-alone power supply fully UL and CSA listed (as opposed to certified or recognised) it is required that the manufacturer provide an approved input cable with the power supply. 7 The standard output connector is a DIN41524 five-pin plug. As an alternative single output models can be supplied with a 2.5mm battery eliminator jack. To order this option add the suffix "J" to the model number. Example: CL40-7612J. See the table above for availability. 8 Three orthogonal axes random vibration, 10 minute test for each axis.
72 (1829)
OUTPUT CURRENT MAX
(2)
(1)
RIPPLE PEAK 5.0A 3.0A 1.0A 5.0A 3.0A 1.0A 5.0A 4.0A 3.7A 3.3A 3.0A 2.0A
(3)
(4)
TOTAL REGULATION 5.0%
(5)
MODEL NUMBER CL40-7608
3.0A 1.7A 0.35A 3.0A 1.3A 0.35A 5.0A 3.3A 3.0A 2.7A 2.4A 1.6A
50mV 120mV 120mV 50mV 150mV 150mV 50mV 120mV 130mV 150mV 160mV 240mV
-3.0%, +7.0% 5.0% 5.0% -2.0%, +5.0% 5.0% 6.0% 5.0% 5.0% 5.0% 5.0% 5.0% CL40-7605 CL40-7612 CL40-7613 CL40-7615 CL40-7616 CL40-7624 CL40-7624J
(7)
CL40-7610
CL40-7605J CL40-7612J
(7) (7)
CL40-7615J
(7)
PIN CONNECTIONS PIN NUMBER 1 2 3 4 5 SINGLES +VOUT +VOUT Return Return Return -7608 +5.1V +12V Return -12V Return -7610 +5.1V +15V Return -15V Return
2.5mm BATTERY ELIMINATOR JACK (SUFFIX 'J')
6.5 (165)
- NEGATIVE + POSITIVE
5
1
3.85 (98)
4
2 3
STANDARD OUTPUT CONNECTION (DIN 41524 FIVE PIN PLUG)
International Safety Standard Approvals
geprufte Sicherhelt
2.60 (66)
VDE0805/EN60950, IEC950, IEC1010 File No. 10401-3336-1062 Licence No. 1062 UL1950 File No. E136005
ALL DIMENSIONS ARE INCHES (mm)
DS_CL40_19980401.PDF
CSA C22.2 No. 950 File No. LR41062/LR50913/LR101320 Certificate No. PS/603191
http://www.artesyn.com
PAGE 2


▲Up To Search▲   

 
Price & Availability of CL40-7605J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X