Part Number Hot Search : 
TF321M 00101 2CC450 BR106 B2300 PF6806D 79L15ACZ EN8966
Product Description
Full Text Search
 

To Download CDSOT23-T08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features

Applications

NT
Lead free as standard RoHS compliant* Protects 1 or 2 lines Unidirectional & bidirectional configurations ESD protection > 40 KV
RS-232, RS-422 & RS-423 data lines Portable electronics Wireless bus protection Control & monitoring systems
*R
oH
S
CO
M
CDSOT23-T03~T36C - TVS Diode Array Series
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Array diodes for surge and ESD protection applications, in compact chip package SOT23 size format. The Transient Voltage Supressor Array series offers a choice of voltage types ranging from 3 V to 36 V. Bourns(R) Chip Diodes conform to JEDEC standards, are easy to handle on standard pick and place equipment and their flat configuration minimizes roll away. The Bourns device will meet IEC 61000-4-2 (ESD), IEC 61000-4-4 (EFT) and IEC 61000-4-5 (Surge) requirements.
2 1 2 1
3
Thermal Characteristics (@ TA = 25 C Unless Otherwise Noted) Parameter Operating Temperature Storage Temperature Symbol TJ TSTG Value -55 to +150 -55 to +150 Unit C C
3
Electrical Characteristics (@ TA = 25 C Unless Otherwise Noted) CDSOT23Parameter Symbol UniBiUniBiUniBiUniBiUniBiUniBiUniBiT03 T03C T05 T05C T08 T08C T12 T12C T15 T15C T24 T24C T36 T36C Unit
Breakdown Voltage @ 1 mA Working Peak Voltage Maximum Clamping Voltage VC @ IP1 Maximum Clamping Voltage @ 8/20 s VC @ IPP1 Maximum Leakage Current @ VWM Maximum Cap Undirectional
@ 0 V, 1 MHz
VBR VWM VF VF ID
Cj(SD) Cj(SD) PPP VF
4.0 3.3 7.0 10.9 V @ 43 A 125 500 300
6.0 5.0 9.8 13.5 V @ 42 A 20 350 210
8.5 8.0 13.4 16.9 V @ 34 A 10 250 150
13.3 12.0 19.0 25.9 V @ 27 A 2 150 90
500 1.5
16.7 15.0 24.0 30.0 V @ 17 A 1 100 60
26.7 24.0 43.0 49.0 V @ 12 A 1 88 63
40.0 36.0 51.0 76.8 V @9A 1 80 60
V V V V A pF pF
W V
Maximum Cap Bidirectional
@ 0 V, 1 MHz Peak Pulse Power (tp = 8/20 s)2 Forward Voltage @ 100 mA, 300 s - Square Wave3
Notes: 1. See Pulse Wave Form. 2. See Peak Pulse Power vs. Pulse Time. 3. Only applies to unidirectional devices. 4. Part numbers with a "C" suffix are bidirectional devices, i.e., CDSOT23-T03C.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-T03~T36C - TVS Diode Array Series
Product Dimensions This is a molded JEDEC SOT-23 package with lead free 100 % Sn plating on the lead frame. It weighs approximately 0.6 g and has a flammability rating of UL 94V-0.
A B
Recommended Footprint
A B
3 J C 1 2 I E D
C
E F D
G
DIMENSIONS = MILLIMETERS (INCHES)
DIMENSIONS = MILLIMETERS (INCHES)
Dimensions
H
A Dimensions A B C D E F G H I J
2.80 - 3.04 (0.1102 - 0.1197) 0.89 - 1.02 (0.0350 - 0.0401) 1.20 - 1.40 (0.0472 - 0.0551) 2.10 - 2.50 (0.0830 - 0.0984) 1.78 - 2.04 (0.0701 - 0.0807) 0.45 - 0.60 (0.0177 - 0.0236) 1.78 - 2.04 (0.0701 - 0.0807) 0.34 - 0.50 (0.0150 - 0.0200) 0.45 - 0.60 (0.0180 - 0.0236) 0.085 - 0.177 (0.0034 - 0.0070)
0.95 (0.037) 0.95 (0.037) 2.00 (0.079) 0.85 (0.033) 0.85 (0.033)
B C D E
How To Order
CD S0T23 - T 03 C
Common Code Chip Diode Package * S0T23 = S0T23 Package Model T = Transient Voltage Supressor Working Peak Voltage 3 = 3 VRWM (Volts) Suffix C = Bidirectional Diode
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-T03~T36C - TVS Diode Array Series
Performance Graphs Peak Pulse Power vs Pulse Time
10,000 IPP - Peak Pulse Current (% of IPP) PPP - Peak Pulse Power (W)
Pulse Wave Form
120 100 80 60 40 20 0 0 5 10 15 t - Time (s) 20 25 30 td = t|IPP/2 tt Test Waveform Parameters tt = 8 s td = 20 s et
1,000
500 W, 8/20 s Waveform
100
10 0.01
1
10
100
1,000
10,000
td - Pulse Duration (s)
Block Diagram The device block diagrams below include the pin names and basic electrical connections associated with each channel.
Unidirectional
2 1
Power Derating Curve
100 80 60 40 20 Average Power 0
3 3
Bidirectional
2 1
% of Rated Power
Peak Pulse Power 8/20 s
0
25
50
75
100
125
150
TL - Lead Temperature (C)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
CDSOT23-T03~T36C - TVS Diode Array Series
Packaging The surface mount product is packaged in a 12 mm x 8 mm Tape and Reel format per EIA-481 standard.
TOP SIDE VIEW (INTO COMPONENT POCKET) DIMENSIONS = 0.3 0.05 (.01 .002) 2.0 0.05 (.08 .002) 4.0 0.1 (.16 .004) 1.5 0.1/-0 (.06 .004/-0) DIA. 1.75 0.1 (.07 .004)
MILLIMETERS (INCHES)
R
0.3 MAX. (0.01)
12.0 0.3 (.47 .01) 5.5 0.3 (.22 .01) 3.9 0.1 (.154 .004) 8.0 0.3 (.31 .01) R 0.25 TYP. (0.010)
0.9 0.1 (.035 .004)
3.9 0.1 (.154 .004)
ORIENTATION OF COMPONENT IN POCKET BACKSIDE FACING UP
Reliable Electronic Solutions
Asia-Pacific: Tel: +886-2 2562-4117 * Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 * Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 * Fax: +1-951 781-5700 www.bourns.com
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
COPYRIGHT(c) 2005, BOURNS, INC. LITHO IN U.S.A., IPA0501 04/05


▲Up To Search▲   

 
Price & Availability of CDSOT23-T08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X