Part Number Hot Search : 
9224ET TS27M2M 00M35V5 HVP101 ADA489 1S2638 1N3700B S392D05
Product Description
Full Text Search
 

To Download BXA200-48S15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BXA200 SERIES
Single output
* * * * * * * * Telecom power system UL, CSA and TUV approved Distributed power architecture True N+1 redundancy Parallelability to kilowatt power levels Patented Zero Voltage Switching (ZVS) topology Fixed frequency operation High power density 36W/in3
Patent No. 4959764 and 5066900
[ 2 YEAR WARRANTY ]
The BXA200 Series of high density DC/DC converters uses Artesyn Technologies patented resonant transition zero voltage switching topology together with advanced packaging to provide high performance with a power density of 36Watts/in3. Fixed frequency operation at 500kHz together with our unique integrated magnetics and internal filters, facilitate easier system filtering, limiting input conducted noise to EN55022 level A. Zero voltage switching together with advanced power train design minimizes power losses, yielding efficiencies up to 85%, from a 4.6 x 2.4 x 0.5 inch industry standard package. The BXA200 series with six single output models from 3.3V to 48V, offer short circuit protection, overvoltage protection, true current sharing, redundancy and up to 40A capability, all of which simplify and accelerate design-in cycles, reduce component counts, save PCB space and increase system reliability, giving you the lowest overall cost of ownership with the shortest possible time to market.
SPECIFICATION
OUTPUT SPECIFICATIONS Voltage adjustability Remote sense Line regulation Load regulation Ripple and noise Transient response Temperature coefficient Overvoltage protection Short circuit protection Output set point accuracy Current limit Current share accuracy INPUT SPECIFICATIONS Input voltage range Input filter Input transients Turn-on time (resistive load) Total input capacitance
(4)
All specifications are typical at nominal input, full load at 25C unless otherwise stated EMC CHARACTERISTICS 10% 0.5V line drop compen. GENERAL SPECIFICATIONS 0.5% Efficiency See table Input/output Input/baseplate Output/baseplate Fixed (See Note 7) 1500VDC 1500VDC 500VDC 500kHz, 4.0% 465kHz to 535kHz 0.5% Isolation voltage See table 100s Switching frequency Frequency synchronisation range Approvals and standards (See Note 12) Case material Material flammability 10% full load Weight MTBF MIL-HDBK-217F 220g (7.8oz) 750,000 hours Conducted noise EN55022, EN55011, FCC Bellcore 1089 (See Note 10) Level A
(See Note 6) (See Note 5) Typical Typical 0-20MHz (See Note 1) 50% to 75% load step (recovery to 2.0% Vo)
0.02%/C, Max 112% to 165% latching Continuous automatic recovery 1.0% 112% 8.0%
EN60950, IEC950, UL1950 CSA C22.2 No. 950 Plastic case, aluminum baseplate UL94V-0
Auto recovery
48VDC
38 to 75VDC ENVIRONMENTAL SPECIFICATIONS Yes Thermal performance Operating baseplate -25C to +85C Non-operating -40C to +125C Overtemp. shutdown, 100C baseplate nominal (See Note 9) Thermal impedance, 5C/Watt Pout 3V3 output 130W, max. Pout other models 200W, max. 5Hz to 500Hz 2.4G rms
1 second Vout to within 1.0%
90V 50ms max. 8F (See Note 3) CMOS 5Vmin. or open-circuit 1VDC max. 45mA 5mA 20ms, max. Vout to within 1% Vibration
Remote ON/OFF Logic compatibility ON threshold OFF threshold Shutdown idle current On/off current sink Control turn-on time (resistive load)
International Safety Standard Approvals
TUV
EN60950/IEC950 File No. B 95 09 13183 072 UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062C
PAGE 1
DC/DC CONVERTERS
|
130-200W DC/DC
130 to 200 Watt High density DC/DC converters
INPUT OUTPUT VOLTAGE POWER 38-75VDC 38-75VDC 38-75VDC 38-75VDC 38-75VDC 38-75VDC 130W 200W 200W 200W 200W 200W OUTPUT OUTPUT RIPPLE & NOISE EFFICIENCY VOLTAGE CURRENT PK-PK, MAX. (1) 3.3V 5V 12V 15V 24V 48V 40A 40A 16.7A 13.3A 8.3A 4.16A 78% 83% 83% 83% 84% 85% 60mV 100mV 110mV 100mV 150mV 250mV STATIC REG. BAND (2) 55mV, Max. 50mV, Max. 112mV, Max. 130mV, Max. 185mV, Max. 328mV, Max. OVP THRESHOLD 4.5 to 5.5VDC 6.0 to 7.0VDC 14.25 to 15.75VDC 17.57 to 19.42VDC 27.0 to 29.9VDC 65.0 to 72.0VDC MODEL NUMBER BXA200-48S3V3 BXA200-48S05 BXA200-48S12 BXA200-48S15 BXA200-48S24 BXA200-48S48
Notes
1 2 3 4 A 10F tantalum capacitor on the output. Specified for all conditions line and load. Fit external 1K resistor in series with remote on/off pin. Normal operation: When a high impedance power source is used, an aluminium electrolytic capacitor of value 220F rated at 100V should be placed across the two voltages input pins, -Vin and +Vin. This capacitor should be located as close as possible to the input terminals. Remote sense operation: Remote sense will automatically compensate for output voltage line losses up to 0.5VDC. The unit will operate if the sense terminals are left open. There are internal resistors between each sense line and the output terminal. However, regulation will degrade if the sense lines are left open. Do not reverse the sense leads as this may damage the unit. External trimming: The modules allow a trim range of 10% of the output voltage to the rated maximum power. Trimming is implemented as shown. Synchronization function: This function allows the synchronisation of the fixed switching frequency to an external clock. The frequency adjustability range is 500kHz 35kHz and the synch. function is TTL compatible, coupled through a 1nF capacitor. Two or more units can be synchronized to each other by connecting all of the synch. pins together. Parallel and N+I redundancy operation: Parallelling: Two or more units can be paralleled to give higher power operation. The power output will be a multiple of the power block. Diodes are not necessary for parallel operation.
5
N+I Redundancy: If redundancy is required, isolating diodes should be used. In this set-up when one unit is turned off, it will disconnect itself from the sharing group and the other unit(s) will take up the extra load. 9 Thermal performance: The baseplate must be kept below 85C during normal operation. This can be achieved by providing the proper amount of moving air coupled with the proper size heatsink. The thermal impedance in still air with no heatsink is 5.0C/W. If the baseplate temperature exceeds 100C, the thermal protection circuitry protects the module by decreasing the current limit setpoint. 10 With a 120F capacitor across the input terminals. 11 Contact your local distributor. 12 This product is only for inclusion by professional installers within other equipment and must not be operated as a stand alone product.
6 7
8
Parallel and N+1 Redundancy Operation (See Note 8)
- Vin - Sense - Vout - Vout
+ Vin
Remote ON/OFF
+Vout +Vout +Sense Trim Synch. R L
- Vin
- Sense - Vout - Vout
+ Vin
Remote ON/OFF
+Vout +Vout +Sense Trim Synch. InF
Synch. Gen
http://www.artesyn.com
PAGE 2
130-200W
|
DC/DC CONVERTERS
130 to 200 Watt High density DC/DC converters
PIN CONNECTIONS PIN NUMBER 1 4 7 9 11 12 13 14 16 17 18 FUNCTION - Vin + Vin Control Sync./Current Share Trim + Sense + Vout + Vout - Vout - Vout - Sense
TRIM - Sense TRIM UP TRIM DOWN TRIM UP/DOWN
EXTERNAL OUTPUT TRIMMING Single output models can be externally trimmed by 10% using either method shown below, See Note 6.
+ Sense
10K
4.60 (116.8) 0.300 (7.62)
4.200 (106.68) 3.600 (91.43)
0.25 (0.64) Dia. Standoff (4 places)
0.52 (13.2) 0.020 (0.51)
0.50 (12.7)
0.200 (5.08)0.200 (5.08)
18 17 16
2.40 (60.1) 2.100 (53.35) 0.600 (15.24)
1
4
14
1.200 (30.48) 1.750 (44.46)
7
View from Underside (Pin Side)
13 12 11
0.600 (15.24) 0.800 (20.32) 1.000 (25.40) 1.200 (30.48) 1.600 (40.64)
o 0.040 Dia. (1.02)
9
0.15 (3.8)
M3 x 0.5 Metric Tap Thru. (4 places)
0.20 (5.1)
ALL DIMENSIONS IN INCHES (mm)
All pins are true position within 0.010 @ MMC Heatsink adds 0.74" to height of unit The mounting surface is flat within 0.003" Tolerance (inches).XX = 0.02 .XXX = 0.005
PAGE 3
DS_BXA200_19990610.PDF
Data Sheet (c) Artesyn Technologies(R) 2000 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
http://www.artesyn.com
PAGE 4


▲Up To Search▲   

 
Price & Availability of BXA200-48S15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X