Part Number Hot Search : 
CPC1726 FSL05N2C ST1041 C2M6028 MZP4733 5WMS6T 1N971 20100C
Product Description
Full Text Search
 

To Download BTS730 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTS730
PWM Power Unit
The device allows continuous power control for lamps,LEDs or inductive loads. ! Highside switch (Bootstrap) ! Overtemperatur protection ! Short circuit / overload protection through pulse width reduction and overload shutdown ! Load dump protection ! Undervoltage and overvoltage shutdown with auto-restart and hysteresis ! Reverse battery protection 1) ! Timing frequency adjustable ! Controlled switching rise and fall times ! Maximum current internally limited ! Protection against loss of GND 2) ! Electrostatic discharge (ESD) protection ! Package: P-DSO-20-6 (SMD)
Note: Switching frequency is programmed with an external capacitor
Type
Ordering Code
Marking
Package
BTS730
Maximum Ratings
Q67060-S7007-A2
-
P-DSO-20-6
Parameter Active overvoltage prodection Short circuit current Input current (DC) Pin1 (C t) and pin19 (V C) Operating temperature range Storage temperature range Power dissipation
3)
Symbol V bb (AZ) I SC I Ct I VC Tj T stg P tot R th JC R th JA V ESD
Values >40 self-limited 2 2 -40...+150 -50...+150 3 2 35 75 1
Unit V mA mA C W W K/W kV
T a=25C T a=85C
Thermal resistance chip-case 3) chip-ambient Electrostatic discharge capability (ESD) (Human Body Model)
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993; R=1.5K; C=100pF
1) 2) 3)
With 150 resistor in signal GND connection. Potential between signal GND and load GND >0.5V Device on 50mm*50mm *1.5mm epoxy PCB FR4 with 6 cm2(one layer,70m thick) copper area for Vbb conection, PCB is vertical without air blowing.
Semiconductor Group 1
2003-Oct-01
BTS730
Block Diagram
Overvoltage Prodtection
Over / Undervoltage Detection
Temperature Sensor
(4,5,6,7)
(14,15,16,17)
Vbb
Timing Generator
Pulse - width Comparator
Pump and
Logic
Current Limiting
Voltage Regulator
(18)
(1)
(20)
(19)
(2)
(3)
(8,9,10,11,12,13)
GND
Ct Timing Cap. 68nF
Signal GND
VREF
25k
VC
CB1
Bootstrap Capacitor 22nF
C B2
OUT
Load GND
Pin Definitions and Funktions
Pin 1 2 3 4,5,6,7 14,15,16,17 8,9,10 11,12,13 18 19 20 GND VC V REF Ground Voltage for PWM-Control Reference Voltage OUT Symbol Funktions Ct C B1 C B2 V bb Supply voltage (Leadframe connected) Output Timing capacitor for frequency Bootstrap capacitor
Pin Configuration (top view)
Ct C B1 C B2 V bb V bb V bb V bb OUT OUT OUT
1* 2 3 4 5 6 7 8 9 10
20 V REF 19 V C 18 GND 17 V bb 16 V bb 15 V bb 14 V bb 13 OUT 12 OUT 11 OUT
Semiconductor Group 2
2003-Oct-01
BTS730
Electrical Characteristics at T C = 25 C, Vbb = 12 V, unless otherwise specified. CBootstrap = 22nF Parameter On-state resistance I L=3A, V bb=12V Operating voltage T C = -40 ...+150C Nominal current, calculated value ISO-standard:Vbb-VOUT 0.5V, TC = 85C Load current limit V bb-V OUT> 1V, TC = -40 ...+150C Undervoltage shutdown I L = 3A, TC = -40 ...+150C Overvoltage shutdown I L = 3A, TC = -40 ...+150C Max.output voltage (RMS) I L = 3A, V bb > 12 V T C = -40 ...+150C Reference voltage I REF= 10mA, TC = -40 ...+150C Reference current pin 18 (GND) to pin 20 (VREF) short Internal current consumption during operation, measured in PWM gap TC = -40 ...+150C Bootstrap voltage, pin 2 ( B1) to pin 3 (C B2) C V bb = 12 V, TC = -40 ...+150C PWM frequency T c = -40 ... +150 C, C t = 68 nF Max. pulse duty factor I L = 3A, I L = 3A, V C=0V , (50% V OUT) D imin du/dt (on) du/dt (off) Tj 3 20 20 150 8 14 % 120 mV/s 120 mV/s C V C=0V , (50% V OUT) Min. pulse duty factor Slew rate "on" 10 ... 90% I OUT Slew rate "off" 90 ... 10% I OUT Thermal overload trip temperature
1)
Symbol min. R ON V bb I L-ISO I LLim V bb(LOW) V bb(HI) V RMSmax 3 17 12 5.9
1)
Values typ. 20 4.2 18 max.
Unit 70 m 16.9
2)
V
3
-A -A 5.4 V 19 V 14 V
V REF I REF IR -
2 150 -
3V mA 5 mA
VB f PWM D imax
50 95 -
10
-
V
100 Hz 98 %
Note: undervoltage shutdown 2) Note: overvoltage shutdown
Semiconductor Group 3
2003-Oct-01
BTS730
Circuits
A a gL gic p t n lo o -In u
VC
(19)
V REF VC GD N
(20)
Voltage Regulator
2 A
(19) (18)
P lse id Cm a to u -w th o p ra r 6V max. 2mA
T g la W fo rian u r ave rm
Generator Input C t (1) V bb
6 A
Ct GD N
(1) (18)
T in G n ra r im g e e to 6V max. 2mA
V g S so (typ olta e en r )
Undervoltage Sensor Overvoltage Sensor
+V bb
+V bb
V bb < 4.2 V
Signal to the logic unit
V bb > 18 V
Signal to the logic unit
GND
GND
Semiconductor Group 4
2003-Oct-01
BTS730
Application Note
Dimming of dashboard lighting
4,5,6,7 14,15,16,17 20
+ Vbb
220nF
V REF
Vbb
25 k#
19
BTS730
VC
GND
18
Ct
1
68nF
CB1
2
CB2 OUT
3 8,9,10 11,12,13
22nF
Load
150#
150# Resistor for reverse battery and load dump prodection
Package Outline
P-DSO-20-6
Dimensions in mm
Dimensions in mm
Semiconductor Group 5
2003-Oct-01
BTS730
m
140
Typ.on-state resistance R ON= f (T C )
A
30
Typ. Load current limit I LLim = f (T C )
120
25
100 20 80 15 60 10
40
20 -50 -25 0 25 50 75 100 125 150
5 -50 -25 0 25 50 75 100 125 150
T C C
T C C
V
6,0
Typ. undervoltage shutdown V bb(LOW) = f (T C)
V
20,0
Typ. overvoltage shutdown V bb(HI) = f (T C )
5,5
19,5
5,0
19,0
4,5
18,5
4,0
18,0
3,5
17,5
3,0 -50 -25 0 25 50 75 100 125 150
17,0 -50 -25 0 25 50 75 100 125 150
T C C
T C C
Semiconductor Group 6
2003-Oct-01
BTS730
%
15 14 13 12 11 10 9 8 7 6 5 -50
Typ. min. puls duty factor D imin = f (T C )
%
100
Typ. max. puls duty factor D imax = f (T C )
99
98
97
96
95 -25 0 25 50 75 100 125 150 -50 -25 0 25 50 75 100 125 150
T C C
T C C
Hz
100
Typ. PWM Frequency f PWM = f (T C )
V
14,0
Typ. max. output voltage V RMSmax = f (T C ), Vbb > 12V
90 13,5
80 13,0 70
12,5 60
50 -50 -25 0 25 50 75 100 125 150
12,0 -50 -25 0 25 50 75 100 125 150
T C C
T C C
Semiconductor Group 7
2003-Oct-01


▲Up To Search▲   

 
Price & Availability of BTS730

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X