Part Number Hot Search : 
CM100 GM82C765 24A05 ACT200A BY9210 YWL500 ETF02 FCA22N60
Product Description
Full Text Search
 

To Download BTA201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BTA201 series B, E and ER
Triacs logic level
Rev. 01 -- 25 August 2005 Product data sheet
1. Product profile
1.1 General description
Passivated guaranteed commutation triacs in a plastic package. The `sensitive gate' E and ER series are intended for interfacing with low power drivers, including microcontrollers. The high commutation B series are designed to commutate the full RMS current at the maximum junction temperature without the aid of a snubber.
1.2 Features
s Suitable for interfacing with low power drivers, including microcontrollers s Reverse pinning option (ER type)
1.3 Applications
s Motor control s Solenoid drivers
1.4 Quick reference data
s s s s s s ITSM 12.5 A VDRM 600 V (BTA201-600B) VDRM 600 V (BTA201-600E) VDRM 800 V (BTA201-800B) VDRM 800 V (BTA201-800E) VDRM 800 V (BTA201-800ER) s s s s s s IT(RMS) 1 A IGT 50 mA (BTA201-600B) IGT 10 mA (BTA201-600E) IGT 50 mA (BTA201-800B) IGT 10 mA (BTA201-800E) IGT 10 mA (BTA201-800ER)
2. Pinning information
Table 1: Pin 1 2 3 1 2 3 Pinning Description main terminal 2 (T2) gate (G) main terminal 1 (T1) main terminal 1 (T1) gate (G) main terminal 2 (T2)
321
Simplified outline B and E series
Symbol
T2
sym051
T1 G
ER series
SOT54 (TO92)
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
3. Ordering information
Table 2: Ordering information Package Name BTA201-600B BTA201-600E BTA201-800B BTA201-800E BTA201-800ER TO-92 Description plastic single-ended leaded (through hole) package; 3-leads Version SOT54 Type number
4. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VDRM Parameter repetitive peak off-state voltage BTA201-600B BTA201-600E BTA201-800B BTA201-800E BTA201-800ER IT(RMS) ITSM RMS on-state current non-repetitive peak on-state current full sine wave; Tlead 54.3 C; Figure 4 and Figure 5 full sine wave; Tj = 25 C prior to surge; Figure 2 and Figure 3 t = 20 ms t = 16.7 ms I2t dlT/dt IGM PGM PG(AV) Tstg Tj
[1]
[1] [1]
Conditions
Min -
Max 600 600 800 800 800 1
Unit V V V V V A
-
12.5 13.7 0.78 50 2 5 0.1 +150 125
A A A2s A/s A W W C C
I2t
for fusing
t = 10 ms ITM = 1.5 A; IG = 0.2 A; dIG/dt = 0.2 A/s
repetitive rate of rise of on-state current after triggering peak gate current peak gate power average gate power storage temperature junction temperature
over any 20 ms period
-40 -
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 6 A/s.
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
2 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
1.5
Ptot (W)

003aaa954
35
Tlead (max) (C)
= 180 120
1
90 60 30
65
0.5
95
0 0 0.2 0.4 0.6 0.8 1 IT(RMS) (A)
125 1.2
= conduction angle
Fig 1. Total power dissipation as a function of RMS on-state current; maximum values
003aaa956
16 ITSM (A) 12
8
4
0 1 10 102 n 103
f = 50 Hz
Fig 2. Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum values
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
3 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
103 ITSM (A) IT
003aaa955
ITSM t T Tj(init) = 25 C max
102
(1)
10
10-5
10-4
10-3
10-2
tp (s)
10-1
tp 20 ms (1) dIT/dt limit
Fig 3. Non-repetitive peak on-state current as a function of pulse width; maximum values
003aaa957
3 IT(RMS) (A)
003aaa958
1.2 IT(RMS) (A) 1 54.3 C
2
0.8
0.6
1
0.4
0.2
0
10-2
10-1
1 10 surge duration (s)
0 -50
0
50
150 100 Tlead (C)
f = 50 Hz; Tlead 66 C
Fig 4. RMS on-state current as a function of surge duration; maximum values
Fig 5. RMS on-state current as a function of lead temperature; maximum values
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
4 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
5. Thermal characteristics
Table 4: Symbol Rth(j-lead) Rth(j-a) Thermal characteristics Parameter Conditions Min Typ 150 Max 60 80 Unit K/W K/W K/W thermal resistance from junction to full cycle; Figure 6 lead half cycle Figure 6 thermal resistance from junction to printed-circuit board ambient mounted; lead length = 4 mm
102 Zth(j-lead) (K/W) 10
(1)
003aaa961
1
(2)
PD
10-1
tp
t
10-2 10-5 10-4 10-3 10-2 10-1 1 tp (s) 10
(1) Unidirectional (2) Bidirectional
Fig 6. Transient thermal impedance as a function of pulse width
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
5 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
6. Static characteristics
Table 5: Static characteristics Tj = 25 C unless otherwise specified. Symbol Parameter Conditions BTA201-600B BTA201-800B Min IGT gate trigger current VD = 12 V; IT = 0.1 A; Figure 8 T2+ G+ T2+ G- T2- G- IL latching current VD = 12 V; IGT = 0.1 A; Figure 10 T2+ G+ T2+ G- T2- G- IH holding current VD = 12 V; IGT = 0.1 A; Figure 11 IT = 1.4 A; Figure 9 VD = 12 V; IT = 0.1 A; Figure 7 VD = 400 V; IT = 0.1 A; Tj = 125 C ID off-state leakage current VD = VDRM(max); Tj = 125 C 30 50 30 30 12 20 12 12 mA mA mA mA 50 50 50 10 10 10 mA mA mA Typ Max BTA201-600E BTA201-800E BTA201-800ER Min Typ Max Unit
VT VGT
on-state voltage gate trigger voltage
0.2
1.2 0.7 0.3
1.5 1.5 -
0.2
1.2 0.7 0.3
1.5 1.5 -
V V V
-
0.1
0.5
-
0.1
0.5
mA
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
6 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
7. Dynamic characteristics
Table 6: Symbol Dynamic characteristics Parameter Conditions BTA201-600B BTA201-800B Min dVD/dt critical rate of rise VDM = 67 % VDRM(max); of off-state voltage Tj = 125 C; exponential waveform; gate open circuit rate of change of commutating current VDM = 400 V; Tj = 125 C; dVcom/dt = 20 V/s; gate open circuit VDM = 400 V; Tj = 125 C; dVcom/dt = 10 V/s; gate open circuit tgt gate controlled turn-on time ITM = 20 A; VD = VDRM(max); IG = 0.1 A; dIG/dt = 5 A/s 1000 Typ Max BTA201-600E BTA21-800E BTA201-800ER Min 200 Typ Max V/s Unit
dIcom/dt
12
-
-
2.5
-
-
A/s
16
-
-
3.5
-
-
A/s
-
2
-
-
2
-
s
1.6 VGT(Tj) VGT(25C) 1.2
001aab101
3 IGT(Tj) IGT(25C) 2
(1) (2) (3)
003aaa959
0.8
1
(3) (2) (1)
0.4 -50
0
50
100 Tj (C)
150
0 -50
0
50
100
Tj (C)
150
(1) T2- G- (2) T2+ G- (3) T2+ G+
Fig 7. Normalized gate trigger voltage as a function of junction temperature
Fig 8. Normalized gate trigger current as a function of junction temperature
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
7 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
2 IT (A) 1.6
003aaa960
3 IL(Tj) IL(25C) 2
001aab100
1.2
(1) (2)
0.8
(3)
1
0.4
0 0 0.4 0.8 1.2 1.6 2 VT (V)
0 -50
0
50
100 Tj (C)
150
Vo = 1.02 V; Rs = 0.358 (1) Tj = 125 C; typical values (2) Tj = 125 C; maximum values (3) Tj = 25 C; maximum values
Fig 9. On-state current as a function of on-state voltage
3 IH(Tj) IH(25C) 2
001aab099
Fig 10. Normalized latching current as a function of junction temperature
003aaa962
104 dVD/dt (V/s) 103
(1)
(2)
1
102
0 -50
0
50
100 Tj (C)
150
10
0
50
100
Tj C
150
Gate open circuit (1) BTA201 series B (2) BTA201 series E and ER
Fig 11. Normalized holding current as a function of junction temperature
Fig 12. Critical rate of rise of off-state current as a function of junction temperature; minimum values
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
8 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
8. Package outline
Plastic single-ended leaded (through hole) package; 3 leads SOT54
c
E d A L b
1
D
2
e1 e
3
b1
L1
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 5.2 5.0 b 0.48 0.40 b1 0.66 0.55 c 0.45 0.38 D 4.8 4.4 d 1.7 1.4 E 4.2 3.6 e 2.54 e1 1.27 L 14.5 12.7 L1(1)
max.
2.5
Note 1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. OUTLINE VERSION SOT54 REFERENCES IEC JEDEC TO-92 JEITA SC-43A EUROPEAN PROJECTION ISSUE DATE 04-06-28 04-11-16
Fig 13. Package outline SOT54 (TO-92)
9397 750 15154 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
9 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
9. Revision history
Table 7: Revision history Release date 20050825 Data sheet status Change Doc. number notice Product data sheet Supersedes Document ID BTA201_SER_B_E_ER_1
9397 750 15154 -
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
10 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
10. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
11. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
13. Trademarks
Notice -- All referenced brands, product names, service names and trademarks are the property of their respective owners.
12. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
14. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 15154
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 -- 25 August 2005
11 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 5 Static characteristics. . . . . . . . . . . . . . . . . . . . . 6 Dynamic characteristics . . . . . . . . . . . . . . . . . . 7 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information . . . . . . . . . . . . . . . . . . . . 11
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 25 August 2005 Document number: 9397 750 15154
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of BTA201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X