Part Number Hot Search : 
18VUV 2500V TS7024 LM317LS Q2040W9 74AHC1 CX65002 364302
Product Description
Full Text Search
 

To Download AZ983-1C-12D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ983
80 AMP AUTOMOTIVE RELAY
FEATURES 80 Amp contact rating High momentary carry current High operating temperature (85C) SPST N.O. (1 Form A), SPDT (1 Form C), SPST N.C. (1 Form B) * PCB terminals * Epoxy sealed version available * * * *
CONTACTS
Arrangement Ratings SPST (N.O.) (1 Form A) SPDT (1 Form C), SPST (N.C.) (1 Form B) Resistive load: Max. switched power: 1120 W (SPST) Form A 840 W (N.O.) Form C 840 W (N.C.) Form C, Form B Max. switched current: 80 A (SPST) Form A 60 A (N.O.) Form C 60 A (N.C.) Form C, Form B Max. switched voltage: 30 VDC
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 1 x 107 1 x 105 at 80 A 14 VDC Res. 7 ms at nominal coil voltage 5 ms at nominal coil voltage (with no coil suppression)
Dielectric Strength 500 Vrms coil to contact (at sea level for 1 min.) 500 Vrms contact to contact Insulation Resistance Dropout 100 megohms min. at 500 VDC, 20C 50% RH Greater than 10% of nominal coil voltage -40C (-40F) to 85C (185F) -40C (-40F) to 105C (221F) 0.062" (1.5 mm) DA at 10-55 Hz 10 g P.B.T. polyester Copper alloy PCB 40 grams
Material Resistance
Silver tin oxide < 50 milliohms initially (24 V, 1 A voltage drop method) Ambient Temperature Operating Storage Vibration
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 0.76 W 3.0 W at 20C (68F) 68C (122F) at nominal coil voltage Max.155C (311F)
Shock Enclosure Terminals Weight
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Specifications subject to change without notice.
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-06-24
Junkersstrasse 3, D-82178 Puchheim, Germany
AZ983
RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil VDC 6 12 24 Must Operate VDC 3.9 7.8 15.6 Max. Continuous VDC 7.8 15.6 31.2 Coil Resistance 10% 20 80 320 SPST AZ983-1A-6D AZ983-1A-12D AZ983-1A-24D
ORDER NUMBER*
SPDT AZ983-1C-6D AZ983-1C-12D AZ983-1C-24D
* For SPST (N.C.) (1 Form B) relay, substitue "1B" for "1A". Add suffix "R" for resistor in parallel with coil. Resistor values: 6V: 180 , 12V: 680 , 24V: 2700 . Add suffix "D" for diode across coil option (+ pole at terminal #86). Add suffix "E" for epoxy sealed version.
MECHANICAL DATA
PC BOARD LAYOUT
1.142 [29.0] 2 x o.079.003 [o2.0.076] .335 [8.5] 1.102 1.043 [28.0] [26.5] .669 [17.0] 3 x .307 [7.8] 2 x .058 [1.5] 2 x .059 [1.5] 2 x .116 [2.9] 3 x .059 [1.5] 2 x .248 [6.3] 2 x .032 [0.8] 3 x .150 [3.8] 9 x o.090.003 [o2.3.076] .390 [9.9] .315 [8.0] .331 [8.4] .137 [3.5] .418 [10.6] 3 x .154 [3.9]
FORM C VERSION SHOWN VIEWED TOWARD TERMINALS
WIRING DIAGRAMS
9 x .063 [1.6]
86 87 30 30 87A
86 30 87A 85
86 87
3 x .374 [9.5] 3 x .047 [1.2]
85
85
1 FORM A FORM C VERSION SHOWN
1 FORM B
1 FORM C
VIEWED TOWARD TERMINALS
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
ZETTLER
electronics GmbH
Tel. +49 89 800 97 0 Fax +49 89 800 97 200 office@ZETTLERelectronics.com www.ZETTLERelectronics.com
2003-06-24
Junkersstrasse 3, D-82178 Puchheim, Germany


▲Up To Search▲   

 
Price & Availability of AZ983-1C-12D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X