Part Number Hot Search : 
R71H47 4729A IRF513 0015474 BD720 RBU801M TN2905A 300205A
Product Description
Full Text Search
 

To Download AT83C22OKXXX-RDRIM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Smart Card Interface
- Smart Card Interface Compliant with ISO 7816 and EMV 2000 - Support of T = 0, T = 1, TWI (S = 8), 2-wire: SLE 4432/42 (S = 10), 3-wire: SLE4418/28 (S = 9), Others on Request - High-performance Smart Card Interface - Supports 5V, 3V and 1,8V Smart Cards - Supply Current 60 mA to Power the Smart Card - Smart Card mOvement Detection With Auto Power-off - Automatic Detection of Smart Card Type - Short -circuit and Thermal Protection - 8-pin handling (C4/C8 Supported) - On Request: Second Smart Card Interface Host Interface - USB (Compliant with USB 1.1 and 2.0, CCID Supported) - Transmission Speed: 12 Mbps - Customer Specific USB Descriptors Keyboard Support - Customer Specific Keyboard-Matrix-Layout for up to 160 keys (Max. Size 20x8), e.g. Multimedia Keyboards - Slow Rise and Fall Time on Keyboard-matrix Ports to Ensure Low EMI - Ready-to-use Firmware for Keyboard Support included; Customer Specific Firmware Possible Compliance - WHQL (Microsoft) Certified - EMV 2000 (Europay, Mastercard, Visa) Certified - USB 1.1 and 2.0 - USB CCID - ISO 7816 - HBCI Other Features - Fast and Easy Certification Process - Supports LED Status Indicator (Green: ready; Red: busy) - Supports 3 Keyboard LED's - Secure Pin Entry (SPE) PC/SC Driver support - Windows 98(R) - Windows ME (R) - Windows 2000(R) - Windows XP (R) - Windows CE 3.0 / CE.NET (Depending on Hardware) - Linux(R) - MAC OS X (R) Deliverables - 64-PIN VQFP Chip-set (Including Firmware and Drivers) on a Per-unit License Fee Development - Design-In Kit Containing * 3 CardMan(R) Smart@Key Chips * Ready-to-use sample PCB * CD with Drivers and Documentation
*
CardMan(R) Smart@Key AT83C22OK Summary Preliminary
*
*
*
*
* *
4306AS-SCR-05/04
This is a summary Document. A complete document is available on the Omnikey Web site. www.omnikey.com
AT83C22OK
Description
Smart Cards are increasingly being used for Payments, Home-Banking, Access Control, Internet Security, PKI-tokens, Healthcare, Loyalty, etc. The CardMan Smart@Key chip set is a ready to use precertified smart card reader interface to be implemented into keyboards. Being a one-chip solution containing firmware functionality for both smartcard and keyboard support, it facilitates the hardware integrators in reducing time-to-market and offers a unique opportunity to quickly and easily implement smart card reader functionality into their systems. The already existing certifications and compliances guarantee a fast and easy certification process. With its high performance Smart Card Interface CardMan Smart@Key supports Smart Card technology of the future. The integration in any USB keyboard can be easily done without any firmware or software (driver) development, simply by embedding the CardMan Smart@Key design and chipset into the target system. The USB CCID support makes this process the easiest ever by connecting host and Smart Card Reader systems without the need of additional vendor specific drivers. Keyboard Matrix and USB descriptors can be easily adapted to the customer's requests. CardMan Smart@Key is based on Atmel's AT83C5122 microcontroller. The above features make the CardMan(R) Smart@Key the perfect answer to the increasing demands of many applications.
2
4306AS-SCR-05/04
Ordering information
Part Number AT83C22OKxxx-RDTIM AT83C22OKXXX-RDRIM Temperature Range Industrial Industrial Package VQFP64 VQFP64 Packing Tray Tape & Reel
xxx: Firmware version
3
AT83C22OK
4306AS-SCR-05/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. (c) Atmel Corporation 2004. All rights reserved. Atmel(R) and combinations thereof are the trademarks of Atmel Corporation or its subsidiaries. Microsoft Windows 98/ME/NT/2000/XP/CE (R) are trademarks and/or registered trademarks of Microsoft Corporation. Linux(R) is a registered trademark of Linus Torvalds. CardMan (R) is a registered trademark of Omnikey AG. Mac OS X(R) is a registered trademark of Apple corporation. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
4306AS-SCR-05/04


▲Up To Search▲   

 
Price & Availability of AT83C22OKXXX-RDRIM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X