Part Number Hot Search : 
ICS95 68HC908 25D431K UPC1663C 68HC908 SMDA15 BFU630F ZX5T851Z
Product Description
Full Text Search
 

To Download ALE12B05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VDE
LE
16A Power Relay For Micro wave oven
LE RELAYS
4. Low operating power * Nominal operating power: 400mW/ 200mW (High sensitive type) 5. A wide variety of types * Product line consists of 4 types with different shapes and pins 6. Conforms to the various safety standards: * UL/CSA, TUV, VDE approved and SEMKO available
28.6 1.126
12.4 .488
FEATURES
1. Ideal for magnetron and heater loads 2. Excellent heat resistance * This satisfies UL coil insulation class B/ class F available 3. High insulation resistance * Creepage distance and clearances between contact and coil: Min. 8 mm .315 inch * Surge withstand voltage: Min. 10,000V
24.9 .980 28.6 1.126 12.4 .488
24.9 .980
mm inch
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity Max. switching power Rating (resistive load) Max. switching voltage Max. switching current Mechanical (at 180 cpm) Expected life (min. operations) Electrical (at 20 cpm) (Resistive load) 1 Form A 100 m Silver alloy 16 A 277 V AC 4,432 V A 277 V AC 16 A 2 x 10 105
6
Characteristics
Max. operating speed (at rated load) Initial insulation resistance*1 Between open Initial breakdown contacts voltage*2 Between contacts and coil Initial surge voltage between contact and coil*3 Operate time*4 (at nominal voltage) (at 20C 68F) Release time (with diode)*4 (at nominal voltage) (at 20C 68F) Temperature rise (at nominal voltage) (resistance method, contact current 16 A, 20C 68F) Functional*5 Shock resistance Destructive*6 Vibration resistance Conditions for operation, transport and storage*8 (Not freezing and condensing at low temperature) Unit weight Functional*7 Destructive Ambient temp. Humidity 20 cpm Min. 1,000 M (at 500 V DC) 1,000 Vrms for 1 min. 4,000 Vrms for 1 min. Min. 10,000 V Max. 20ms Max. 20ms Max. 25ms (200 mW type) Max. 55C Max. 45C (200 mW type) Min. 200 m/s2{20 G} Min. 1,000 m/s2{100 G} 10 to 55Hz at double amplitude of 1.5mm 10 to 55Hz at double amplitude of 1.5mm -40C to +85C -40F to +185F 5 to 85% R.H. Approx. 17 g .60 oz
Coil
Type Nominal operating power Remarks Standard 400 mW High sensitive 200 mW
Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 Detection current: 10mA *3 Wave is standard shock voltage of 1.2 x 50s according to JEC-212-1981 *4 Excluding contact bounce time. *5 Half-wave pulse of sine wave: 11 ms; detection time: 10 s *6 Half-wave pulse of sine wave: 6 ms *7 Detection time: 10 s *8 Refer to 5. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT (Page 24).
TYPICAL APPLICATIONS
* Microwave ovens * Refrigerators * OA equipment
ORDERING INFORMATION
Ex. A LE 1 2 B 12
Product name Contact arrangement LE 1: 1 Form A 7: 1 Form A (200 mW)
Terminal shape 2: TMP type/PCB side three terminals (includes one dummy terminal) 3: TMP type/PCB side three terminals 4: TMP type/PCB side four terminals 5: PCB type (No tab terminals)
Coil insulation class B: Class B insulation F: Class F insulation
Coil voltage, V DC 05: 5 18: 18 06: 6 24: 24 09: 9 48: 48 12: 12
UL/CSA, TUV, VDE approved type is standard. Note: Standard packing; Carton: 100 pcs. Case 500 pcs.
43
LE
TYPES
1. Standard type TMP type/PCB side three terminals (includes one dummy terminal) Part No. 5 ALE12r05 6 ALE12r06 9 ALE12r09 1 Form A 12 ALE12r12 18 ALE12r18 24 ALE12r24 48 ALE12r48 r: Input the following letter. Class B: B, Class F: F Contact arrangement Coil voltage, V DC 2. High sensitive type TMP type/PCB side three terminals (includes one dummy terminal) Part No. 5 ALE72r05 6 ALE72r06 9 ALE72r09 1 Form A (High sensitivity: 12 ALE72r12 200mW) 18 ALE72r18 24 ALE72r24 48 ALE72r48 r: Input the following letter. Class B: B, Class F: F Contact arrangement Coil voltage, V DC TMP type/PCB side three terminals Part No. ALE73r05 ALE73r06 ALE73r09 ALE73r12 ALE73r18 ALE73r24 ALE73r48 TMP type/PCB side four terminals Part No. ALE74r05 ALE74r06 ALE74r09 ALE74r12 ALE74r18 ALE74r24 ALE74r48 PCB type (No tab terminals) Part No. ALE75r05 ALE75r06 ALE75r09 ALE75r12 ALE75r18 ALE75r24 ALE75r48 TMP type/PCB side three terminals Part No. ALE13r05 ALE13r06 ALE13r09 ALE13r12 ALE13r18 ALE13r24 ALE13r48 TMP type/PCB side four terminals Part No. ALE14r05 ALE14r06 ALE14r09 ALE14r12 ALE14r18 ALE14r24 ALE14r48 PCB type (No tab terminals) Part No. ALE15r05 ALE15r06 ALE15r09 ALE15r12 ALE15r18 ALE15r24 ALE15r48
COIL DATA (at 20C 68F)
1. Standard type Nominal voltage, V DC 5 6 9 12 18 24 48 2. High sensitive type Nominal voltage, V DC 5 6 9 12 18 24 48 Pick-up voltage, V DC (max.) (at 20C 68F) 3.75 4.5 6.75 9 13.5 18 36 Drop-out voltage, V DC (min.) (at 20C 68F) 0.25 0.3 0.45 0.6 0.9 1.2 2.4 Coil resistance, (10%) (at 20C 68F) 125 180 405 720 1,620 2,880 11,520 Nominal operating current, mA (10%) (at 20C 68F) 40 33.3 22.2 16.7 11.1 8.3 4.2 Nominal operating power, mW (at 20C 68F) Maximum allowable voltage, V DC (at 20C 68F) 7.25 8.7 13.05 17.4 26.1 34.8 69.6 Pick-up voltage, V DC (max.) (at 20C 68F) 3.75 4.5 6.75 9 13.5 18 36 Drop-out voltage, V DC (min.) (at 20C 68F) 0.25 0.3 0.45 0.6 0.9 1.2 2.4 Coil resistance, (10%) (at 20C 68F) 63 90 203 360 810 1,440 5,760 Nominal operating current, mA (10%) (at 20C 68F) 80 66.7 44.4 33.3 22.2 16.7 8.3 Nominal operating power, mW (at 20C 68F) Maximum allowable voltage, V DC (at 20C 68F) 7.25 8.7 13.05 17.4 26.1 34.8 69.6
400
200
44
LE
DIMENSIONS
1. TMP type PCB side three terminals (includes one dummy terminal)
#187 terminal 6.0 .236 0.5 .020 4.75 .187 6.35 .250 8.5 .335
mm inch
PC board pattern (Bottom view)
2-1.3 dia .051 dia 1.8 dia .071 dia 7.5 .295 24.9 .980
26.0 1.024
Tolerance : 0.1 .004 Schematic (Bottom view)
3.5 .138 1.8 .071 0.4 .016 26.0 1.024 28.6 1.126 0.8 .031 0.8 2.45 .031 .096 1.5 .059 0.8 .031
Com
No
7.5 .295 12.4 .488
Dimension: Max. 1mm .039 inch: 1 to 3mm .039 to .118 inch: Min. 3mm .118 inch:
Tolerance 0.1 .004 0.2 .008 0.3 .012
Coil
PCB side three terminals
#187 terminal 6.0 .236 0.5 .020 4.75 .187 6.35 .250 8.5 .335
mm inch
PC board pattern (Bottom view)
3-1.3 dia .051 dia
7.5 .295 24.9 .980
23.5 .925
Tolerance : 0.1 .004 Schematic (Bottom view)
3.5 .138 1.8 .071 0.4 .016 0.5 .020 23.5 .925 28.6 1.126 1.0 .039 2.45 .096 7.5 .295 12.4 .488 0.8 .031
Com
No
Dimension: Max. 1mm .039 inch: 1 to 3mm .039 to .118 inch: Min. 3mm .118 inch:
Tolerance 0.1 .004 0.2 .008 0.3 .012
Coil
PCB side four terminals
#187 terminal 6.0 .236 0.5 .020 4.75 .187 6.35 .250 8.5 .335 7.5 .295
mm inch
PC board pattern (Bottom view)
4-1.3 dia .071 dia
24.9 .980
20.0 .787
3.5 .138
Tolerance : 0.1 .004 Schematic (Bottom view)
3.5 .138 1.8 .071 0.4 .016 0.5 .020 20.0 .787 28.6 1.126 3.5 .138 1.0 .039 2.45 .096 1.0 .039 7.5 .295 12.4 .488
Com
No
Dimension: Max. 1mm .039 inch: 1 to 3mm .039 to .118 inch: Min. 3mm .118 inch:
Tolerance 0.1 .004 0.2 .008 0.3 .012
Coil
45
LE
2. PCB type PCB side four terminals (No tab terminals)
24.9 .980
mm inch
PC board pattern (Bottom view)
4-1.3 dia .071 dia
7.5 .295
3.5 .138 1.8 .071
0.4 .016
0.5 20.0 .020 .787 28.6 1.126
3.5 .138
1.0 .039 2.45 .096
1.0 .039 7.5 .295 12.4 .488
20.0 .787
3.5 .138
Tolerance : 0.1 .004 Schematic (Bottom view) Tolerance 0.1 .004 0.2 .008 0.3 .012
No Coil Com
Dimension: Max. 1mm .039 inch: 1 to 3mm .039 to .118 inch: Min. 3mm .118 inch:
REFERENCE DATA
1-1. Coil temperature rise (400mW type)
Sample: ALE15B12, 6 pcs. Point measured: coil inside Ambient temperature: 25C 77F, 85C 185F
60
25C 85C 16A 12A 0A 16A 12A 0A
1-2. Coil temperature rise (200mW type)
Sample: ALE75B12, 6 pcs. Point measured: coil inside Ambient temperature: 23.7C 74.66F, 85C 185F
30
23.7C 85C 16A
2. Life curve
100
50
Temperature rise, C
25
16A 0A
Temperature rise, C
40
20
250V AC resistive load
Life, x104
0A
30
15
10
20
10
10
5
0
0
80
100
Coil applied voltage, %V
145
0
0
80
100
Coil applied voltage, %V
145
1
0
2
4
6
8
10
12
14
16
Contact current, A
3. Electrical life test (16 A 277 V AC, resistive load)
Sample: ALE15B12, 6 pcs. Operation frequency: 20 times/min. (ON/OFF = 1.5s: 1.5s) Ambient temperature: Room temperature Circuit:
70
Pick-up and drop-out voltage, %V
60 50 40 30 20 10
Pick-up voltage
Max. x Min.
COM
NO
277V AC 60Hz 12V DC
Drop-out voltage
Max. x Min.
G
0
0
No. of operations, x104
10
For Cautions for Use, see Relay Technical Information (Page 11 to 39).
12/27/2002 46
All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog


▲Up To Search▲   

 
Price & Availability of ALE12B05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X