Part Number Hot Search : 
5HT100 AS6002 06000 STRAIGHT 245ADG MSK151 2SB867 IS25C
Product Description
Full Text Search
 

To Download AG503-86-RFID Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AG503-86
InGaP HBT Gain Block
Product Information
Product Features
* * * * * * * DC - 6000 MHz +16 dBm P1dB at 900 MHz +29 dBm OIP3 at 900 MHz 20 dB Gain at 900 MHz Single Voltage Supply Green SOT-86 SMT Package Internally matched to 50
Product Description
The AG503-86 is a general-purpose buffer amplifier that offers high dynamic range in a low-cost surface-mount package. At 900 MHz, the AG503-86 typically provides 20 dB gain, +29 dBm OIP3, and +16 dBm P1dB. The device combines dependable performance with consistent quality to maintain MTTF values exceeding 100 years at mounting temperatures of +85 C & is housed in a SOT-86 (micro-X) industry-standard SMT lead-free/green/RoHScompliant package. The AG503-86 consists of Darlington pair amplifiers using the high reliability InGaP/GaAs HBT process technology and only requires DC-blocking capacitors, a bias resistor, and an inductive RF choke for operation. The broadband MMIC amplifier can be directly applied to various current and next generation wireless technologies such as GPRS, GSM, CDMA, and W-CDMA. In addition, the AG503-86 will work for other various applications within the DC to 6 GHz frequency range such as CATV and fixed wireless.
Functional Diagram
GND
4
RF In
1
3 RF Out
2
GND
Applications
* * * * * * Mobile Infrastructure CATV / DBS W-LAN / ISM RFID Defense / Homeland Security Fixed Wireless
Function Input Output/Bias Ground
Pin No. 1 3 2, 4
Specifications (1)
Parameter
Operational Bandwidth Test Frequency Gain Input Return Loss Output Return Loss Output IP3 (2) Output IP2 Output P1dB Noise Figure Test Frequency Gain Output IP3 (2) Output P1dB Device Voltage Device Current
Typical Performance (1)
Units
MHz MHz dB dB dB dBm dBm dBm dB MHz dB dBm dBm V mA
Min
DC
Typ
900 15.6 20 18 +25.9 +37 +13.5 3.2 1900 14.3 +25.0 +12.2 5.0 45
Max
6000
Parameter
Frequency S21 S11 S22 Output P1dB Output IP3 Noise Figure
Units
MHz dB dB dB dBm dBm dB 500 16.0 -19 -21 +13.3 +26.4 3.2
Typical
900 15.6 -20 -18 +13.5 +25.9 3.2 1900 14.3 -21 -13 +12.2 +25.0 3.4 2140 14.0 -25 -12 +11.7 +24.3 3.4
13.3
15.3
1. Test conditions: T = 25 C, Supply Voltage = +6 V, Rbias = 22.1 , 50 System. 2. 3OIP measured with two tones at an output power of 0 dBm/tone separated by 10 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule. 3. The junction temperature ensures a minimum MTTF rating of 1 million hours of usage.
Absolute Maximum Rating
Parameter
Operating Case Temperature Storage Temperature DC Voltage RF Input Power (continuous) Junction Temperature
Ordering Information
Part No.
AG503-86* AG503-86G AG503-86PCB
Rating
-40 to +85 C -55 to +125 C +5.8 V +10 dBm +250 C
Description
InGaP HBT Gain Block
(lead-tin SOT-86 Pkg)
InGaP HBT Gain Block
(lead-free/green/RoHS-compliant SOT-86 Pkg)
700 - 2400 MHz Fully Assembled Eval. Board
Operation of this device above any of these parameters may cause permanent damage
* This package is being phased out in favor of the green package type which is backwards compatible for existing designs. Refer to Product Change Notification WJPCN06MAY05TC1 on the WJ website. Specifications and information are subject to change without notice
WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com
Page 1 of 6 June 2005
AG503-86
InGaP HBT Gain Block
Product Information
Typical Device RF Performance
Supply Bias = 6 V, Rbias = 22.1 , Icc = 45 mA
Frequency S21 S11 S22 Output P1dB Output IP3 Noise Figure MHz dB dB dB dBm dBm dB 100 21.0 -20 -18 +16.2 +28.9 2.9 500 20.8 -20 -21 +16.0 +28.9 2.9 900 20.2 -20 -20 +15.9 +28.8 2.9 1900 17.8 -18 -15 +14.6 +27.8 3.1 2140 17.6 -18 -13 +14.3 +27.4 3.1 2400 17.2 -18 -13 +14.0 +27.0 3.2 3500 15.3 -20 -16 +11.0 +24.4 5800 11.8 -20 -14
1. Test conditions: T = 25 C, Supply Voltage = +6 V, Device Voltage = 6.0 V, Rbias = 22.1 , Icc = 45 mA typical, 50 System. 2. 3OIP measured with two tones at an output power of 0 dBm/tone separated by 10 MHz. The suppression on the largest IM3 product is used to calculate the 3OIP using a 2:1 rule. 3. Data is shown as device performance only. Actual implementation for the desired frequency band will be determined by external components shown in the application circuit.
Gain vs. Frequency 22 20
Return Loss
0 -10 -20 -30
S11 S22 Device Current (mA)
I-V Curve 80 60 40 20 0 3.0
S11, S22 (dB)
Gain (dB)
18 16 14 12 0 -40 C 1 +25 C +85 C 3 4
Optimal operating point
-40
2 Frequency (GHz)
0
1
2
3
4
5
6
3.4
3.8
4.2
4.6
5.0
5.4
Frequency (GHz)
Output IP2 vs. Frequency
Device Voltage (V) Noise Figure vs. Frequency
Output IP3 vs. Frequency
35 30 25 20
-40 C +25 C +85 C
45 40 35 30
-40 C +25 C +85 C
5 4 NF (dB) 3 2 1
-40 C +25 C +85 C
OIP2 (dBm)
OIP3 (dBm)
15 0 0.5 1 1.5 2 2.5 3 3.5 Frequency (GHz)
25
0
0
200
400
600
800
1000
0
0.5
1
1.5
2
2.5
3
Frequency (MHz)
Frequency (GHz)
P1dB vs. Frequency
Output Power / Gain vs. Input Power 20 18
Gain (dB)
frequency = 900 MHz
Output Power / Gain vs. Input Power 20
Output Power (dBm)
20 15 10 5
-40 C +25 C +85 C
18 16
Gain (dB)
frequency = 2000 MHz
20
Output Power (dBm)
P1dB (dBm)
Gain
16 12 8
Gain
16 12 8
16 14 12 Output Power
14 12 10 8 -12 -8 -4 0 Input Power (dBm) 4 8 Output Power
4 0
4 0
0 0 0.5 1 1.5 2 2.5 3 3.5 4 Frequency (GHz)
10 -12 -8 -4 0 Input Power (dBm) 4 8
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 2 of 6 June 2005
AG503-86
InGaP HBT Gain Block
Product Information
Typical Device RF Performance
Supply Bias = +8 V, Rbias = 44 , Icc = 45 mA
Gain vs. Frequency 22 20 18 16 14 12 0 -40 C 1 +25 C +85 C 3 4
Output IP3 vs. Frequency Output IP2 vs. Frequency
35 30 25 20
-40 C +25 C +85 C
45 40 35 30
-40 C +25 C +85 C
15 0 0.5 1 1.5 2 2.5 3 3.5 Frequency (GHz)
P1dB vs. Frequency
OIP2 (dBm)
OIP3 (dBm)
Gain (dB)
25
2 Frequency (GHz)
0
200
400
600
800
1000
Frequency (MHz)
Noise Figure vs. Frequency
20 15 10 5
-40 C +25 C +85 C
5 4 NF (dB) 3 2 1
-40 C +25 C +85 C
P1dB (dBm)
0 0 0.5 1 1.5 2 2.5 3 3.5 4 Frequency (GHz)
0 0 0.5 1 1.5 2 2.5 3 Frequency (GHz)
Vcc Icc = 45 mA
Application Circuit
R1 Bias Resistor C4 Bypass Capacitor C3 0.018 F L1 RF Choke RF IN AG503-86 C1 Blocking Capacitor C2 Blocking Capacitor RF OUT
Recommended Component Values Reference Designator 50 500 L1 820 nH 220 nH C1, C2, C4 .018 F 1000 pF Ref. Desig. L1 C1, C2 C3 C4 R1
Frequency (MHz) 900 1900 2200 68 nH 27 nH 22 nH 100 pF 68 pF 68 pF Size 0603 0603 0603 0805
2500 18 nH 56 pF
3500 15 nH 39 pF
1. The proper values for the components are dependent upon the intended frequency of operation. 2. The following values are contained on the evaluation board to achieve optimal broadband performance:
Value / Type 39 nH wirewound inductor 56 pF chip capacitor 0.018 F chip capacitor Do Not Place 22.1 1% tolerance
Recommended Bias Resistor Values S upply R1 value S ize Voltage 6V 22.2 ohms 0603 7V 44.4 ohms 0805 8V 67 ohms 1206 9V 89 ohms 1210 10 V 111 ohms 1210 12 V 156 ohms 2010
The proper value for R1 is dependent upon the supply voltage and allows for bias stability over temperature. WJ recommends a minimum supply bias of +6 V. A 1% tolerance resistor is recommended.
Specifications and information are subject to change without notice
WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com
Page 3 of 6 June 2005
AG503-86
InGaP HBT Gain Block
Product Information
Typical Device Data
S-Parameters (Vdevice = +5.0 V, ICC = 45 mA, T = 25 C, calibrated to device leads)
Freq (MHz) S11 (dB) S11 (ang) S21 (dB) S21 (ang) S12 (dB) S12 (ang) S22 (dB) S22 (ang)
50 250 500 750 1000 1250 1500 1750 2000 2250 2500 2750 3000 3250 3500 3750 4000 4250 4500 4750 5000 5250 5500 5750 6000
-24.44 -24.44 -21.37 -22.01 -23.48 -24.31 -24.81 -24.63 -22.62 -18.50 -19.01 -19.23 -19.99 -22.01 -25.77 -27.43 -24.77 -22.30 -20.80 -20.29 -21.16 -23.80 -24.99 -21.56 -20.00
-177.67 164.30 149.15 133.61 111.38 89.71 65.41 32.83 10.74 0.24 -8.16 -16.02 -20.82 -18.24 -3.66 33.78 70.07 85.66 92.93 102.02 110.99 134.38 172.16 -154.26 -137.16
21.67 21.57 21.36 21.04 20.63 20.18 19.65 19.10 18.53 17.98 17.60 17.14 16.72 16.29 15.88 15.42 14.98 14.56 14.09 13.71 13.39 13.03 12.69 12.47 12.19
177.30 167.09 154.27 142.18 130.59 119.26 108.86 98.96 89.57 81.21 74.79 66.16 58.14 50.34 42.45 34.38 26.44 18.90 11.59 4.12 -2.78 -9.23 -15.58 -22.34 -28.69
-24.34 -24.61 -24.79 -24.91 -24.93 -24.48 -24.13 -24.32 -23.97 -23.53 -23.67 -23.22 -22.51 -22.50 -22.27 -21.77 -21.57 -20.99 -20.84 -20.73 -20.46 -20.21 -19.97 -19.50 -19.34
2.97 2.48 -1.41 -0.76 -5.89 -3.85 -2.88 -3.45 -4.87 -6.73 -9.19 -10.70 -11.38 -13.34 -15.84 -19.50 -22.70 -25.24 -28.83 -32.26 -36.07 -39.85 -41.39 -44.82 -49.46
-18.52 -18.86 -21.64 -20.64 -19.50 -17.89 -16.59 -15.53 -14.85 -13.12 -13.52 -14.01 -14.84 -15.91 -16.13 -15.28 -14.12 -12.66 -11.77 -11.62 -11.55 -12.15 -12.91 -14.07 -14.74
-7.18 -18.94 -48.63 -72.70 -92.91 -109.14 -119.24 -126.61 -133.04 -125.47 -132.23 -142.18 -155.04 -172.38 164.34 139.30 122.06 109.74 102.11 97.84 96.81 98.05 101.46 107.85 111.53
Device S-parameters are available for download off of the website at: http://www.wj.com
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 4 of 6 June 2005
AG503-86
InGaP HBT Gain Block
Product Information
AG503-86 (SOT-86 Package) Mechanical Information
This package may contain lead-bearing materials. The plating material on the leads is SnPb.
Outline Drawing
Product Marking
The component will be marked with an "H" designator followed by a two-digit numeric lot code on the top surface of the package. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
MSL / ESD Rating
ESD Rating: Value: Test: Standard: ESD Rating: Value: Test: Standard:
Class 0 Passes at 150 V Human Body Model (HBM) JEDEC Standard JESD22-A114 Class II Passes at 250 V Charged Device Model (CDM) JEDEC Standard JESD22-C101
Land Pattern
MSL Rating: Level 1 Standard: JEDEC Standard J-STD-020A
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135") diameter drill and have a final plated thru diameter of .25 mm (.010"). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Thermal Specifications
Parameter
Operating Case Temperature Thermal Resistance, Rth (1) Junction Temperature, Tjc (2)
Rating
-40 to +85 C 257 C/W 143 C
1. The thermal resistance is referenced from the hottest part of the junction to the ground lead (pin 2 or 4). 2. This corresponds to the typical biasing condition of +5.03V, 45 mA at an 85 C case temperature. A minimum MTTF of 1 million hours is achieved for junction temperatures below 177 C.
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 5 of 6 June 2005
AG503-86
InGaP HBT Gain Block
Product Information
AG503-86G (Green / Lead-free Sot-86 Package) Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260C reflow temperature) and leaded (maximum 245C reflow temperature) soldering processes. The plating material on the pins is annealed matte tin over copper.
Outline Drawing
Product Marking
The component will be marked with an "S" designator followed by a two-digit numeric lot code on the top surface of the package. Tape and reel specifications for this part are located on the website in the "Application Notes" section.
MSL / ESD Rating
ESD Rating: Value: Test: Standard: ESD Rating: Value: Test: Standard:
Class 1C Passes at 1000 V min. Human Body Model (HBM) JEDEC Standard JESD22-A114 Class IV Passes at 1000 V min. Charged Device Model (CDM) JEDEC Standard JESD22-C101
Land Pattern
MSL Rating: Level 3 at +260 C convection reflow Standard: JEDEC Standard J-STD-020
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135") diameter drill and have a final plated thru diameter of .25 mm (.010"). 2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance. 3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via region contacts the heatsink. 4. Do not put solder mask on the backside of the PC board in the region where the board contacts the heatsink. 5. RF trace width depends upon the PC board material and construction. 6. Use 1 oz. Copper minimum. 7. All dimensions are in millimeters (inches). Angles are in degrees.
Thermal Specifications
Operating Case Temperature Thermal Resistance, Rth (1) Junction Temperature, Tjc (2) -40 to +85 C 257 C/W 143 C
MTTF (million hrs)
Parameter
Rating
1000
MTTF vs. GND Lead Temperature
100
10
1. The thermal resistance is referenced from the hottest part of the junction to the ground lead (pin 2 or 4). 2. This corresponds to the typical biasing condition of +5.03V, 45 mA at an 85 C case temperature. A minimum MTTF of 1 million hours is achieved for junction temperatures below 177 C.
1 60 70 80 90 100 110 Ground Lead Temperature (C) 120
Specifications and information are subject to change without notice WJ Communications, Inc * Phone 1-800-WJ1-4401 * FAX: 408-577-6621 * e-mail: sales@wj.com * Web site: www.wj.com Page 6 of 6 June 2005


▲Up To Search▲   

 
Price & Availability of AG503-86-RFID

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X