Part Number Hot Search : 
23K640 55NM60ND W9812 A422P YG805C04 11DF1 209SP 3KP90A
Product Description
Full Text Search
 

To Download 9201-05-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9200-9300 Series/Surface Mount Reed Relays
S URFACE MOUNT REED RELAYS URFA MOUNT REED RELA ELAYS
Ideally suited to the needs of Automated Test Equipment, Instrumentation and Telecommunications requirements, Coto's 9200, and 9300 Series specification tables allow you to select the appropriate relay for your particular application. If your requirements differ, please consult your local representative or Coto's Factory to discuss a custom design.
SERIES FEATURES EATURES FEA
u u u u
High Insulation Resistance - 1012 minimum (1013 Typical). High reliability, hermetically sealed contacts for long life. Molded thermoset body on integral lead frame design. High speed switching compared to electromechanical relays.
Series 9200 Series
u u
Low profile - 0.19" height. Meets high board density requirements. 50 Coaxial Shield for RF and Fast Rise Time Pulse switching.
Series 9300 Series
u
Load switching (15 Watts) and high dielectric strength (500 VDC)
between contacts.
Model 9200 Model 9300
Gull Wing
Gull Wing
Axial
Axial
J-Lead
J-Lead
Radial
Dimensions in Inches (Millimeters)
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com
9200-9300 Series/Surface Mount Reed Relays
Model Number Parameters
COIL SPECS. Nom. Coil Voltage Max. Coil Voltage Coil Resistance Operate Voltage Release Voltage CONTACT RATINGS Switching Voltage Switching Current Carry Current Contact Rating Life Expectancy-Typical Static Contact Resistance (max. init.) Dynamic Contact Resistance (max. init.)
1
9201 Test Conditions Units 1 Form A
9202 1 Form A 50 Coaxial
5 12 6.5 15.0 150 650 3.75 9.0 0.4 1.0
9301 1 Form A
+/- 10%, 25 C Must Operate by Must Release by
VDC VDC VDC - Max. VDC - Min.
5 12 6.5 15.0 250 650 3.75 9.0 0.4 1.0
5 12 6.5 15.0 350 1000 3.75 9.0 0.4 1.0
Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Max DC/Peak AC Resist. Signal Level 1.0V,10mA 50mV, 10mA 0.5V, 50mA at 100 Hz, 1.5 msec
Volts Amps Amps Watts x 10 Ops.
6
200 0.5 1.5 10 1000 0.150 0.200
200 0.5 1.5 10 1000 0.150 0.200
200 0.5 1.5 15 250 0.150 0.200
RELAY SPECIFICATIONS Insulation Resistance (minimum) Capacitance - Typical Across Open Contacts Open Contact to Coil
Between all Isolated Pins at 100V, 25C, 40% RH No Shield Shield Floating Shield Guarding No Shield Shield Floating Shield Guarding Contacts Open, Shield Floating Between Contacts Contacts to Shield Contacts/Shield to Coil At Nominal Coil Voltage, 30 Hz Square Wave Zener-Diode Suppression4
pF pF pF pF pF pF pF VDC/peak AC VDC/peak AC VDC/peak AC msec. msec.
x 10
12
x 10
12
x 10
12
0.7 1.4 300 1500 0.40 0.10
0.8 0.1 1.4 0.2 1.4 300 1500 1500 0.40 0.10
0.7 1.4 x 500 1500 0.40 0.10
3
Contact to Shield Dielectric Strength (minimum) Operate Time - including bounce - Typical Release Time - Typical
Top View: Dot stamped on top of relay refers to pin #1 location
Notes:
1 2
Consult factory for life expectancy at other switching loads. Surface mount component processing temperature: 430F(221C) max for 1 minute dwell time. Temperature measured on leads where lead exits molded package. 3 Higher dielectric strength available, consult factory. 4 Consists of 20V Zener-diode and 1N1002 diode in series, connected in parallel with coil.
Environmental Ratings
Storage Temp: -35C to +100C; Operating Temp: -20C to +85C The operate and release voltage and the coil resistance are specified at 25C. These values vary by approximately 0.4%/C as the ambient temperature varies. Vibration: 20 G's to 2000 Hz; Shock: 50 G's
Rhopoint Components Ltd Fax: +44 (0) 1883 712938 Phone: +44 (0) 1883 717988 web: www.rhopointcomponents.com e-mail: sales@rhopointcomponents.com


▲Up To Search▲   

 
Price & Availability of 9201-05-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X