Part Number Hot Search : 
5KE18 TDA4853 ENA1172 TDA4853 TM5670 GH40N60 5962F07 TM5670
Product Description
Full Text Search
 

To Download 5MFP100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 5MF / 5MFP
5MFD1005
E5MFD0605A1
5 x 20mm Glass Tube RoHS Compliant
Fast Blow Fuse Series
Catalog Number RoHS Suffix Ampere Rating Typical Volt-drop Melting I2T Melting I2T Maximum Cold @100% In < 10 mSec @10 In Power Resistance Dissipation 2 Sec) 2 Sec) (ohm) (Volt) max. (A (A (W)
5MF (P) 80 5MF (P) 100 5MF (P) 125 5MF (P) 200 5MF (P) 250 5MF (P) 300 5MF (P) 350 5MF (P) 400 5MF (P) 500 5MF (P) 600 5MF (P) 700 5MF (P) 800
Listed File No. E20624 Certified File No. LR39772 5MF / 5MFP 80mA.- 3A / 250V AC@ 200A 80mA - 8A / 125V AC@ 10,000A 1A. - 5A / 125V AC@ 500A >5A. - 15A / 125V AC@ 300A
-R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R
80mA 100mA 125mA 200mA 250mA 300mA 350mA 400mA 500mA 600mA 700mA 800mA 1A 1.25A 1.5A 2A 2.5A 3A 3.5A 4A 5A 6A 7A 8A
10.2 7.2 6.8 3.4 1.4 1.3 0.906 0.557 0.467 0.390 0.312 0.253 0.119 0.090 0.068 0.051 0.039 0.029 0.024 0.021 0.016 0.012 0.010 0.0092
3.05 2.65 3.64 2.76 1.19 1.12 1.02 0.934 0.791 0.719 0.684 0.634 0.201 0.189 0.178 0.167 0.157 0.148 0.141 0.137 0.129 0.121 0.119 0.117
0.0004 0.0009 0.0017 0.007 0.016 0.020 0.038 0.080 0.122 0.195 0.265 0.398 0.877 1.5 2.6 4.4 7.6 13 17 22 38 65 88 113
0.0004 0.0008 0.0015 0.006 0.014 0.019 0.032 0.084 0.118 0.195 0.267 0.399 0.851 1.5 2.6 4.5 7.8 14 18 24 41 72 97 126
0.32 0.35 0.60 0.72 0.25 0.39 0.36 0.20 0.33 0.44 0.65 0.54 0.26 0.31 0.36 0.44 0.52 0.59 0.65 0.72 0.84 0.96 1.10 1.23
Electrical Characteristics
Testing current 100% 135% 200% Minimum 4 Hrs. N/A N/A
(UL/CSA STD. 248-14)
Blow Time Maximum N/A 1 Hr 5 Sec
Approval
Safety Agency Approvals
upc
Type Amp range / volt @ I.R. ability
u
5MF (P) 1 5MF (P) 1.25 5MF (P) 1.5 5MF (P) 2 5MF (P) 2.5 5MF (P) 3 5MF (P) 3.5 5MF (P) 4 5MF (P) 5 5MF (P) 6 5MF (P) 7 5MF (P) 8
p
File No. JET1037-31003-1001, 5MF / JET1037-31003-1003 5MFP File No. JET1037-31003-1002 5MF
RoHS Compliant Product
For RoHS Compliant Version, add suffix "R" after catalog number
Operating Temperature
-55C to +125C
Physical Specification
Materials Glass body / Nickel Plated Brass Caps Lead wire: Tin plated Copper, Diameter 0.032", 5A and less Diameter 0.040", 6A and above Marking On fuse: "bel", "5MF", "Current Rating", "Votage Rating", "Appropriate Safety Logos", "" (RoHS Version) On label: "bel", "5MF"or "5MFP", "Current Rating", "Voltage Rating", "Interrupting Rating", "Appropriate Safety Logos" and " "+ suffix "R" for RoHS Version Voltage on fuse: 250V for 80mA to 3A; 125V for rating above 3A Packaging 1. In bulk: 5MF - 1,000 pcs per box; 5MFP - 500 pcs per box 2. On Axial Tape & Reel: 1,500 pcs per reel 3. Tape & Reel specification: per EIA-296-E & IEC 286-1 @ 10mm Pitch and 63.5mm inside Tape Spacing
Consult manufacturer for other ratings
Mechanical Dimensions
0.787" 0.02" (20 0.5mm) 0.20" 0.004" (5.1 0.1mm)
Specifications subject to change without notice
5MF
1.5" 0.08" (38.1 2mm)
0.827" 0.02" (21.0 0.5mm)
0.217" 0.004" (5.5 0.1mm)
5MFP
SEE LEAD SIZE LISTED IN " MATERIAL"
ORDERING INFORMATION SEE LAST 2 PAGES
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
53
Type 5MF / 5MFP
Fast Blow Fuse Series
5 x 20mm Glass Tube RoHS Compliant
5MFC1005
E5MFC1005A1
5MF / 5MFP - TIME CURRENT CHARACTERISTIC CURVE
- 80mA - 100mA - 125mA - 200mA - 250mA - 300mA - 350mA - 400mA - 500mA - 600mA - 700mA - 800mA - 1A - 1.25A - 1.5A - 2A - 2.5A - 3A - 3.5A - 4A - 5A - 6A - 7A - 8A
10000 1000 100
TIME IN SECONDS
10
1
0.01 0.01 0.1 1 10 100 1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
0.1
54


▲Up To Search▲   

 
Price & Availability of 5MFP100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X