Part Number Hot Search : 
D2SB10 LM393 MAX9326 MAX9326 LM393 TSCDA22L KS57C 00ETTT
Product Description
Full Text Search
 

To Download 5962R9574401VXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HS-3374RH
March 1996
Radiation Hardened 8-Bit Bidirectional CMOS/TTL Level Converter
Pinout
HS-3374RH MIL-STD-1835, CDIP2-T22 (SBDIP) TOP VIEW
VDD A0 A1 A2 CMOS INPUT/OUTPUT A3 A4 A5 A6 A7 1 2 3 4 5 6 7 8 9 22 VCC 21 B0 20 B1 19 B2 18 B3 17 B4 16 B5 15 B6 14 B7 13 DISABLE 12 NC TTL INPUT/OUTPUT
Features
* Devices QML Qualified in Accordance with MIL-PRF-38535 * Detailed Electrical and Screening Requirements are Contained in SMD# 5962-9XXXX and Intersil' QM Plan * Radiation Hardened EPI-CMOS - Total Dose 1 x 105 RAD(Si) - Latch-Up Immune > 1 x 1012 RAD (Si)/s (Note 1) * Low Propagation Delay Time - Typical CMOS to TTL Pre-RAD 40ns - Typical CMOS to TTL Post 100K RAD 40ns - Typical TTL to CMOS Pre-RAD 50ns - Typical TTL to CMOS Post 100K RAD 50ns * Low Standby Power * +10V CMOS and +5V TTL Power Supply Inputs * Eight Non-inverting Three-State Input/Output Channels * No External TTL Input Pull-Up Resistors Required * High TTL Sink Current * Equivalent to Sandia SA2996 * Military Temperature Range -55oC to +125oC
ENABLE 10 GND 11
Description
The Intersil HS-3374RH is a radiation hardened 8-bit bidirectional level converter designed to interface CMOS logic levels with TTL logic levels in radiation hardened bus oriented systems. The HS-3374RH is fabricated using a radiation hardened EPI-CMOS process and features eight parallel bidirectional buffer/level converters. Two control inputs, ENABLE and DISABLE, are used to determine the direction of data flow, and to set both the in puts and outputs in the high impedance state. The control inputs may be driven by either TTL or CMOS logic drivers capable of sinking one standard TTL load. The HS-3374RH is a non-inverting version of the industry standard CD40116. The non-inverting outputs of the HS-3374RH reduce PC board chip count by eliminating the need to restore data back to a non-inverted format.
NOTE: 1. For operation at 10V and transient levels above 1 x 1010 RAD (Si)/s, please refer to Application Note 401.
Functional Diagram
DISABLE 13 VDD = 1 VCC = 22 GND = 11
CMOS IN/OUT
8 2-9 LEVEL SHIFTER
8
TTL OUT (IN) 14-21
ENABLE 10
Ordering Information
PART NUMBER
5962R9XXXX01QRC 5962R9XXXX01VRC HS1-3374 (SAMPLE)
TEMPERATURE RANGE -55oC to +125oC -55oC to +125oC +25oC
SCREENING LEVEL
MIL-PRF-38535 Level Q MIL-PRF-38535 Level V Sample
PACKAGE 22 Lead SBDIP 22 Lead SBDIP 22 Lead SBDIP
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
Spec Number File Number
1
518052 3038.1
Specifications HS-3374RH
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +11.0V I/O Voltage Applied. . . . . . . . . . . . . . . . . . . GND-0.3V to VDD+0.3V Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +300oC ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Information
Thermal Resistance (Typical) JA (oC/W) JC (oC/W) SBDIP Package . . . . . . . . . . . . . . . . . . 74.8 12.3 Maximum Package Power Dissipation at +125oC SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.67W If Device Power Exceeds Package Dissipation Capability, Provide Heat Sinking or Derate Linearly at the Following Rate: SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.4mW/oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Operating Conditions
VDD . . . . . . . . . . . . . +9.5V to +10.5V VCC . . . . . . . . . . . . +4.75V to +5.25V Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Input Voltage Range Data Inputs (CMOS) . . . . . . . . . . . . . . . . . . .GND-0.3 to VDD+0.3 Data Inputs (TTL) . . . . . . . . . . . . . . . . . . . . .GND-0.3 to VCC+0.3 Enable, Disable Inputs . . . . . . . . . . . . . . . . .GND-0.3 to VDD+0.3 Operating Voltage Range Input Low Voltage (CMOS) . . . . . . . . . . . . . . . . . . . . . . . GND to 1V Input High Voltage (CMOS). . . . . . . . . . . . . . . . . . VDD-1.0V to VDD Input Low Voltage (TTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V Input High Voltage (TTL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.8V
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER SYMBOL CONDITIONS GROUP A SUBGROUPS TEMPERATURE MIN MAX UNITS
ENABLE AND DISABLE IINPUTS Input Leakage Current IIH CMOS VDD = 10.5V, VCC = 5.25V, VIN = 10.5V, Floating Outputs 1, 2, 3 -55oC, +25oC, +125oC 1 A
TTL INPUT TO CMOS OUTPUTS Input Leakage Current IIL IIH VDD = 10.5V, VCC = 5.25V, VIN = 0.8V, Other Inputs at 2.8V VDD = 10.5V, VCC = 5.25V, VIN = 2.8V, other Inputs = 0.8V High Level Output Voltage VOH VDD = 9.5V, VCC = 4.75V, VIH = 2.8V, VIL = 0.8V, IOH = -2.0mA VDD = 10.5V, VCC = 5.25V, VIH = 2.8V, VIL 0.8V, IOL = 2.0mA 1, 2, 3 -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -1 A A
1, 2, 3
-
1
1, 2, 3
9
-
V
Low level output Voltage
VOL
1, 2, 3
-
0.5
V
CMOS to TTL OUTPUTS High Level Output Voltage VOH VDD = 9.5, VCC = 4.75V, VIH = 8.5V, VIL = 1.0V, IOH = -2.0mA VDD = 10.5V, VCC = 5.25V, VIH = 9.5V, VIL = 1.0V, IOL = 11mA VDD = 10.5V, VCC = 5.25V, VIN = 0V, All other pins high VDD = 10.5V, VCC = 5.25V, VIN = 2.8V, All other pins at GND 1, 2, 3 -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC 3 V
Low Level Output Voltage
VOL
1, 2, 3
-
0.4
V
Output Leakage Current
IOZL
1, 2, 3
-10
-
A A
IOZH
1, 2, 3
-
10
Spec Number 2
518052
Specifications HS-3374RH
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Functional Tests SYMBOL FT CONDITIONS CMOS: 1.) VDD = 10.5V, VCC = 5.25V 2.) VDD = 9.5V, VCC = 4.75V, VIH = VDD-1V, VIL = 1V TTL: 1.) VDD = 10.5V, VCC = 5.25V 2.) VDD = 9.5V, VCC = 4.75V, VIH = 2.8V, VIL = 0.8V VDD = 10.5V, VCC = 5.25V, EN = 2.8V, DISABLE = 2.8V, Floating Outputs VDD = 10.5V, VCC = 5.25V, EN = 0V, DISABLE = 2.8V, Floating Outputs VDD = 10.5, VCC = 5.25V, EN = 0V, DISABLE = 2.8V, Floating Output, Measure VCC pin GROUP A SUBGROUPS 7, 8A, 8B TEMPERATURE -55oC, +25oC, +125oC MIN MAX UNITS -
Static Current 1
SIDD1
1, 2, 3
-55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC
-
300
A
Static Current 2
SIDD2
1, 2, 3
-
100
A
Static Current
SICC
1, 2, 3
-
5
A
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Propagation Delay Times CMOS/TTL Data In to Data Out Propagation Delay Times CMOS Data In to Data Out Propagation Delay Times CMOS/TTL Data In to Data Out Propagation Delay Time TTL/CMOS Data In to Data Out Transition Time CMOS/TTL Input/Output Transition Time CMOS/TTL Input/Output Transition Time CMOS/TTL Input/Output Transition Time CMOS/TTL Input/Output Propagation Delay Time TTL/CMOS Enable to CMOS Out Propagation Delay Time TTL/CMOS Enable to CMOS Out Propagation Delay Time TTL/CMOS Enable to CMOS Out SYMBOL TPHLCT GROUP A SUBGROUPS 9, 10, 11 TEMPERATURE -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC MIN MAX 40 UNITS ns
TPLHCT
9, 10, 11
-
50
ns
TPHLTC
9, 10, 11
-
85
ns
TPLHTC
9, 10, 11
-
70
ns
TTHLCT
9, 10, 11
-
20
ns
TTLHCT
9, 10, 11
-
70
ns
TTHLTC
9, 10, 11
-
50
ns
TTLHTC
9, 10, 11
-
50
ns
TPHZTC
9, 10, 11
-
90
ns
TPZHTC
9, 10, 11
-
90
ns
TPLZTC
9, 10, 11
-
85
ns
Spec Number 3
518052
Specifications HS-3374RH
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Propagation Delay Time TTL/CMOS Enable to CMOS Out Propagation Delay Time CMOS/TTL Disable to TTL Out Propagation Delay Time CMOS/TTL Disable to TTL Out Propagation Delay Time CMOS/TTL Disable to TTL Out Propagation Delay Time CMOS/TTL Disable to TTL Out SYMBOL TPZLTC GROUP A SUBGROUPS 9, 10, 11 TEMPERATURE -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC -55oC, +25oC, +125oC MIN MAX 90 UNITS ns
TPHZCT
9, 10, 11
-
70
ns
TPZHCT
9, 10, 11
-
130
ns
TPLZCT
9, 10, 11
-
120
ns
TPZLCT
9, 10, 11
-
125
ns
NOTE: Timings are measured with the following conditions: CL = 100pF, VDD = 9.5V, VCC = 4.75V, VIH = 8.5V (2.8V), VIL = 1.0V (0.8V).
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Input, Output Capacitance SYMBOL CMOS CI/O CIN CONDITIONS VDD = Open, f = 1MHz, All Measurements Referenced to Device Ground VDD = Open, f = 1MHz, All Measurements Referenced to Device Ground VDD = Open, f = 1MHz, All Measurements Referenced to Device Ground TEMPERATURE +25oC +25oC +25oC MIN MAX 13 UNITS pF
Input Capacitance
-
15
pF
Input, Output Capcitance
TTL CI/O
-
17
pF
NOTE: The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are characterized upon initial design release and upon design changes which would affect these characteristics.
Spec Number 4
518052
HS-3374RH Functional Block Diagram
1 OF 8 IDENTICAL CIRCUITS
VDD VCC 2 (3, 4, 5, 6, 7, 8, 9) A1 CMOS INPUT (OUTPUT) D LEVEL SHIFTER 21 (20, 19, 18, 17, 16, 15, 14) B1 TTL OUTPUT (INPUT) ENABLE 10 VCC DISABLE 13 LEVEL SHIFTER D VDD
VDD GND LEVEL SHIFTER E
VDD
E GND GND GND
NOTES: 1. Enable and disable are TTL type inputs 2. D and E outputs are common to all 8 channels INPUT (OUTPUT) DATA A0 A1 A2 A3 A4 A5 A6 A7 TERMINAL NUMBER 2 3 4 5 6 7 8 9 OUTPUT (INPUT) DATA B0 B1 B2 B3 B4 B5 B6 B7 TERMINAL NUMBER 21 20 19 18 17 16 15 14 ENABLE X 1 0 DISABLE 0 1 1 TRUTH TABLE FUNCTION Convert CMOS Level to TTL Level Convert TTL Level to CMOS Level High Impedance (Z)
0 = Low Level 1 = High Level X = Don't Care Z = High Impedance on Both CMOS and TTL sides. NOTE: An important caveat that is applicable to CMOS devices in general is that unused inputs should never be left floating. This rule applies to inputs connected to a three-state bus. The need for external pull-up resistors during three-state bus conditions is eliminated by the presence of regenerative latches on the following HS-3374RH pins: A0 - 7. The functional block diagram depicts one of these pins with the regenerative latch. When the CMOS driver assumes the high impedance state, the latch holds the bus in whatever logic state (high or low) it was before the three-state condition. A transient drive current of 1.5mA at VDD/2 0.5V for 10ns is required to switch the latch. Thus, CMOS device inputs connected to the bus are not allowed to float during three-state conditions. * WARNING: Do not activate the Disable input by hardwiring to any TTL input pins. This is an incorrect mode of operation.
Spec Number 5
518052
HS-3374RH Metallization Topology
DIE DIMENSIONS: 89.4 mils x 76.0 mils x 14 mils 1 mil METALLIZATION: Type: AlSi Thickness: 8kA 1kA GLASSIVATION: Type: SiO2 Thickness: 11kA 2kA
Metallization Mask Layout
HS-3374RH
(22) VCC
(1) VDD
(21) B0
(3) A1
(2) A0
(20) B1 A2 (4) (19) B2
A3 (5) (18) B3
A4 (6)
(17) B4
A5 (7)
(16) B5
A6 (8)
(15) B6
A7 (9)
(14) B7
ENABLE (10)
GND (11)
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
DISABLE (13)
Spec Number 6
518052
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 5962R9574401VXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X