|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2191QL Series Non-Relampable LED Solid-State Indicator Lights DESCRIPTION AND FEATURES All dimensions in inches. .380 Solid-state indicator lights complete with built-in current-limiting resistor and rectifier diode. Mounting: O.310 MIN., supplied with push-on speednut SN1287. .090 .340 Terminals: Quick-connect, tinned brass .187 x .020 Lens: Polycarbonate Anode(+): Marked above terminal 1.310 Bezel: Polished stainless steel. For black finish add "X" after the series letter(s). O.310 MAX. Housing: White Nylon .690 .187 T E R MINALS Lens C olor R ed G reen Y ellow Internal R es is tor (ohms ) LE D S olid S tate Indicator Model No. Model No. (12V ) (24V ) 2191QL1-12V 2191QL1-24V 2191QL5-12V 2191QL5-24V 2191QL7-12V 2191QL7-24V 390 1000 Lens C olor R ed G reen Y ellow Incorporates LE D* 4304H1 4304H5 4304H7 * Also incorporates 1N4004 (400 P.I.V.) rectifier diode. To use 24V model: Beyond 32VAC add 30 ohms per volt; beyond 24 VDC add 50 ohms per volt. Use 1/2W resistor up to 50V; 1W resistor for 50V to 70V; 2W resistor for 75V to 125V. Do not use beyond 125V. V oltage T able Nominal 12V 24V V AC 10 to 20 22 to 32 V DC 6 to 13.5 12 to 24 America: CML Innovative Technologies,Inc. 147 Central Avenue Hackensack, NJ 07601 -USA Tel:1-201-489 -8989 Fax:1-201-489 -6911 e-mail:americas@cml-it.com Europe: CML Technologies GmbH &Co.KG Robert-Bunsen-Str.1 67098 Bad Durkheim -GERMANY Tel:+49 (0)6322 9567-0 Fax:+49 (0)6322 9567-88 e-mail:europe@cml-it.com Asia: CML Innovative Technologies,Inc. 61 Aida Street Singapore 459975 Tel:(65)9630 -5003 e-mail:asia@cml-it.com CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product 2191QL Series Non-Relampable LED Solid-State Indicator Lights |
Price & Availability of 2191QL1-24V |