![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
C&K TL Series Door Interlock Switches Features/Benefits * Push/pull motion * Multiple mounting configurations * Wide variety of termination options * Ratings up to 15 AMPS Typical Applications * Computer enclosures * Panel builders * Industrial enclosures Specifications CONTACT RATING: 15 AMPS @ 125 & 250 V AC; 0.25 AMP @ 250 V DC; 0.5 AMP @ 125 V DC; 1/2 HP @ 125 & 250 V AC; 3 AMPS @ 125 V AC "L". ELECTRICAL LIFE: 150,000 cycles at 15 AMPS @ 250 V AC. INSULATION RESISTANCE: 1,000 M ohm min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: -67F to 302F (-55C to 150C). NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. Materials SWITCH HOUSING: Thermoplastic or general purpose phenolic (UL 94V-0). MOUNTING BRACKET: Stainless steel. PLUNGER: Stainless steel. ACTUATOR BUTTON: Thermoplastic (UL 94V-0). SPRING: Copper alloy. PIVOT: Brass alloy. MOVABLE CONTACT: Fine silver. STATIONARY CONTACTS: Fine silver. TERMINALS: Copper alloy. K Snap-acting NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages K-51 and K-52. For additional options not shown in catalog, consult Customer Service Center. Model 11TL One TM Series SPDT switch 12TL One TM Series SPDT switch 23TL Two TM Series SPDT switches Terminations 60 Screw 40 .187" Quick connect 4A .250" Quick connect Plunger 2 Stainless steel, not tapped 4 Stainless steel, tapped Dimensions are shown: Inch (mm) Specifications and dimensions subject to change K-50 www.ittcannon.com C&K TL Series Door Interlock Switches MODEL 11TL WITH SMALL BRACKET 11TL602 K Snap-acting SPDT 12TL WITH LARGE BRACKET 12TL602 SPDT Dimensions are shown: Inch (mm) Specifications and dimensions subject to change K-51 www.ittcannon.com C&K TL Series Door Interlock Switches MODEL 23TL WITH TWO SWITCHES 23TL602 SPDT K Snap-acting TERMINATIONS 60 SCREW TERMINALS 40 .187" QUICK CONNECT 4A .250" QUICK CONNECT PLUNGERS 2 STAINLESS STEEL, NOT TAPPED 4 STAINLESS STEEL, TAPPED 4-40 x .375 (9,52) min. depth Dimensions are shown: Inch (mm) Specifications and dimensions subject to change K-52 www.ittcannon.com |
Price & Availability of 11TL60
![]() |