Part Number Hot Search : 
TS258CS PWR333 2N6542 SD02H R2A20117 LT3680I 1N2429 GL157
Product Description
Full Text Search
 

To Download 07CY-60T03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
07CY-60T Series
* * * * * * Isolated High Efficiency High Power Density Fix Frequency (300KHz) Low Cost Input Under Voltage Lockout * * * * * * Output Over Voltage Shutdown OCP/SCP Over Temperature Protection Remote On/Off Logic (Option) Output Voltage Trim Positive/Negative Remote Sense
Description
The 07CY-60T Series are isolated DC/DC converters that operate from a nominal 48V source. These units provide up to 60W of output power from a nominal 48V input. These units are designed to be highly efficient and low cost. Features include remote on/off, short circuit protection, over current protection, over temperature protection, input under voltage lockout, and output over voltage protection. These converters are provided in an industry standard eighth brick package.
Part Selection
Output Voltage 12.0V 5.0V 3.3V Input Voltage 36V - 75V 36V - 75V 36V - 75V Max. Output Current 5A 12A 15A Max. Output Power 60.0W 60.0W 50.0W Typical Efficiency 91% 91% 89% Model Number Active High 07CY-60T120 07CY-60T050 07CY-60T033 Model Number Active Low 07CY-60T12L 07CY-60T05L 07CY-60T03L
Note: Add "G" suffix at the end of the model number to indicate Tray Packaging.
Absolute Maximum Ratings
Parameter Input Voltage (continuous) Remote On/Off I/O Isolation Voltage Ambient Temperature Storage Temperature Min -0.3V -2V -40C -55C Typ Max 80V 18V 2000V 85C 125C Notes
Input Specifications
Parameter Input Voltage Input Current (full load) Vo=12.0V Vo=5.0V Vo=3.3V Input Current (no load) Vo=12.0V Vo=5.0V Vo=3.3V Remote Off Input Current 120mA 80mA 40mA 2mA 240mA 160mA 80mA 5mA Min 36V Typ 48V Max 75V 3.0A 2.8A 2.6A Notes
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Input Specifications (Continued)
Parameter 1 Input Reflected Ripple Current (pk-pk) Input Reflected Ripple Current (RMS) I t Inrush Current Transient Turn-on Voltage Threshold Turn-off Voltage Threshold
2 1
Min 32V 30V
Typ 12mA 2mA 0.01A s 34V 32V
2
Max 24mA 4mA 0.02A s 35V 33V
2
Notes
Note: 1. Test conditions: with simulated source impedance of 10uH; use a 100uF/100V electrolytic capacitor with ESR = 1 ohm max. at 5Hz to 20MHz at 25C.
Output Specifications
Parameter Output Voltage Set Point VO=12.0V VO=5.0V Vo=3.3V Line Regulation VO=12.0V VO=5.0V VO=3.3V Load Regulation VO=12.0V VO=5.0V VO=3.3V Regulation Over Temperature (-40C to +85C) VO=12.0V VO=5.0V VO=3.3V Output Current VO=12.0V VO=5.0V VO=3.3V Current Limit Threshold VO=12.0V VO=5.0V VO=3.3V Short Circuit Surge Transient Ripple and Noise (RMS) VO=12.0V VO=5.0V VO=3.3V Ripple and Noise (pk-pk) VO=12.0V VO=5.0V VO=3.3V Turn on Time Overshoot at Turn on Output Capacitance VO=12.0V VO=5.0V VO=3.3V 0uF 0uF 0uF 100mV 110mV 55mV 10mS 0% 130mV 150mV 100mV 25mS 5% 1000uF 10000uF 18000uF 5.5A 13.5A 16A 6.5A 16A 18A 2 3A s 25mV 25mV 15mV 8A 19A 20A 2 5A s 50mV 50mV 30mV Test conditions: Vin=48V, Ta=25C, with a 1uF ceramic capacitor and a 10uF Tantalum capacitor at the output. 0A 0A 0A 5A 12A 15A Min 11.820V 4.925V 3.250V Typ 12.0V 5.0V 3.3V 12mV 5mV 3mV 30mV 10mV 7mV 60mV 45mV 30mV Max 12.180V 5.075V 3.350V 24mV 10mV 7mV 60mV 20mV 15mV 100mV 75mV 50mV Notes Vin=48V, Io=50% full load, Ta=25C.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Output Specifications (Continued)
Parameter Transient Response 25% ~ 50% Max Load 50% ~ 25% Max Load 25% ~ 50% Max Load 50% ~ 25% Max Load 25% ~ 50% Max Load 50% ~ 25% Max Load Overshoot Settling Time Overshoot Settling Time Overshoot Settling Time Overshoot Settling Time Overshoot Settling Time Overshoot Settling Time VO=3.3V VO=5.0V VO=12.0V 300mV 400uS 300mV 400uS 200mV 300uS 200mV 300uS 150mV 150uS 150mV 150uS 400mV 500uS 400mV 500uS 300mV 400uS 300mV 400uS 200mV 200uS 200mV 200uS Test conditions: di/dt = 0.1A/uS, Vin=48V, with a 1uF ceramic capacitor and a 10uF Tantalum capacitor at the output. Min Typ Max Notes
Note: All specifications are typical at 25C unless otherwise stated.
General Specifications
Parameter Efficiency VO=12.0V VO=5.0V VO=3.3V Switching Frequency Isolation capacitance Output Voltage Trim Range Over Temperature Protection Over Voltage Protection MTBF Dimensions Inches (L x W x H) Millimeters (L x W x H) Weight 2.30 x 0.896 x 0.395 58.42 x 22.86 x 10.04 20g 88% 88% 87% 270KHz 80%Vo 117%Vo 91% 91% 89% 300KHz 1500pF 125C 122%Vo 2,410,000 hours 330KHz 110%Vo 127%Vo Calculated Per Bell Core TR-332 (IO = 12A, Vin=48V, Vo=3.3V, Ta = 25C, No forced air) Vin=48V, full load Min Typ Max Notes
Note: All specifications are typical at 25C unless otherwise stated.
Control Specifications
Parameter Remote On/Off Signal Low (Unit On) Signal High (Unit Off) Signal Low (Unit Off) Signal High (Unit On) Current Sink Active Low Active High -0.3V 2.4V -0.3V 2.4V 0mA 0.8V 18V 0.8V 18V 0.75mA Min Typ Max Notes
The remote on/off pin open, Unit on.
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Output Trim Equations
Equations for calculating the trim resistor (in k) are shown below. The Trim Down resistor should be connected between the Trim pin and Ground pin. The Trim Up resistor should be connected between the Trim pin and the Vout. Only one of the resistors should be used for any given application.
Vout
Rtrimdown =
511 - 10.22 delta
Module
Trim Rtrimdown GND
Rtrimup =
(100 + delta ) Vo 5.11 - 626 - 10.22 1.225 delta
Module
Vout Rtrimup Trim GND
Notes:
delta =
(Vo _ req - Vo ) x 100 [% ]
Vo
Vo_req=Desired (trimmed) output voltage [V]
Output voltage Vo=3.308V for 3.3V output; Vo=5.002V for 5.0V; Vo=12.007V for 12V output
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Efficiency Data
07CY-60T03x EFFICIENCY 95% EFFICIENCY 90% 85% 80% 75% 70% 65% 60% 1.5A 3.75A 7.5A 11.25A 15A
36V 48V 75V
OUTPUT CURRENT (A)
07CY-60T05x EFFICIENCY 95% 90% 85% 80% 75% 70% 65% 60% 1.2A 3.0A 6.0A 9.0A 12.0A EFFICIENCY 36V 48V 75V
OUTPUT CURRENT (A)
07CY-60T12x EFFICIENCY 95% EFFICIENCY 90% 85% 80% 75% 70% 65% 60% 0.5A 1.25A 2.5A 3.75A 5.0A
36V 48V 75V
OUTPUT CURRENT (A)
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Thermal Derating Curves (Vin=48V)
07CY-60T03x
07CY-60T05x
07CY-60T12x
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com
ISOLATED DC/DC CONVERTERS
48V Input 3.3V/15A, 5V/12A, 12V/5A Output, 1/8 Brick
Pin Connections
Pin 1 2 3 4 5 6 7 8 Function Vin+ Remote On/Off VinVoutSenseTrim Sense+ Vout+
2004 Bel Fuse Inc. Specifications subject to change without notice. 120804
CORPORATE Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST Bel Fuse Ltd. 8F/ 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com


▲Up To Search▲   

 
Price & Availability of 07CY-60T03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X