Part Number Hot Search : 
MPC82 365915 2N5196 EAC319 P16N25E RGC20KH 07910 HFS8N70S
Product Description
Full Text Search
 

To Download ZMD31035AAB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 The Analog Mixed Signal Company
ZMD31035
Automotive Sensor Signal Conditioner PRELIMINARY
Features
* Digital compensation of sensor offset, sensitivity, temperature drift and non-linearity * Adjustable to nearly all piezo-resistive bridge sensors types * Digital one-shot calibration: quick and precise * Selectable temperature compensation reference: internal or external diode * Output options: analog voltage (0 to 5V) or one-wire-interface (LIN compatible protocol) * Digital sensor calibration via one-wire-interface * Sampling rate typically 125Hz * High voltage protection * Reverse polarity and short circuit protection * Operation temperature -40 to +125C * Supply voltage 4.5 to 5.5V
Benefits
* No external trimming components required * PC-controlled configuration and calibration via one-wire interface - simple, low cost * High accuracy (0.1% FSO @ -25 to 85C; 0.25% FSO @ -40 to 125C)
Brief Description
The ZMD31035 is a CMOS integrated circuit for highlyaccurate amplification and sensor-specific correction of bridge sensor signals. Digital compensation of sensor offset, sensitivity, temperature drift and non-linearity is accomplished via a 16-bit RISC micro-controller running a correction algorithm with calibration coefficients stored in a non-volatile EEPROM. The ZMD31035 is adjustable to nearly all piezo-resistive bridge sensors. Measured values are provided at the analog voltage output or at the one-wire-interface. The digital one-wire-interface can be used for a simple PC-controlled calibration procedure, in order to program a set of calibration coefficients into an on-chip EEPROM. Thus a specific sensor and a ZMD31035 are mated digitally: fast, precise and without the cost overhead associated with trimming by external devices or laser. The ZMD31035 is optimized for automotive environments by it's protection circuitry and excellent electromagnetic compatibility.
Application Circuit
VSSA VDDB VTN VSSA VDDA
ZMD31035
TEMP. SENSING DIODE
100n DI CLK VDD 100n VDDE 100n VSS
VBN
BRIDGE SENSOR
VSSB VBP
AOUT VSSE
* Evaluation kit will be available, containing PCBs, SSOP14 samples, software, documentation * Support for industrial mass calibration available * Quick circuit customization possible for large production volumes
15n
GND
OUT OWI
VSUPPLY
4.5...5.5V
Application Examples
* Detection of low-/overpressure in fuel tanks * MAP Sensors * Hydraulic reservoir pressure monitoring for ABS * Engine management * Comfort functions * Tire pressure monitoring (in combination
and power steering
with wireless transmitters)
Ordering Information
Ordering Code ZMD31035AD ES Description engineering samples as dice in waffletray ZMD31035AF ES engineering samples as finished parts SSOP14 ZMD 31035AF YYWW *** ZMD31035AAB* dice on tested unsawn wafer ZMD31035AAC* dice on tested sawn wafer ZMD31035AAD* dice in waffle tray -40C to +125C die -40C to +125C die sawn 6" wafer on plastic frame waffle tray (100 dice / tray) ZMD31035AAF-T* finished parts in tube -40C to +125C SSOP14 ZMD 31035AAF YYWW ZMD31035AAF-R* finished parts in tape on reel -40C to +125C SSOP14 ZMD 31035AAF YYWW ZMD31035KIT evaluation kit box with PCBs, CD-ROM, SSOP14 samples tube (2000 parts /reel) tube (77 parts / tube) -40C to +125C die 6" wafer sample box or tube Operating Temperature Range Package Type die Device Marking Shipping Form** waffle tray
* Serial parts - available from serial production start ** The quantity ordered should be a multiple of the quantity / packing unit as specified *** Optional labeled with "ES" in addition
For further information:
ZMD AG Grenzstrasse 28 01109 Dresden Germany Tel +49.351.8822.366 Fax +49.351.8822.337 sales@zmd.de
ZMD America, Inc. 201 Old Country Road, Suite 204 Melville, NY 11747 USA Tel +1.631.549.2666 Fax +1.631.549.2882 sales@zmda.com
ZMD America, Inc. 15373 Innovation Drive, Suite 115 San Diego, CA 92128 USA Tel +1.858.674.8070 Fax +1.858.674.8071 sales@zmda.com
colosseum-group.de
(c) ZMD AG 2004 * Rev. 0.2 * Preliminary
www.zmd.biz
This information applies to a product under development. Its characteristics and specifications are subject to change without notice. ZMD assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, ZMD shall not be liable to any customer, licencee or any other third party for any damages in connection with or arising out of the furnishing, performance or use of this technical data. No obligation or liability to any customer, licencee or any other third party shall result from ZMD's rendering of technical or other services.


▲Up To Search▲   

 
Price & Availability of ZMD31035AAB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X