Part Number Hot Search : 
D1300 TA1043A 3EZ150D 2SB1001 MMBT9018 8075BVR 03060 EPS13
Product Description
Full Text Search
 

To Download WEDF1M32B-XXX5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 White Electronic Designs
1Mx32 5V Flash Module
FEATURES
Access Times of 70, 90, 120ns Packaging: * 66 pin, PGA Type, 1.185" square, Hermetic Ceramic HIP (Package 401) * 68 lead, 22mm Low Profile CQFP, 4.6mm (0.180"), (Package 509) Sector Architecture * One 16KByte Sectors * Two 8KByte Sectors * One 32KByte Sectors * Fifteen 64KByte Sectors 1,000,000 Erase/Program Cycles
WEDF1M32B-XXX5
ADVANCED*
Organized as 1Mx32, user configurable as 2Mx16 or 4Mx8. Commercial, Industrial and Military Temperature Ranges 5V 10% for Read and Write Operations. Low Power CMOS Embedded Erase and Program Algorithm Built-in Decoupling Caps and Multiple Ground Pins for Low Noise Operation Weight WEDF1M32B-XG2TX5 - 8 grams typical WEDF1M32B-XHX5 - 13 grams typical
* This product is under development, is not qualified or characterized and is subject to change or cancellation without notice.
PIN CONFIGURATION FOR WF1M32B-XHX5 Top View
1 I/O8 I/O9 I/O10 A14 A16 A11 A0 A18 I/O0 I/O1 I/O2 11 22 12 RESET# CS2# GND I/O11 A10 A9 A15 VCC CS1# A19 I/O3 33 23 I/O15 I/O14 I/O13 I/O12 OE# A17 WE# I/O7 I/O6 I/O5 I/O4 I/O24 I/O25 I/O26 A7 A12 NC A13 A8 I/O16 I/O17 I/O18 44 34 VCC CS4# NC I/O27 A4 A5 A6 NC CS3# GND I/O19 55 45 I/O31 I/O30 I/O29 I/O28 A1 A2 A3 I/O23 I/O22 I/O21
RESET# WE# OE# A0-19
PIN DESCRIPTION
I/O0-31 A0-19 Data Inputs/Outputs Address Inputs Write Enable Chip Selects Output Enable Reset Power Supply Ground Not Connected
56
WE# CS1-4# OE# RESET# VCC GND NC
Block Diagram
CS1# CS2# CS3# CS4#
1M x 8
1M x 8
1M x 8
1M x 8
I/O20 66
8 8 8 8
I/O0-7
I/O8-15
I/O16-23
I/O24-31
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 1 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
Pin Configuration for WF1M32B-XG2TX5 Top View
RESET# A0 A1 A2 A3 A4 A5 CS3# GND CS4# WE1# A6 A7 A8 A9 A10 VCC
WEDF1M32B-XXX5
ADVANCED
Pin Description
I/O0-31 A0-19 WE1-4# Data Inputs/Outputs Address Inputs Write Enables Chip Selects Output Enable Reset/Powerdown Power Supply Ground
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61
I/O0 I/O1 I/O2 I/O3 I/O4 I/O5 I/O6 I/O7 GND I/O8 I/O9 I/O10 I/O11 I/O12 I/O13 I/O14 I/O15
10 60 11 59 12 58 13 57 14 56 15 55 16 54 17 53 18 52 19 51 20 50 21 49 22 48 23 47 24 46 25 45 26 44 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 VCC A11 A12 A13 A14 A15 A16 CS1# OE# CS2# A17 WE2# WE3# WE4# A18 A19 NC
I/O16 I/O17 I/O18 I/O19 I/O20 I/O21 I/O22 I/O23 GND I/O24 I/O25 I/O26 I/O27 I/O28 I/O29 I/O30 I/O31
CS1-4# OE# RESET# VCC The White 68 lead G2T CQFP fills the same fit and function as the JEDEC 68 lead CQFJ or 68 PLCC. But the G2T has the TCE and lead inspection advantage of the CQFP form. GND
Block Diagram
WE1# CS1# RESET# OE# A0-19 WE2# CS2# WE3# CS3# WE4# CS4#
1M x 8
1M x 8
1M x 8
1M x 8
8
8
8
8
I/O0-7
I/O8-15
I/O16-23
I/O24-31
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 2 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
ABSOLUTE MAXIMUM RATINGS
Parameter Voltage on Any Pin with Respect to GND - VCC and VPP Voltage with Respect to GND - A9, OE#, and RESET (2) Voltage with Respect to GND - All other pins (1) Output Short Circuit Current -0.5 to +7.0 -2.0 to +12.5 V -2.0 to +7.0 V 200 Unit V V V mA Parameter Supply Voltage Input High Voltage Input Low Voltage Operating Temp. (Mil.)
WEDF1M32B-XXX5
ADVANCED
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIH VIL TA Min 4.5 2.0 -0.5 -55 Max 5.5 VCC + 0.5 +0.8 +125 Unit V V V C
NOTES: 1. Minimum DC voltage is -0.5V on input/output pins. During transitions, this level may undershoot to -2.0V for periods <20ns. Maximum DC voltage on input/output pins is VCC + 0.5V which, during transitions, may overshoot to VCC + 2.0V for periods <20ns. 2. Minimum DC input voltage on pins A9, OE#, and RESET is -0.5V. During voltage transitions, A9, OE#, and RESET may undershoot Vss to -2.0V for periods of up to 20ns. See Figure 6. Maximum DC input voltage on pin A9 is +12.5V which may overshoot to +13.5V for periods up to 20ns. 3. Output shorted for no more than one second. No more than one output shorted at a time. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a Stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
CAPACITANCE
TA = +25C Symbol Parameter OE# capacitance COE WE#1-4 capacitance CWE CS1-4 capacitance CCS Data I/O capacitance CI/O Address input capacitance CAD Conditions VIN = 0 V, f = 1.0 MHz VIN = 0 V, f = 1.0 MHz VIN = 0 V, f = 1.0 MHz VI/O = 0 V, f = 1.0 MHz VIN = 0 V, f = 1.0 MHz Max 50 20 20 20 50 Unit pF pF pF pF pF
This parameter is guaranteed by design but not tested.
DATA RETENTION
Parameter Minimum Pattern Data Retention Time Test Conditions 150C 125C Min 10 20 Unit Years Years
AC TEST CIRCUIT
Parameter
I OL Current Source
AC TEST CONDITIONS
Typ VIL = 0, VIH = 2.5 5 1.5 1.5 Unit V ns V V Input Pulse Levels Input Rise and Fall Input and Output Reference Level
D.U.T. C eff = 50 pf
VZ
1.5V
Output Timing Reference Level
(Bipolar Supply)
I OH Current Source
NOTES: VZ is programmable from -2V to +7V. IOL & IOH programmable from 0 to 16mA. Tester Impedance Z0 = 75 . VZ is typically the midpoint of VOH and VOL. IOL & IOH are adjusted to simulate a typical resistive load circuit. ATE tester includes jig capacitance.
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 3 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
VCC = 5.0V, GND = 0V, -55C TA +125C Parameter Input Leakage Current Output Leakage Current VCC Read Current (1, 2) VCC Write Current (2, 3 ,4) VCC Standby Current (2, 5) Output Low Voltage Output High Voltage Low VCC Lock-Out Voltage (4) Symbol ILI ILO ICC1 ICC2 ICC3 VOL VOH VLKO Conditions VIN = VCC to GND VOUT = VCC to GND CS# = VIL, OE# = VIH, f = 5MHz, IOUT = 0mA CS# = VIL, OE# = VIH CS# = RESET# = OE# = CS = VIH, f = 5MHz VCC = 4.5, IOL = 5.8 mA VCC = 4.5, IOH = -2.5 mA
WEDF1M32B-XXX5
ADVANCED
DC CHARACTERISTICS - CMOS COMPATIBLE
Min Max 10 10 160 200 20.0 0.45 4.2 Unit A A mA mA A V V V
2.4 3.2
NOTES: 1. The ICC current listed is typically less than 2mA/MHz, with OE# at VIH. 2. Maximum ICC specifications are tested with VCC = VCC max 3. ICC active while Embedded Erase or Embedded Program is in progress. 4. Not 100% tested. 5. ICC3 = 20A max at extended temperature (> +85C).
AC CHARACTERISTICS - WRITE/ERASE/PROGRAM OPERATIONS - CS# CONTROLLED
VCC = 5.0V, GND = 0V, -55C TA +125C Parameter
Write Cycle Time Chip Select Setup Time Write Enable Pulse Width Address Setup Time Data Setup Time Data Hold Time Address Hold Time Chip Select Hold Time Write Enable Pulse Width High Programming Operation (2) Sector Erase Operation (3) Write Recovery before Read Chip Programming Time NOTES: 1. Guaranteed by design, not tested. 2. Typical value for tWHWH1 is 7s. 3. Typical value for tWHWH2 is 1sec.
Symbol tAVAV tELWL tWLWH tAVWH tDVWH tWHDX tWLAX tWHEH tWHWL tWHWH1 tWHWH2 tWHECL 0 tWC tCS tWP tAS tDS tDH tAH tCH tWPH Min 70 0 345 0 35 0 45 0 20
-70 Max Min 90 0 45 0 45 0 45 0 20 300 8 0 50
-90 Max Min 120 0 50 0 50 0 50 0 20 300 8 0 50
-120 Max
Unit ns ns ns ns ns ns ns ns NS 300 8 50 s sec s sec
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 4 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
VCC = 5.0V, GND = 0V, -55C TA +125C Parameter Write Enable Cycle Time Write Enable Setup Time Chip Select Pulse Width Address Setup Time Data Setup Time Data Hold Time Address Hold Time Write Enable Hold Time Chip Select Pulse Width High Programming Operation (1) Sector Erase Operation (2) Write Recovery before Read
NOTES: 1. Typical value for tWHWH1 is 7s. 2. Typical value for tWHWH2 is 1sec.
WEDF1M32B-XXX5
ADVANCED
AC CHARACTERISTICS - WRITE OPERATIONS - CS# CONTROLLED(1)
Symbol tAVAV tWLEL tELEH tAVEH tDVEH tEHDX tEHAX tEHWH tEHEL tWHWH1 tWHWH2 tEHGL tWC tWS tCP tAS tDS tDH tAH tWH tEPH Min 70 0 35 0 30 0 45 0 20 -70 Max Min 90 0 45 0 45 0 45 0 20 -90 Max Min 120 0 50 0 50 0 50 0 20 -120 Max ns ns ns ns ns ns ns ns s sec s s Unit
300 8 0 0
300 8 0
300 8
AC CHARACTERISTICS - READ-ONLY OPERATIONS
VCC = 5.0V, GND = 0V, -55C TA +125C Parameter Read Cycle Time Address Access Time Chip Select to Output Valid (1) Output Enable to Output Valid (1) Chip Select to Output Low Z (2) Chip Select High to Output High Z (2) Output Enable to Output Low Z (2) Output Enable High to Output High Z (2) Output Hold from Addresses, CS# or OE# Change, Whichever is First (2) Symbol tAVAV tAVQV tELQV tGLQV tELQX tEHQZ tGLQX tGHQZ tRC tACC tCE tOE tLZ tHZ tOLZ tDF tOH Min 70 -70 Max 70 70 30 0 20 0 20 0 0 0 20 0 0 20 0 30 Min 90 -90 Max 90 90 35 0 50 Min 120 -120 Max 120 120 50 ns ns ns ns ns ns ns ns ns Unit
NOTES: 1. OE# may be delayed up to tCE-tOE after the falling edge of CS# without impact on tCS. 2. Guaranteed by design, not tested.
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 5 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
WEDF1M32B-XXX5
ADVANCED
PACKAGE 509: 68 LEAD, CERAMIC QUAD FLAT PACK, CQFP (G2T)
25.15 (0.990) 0.26 (0.010) SQ 22.36 (0.880) 0.26 (0.010) SQ 4.57 (0.180) MAX 0.27 (0.011) 0.04 (0.002)
Pin 1
0.25 (0.010) REF
24.03 (0.946) 0.26 (0.010) 1 / 7 1.0 (0.040) 0.127 (0.005)
R 0.25 (0.010) 0.19 (0.007) 0.06 (0.002)
23.87 (0.940) REF
DETAIL A
1.27 (0.050) TYP 0.38 (0.015) 0.05 (0.002) 20.3 (0.800) REF SEE DETAIL "A"
The WEDC 68 lead G2T CQFP fills the same fit and function as the JEDEC 68 lead CQFJ or 68 PLCC. But the G2T has the TCE and lead inspection advantage of the CQFP form.
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 6 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
WEDF1M32B-XXX5
ADVANCED
PACKAGE 401: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H)
30.1 (1.185) 0.38 (0.015) SQ
PIN 1 IDENTIFIER SQUARE PAD ON BOTTOM
25.4 (1.0) TYP
3.81 (0.150) 0.1 (0.005) 2.54 (0.100) TYP
1.27 (0.050) 0.1 (0.005) 0.76 (0.030) 0.1 (0.005) 15.24 (0.600) TYP 1.27 (0.050) TYP DIA 0.46 (0.018) 0.05 (0.002) DIA 25.4 (1.0) TYP
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 7 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com
White Electronic Designs
ORDERING INFORMATION
WEDF1M32B-XXX5
ADVANCED
WED F 1M32 B - XXX X X 5 X
LEAD FINISH: Blank = Gold plated leads A = Solder dip leads PROGRAMMING VOLTAGE 5 = 5V DEVICE GRADE: M = Military Screened I = Industrial C = Commercial
-55C to +125C -40C to +85C 0C to +70C
PACKAGE TYPE: H = Ceramic Hex In line Package, HIP (Package 401) G2T = 22mm Ceramic Quad Flat Pack, Low Profile CQFP (Package 509) ACCESS TIME (ns) BOTTOM BOOT BLOCK ORGANIZATION, 1M x 32 User configurable as 2M x 16 or 4M x 8 FLASH WHITE ELECTRONIC DESIGNS CORP.
White Electronic Designs Corp. reserves the right to change products or specifications without notice. May 1999 Rev.1 8 White Electronic Designs Corporation * (602) 437-1520 * www.wedc.com


▲Up To Search▲   

 
Price & Availability of WEDF1M32B-XXX5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X