Part Number Hot Search : 
EM4125 278R05 CL7621AC DA8589BJ XN6113 3KP13 EDDTRPB 4GBU005
Product Description
Full Text Search
 

To Download WAN202U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WEITRON
Surface Mount Switching Diode
Features: * Low Current Leakage * Low Forward Voltage * Ultra High Speed Switching * Surgace Mount Package Ideally Suited for Automatic Insertion Mechanical Data: * Case: SOT-323, Molded Plastic * Terminal: Solderable per MIL-STD-202 Method 208 * Polarity: See Diagram * Weight: 0.006 grams(approx)
WAN202U / WAP202U WAN217U SWITCHING DIODE 100m AMPERRES 80 VOLTS
3 1 2
SOT-323(SC-70)
SOT-323 Package Outline Dimensions
Unit:mm
A
T OP V IE W
B
C
D E G H K L
J
M
Dim A B C D E G H J K L M
SOT-323
Min 0.30 1.15 2.00 0.30 1.20 1.80 0.00 0.80 0.42 0.10
Max 0.40 1.35 2.40 0.65 0.40 1.40 2.20 0.10 1.00 0.53 0.25
http://www.weitron.com.tw
WEITRON
WAN202U / WAP202U WAN217U
Maximum Ratings
Characteristic Reverse Voltage Forward Current
(EACH DIODE) Symbol VR IF IFM WAN202U WANP202U 80 100 300 WAN217U Unit Volts mAdc mAdc
Peak Forward Surge Current
Thermal Characteristics
Characteristic Total Device Dissipation FR-5 Board *1, TA=25 C Derate Above 25 C
Thermal Resistance Junction to Ambient
Symbol PD R JA TJ, Tstg
Max 200 1.6 625 -55 to + 150
Unit mW mW/ C C/W C
Junction and Storage Temperature *1 ER-5=1.0x0.75x0.062 in
Electrical Characteristics
Characteristic
Reverse Breakdown Voltage (IBR=100 uAdc) Reverse Voltage Leakage Current VR=70V
(TA=25 C Unless Otherwise Note) (Each Diode) Symbol VBR IR CD VF trr Min 80 0.1 3.5 1.2 4.0 Max Unit Vdc uAdc
Diode Capacition (VR=6Vdc, f=1.0MHz) Forward Voltage (IF=100 mAdc) Reverse Recovery Time (Figure 1.) IR=5.0 mAdc, VR=6.0 Vdc
PF Vdc nS
WEITRON
http://www.weitron.com.tw
WAN202U / WAP202U WAN217U
Device Marking
Item WAN202U WAP202U WAN217U Marking A4 A1 A7 Eqivalent Circuit diagram
3 3 3 1 2 1 2 1 2
FIG 1. Recovery Time Equivalent Test Circuit
0.01F D.U.T.
50 20
PULSE GENERATOR OUTPUT 50
5 50
FORWARD CURRENT : (mA)
SAMPLING OSCILLOSCOPE
10 5 2 1 0.5 0.2 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
T a=85 C 50 C 25 C 0C -30 C
INPUT
100ns
OUTPUT
trr
0.1I R
IR
IF
0
VF FORWARD VOLTAGE :
(Volts)
FIG.2 Forward characteristics
1000
T a=100 C 75 C 50 C
CD CAPACITANCE BETWEEN TERMINALS : (pF)
f=1MHz 4
I R REVERSE CURRENT : (nA)
100
10
25 C 0C -25 C
1
2
0.1
0.01 0
0
10
20
30
40
50
60
70
80
0
2
4
6
8
10
12
14
16
18
20
VR REVERSE VOLTAGE : (Volts)
VR REVERSE VOLTAGE :
(Volts)
FIG.3 Reverse characteristics
FIG.4 Capacitance
http://www.weitron.com.tw
WEITRON


▲Up To Search▲   

 
Price & Availability of WAN202U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X