Part Number Hot Search : 
FMXG22S MLL983B A27K1V1 STF202 M74HC21 1537M 2SC1684 MAX5020
Product Description
Full Text Search
 

To Download VBO13-12NO2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VBO 13
Single Phase Rectifier Bridge
Standard and Avalanche Types
+
IdAV = 18 A VRRM = 800-1600 V
VRSM VBRmin VRRM V 900 1300 1500 1700 V 1230 1430 1630 V 800 1200 1400 1600
Standard Types VBO 13-08NO2 VBO 13-12NO2 VBO 13-14NO2 VBO 13-16NO2
Avalanche Types VBO 13-12AO2 VBO 13-14AO2 VBO 13-16AO2
~
-
~ ~
-
+
~
For Avalanche Types only
Symbol IdAV IdAVM PRSM IFSM
Conditions TC = 85C, module module TVJ = TVJM t = 10 s TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 18 30 2.5 220 230 180 190 240 220 160 150 -40...+150 150 -40...+125 A A kW A A A A A2s A2s A2s A2s C C C V~ V~ Nm lb.in. g
Features * Avalanche rated parts available * Package with DCB ceramic base plate * Isolation voltage 3600 V~ * Planar passivated chips * Low forward voltage drop * 1/4" fast-on terminals * UL registered E 72873 Applications * Supplies for DC power equipment * Input rectifiers for PWM inverter * Battery DC power supplies * Field supply for DC motors Advantages * Easy to mount with one screw * Space and weight savings * Improved temperature and power cycling Dimensions in mm (1 mm = 0.0394")
I2t
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
TVJ TVJM Tstg VISOL Md Weight 50/60 Hz, RMS IISOL 1 mA t = 1 min t=1s
3000 3600 1.5-2 13-18 15
Mounting torque (M5) (10-32 UNF) typ.
Symbol IR VF VT0 rT RthJC RthJK dS dA a
Test Conditions VR = VRRM; VR = VRRM; IF = 55 A; TVJ = 25C TVJ = TVJM TVJ = 25C
Characteristic Values 0.3 5 1.8 0.85 17 5.6 1.4 6.0 1.5 13 9.5 50 mA mA V V m K/W K/W K/W K/W mm mm m/s2
For power-loss calculations only TVJ = TVJM per diode; DC current per module per diode, DC current per module Creeping distance on surface Creepage distance in air Max. allowable acceleration
Data according to IEC 60747 and refer to a single diode unless otherwise stated for resistive load at bridge output, with isolated fast-on tabs. IXYS reserves the right to change limits, test conditions and dimensions.
420
(c) 2004 IXYS All rights reserved
1-2
VBO 13
Fig. 1 Surge overload current per diode IFSM: Crest value, t: duration
Fig. 2 I2t versus time (1-10 ms) per diode
Fig. 3 Max. forward current at case temperature
Fig. 4 Power dissipation versus direct output current and ambient temperature
Constants for ZthJK calculation: i 1 2 3 Rthi (K/W) 0.059 2.714 3.227 ti (s) 0.00217 0.159 2.34
Fig. 5 Transient thermal impedance junction to heatsink per diode
IXYS reserves the right to change limits, test conditions and dimensions.
420
2-2
(c) 2004 IXYS All rights reserved


▲Up To Search▲   

 
Price & Availability of VBO13-12NO2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X