Part Number Hot Search : 
1R5GH45 BZT52C FST7340L S5D2400X 80PFR40 KIA7423 W742S819 FR103G
Product Description
Full Text Search
 

To Download UMIL100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UMIL 100A
100 Watts, 28 Volts, Class AB Defcom 225 - 400 MHz GENERAL DESCRIPTION
The UMIL100A is a double input matched COMMON EMITTER broadband transistor specifically intended for use in the 225-400 MHz frequency band. It may be operated in Class AB or C. Gold metallization and silicon diffused resistors ensure ruggedness and high reliability.
CASE OUTLINE
55JU, Style 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25oC Maximum Voltage and Current BVces Collector to Emiter Voltage BVebo Emitter to Base Voltage Ic Collector Current Maximum Temperatures Storage Temperature Operating Junction Temperature 270 Watts 65 Volts 4.0 Volts 20 A - 65 to +150 oC +150 oC
ELECTRICAL CHARACTERISTICS @ 25 OC
SYMBOL Pout Pin Pg CHARACTERISTICS Power Output Power Input Power Gain Efficiency Load Mismatch Tolerance TEST CONDITIONS F = 400 MHz Vcc = 28 Volts MIN 100 19 7.2 8.5 55 5:1 TYP MAX UNITS Watts Watts dB %
c
VSWR
BVebo BVces BVceo BVcbo Icbo Cob hFE
jc
Emitter to Base Breakdown Collector to Emitter Breakdown Collector to Emitter Breakdown Collector to Base Breakdown Collector to Base Current Output Capacitance DC - Current Gain Thermal Resistance
Ie = 5 mA Ic = 100 mA Ie = 50 mA Ic =100 mA Vc = 30 Volts Vcb = 28 V, F = 1 MHz Vce = 5 V, Ic = 1 A
4.0 60 31 60 50 120 10 0.7
Volts Volts Volts Volts mA pF
o
C/W
Issue August 1996
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
UMIL100A
August 1996


▲Up To Search▲   

 
Price & Availability of UMIL100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X