Part Number Hot Search : 
KRX202U NTE1810 MAU127 ZS4742A PCA9541 0100P TCST1300 TDC10
Product Description
Full Text Search
 

To Download TSIC-201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSicTM-201 Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
Product
Accuracy 0.5 C Measurement range -50 +150 C.. C Analog 0-1 Volt signal output Resolution 0.1 C The temperature sensor family TSic from IST are fully tested and calibrated sensors to allow absolute measurement accuracy at delivery and eliminates further calibration efforts. The temperature measurement with the TSic is very simple, can achieve outstanding accuracy combined with a long term stability.
Advantages
Different accuracy classes with 100% upward compatibility No calibration by customer necessary any more, absolute calibration specified Simple to integrate, reducing cost and time for application-development Robust and elementary signal transmission requires only one singal line Optimum solution for temperature control, thanks to fast data measurement Packages for standard SMD, THT or application specific assembly Miniaturised solutions with Bare-chip (COB, COF, CSP) or e-line package Very fast response time with Bare-chip (COF - Chip on Flex) Very small power consumption - ideal for mobile and standard applications Field (re-)configuration or (re-)calibration available (option for high volume customers only) Outstanding long term stability
Packages
SOP8 Package (150mil, Standard SMT Technology, SOIC-8) based on IEC 191-2Q: Type 076E35 B
C
Pin 1 = V+ Pin 2 = Signal Pin 4 = Ground
1 B 2 3
8 7 6 5
Dimensions (max) B = 4.98 mm C = 6.20 mm T T = 1.73 mm
4
e-line (small THT package, TO-92 like)
e-line Package (similar to TO92) Dimensions (max.): A = 2.8 mm D = 4.4 mm E = 4.4 mm L = 13.0 mm
A L D 321 V+ Ground Signal E
Specification
See next pages "TSic201 Temperature Sensor Device, Specification"
TSicTM-201 Temperature Sensor IC Specification
Features
* * * * * * * * * * Analog 0-1 Volt signal output o Accuracy: 0.5 C over a span of 80 C o Resolution: 0.1 C Wide range measurement: o o -50 to +150 C Signal update every 0.1 second (other update frequencies on request) Supply Voltage V+ = 3.0V to 5.5V, high accuracy operation in range V+ = 4.5V to 5.5V Precision temperature sensor at low cost Package: 8-pin SOIC or 3-pin e-line Low quiescent current of less than 80A at 25 and 3.3V to minimize self-heating and C power consumption System-on-a-chip based on advanced mixed signal technology incorporating: precision temperature sensing bandgap reference with PTAT output digital signal processor (DSP) core electrically erasable (EE) memory digital serial interface using single wire for signal output
TM
Description TSicTM Series
The TSic series of temperature sensor ICs were specifically designed as a high-performance, cost-effective solution for temperature sensing in building automation, automotive, industrial, office automation, white goods and low power / mobile applications. TM The TSic employs high precision bandgap reference with proportional-to-absolute-temperature (PTAT) output; low-power precision ADC; and on-chip DSP core with electrically erasable (EE) memory to precisely calibrate the output temperature signal. TM TSic series of temperature sensor ICs offers devices with two linear analog signal output options such as standard 0~1Vout signal (V+ = 3.0V to 5.5V) or ratiometric (10~90% V+ i.e. 0.5~4.5Vout @ V+=5V) or the digital serial output signal to interface with P controllers. Output Example of TSic
TM TM
devices
Package Information * TSic 201 SOP8: 150mil, Standard SMT Package, SOIC, Based on IEC 191-2Q: Type 076E35 B Pin Name No. 1 V+ Description
Temp (oC) -50 0 25 60 125 150
1 2 1
Temperature Measurement Range -50 to 150 or -58 to302 C C F F (wide range device) TSIC-201 Temp (oF) -58 14 32 77 140 257 302
2
TSic-203 Analog ratiometric 10~90% 10% of V+ 26% of V+ 30% of V+ 40% of V+ 54% of V+ 80% of V+ 90% of V+
TSic-206
Analog 0~1V 0.000 0.200 0.250 0.375 0.550 0.875 1.000
Digital 0x000 0x199 0x200 0x2FF 0x465 0x6FE 0x7FF
supply voltage (3.0-5.5V) Temperature 2 Signal output signal 4 Gnd Ground 3, Test Pin / NC TP/NC 5-8 Do not connect * Other packages on customer's demand: TM TSic 201 e-line: 3 Pin THT package
-10
LT = -50, HT = 150 as default values for the temperature calculation set points. Formula for Temperature Signal [ C]: * * * Analog output 0-1V: T = (Sig[Volt]*(HT-LT)+LT) [ C] Ratiometric 10%-90% output: T = ((Sig[V]/VDD[V])-0.1)/0.8 *(HT-LT)+LT Digital output: T= (Digital_signal/2047*(HT-LT)+LT) [ C]
TSicTM-201 Temperature Sensor Device Specification
Absolute Maximum Ratings
PARAMETER Supply Voltage (V+) Voltages at analog I/O - Pins (VINA, VOUTA) Storage Temperature Range (Tstor) MIN -0.3 -0.3 -50 MAX 6.0
VDDA+0.3
UNITS V V C
150
Operating Conditions
PARAMETER Supply Voltage to Gnd (V+) Supply Current (IV+) @ V+ = 3.3V, RT
2 1
MIN TYP MAX UNITS
1
3.0
5.0
5.5 200
V A C
Best accuracy with supply voltage 4.5V - 5.5V. With supply voltage 3.5V - 4.5V accuracy reduced. 2 Without load; typ. with load: IV+ = 95+375/Rload [A]
Alle Rechte, insbesondere die elektronische kommerzielle Vervielfaltigung, vorbehalten. Ohne schriftliche Genehmigung ist es nicht gestattet, die Inhalte dieses Datenblattes im Ganzen oder Teile daraus in elektronische Datenbanken, Internet oder auf CD-ROM zu vervielfaltigen. Technische Anderungen bleiben vorbehalten. V2.4-06/2005
Ambient Temperature Range (Tamb)
3
-50
150
Output signal is limited to this ambient temperature 3 (with regard to calibration, offs et C and gain)
4
3
External Capacitance 4 between V+ and Gnd (CV+) Output Load Resistance between signal and Gnd (or V+)
80
100
470
nF
Recomended as close to TSic V+ and GndPins as possible.
47
100
k
Temperature Accuracies
PARAMETER MIN
5
TYP MAX UNITS
Wide Range Device for -50 to 150 C T1: +10 to 90 C T2: -20 to 110 C T3: -50 to 150 C -0.5 -0.5 -0.5 0.3 +0.4 +0.9 0.5 0.95 2.0 C C C
Accuracy = specification plus quantization error of 1 bit (0.1 This device gets calibrated at 5V. F or C). applications where best accuracy at 3V is requested: ask for a customer specific 3V calibrated device. Accuracy for supply voltage within V+ = 4.5V to 5.5V, 2value. Other TSic products with customer specific calibration available on request: i.e. with special calibration where the 80C span (bandgap) with the high precision temperature range of 0.3 C is shifted to another (lower or higher) temperature range. Temperature range limits T1, T2: 0.1 T3: 3 C; C .
5


▲Up To Search▲   

 
Price & Availability of TSIC-201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X