|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
The Embedded I/O Company TIP830 8 Channel 12 (16) bit Simultaneous Sampling A/D Application Information The TIP830 family are IndustryPack compatible modules with 8 independent channels of high resolution 12 bit or 16 bit analog-to-digital conversion. Each channel consists of a Sample and Hold and a 12 bit or 16 bit A/D converter. The maximum time for sample and convert is 25s for all channels. The full-scale input range is +/-10V. A start-of-conversion is initiated by software command or via the trigger I/O pin. All eight channels of the TIP830 sample and convert simultaneous. By connecting the trigger I/O pins of several modules it is possible to expand the simultaneous sample and convert feature to several TIP830 modules. ! ! Technical Information ! ! ! ! Interface according to IndustryPack specification Identification-PROM supports auto-configuration Single Size IndustryPack Eight 12 bit (16 bit) A/D converter ( ADS7806/7 ) ! Complete 12 bit (16 bit) sampling A/D converter with internal reference ! +/- 10 V input, impedance 45 KW ! Integral linearity error: +/- 0.9LSB (+/- 3LSB) ! Differential linearity error: +/- 0.9LSB (+3/-2LSB) ! No missing codes: 12 bits (15 bits) ! 25 s maximum for sample and convert Factory calibration of gain and offset for each channel, correction parameters stored in ID-PROM Sample and convert simultaneous for all 8 channels, expandable to other TIP830 by external trigger I/O pin 12 (16) bit A/D with S/H 8 bit Bus Driver 12 (16) bit A/D with S/H 12 (16) bit A/D with S/H 12 (16) bit A/D with S/H 12 (16) bit A/D with S/H ID-PROM 12 (16) bit A/D with S/H 12 (16) bit A/D with S/H Decoder 8 A/D - select external trigger 12 (16) bit A/D with S/H Industry Pack I/O Interface For First-Time-Buyers the engineering documentation TIP830-ED is recommended. The engineering documentation includes TIP830-DOC, schematics and data sheets. Driver support (TIP830-SW-xx) is available for different operating systems. Order Information TIP830-10 TIP830-20 Eight 12 bit A/D channels, single-ended simultaneous sampling and converting Eight 16 bit A/D channels, single-ended simultaneous sampling and converting User Documentation Engineering Documentation, includes TIP830-DOC OS-9 Software Support pSOS Software Support VxWorks Software Support Windows NT 4.0 Software Support LynxOS Software Support LiNUX Software Support QNX 4 Software Support QNX 6 Software Support TIP830-DOC TIP830-ED TIP830-SW-12 TIP830-SW-32 TIP830-SW-42 TIP830-SW-62 TIP830-SW-72 TIP830-SW-82 TIP830-SW-92 TIP830-SW-95 TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice IndustryPack is a registered trademark of SBS Technologies, Inc. Industry Pack logic Interface 06/2002 TEWS TECHNOLOGIES GmbH Am Bahnhof 7 Phone: +49-(0)4101-4058-0 e-mail: info@tews.com 25469 Halstenbek / Germany Fax: +49-(0)4101-4058-19 www.tews.com TEWS TECHNOLOGIES LLC 1 E. Liberty Street, Sixth Floor Phone: +1 (775) 686 6077 e-mail: usasales@tews.com Reno, Nevada 89504 / USA Fax: +1 (775) 686 6024 www.tews.com |
Price & Availability of TIP830 |