Part Number Hot Search : 
908472YL 8MXXN 15000 IC18F P0720SL 167BZX 2SB800 AT45DB32
Product Description
Full Text Search
 

To Download STLC3055N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STLC3055N
WLL & ISDN-TA SUBSCRIBER LINE INTERFACE CIRCUIT
1

FEATURES
MONOCHIP SLIC OPTIMISED FOR WLL & VoIP APPLICATIONS IMPLEMENT ALL KEY FEATURES OF THE BORSHT FUNCTION SINGLE SUPPLY (5.5 TO 12V) BUILT IN DC/DC CONVERTER CONTROLLER SOFT BATTERY REVERSAL WITH PROGRAMMABLE TRANSITION TIME. ON-HOOK TRANSMISSION. PROGRAMMABLE OFF-HOOK DETECTOR THRESHOLD METERING PULSE GENERATION AND FILTER INTEGRATED RINGING INTEGRATED RING TRIP PARALLEL CONTROL INTERFACE (3.3V LOGIC LEVEL) PROGRAMMABLE CONSTANT CURRENT FEED SURFACE MOUNT PACKAGE INTEGRATED THERMAL PROTECTION DUAL GAIN VALUE OPTION
Figure 1. Package
TQFP44
Table 1. Order Codes
Part Number STLC3055N Package TQFP44

BCD III S, 90V TECHNOLOGY -40 TO +85C OPERATING RANGE
2
DESCRIPTION
The STLC3055N is a SLIC device specifically designed for WLL (Wireless Local Loop) and ISDNTerminal Adaptors and VoIP applications. One of the distinctive characteristic of this device is the ability to operate with a single supply voltage (from +5.5V to +12V) and self generate the negative battery by means of an on chip DC/DC converter controller that drives an external MOS switch.
Figure 2. Block Diagram
PD D0 D1 D2 DET
GAIN SETTING
INPUT LOGIC AND DECODER
OUTPUT LOGIC
BGND
Status and functions
TIP TX RX ZAC1 ZAC RS ZB
LINE OUTPUT
SUPERVISION AC PROC
DRIVER
STAGE
RING
CREV
DC PROC
CSVR
CLK RSENSE GATE VF
DC/DC
CKTTX CTTX1 CTTX2 FTTX
CONV.
TTX PROC
REFERENCE
Vcc Vss
Agnd
CVCC VPOS
VOLT.
REG.
VBAT
Vbat
RTTX
CAC
ILTF RD IREF RLIM RTH
AGND
January 2005
Rev.8 1/24
STLC3055N
2 DESCRIPTION (continued)
The battery level is properly adjusted depending on the operating mode. A useful characteristic for these applications is the integrated ringing generator. The control interface is a parallel type with open drain output and 3.3V logic levels. The metering pulses are generated on chip starting from two logic signals (0, 3.3V) one define the metering pulse frequency and the other the metering pulse duration. An on chip circuit then provides the proper shaping and filtering. Metering pulse amplitude and shaping (rising and decay time) can be programmed by external components. A dedicated cancellation circuit avoid possible CODEC input saturation due to Metering pulse echo. Constant current feed can be set from 20mA to 40mA. Off-hook detection threshold is programmable from 5mA to 9mA. The device, developed in BCDIIIS technology (90V process), operates in the extended temperature range and integrates a thermal protection that sets the device in power down when Tj exceeds 140C. Figure 3. Pin Connection
VBAT1 N.C. BGND 34 33 32 31 30 29 28 27 26 25 24 23 12 RTTX 13 FTTX 14 RX 15 ZAC1 16 ZAC 17 RS 18 ZB 19 CAC 20 TX 21 VF 22 CLK CSVR ILTF RD RTH IREF RLIM AGND CVCC VPOS RSENSE GATE
D00TL488-MOD
CREV
44 D0 D1 D2 PD GAIN SET N.C. N.C. DET CKTTX CTTX1 CTTX2 1 2 3 4 5 6 7 8 9 10 11
43
42
41
40
39
38
37
36
35
Table 2. Absolute Maximum Ratings
Symbol Vpos A/BGND Vdig Tj Vbtot
(1)
Parameter Positive Supply Voltage AGND to BGND Pin D0, D1, D2, DET, CKTTX Max. junction Temperature Vbtot=|Vpos|+|Vbat|. (Total voltage applied to the device supply pins). Human Body Model Charged Device Model
VBAT
RING
N.C.
N.C.
N.C.
N.C.
TIP
Value -0.4 to +13 -1 to +1 -0.4 to 5.5 150 90 1750 500
Unit V V V C V V V
ESD RATING
(1) Vbat is self generated by the on chip DC/DC converter and can be programmed via RF1 and RF2. RF1 and RF2 shall be selected in order to fulfil the a.m limits (see External Components Table page 10)
2/24
STLC3055N
Table 3. Operating Range
Symbol Vpos A/BGND Vdig Top Vbat
(1)
Parameter Positive Supply Voltage AGND to BGND Pin D0, D1, D2, DET, CKTTX, PD Ambient Operating Temperature Range Self Generated Battery Voltage
Value 5.5 to +12 -100 to +100 -0.25 to 5.25 -40 to +85 -74 max.
Unit V mV V C V
(1) Vbat is self generated by the on chip DC/DC converter and can be programmed via RF1 and RF2. RF1 and RF2 shall be selected in order to fulfil the a.m limits (see External Components Table page 11)
Table 4. Thermal Data
Symbol Rth j-amb Parameter Thermal Resistance Junction to Ambient Typ. Value 60 Unit C/W
Table 5. Pin Description
N 1 2 3 4 5 6,7,36, 38,39,40,42 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 Pin D0 D1 D2 PD Gain SET NC DET CKTTX CTTX1 CTTX2 RTTX FTTX RX ZAC1 ZAC RS ZB CAC TX VF CLK Control Interface: input bit 0. Control Interface: input bit 1. Control interface: input bit 2. Power Down input. Normally connected to CVCC (or to logic level high). Control gain interface: 0 Level Rxgain = 0dB Txgain = -6dB 1 Level Rxgain = +6dB Txgain = -12dB Not connected. Logic interface output of the supervision detector (active low). Metering pulse clock input (12 KHz or 16KHz square wave). Metering burst shaping external capacitor. Metering burst shaping external capacitor. Metering pulse cancellation buffer output. TTX filter network should be connected to this point. If not used should be left open. Metering pulse buffer input this signal is sent to the line and used to perform TTX filtering. 4 wire input port (RX input); 300K input impedance. This signal is referred to AGND. If connected to single supply CODEC output it must be DC decoupled with proper capacitor. RX buffer output, (the AC impedance is connected from this node to ZAC). AC impedance synthesis. Protection resistors image (the image resistor is connected from this node to ZAC). Balance Network for 2 to 4 wire conversion (the balance impedance ZB is connected from this node to AGND. ZA impedance is connected from this node to ZAC1). AC feedback input, AC/DC split capacitor (CAC). 4 wire output port (TX output). The signal is referred to AGND. If connected to single supply CODEC input it must be DC decoupled with proper capacitor. Feedback input for DC/DC converter controller. Power Switch Controller Clock (typ. 125KHz). This pin can also be connected to CVCC or AGND. When the CLK pin is connected to CVCC an auto-oscillation is internally generated and it is used instead of the external clock. When the CLK pin is connected to AGND, the GATE output is disabled. Function
3/24
STLC3055N
Table 5. (continued)
N 23 24 Pin GATE Function Driver for external Power MOS transistor (P-channel).
RSENSE Voltage input for current sensing. RSENSE should be connected close to this pin and VPOS pin. The PCB layout should minimize the extra resistance introduced by the copper tracks. VPOS CVCC AGND RLIM IREF RTH RD ILTF CSVR BGND VBAT RING TIP CREV Positive supply Internal positive voltage supply filter. Analog Ground, must be shorted with BGND. Constant current feed programming pin (via RLIM). RLIM should be connected close to this pin and AGND pin to avoid noise injection. Internal bias current setting pin. RREF should be connected close to this pin and AGND pin to avoid noise injection. Off-hook threshold programming pin (via RTH). RTH should be connected close to this pin and AGND pin to avoid noise injection. DC feedback and ring trip input. RD should be connected close to this pin and AGND pin to avoid noise injection. Transversal line current image output. Battery supply filter capacitor. Battery Ground, must be shorted with AGND. Regulated battery voltage self generated by the device via DC/DC converter. Must be shorted to VBAT1. 2 wire port; RING wire (Ib is the current sunk into this pin). 2 wire port; TIP wire (Ia is the current sourced from this pin). Reverse polarity transition time control. One proper capacitor connected between this pin and AGND is setting the reverse polarity transition time. This is the same transition time used to shape the "trapezoidal ringing" during ringing injection. Frame connection. Must be shorted to VBAT.
25 26 27 28 29 30 31 32 33 34 35 37 41 43
44
VBAT1
3
FUNCTIONAL DESCRIPTION
The STLC3055N is a device specifically developed for WLL VoIP and ISDN-TA applications. It is based on a SLIC core, on purpose optimised for these applications, with the addition of a DC/DC converter controller to fulfil the WLL and ISDN-TA design requirements. The SLIC performs the standard feeding, signalling and transmission functions. It can be set in four different operating modes via the D0, D1, D2 pins of the control logic interface (0 to 3.3V logic levels). The loop status is carried out on the DET pin (active low). The DET pin is an open drain output to allow easy interfacing with both 3.3V and 5V logic levels. The four possible SLIC's operating modes are:

Power Down High Impedance Feeding (HI-Z) Active
Ringing Table 6 shows how to set the different SLIC operating modes.
4/24
STLC3055N
Table 6. SLIC Operating Modes.
PD 0 1 1 1 1 1 1 D0 0 0 0 0 1 1 1 D1 0 0 1 1 1 1 0 D2 X X 0 1 0 1 0/1 Power Down H.I. Feeding (HI-Z) Active Normal Polarity Active Reverse Polarity Active TTX injection (N.P.) Active TTX injection (R.P.) Ring (D2 bit toggles @ fring) Operating Mode
3.1 DC/DC Converter The DC/DC converter controller is driving an external power MOS transistor (P-Channel) in order to generate the negative battery voltage needed for device operation. The DC/DC converter controller is synchronised with an external CLK (125KHz typ.)or with an internal clock generated when the pin CLK is connected to CVCC. One sensing resistor in series to Vpos supply allows to fix the maximum allowed input peak current. This feature is implemented in order to avoid overload on Vpos supply in case of line transient (ex. ring trip detection). The typical value is obtained for a sensing resistor equal to 110m that will guarantee an average current consumption from Vpos < 700mA. When in on-hook the self generated battery voltage is set to a predefined value. This value can be adjusted via one external resistor (RF1) and it is typical -50V. When RING mode is selected this value is increased to -70V typ. Once the line goes in off-hook condition, the DC/DC converter automatically adjust the generated battery voltage in order to feed the line with a fixed DC current (programmable via RLIM) optimising in this way the power dissipation. 3.2 OPERATING MODES 3.2.1 Power Down When this mode is selected the SLIC is switched off and the TIP and RING pins are in high impedance. Also the line detectors are disabled therefore the off-hook condition cannot be detected. This mode can be selected in emergency condition when it is necessary to cut any current delivered to the line. This mode is also forced by STLC3055N in case of thermal overload (Tj > 140C). In this case the device goes back to the previous status as soon as the junction temperature decrease under the hysteresis threshold. No AC transmission is possible in this mode. 3.2.2 High Impedance Feeding (HI-Z) This operating mode is normally selected when the telephone is in on-hook in order to monitor the line status keeping the power consumption at the minimum. The output voltage in on-hook condition is equal to the self generated battery voltage (-50V typ). When off-hook occurs the DET becomes active (low logic level). The off-hook threshold in HI-Z mode is the same value as programmed in ACTIVE mode. The DC characteristic in HI-Z mode is just equal to the self generated battery with 2x(1600+Rp) in series
5/24
STLC3055N
(see fig. 4), where Rp is the external protection resistance. No AC transmission is possible in this mode. Figure 4. DC Characteristic in HI-Z Mode.
IL Vbat 2x(R1+Rp)
Slope: 2x(R1+Rp) (R1=1600ohm)
VL Vbat (-50V)
3.2.3 Active 3.2.3.1 DC Characteristics & Supervision When this mode is selected the STLC3055N provides both DC feeding and AC transmission. The STLC3055N feeds the line with a constant current fixed by RLIM (20mA to 40mA range). The on-hook voltage is typically 40V allowing on-hook transmission; the self generated Vbat is -50V typ. If the loop resistance is very high and the line current cannot reach the programmed constant current feed value, the STLC3055N behaves like a 40V voltage source with a series impedance equal to the protection resistors 2xRp (typ. 2x50). Fig. 5 shows the typical DC characteristic in ACTIVE mode. Figure 5. DC Characteristic in ACTIVE Mode
IL Ilim (20 to 40mA)
2Rp
10V
VL
Vbat (-50V)
The line status (on/off hook) is monitored by the SLIC'S supervision circuit. The off-hook threshold can be programmed via the external resistor RTH in the range from 5mA to 9mA. Independently on the programmed constant current value, the TIP and RING buffers have a current source capability limited to 80mA typ. Moreover the power available at Vbat is controlled by the DC/DC converter that limits the peak current drawn from the Vpos supply. The maximum allowed current peak is set by RSENSE resistor. 3.2.3.2 AC Characteristics The SLIC provides the standard SLIC transmission functions: Once in active mode the SLIC can operate with two different Tx, Rx Gain. Setting properly by the Gain set control bit (see table 7).
6/24
STLC3055N
Table 7. Gain Set in Active Mode
Gain set 0 1
4 to 2 wire Gain 0dB +6dB
2 to 4 wire Gain -6dB -12dB
Impedance Synthesis Scale Factor x 50 x 25
Input impedance synthesis: can be real or complex and is set by a scaled (x50 or x25) external ZAC impedance. Transmit and receive: The AC signal present on the 2W port (TIP/RING) is transferred to the TX output with a -6dB or -12dB gain and from the RX input to the 2W port with a 0dB or +6dB gain.
2 to 4 wire conversion: The balance impedance can be real or complex, the proper cancellation is obtained by means of two external impedance ZA and ZB Once in Active mode (D1=1) the SLIC can operate in different states setting properly D0 and D2 control bits (see also Table 8).
Table 8. SLIC states in ACTIVE mode
D0 0 0 1 1 D1 1 1 1 1 D2 0 1 0 1 Active Normal Polarity Active Reverse Polarity Active TTX injection (N.P.) Active TTX injection (R.P.) Operating Mode
3.2.3.3 Polarity Reversal The D2 bit controls the line polarity, the transition between the two polarities is performed in a "soft" way. This means that the TIP and RING wire exchange their polarities following a ramp transition (see fig.6). The transition time is controlled by an external capacitor CREV. This capacitor is also setting the shape of the ringing trapezoidal waveform. When the control pins set battery reversal the line polarity is reversed with a proper transition time set via an external capacitor (CREV). Figure 6. TIP/RING Typical Transition from Direct to Reverse Polarity
GND TIP
4V typ.
40V typ ON-HOOK
dV/dT set by CREV RING
3.2.3.4 Metering Pulse Injection (Ttx) The metering pulses circuit consists of a burst shaping generator that gives a square wave shaped and a low pass filter to reduce the harmonic distortion of the output signal. The metering pulse is obtained starting from two logic signals:
CKTTX: is a square wave at the TTX frequency (12 or 16KHz) and should be permanently applied to the CKTTX pin or at least for all the duration of the TTX pulse (including rising and decay phases). D0: enable the TTX generation circuit and define the TTX pulse duration.
7/24
STLC3055N
These two signals are processed by a dedicated circuitry integrated on chip that generate the metering pulse as an amplitude modulated shaped squarewave (SQTTX) (see fig.7). Both the amplitude and the envelope of the squarewave (SQTTX) can be programmed by means of external components. In particular the amplitude is set by the two resistors RLV and the shaping by the capacitor CS. Figure 7. Metering Pulse Generation Circuit.
Low Pass Filter
CTTX1
C1
RLV BURST
SHAPING GENERATOR
CS
SQTTX
R1 CFL
R2 FTTX OP1
+
RTTX
C2
RLV
Sinusoidal wave pulse metering
Required external components vs. filter order.
CTTX2 D0 CKTTX
Order 1 2 3
CFL X
R1 X
C1 X X
R2 X X
C2 X X
THD 13% 6% 3%
X
X
Square wave pulse metering
The waveform so generated is then filtered and injected on the line. The low pass filter can be obtained using the integrated buffer OP1 connected between pin FTTX (OP1 non inverting input) and RTTX (OP1 output) (see fig.7) and implementing a "Sallen and Key" configuration. Depending on the external components count it is possible to build an optimised application depending on the distortion level required. In particular harmonic distortion levels equal to 13%, 6% and 3% can be obtained respectively with first, second and third order filters (see fig.7). The circuit showed in the "Application diagram" is related to the simple first order filter. Once the shaped and filtered signal is obtained at RTTX buffer output it is injected on the TIP/RING pins with a +6dB gain or +12dB gain. It should be noted that this is the nominal condition obtained in presence of ideal TTX echo cancellation (obtained via proper setting of RTTX and CTTX). In addition the effective level obtained on the line will depend on the line impedance and the protection resistors value. In the typical application (TTX line impedance =200, RP = 50, and ideal TTX echo cancellation) the metering pulse level on the line will be 1.33 or 2.66 times the level applied to the RTTX pin. As already mentioned the metering pulse echo cancellation is obtained by means of two external components (RTTX and CTTX) that should match the line impedance at the TTX frequency. This simple network has a double effect:

Synthesize a low output impedance at the TIP/RING pins at the TTX frequency. Cut the eventual TTX echo that will be transferred from the line to the TX output.
8/24
STLC3055N
3.2.4 Ringing When this mode is selected STLC3055N self generate an higher negative battery (-70V typ.) in order to allow a balanced ringing signal of typically 65Vpeak.
In this condition both the DC and AC feedback are disabled and the SLIC line drivers operate as voltage buffers. The ring waveform is obtained toggling the D2 control bit at the desired ring frequency. This bit in fact controls the line polarity (0=direct; 1=reverse). As in the ACTIVE mode the line voltage transition is performed with a ramp transition, obtaining in this way a trapezoidal balanced ring waveform (see fig.8). The shaping is defined by the CREV external capacitor. Selecting the proper capacitor value it is possible to get different crest factor values. The following table shows the crest factor values obtained with a 20Hz and 25Hz ring frequency and with 1REN. These value are valid either with European or USA specification
Figure 8. TIP/RING Typical Ringing Waveform
GND TIP
2.5V typ.
65V typ.
dV/dT set by CREV RING VBAT
2.5V typ.
Table 9. :
CREV 22nF 27nF 33nF
(*) Distorsion already less than 10%.
CREST FACTOR @20Hz 1.2 1.25 1.33
CREST FACTOR @25Hz 1.26 1.32 Not significant (*)
The ring trip detection is performed sensing the variation of the AC line impedance from on hook (relatively high) to off-hook (low). This particular ring trip method allows to operate without DC offset superimposed on the ring signal and therefore obtaining the maximum possible ring level on the load starting from a given negative battery. It should be noted that such a method is optimised for operation on short loop applications and may not operate properly in presence of long loop applications (> 500 ). Once ring trip is detected, the DET output is activated (logic level low), at this point the card controller or a simple logic circuit should stop the D2 toggling in order to effectively disconnect the ring signal and then set the STLC3055N in the proper operating mode (normally ACTIVE).
3.2.4.1 Ring Level in Presence of More Telephone in Parallel As already mentioned above the maximum current that can be drawn from the Vpos supply is controlled and limited via the external RSENSE. This will limit also the power available at the self generated negative battery.
If for any reason the ringer load will be too low the self generated battery will drop in order to keep the power consumption to the fixed limit and therefore also the ring voltage level will be reduced. In the typical application with RSENSE = 110m the peak current from Vpos is limited to about 900mA, which correspond to an average current of 700mA max. In this condition the STLC3055N can drive up to
9/24
STLC3055N
3REN with a ring frequency fr=25Hz (1REN = 1800 + 1.0F, European standard). In order to drive up to 5REN (1REN= 6930 + 8F, US standard) it is necessary to modify the external components as follows: CREV = 15nF RD = 2.2K Rsense = 100m
3.3 Layout Recommendation A properly designed PCB layout is a basic issue to guarantee a correct behaviour and good noise performances. Noise sources can be identified in not enough good grounds, not enough low impedance supplies and parasitic coupling between PCB tracks and high impedance pins of the device. Particular care must be taken on the ground connection and in this case the star configuration allows surely to avoid possible problems (see Application Diagram Figg. 9 and 10). The ground of the power supply (VPOS) has to be connected to the center of the star, let's call this point Supply GND. This point should show a resistance as low as possible, that means it should be a ground plane. In particular to avoid noise problems the layout should prevent any coupling between the DC/DC converter components that are referred to PGND (CVPOS, CD, L) and analog pins that are referred to AGND (ex: RD, IREF, RTH, RLIM, VF). AGND and BGND must be shorter together. The GND connection of protection components have to be connected to the Supply GDND. As a first reccomendation the components CV, L, D1, CVPOS, RSENSE should be kept as close as possible to each other and isolated from the other components. Additional improvements can be obtained: decoupling the center of the star from the analog ground of STLC3055N using small chokes. adding a capacitor in the range of 100nF between VPOS and AGND in order to filter the switch frequency on VPOS. 3.4 External Components List In order to properly define the external components value the following system parameters have to be defined:
The AC input impedance shown by the SLIC at the line terminals "Zs" to which the return loss measurement is referred. It can be real (typ. 600) or complex. The AC balance impedance, it is the equivalent impedance of the line "Zl" used for evaluation of the trans-hybrid loss performances (2/4 wire conversion). It is usually a complex impedance. The value of the two protection resistors Rp in series with the line termination. The line impedance at the TTX frequency "Zlttx". The metering pulse level amplitude measured at line termination "VLOTTX". In case of low order filtering, VLOTTX represents the amplitude (Vrms) of the fundamental frequency component. (typ 12 or 16KHz).
Pulse metering envelope rise and decay time constant "". The slope of the ringing waveform "VTR/T ".

The value of the constant current limit current "Ilim". The value of the off-hook current threshold "ITH". The value of the ring trip rectified average threshold current "IRTH". The value of the required self generated negative battery "VBATR" in ring mode (max value is 70V). This value can be obtained from the desired ring peak level + 5V. The value of the maximum current peak sunk from Vpos "IPK".
10/24
STLC3055N
Table 10. External Components
Name RREF CSVR RD CAC RP RLIM RTH CREV RDD CVCC CVpos Function Bias setting current Negative Battery Filter Ring Trip threshold setting resistor AC/DC split capacitance Line protection resistor Current limiting programming Off-hook threshold programming (ACTIVE mode) Reverse polarity transition time programming Pull up resistors Internally supply filter capacitor Positive supply filter capacitor with low impedance for switch mode power supply Battery supply filter capacitor with low impedance for switch mode power supply High frequency noise filter High frequency noise filter DC/DC converter switch P ch. MOS transistor RDS(ON)1.2,VDS = -100V Total gate charge=20nC max. with VGS=4.5V and VDS=1V ID>500mA Vr > 100V, tRR 50ns RSENSE = 100mV/IPK 250K 30 RLIM = 1300/Ilim 32.5k < RLIM < 65k RTH = 290/ITH 27k < RTH < 52k CREV = ((1/3750) * T/VTR) Formula RREF = 1.3/Ibias Ibias = 50A CSVR = 1/(2 fp 1.8M) fp = 50Hz RD = 100/IRTH 2K < RD < 5K Typ. Value 26k 1% 1.5nF 10% 100V 4.12k 1% @ IRTH = 24mA 22F 20% 15V @ RD = 4.12k 50 1% 52.3k 1% @ Ilim = 25mA 32.4k 1% @ITH = 9mA 22nF 10% 10V @ 12V/ms 100k 100nF 20% 10V 100F(4)
CV
100F 20% 100V (5)
CVB CRD (6) Q1
470nF 20% 100V 100nF 10% 15V Possible choiches: IRF9510 or IRF9520 or IRF9120 or equivalent SMBYW01-200 or equivalent 110m @IPK = 900mA 300k 1% @ VBATR = -70V 9.1k 1% DC resistance 0.1 (8) L=100H SUMIDA CDRH125 or equivalent
D1
DC/DC converter series diode
RSENSE DC/DC converter peak current limiting RF1 RF2 L Negative battery programming level Negative battery programming level DC/DC converter inductor
Table 11. External Components @Gain Set = 0
Name RS ZAC ZA (1) ZB (1) Function Protection resistance image Two wire AC impedance SLIC impedance balancing network Line impedance balancing network Formula RS = 50 (2Rp) ZAC = 50 (Zs - 2Rp) ZA = 50 Zs ZB = 50 Zl Typ. Value 5k @ Rp = 50 25k 1% @ Zs = 600 30k 1% @ Zs = 600 30k 1% @ Zl = 600
11/24
STLC3055N
Table 11. External Components @Gain Set = 0 (continued)
Name CCOMP CH Function AC feedback loop compensation Trans-Hybrid Loss frequency compensation Formula fo = 250kHz CCOMP = 1/(2fo100(RP)) CH = CCOMP RTTX = 50Re (Zlttx+2Rp) CTTX = 1/{502fttx[-lm(Zlttx)]} RLV = 63.3*103***VLOTTX = (|Zlttx + 2Rp|/|Zlttx|) Typ. Value 120pF 10% 10V @ Rp = 50 120pF 10% 10V 15k @Zlttx = 200 real 100nF 10% 10V (2) @ Zlttx = 200 real 16.2k @ VLOTTX = 170mVrms 100nF 10% 10V @ = 3.2ms, RLV = 16.2k 1.5nF 10% 10V @fttx = 12kHz RLV = 16.2k
RTTX (3) Pulse metering cancellation resistor CTTX (3) Pulse metering cancellation capacitor RLV CS CFL Pulse metering level resistor
Pulse metering shaping capacitor CS = /(2RLV) Pulse metering filter capacitor CFL = 2/(2fttxRLV)
Table 12. External Components @Gain Set = 1
Name RS ZAC ZA (1) ZB (1) CCOMP CH Function Protection resistance image Two wire AC impedance SLIC impedance balancing network Line impedance balancing network AC feedback loop compensation Trans-Hybrid Loss frequency compensation Formula RS = 25 (2Rp) ZAC = 25 (Zs - 2Rp) ZA = 25 Zs ZB = 25 Zl fo = 250kHz CCOMP = 2/(2fo100(RP)) CH = CCOMP RTTX = 25Re (Zlttx+2Rp) CTTX = 1/252fttx[-lm(Zlttx)] RLV = 31.7*103***VLOTTX = (|Zlttx + 2Rp|/|Zlttx|) Typ. Value 2.55k @ Rp = 50 12.5k 1% @ Zs = 600 15k 1% @ Zs = 600 15k 1% @ ZI = 600 220pF 10% 10VL @ Rp = 50 220pF 10% 10V 7.5k @Zlttx = 200 real 100nF 10% 10V (2) @ Zlttx = 200 real 16.2k @ VLOTTX = 340mVrms 100nF 10% 10V @ = 3.2ms, RLV = 16.2k 1.5nF 10% 10V @fttx = 12kHz RLV = 16.2k
RTTX (3) Pulse metering cancellation resistor CTTX (3) Pulse metering cancellation capacitor RLV CS CFL Pulse metering level resistor
Pulse metering shaping capacitor CS = /(2RLV) Pulse metering filter capacitor CFL = 2/(2fttxRLV)
(1) In case Zs=Zl, ZA and ZB can be replaced by two resistors of same value: RA=RB=|Zs|. (2) In this case CTTX is just operating as a DC decoupling capacitor (fp=100Hz). (3) Defining ZTTX as the impedance of RTTX in series with CTTX, RTTX and CTTX can also be calculated from the following formula: ZTTX=50*(Zlttx+2Rp). (4) CVpos should be defined depending on the power supply current capability and maximum allowable ripple. (5) For low ripple application use 2x47 F in parallel. (6) Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input). (7) RF1 sets the self generated battery voltage in RING and ACTIVE(Il=0) mode as follows: VBAT(ACTIVE) VBATR(RING) 267k -46V -62V 280k -48V -65V 294k -49V -68V 300k -50V -70V
VBATR should be defined considering the ring peak level required (Vringpeak=VBATR-6V typ.). The above relation is valid provided that the Vpos power supply current capability and the RSENSE programming allow to source all the current requested by the particular ringer load configuration. (8) For high efficiency in HI-Z mode coil resistance @125kHz must be < 3
12/24
STLC3055N
Figure 9. Application Diagram.
CVCC RX TX VPOS CVPOS RSENSE
RS
RX RS ZAC
TX
AGND BGND
CVCC
VPOS RSENSE GATE D1 VBAT CVB RF1 CV RF2 L Q1 P-ch
CCOMP ZAC ZA
ZAC1
ZB CH VDD RDD GAIN SET ZB
VF
CLK TIP
CLK RP TIP RP RING
STLC3055N
CONTROL INTERFACE DET D0 D1 D2 PD TTX CLOCK RLV CTTX1 RLV CS CTTX2 FTTX CFL RTTX CAC ILTF RD DET D0 D1 D2 PD CKTTX
RING
CSVR CREV CREV RTH RLIM IREF RREF RLIM RTH CSVR
RTTX AGND BGND SYSTEM GND SUGGESTED GROUND LAY-OUT CTTX CAC
RD
CRD
D00TL489A
PGND
Figure 10. Application Diagram without Metering Pulse Generation.
CVCC RX TX VPOS CVPOS RSENSE
RS
RX RS ZAC
TX
AGND BGND
CVCC
VPOS RSENSE GATE D1 VBAT CVB RF1 CV RF2 L Q1 P-ch
CCOMP ZAC ZA
ZAC1
ZB CH VDD RDD GAIN SET ZB
VF
CLK
CLK RP TIP RP RING
STLC3055N
CONTROL INTERFACE DET D0 D1 D2 PD DET D0 D1 D2 PD CKTTX CTTX1 CTTX2 FTTX RTTX CAC ILTF RD
TIP RING
CSVR CREV CREV RTH RLIM IREF RREF RLIM RTH CSVR
RD AGND BGND SYSTEM GND SUGGESTED GROUND LAY-OUT CAC
CRD
D00TL490/A
PGND
13/24
STLC3055N
4
ELECTRICAL CHARACTERISTICS
Test conditions: Vpos = 6.0V, AGND = BGND, Normal Polarity, Tamb = 25C. External components as listed in the "Typical Values" column of EXTERNAL COMPONENTS Table. Note: Testing of all parameter is performed at 25C. Characterisation as well as design rules used allow correlation of tested performances at other temperatures. All parameters listed here are met in the operating range: -40 to +85C.
Symbol Parameter Test Condition Min. Typ. Max. Unit
DC CHARACTERISTICS Vlohi Line voltage Il = 0, HI-Z (High impedance feeding) Tamb = 0 to 85C Il = 0, HI-Z (High impedance feeding) Tamb = -40 to 85C Il = 0, ACTIVE Tamb = 0 to 85C Il = 0, ACTIVE Tamb = -40 to 85C ACTIVE mode ACTIVE mode. Rel. to programmed value 20mA to 40mA HI-Z (High Impedance feeding) 44 50 V
Vlohi
Line voltage
42
48
V
Vloa Vloa Ilim Ilima
Line voltage Line voltage Lim. current programming range Lim. current accuracy
33 31 20 -10
40 37 40 10
V V mA %
Rfeed HI
Feeding resistance
2.4
3.6
k
AC CHARACTERISTICS L/T Long. to transv. (see Appendix for test circuit) Transv. to long. (see Appendix for test circuit) Transv. to long. (see Appendix for test circuit) 2W return loss Trans-hybrid loss Rp = 50, 1% tol., ACTIVE N. P., RL = 600 (*) f = 300 to 3400Hz Rp = 50, 1% tol., ACTIVE N. P., RL = 600 (*) f = 300 to 3400Hz Rp = 50, 1% tol., ACTIVE N. P., RL = 600 (*) f = 1kHz 300 to 3400Hz, ACTIVE N. P., RL = 600 (*) 300 to 3400Hz, 20Log|VRX/VTX|, ACTIVE N. P., RL = 600 (*) at line terminals on ref. imped. ACTIVE N. P., RL = 600 (*) ACTIVE N. P., RL = 600 (*) 0dBm @ 1020Hz, ACTIVE N. P., RL = 600 (*) 0dBm @ 1020Hz, ACTIVE N. P., RL = 600 (*) 50 58 dB
T/L
40
45
dB
T/L
48
53
dB
2WRL THL
22 30
26
dB dB
Ovl TXoff G24 G42
2W overload level TX output offset Transmit gain abs. Receive gain abs.
3.2 -250 -6.4 -0.4 250 -5.6 0.4
dBm mV dB dB
14/24
STLC3055N
4
ELECTRICAL CHARACTERISTICS
Test conditions: Vpos = 6.0V, AGND = BGND, Normal Polarity, Tamb = 25C. External components as listed in the "Typical Values" column of EXTERNAL COMPONENTS Table. Note: Testing of all parameter is performed at 25C. Characterisation as well as design rules used allow correlation of tested performances at other temperatures. All parameters listed here are met in the operating range: -40 to +85C.
Symbol G24f Parameter TX gain variation vs. freq. Test Condition rel. 1020Hz; 0dBm, 300 to 3400Hz, ACTIVE N. P., RL = 600 (*) rel. 1020Hz; 0dBm, 300 to 3400Hz, ACTIVE N. P., RL = 600 (*) psophometric filtered ACTIVE N. P., RL = 600 (*) Tamb = 0 to +85C psophometric filtered ACTIVE N. P., RL = 600 (*) Tamb = -40 to +85C psophometric filtered ACTIVE N. P., RL = 600 (*) Tamb = 0 to +85C psophometric filtered ACTIVE N. P., RL = 600 (*) Tamb = -40 to +85C ACTIVE N. P., RL = 600 (*) ACTIVE - TTX Zl = 200 fttx = 12kHz 130 -10% 170 125 10% Min. -0.12 Typ. Max. 0.12 Unit dB
G24f
RX gain variation vs. freq.
-0.12
0.12
dB
V2Wp
Idle channel noise at line 0dB gainset Idle channel noise at line 0dB gainset Idle channel noise at line 0dB gainset Idle channel noise at line 0dB gainset Total Harmonic Distortion Metering pulse level on line CLK operating range
-73
-68
dBmp
V2Wp
-68
dBmp
V4Wp
-75
-70
dBmp
V4Wp
-75
dBmp
Thd VTTX CLKfreq
-44
dB mVrms kHz
(*) RL: Line Resistance
RING Vring Line voltage RING D2 toggling @ fr = 25Hz Load = 3REN; Crest Factor = 1.25 1REN = 1800 + 1.0F Tamb = 0 to +85C RING D2 toggling @ fr = 25Hz Load = 3REN; Crest Factor = 1.25 1REN = 1800 + 1.0F Tamb = -40 to +85C 45 49 Vrms
Vring
Line voltage
44
48
Vrms
DETECTORS IOFFTHA ROFTHA IONTHA Off/hook current threshold Off/hook loop resistance threshold On/hook current threshold ACT. mode, RTH = 32.4k 1% (Prog. ITH = 9mA) ACT. mode, RTH = 32.4k 1% (Prog. ITH = 9mA) ACT. mode, RTH = 32.4k 1% (Prog. ITH = 9mA) 10.5 3.4 6 mA k mA
15/24
STLC3055N
4
ELECTRICAL CHARACTERISTICS
Test conditions: Vpos = 6.0V, AGND = BGND, Normal Polarity, Tamb = 25C. External components as listed in the "Typical Values" column of EXTERNAL COMPONENTS Table. Note: Testing of all parameter is performed at 25C. Characterisation as well as design rules used allow correlation of tested performances at other temperatures. All parameters listed here are met in the operating range: -40 to +85C.
Symbol RONTHA IOFFTHI ROFFTHI IONTHI RONTHI Irt Irta Trtd Td Rlrt (1) ThAl Parameter On/hook loop resistance threshold Off/hook current threshold Off/hook loop resistance threshold On/hook current threshold On/hook loop resistance threshold Ring Trip detector threshold range Ring Trip detector threshold accuracy Ring trip detection time Dialling distortion Loop resistance Tj for th. alarm activation 160 Test Condition ACT. mode, RTH = 32.4k 1% (Prog. ITH = 9mA) Hi Z mode, RTH = 32.4k 1% (Prog. ITH = 9mA) Hi Z mode, RTH = 32.4k 1% (Prog. ITH = 9mA) Hi Z mode, RTH = 32.4k 1% (Prog. ITH = 9mA) Hi Z mode, RTH = 32.4k 1% (Prog. ITH = 9mA) RING RING RING ACTIVE -1 8 20 -15 TBD 1 500 50 15 Min. 8 10.5 800 6 Typ. Max. Unit k mA mA k mA % ms ms C
(1) Rlrt = Maximum loop resistance (incl. telephone) for correct ring trip detection.
DIGITAL INTERFACE INPUTS: D0, D1, D2, PD, CLK OUTPUTS: DET Vih Vil Iih Iil Vol In put high voltage Input low voltage Input high current Input low current Output low voltage Iol = 1mA -10 -10 2 0.8 10 10 0.45 V V A A V
PSRR AND POWER CONSUMPTION PSERRC Ivpos Power supply rejection Vpos to 2W port Vpos supply current @ ii = 0 Vripple = 100mVrms 50 to 4000Hz HI-Z On-Hook ACTIVE On-Hook, RING (line open) RING Off-Hook RSENSE = 110m -20% 26 36 13 50 55 950 25 80 90 +20% dB mA mA mA mApk
Ipk
Peak current limiting accuracy
16/24
STLC3055N
5
APPENDIX A
5.1 STLC3055N Test Circuits Referring to the application diagram shown in fig. 9 of the STLC3055N datasheet and using as external components the Typ. Values specified in the "External Components" Tables 10 and 11 (pages 11, 12) find below the proper configuration for each measurement.
All measurements requiring DC current termination should be performed using "Wandel & Goltermann DC Loop Holding Circuit GH-1" or equivalent.
Figure 11. 2W Return Loss 2WRL = 20Log(|Zref + Zs|/|Zref-Zs|) = 20Log(E/2Vs)
W&G GH1 Zref TIP 600ohm 100 F Vs 1Kohm E
100mA DC max Zin = 100K 200 to 6kHz
TX
STLC3055N application circuit
1Kohm
100 F RING RX
Figure 12. THL Trans Hybrid Loss THL = 20Log|Vrx/Vtx|
W&G GH1 TIP 100 F
100mA DC max Zin = 100K 200 to 6kHz
TX Vtx
600ohm
STLC3055N application circuit
100 F RING RX Vrx
17/24
STLC3055N
Figure 13. G24 Transmit Gain G24 = 20Log|2Vtx/E|
W&G GH1 TIP 100 F
100mA DC max Zin = 100K 200 to 6kHz
TX Vtx
600ohm
STLC3055N application circuit
E 100 F RING RX
Figure 14. G42 Receive Gain G42 = 20Log|VI/Vrx|
W&G GH1 TIP 100 F Vl 600ohm
100mA DC max Zin = 100K 200 to 6kHz
TX
STLC3055N application circuit
100 F RING RX Vrx
Figure 15. PSRRC Power supply rejection Vpos to 2W port PSSRC = 20Log|Vn/Vl|
W&G GH1 TIP 100 F Vl 600ohm
100mA DC max Zin = 100K 200 to 6kHz
TX
STLC3055N application circuit
100 F RING VPOS RX
~
Vn
18/24
STLC3055N
Figure 16. L/T Longitudinal to Transversal Conversion L/T = 20Log|Vcm/Vl|
300ohm W&G GH1 100 F TIP 100 F
100mA DC max Zin = 100K 200 to 6kHz
TX
Impedance matching better than 0.1%
Vcm
Vl
STLC3055N application circuit
100 F RING RX
300ohm
100 F
Figure 17. T/L Transversal to Longitudinal Conversion T/L = 20Log|Vrx/Vcm|
300ohm
100 F
W&G GH1 TIP 100 F
100mA DC max
TX
Impedance matching better than 0.1%
Zin = 100K 200 to 6kHz
STLC3055N application circuit
600ohm
Vcm
100 F RING RX Vrx
300ohm
100 F
Figure 18. VTTX Metering Pulse Level on Line
TIP TX
Vlttx 200ohm
STLC3055N application circuit
RING
RX CKTTX fttx (12 or 16kHz)
19/24
STLC3055N
Figure 19. V2Wp and W4Wp: Idle Channel Psophometric Noise at Line and TX. V2Wp = 20Log|Vl/0.774l|; V4Wp = 20Log|Vtx/0.774l|
W&G GH1 TIP 100 F
100mA DC max Zin = 100K 200 to 6kHz
TX Vtx psophometric filtered
600ohm Vl psophometric filtered
STLC3055N application circuit
100 F RING RX
6
APPENDIX B
6.1 STLC3055N Overvoltage Protection Figure 20. Simplified Configuration for Indoor Overvoltage Protection
BGND
STPR120A
STLC3055N
TIP 2x SM6T39A RING RP1 RP1 RP2 RP2 TIP RING
VBAT STPR120A
RP1 = 30ohm: RP2 =Fuse or PTC > 18ohm
Figure 21. Standard Overvoltage Protection Configuration for K20 Compliance
BGND
STLC3055N
TIP 2x SM6T39A
RP1
LCP1521
RP2
TIP
RING
RP1
RP2
RING
VBAT
RP1 = 30ohm: RP2 =Fuse or PTC > 18ohm
20/24
STLC3055N
7
APPENDIX C
7.1 TYPICAL STATE DIAGRAM FOR STLC3055N OPERATION Figure 22.
Normally used for On Hook Transmission Tj>Tth PD=0, D0=D1=0 Power Down Active On Hook Ring Pause D0=0, D1=1, D2=0
Ring Burst
Ring Burst D0=1, D1=0, D2=0/1 PD=1, D0=D1=0 HI-Z Feeding Active Off Hook Off Hook Detection D0=0, D1=1, D2=0 Ringing
On Hook Detection for T>Tref Ring Trip Detection
On Hook Condition
Off Hook Detection
Note: all state transitions are under the microprocessor control.
21/24
STLC3055N
Figure 23. TQFP44 (10 x 10) Mechanical Data & Package Dimensions
mm DIM. MIN. A A1 A2 B C D D1 D3 E E1 E3 e L L1 k 0.45 11.80 9.80 0.05 1.35 0.30 0.09 11.80 9.80 12.00 10.00 8.00 12.00 10.00 8.00 0.80 0.60 1.00 0.75 0.018 12.20 10.20 0.464 0.386 1.40 0.37 TYP. MAX. 1.60 0.15 1.45 0.45 0.20 12.20 10.20 0.002 0.053 0.012 0.004 0.464 0.386 0.472 0.394 0.315 0.472 0.394 0.315 0.031 0.024 0.039 0.030 0.480 0.401 0.055 0.015 MIN. TYP. MAX. 0.063 0.006 0.057 0.018 0.008 0.480 0.401 inch
OUTLINE AND MECHANICAL DATA
TQFP44 (10 x 10 x 1.4mm)
0(min.), 3.5(typ.), 7(max.)
D D1 A A2 A1
33 34 23 22
0.10mm .004 Seating Plane
E1
B
44 1 11
12
E
B C L K
e
TQFP4410
0076922 D
22/24
STLC3055N
Table 13. Revision History
Date September 2003 October 2004 Revision 4 5 First Issue Update Functional Description and Electrical Characteristics. Aligned the graphic style to be compliant with the new "Corporate Technical Pubblications Design Guide" Modified the application diagrams and some typo errors. Removed all max. values of the `Line Voltage' parameter on the page 14/24. Changed the unit from mA to % of the `Ilima' parameter on the page 14/ 24. Add pin 4 PD in Applications and Block Diagram Add in Table 2 `ESD Rating' Description of Changes
October 2004 November 2004
6 7
January 2005
8
23/24
STLC3055N
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2005 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
24/24


▲Up To Search▲   

 
Price & Availability of STLC3055N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X