Part Number Hot Search : 
ADCMP671 RSR010 LS130A MP03531 V23990 2SC4153 33000 2J222J
Product Description
Full Text Search
 

To Download SSL20C-7615 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSL20C Series
EXTERNAL AC/DC POWER SUPPLIES * * * * * *
S i n g l e O u t p u t E x t e r n a l Pow e r S u p p l y
20W External AC/DC Power Supplies 1 4.65 x 2.40 x 1.08 inch enclosure 20W continuous external power supply Molded UL94V-0 plastic enclosure Overvoltage and short circuit protection EN55022, FCC conducted and radiated emissions level B UL, CSA, VDE and CE safety approvals
The SSL20C series is a 20W universal input AC/DC external Class II power supply in a 4.65 x 2.40 x 1.08 inch plastic enclosure. The SSL20C represents the next generation of low cost external power supplies, suitable for a host of worldwide low power external power applications. The SSL20C provides up to 20W under natural convection cooling. Standard features include universal AC input, overvoltage and short circuit protection and meets EN55022 level B for conducted emissions. The SSL20C has several output voltages available ranging from 5V to 48V. The series has full international safety approvals and carries the CE mark to provide pre-approved SELV outputs.
2 YEAR WARRANTY All specifications are typical at nominal input, full load at 25C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS Total regulation (See Note 3) Overshoot/undershoot Transient response Main output Line, load and temperature co-efficient Less than 10ms Main output 70% to 100% full load step Auto-recovery 5.0%
GENERAL SPECIFICATIONS Hold-up time Efficiency 10% 5.0% of nominal voltage 140% nominal Continuous with auto-recovery 0A Isolation voltage Switching frequency Approvals and standards (See Note 4) Case material Flammability rating Weight MTBF MIL-HDBK-217F @ 25C 115VAC @ full load 115VAC @ full load 5V models only Input/output Fixed 10ms 70% typ. 65% typ. 3000VAC 72kHz, Typ. EN60950, IEC950, UL1950 CSA C22.2 No. 950 General Electric Lexan, black UL94V-0 200g (7oz) >150,000 hours
Overvoltage protection (See Note 5) Short circuit protection Minimum output current INPUT SPECIFICATIONS Input voltage range Input frequency range Input current
Universal input
90 to 264VAC 47Hz to 63Hz
ENVIRONMENTAL SPECIFICATIONS Thermal performance Operating, full load 0C to +40C Non-operating -40C to +85C 0C to +40C ambient, Full load convection cooled 5% to 95% RH Operating Non-operating 5Hz to 500Hz per MIL-STD-810E 10,000 feet max. 30,000 feet max. 2.4G (approx.) 516.4 Part IV
90VAC 264VAC
0.6Arms max. 0.3Arms max. Relative humidity Altitude Level B Level B Vibration (See Note 6) Shock
EMC CHARACTERISTICS Radiated emissions Conducted emissions EN55022, FCC EN55022, FCC
International Safety Standard Approvals
geprufte Sicherhelt
VDE0805/EN60950/IEC950 File No. 129739G UL1950 File No. E136005 CSA C22.2 No. 950 File No. LR41062
File Name: SSL20C.PDF Rev: 03 May 2002
SSL20C Series
EXTERNAL AC/DC POWER SUPPLIES
OUTPUT VOLTAGE +5V +12V +15V +18V +24V +48V Notes
1 2 3
S i n g l e O u t p u t E x t e r n a l Pow e r S u p p l y
20W External AC/DC Power Supplies 2
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
OUTPUT CURRENTS RIPPLE MIN 0A 0A 0A 0A 0A 0A MAX 4.0A 1.67A 1.34A 1.11A 0.83A 0.42A PEAK
(1) (2)
TOTAL REGULATION 50mV 120mV 150mV 180mV 240mV 300mV
(3)
OVP (MAX) 7V 16.8V 21V 25.2V 33.6V 64V
MODEL NUMBER SSL20C-7605 SSL20C-7612 SSL20C-7615 SSL20C-7618 SSL20C-7624 SSL20C-7617
4.80A 2.00A 1.60A 1.33A 1.00A 0.50A
4.75V to 5.25V 11.4V to 12.6V 14.25V to 15.75V 17.1V to 18.9V 22.8V to 25.2V 45.6V to 50.4V
SINGLE OUTPUT PIN CONNECTIONS 2.5MM JACK PLUG Inner Outer VA Return SWITCHCRAFT Power Jack, P/N 712A or equiv. INPUT CONNECTOR IEC 320 two pins C8 type Rated at 2.5A, 250VAC
4 5 6
Peak output current lasting less than 3 seconds and non repetitive. During peak loading output voltage may exceed total regulation limits. 20MHz bandwidth, peak to peak, measured using 0.1F ceramic capacitor in parallel with a 10F tantalum capacitor at the point of output load. Total regulation is defined as the static output regulation at 25C, including initial tolerance, line voltage within stated limits, load currents within stated limits, and output voltages adjusted to their factory settings. To maintain user-system safety approvals, the input power cable must be appropriately rated and approved. This feature protects output circuitry from output overvoltage caused by internal PSU failure. Three orthogonal axes random vibration, 10 minute test for each axis.
4.646 0.02 [118.0 0.5]
1.083 +0.024 -0.000 27.5 +0.6 -0.0 2.402 0.02 [61.0 0.5]
Cable Length 36.00 0.79 [914.0 20]
0.098 [2.50] 2.5 mm Phone Jack All Dimensions in inches [mm]
Data Sheet (c) Artesyn Technologies(R) 2002 The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
www.artesyn.com
File Name: SSL20C.PDF Rev: 03 May 2002


▲Up To Search▲   

 
Price & Availability of SSL20C-7615

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X