|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SL4020B 14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS The SL4020B is ripple-carry binary counter. All counter stages are master-slave flip-flops. The state of a counter advances one count on the negative transition of each input pulse; a high level on the RESET line resets the counter to its all zeros state. Schmitt trigger action on the input-pulse line permits unlimited rise and fall times. * Operating Voltage Range: 3.0 to 18 V * Maximum input current of 1 A at 18 V over full packagetemperature range; 100 nA at 18 V and 25C * Noise margin (over full package temperature range): 1.0 V min @ 5.0 V supply 2.0 V min @ 10.0 V supply 2.5 V min @ 15.0 V supply ORDERING INFORMATION SL4020BN Plastic SL4020BD SOIC TA = -55 to 125 C for all packages LOGIC DIAGRAM PIN ASSIGNMENT FUNCTION TABLE Inputs Clock Reset L L X H X=don't care Output Output state No change Advance to next state All Outputs are low PIN 16 =VCC PIN 8 = GND SLS System Logic Semiconductor SL4020B MAXIMUM RATINGS * Symbol VCC VIN VOUT IIN PD PD Tstg TL * Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Power Dissipation per Output Transistor Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package) Value -0.5 to +20 -0.5 to VCC +0.5 -0.5 to VCC +0.5 10 750 500 100 -65 to +150 260 Unit V V V mA mW mW C C Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C RECOMMENDED OPERATING CONDITIONS Symbol VCC VIN, VOUT TA Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Min 3.0 0 -55 Max 18 VCC +125 Unit V V C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V ). CC Unused outputs must b e left open. SLS System Logic Semiconductor SL4020B DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND) VCC Symbol VIH Parameter Minimum High-Level Input Voltage Maximum Low -Level Input Voltage Minimum High-Level Output Voltage Maximum Low-Level Output Voltage Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Minimum Output Low (Sink) Current Test Conditions VOUT=0.5V or VCC - 0.5V VOUT=1.0V or VCC - 1.0V VOUT=1.5V or VCC - 1.5V VOUT=0.5V or VCC - 0.5V VOUT=1.0V or VCC - 1.0V VOUT=1.5V or VCC - 1.5V VIN=GND or VCC V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 18 5.0 10 15 20 5.0 10 15 5.0 5.0 10 15 Guaranteed Limit -55C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 5 10 20 100 0.64 1.6 4.2 -2.0 -0.64 -1.6 -4.2 25C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 0.1 5 10 20 100 0.51 1.3 3.4 -1.6 -0.51 -1.3 -3.4 125 C 3.5 7 11 1.5 3 4 4.95 9.95 14.95 0.05 0.05 0.05 1.0 150 300 600 3000 0.36 0.9 2.4 mA -1.15 -0.36 -0.9 -2.4 Unit V VIL V VOH V VOL VIN=GND or VCC V IIN ICC VIN= GND or VCC VIN= GND or VCC A A IOL VIN= GND or VCC UOL=0.4 V UOL=0.5 V UOL=1.5 V mA IOH Minimum Output High VIN= GND or VCC (Source) Current UOH=2.5 V UOH=4.6 V UOH=9.5 V UOH=13.5 V SLS System Logic Semiconductor SL4020B AC ELECTRICAL CHARACTERISTICS(CL=50pF, RL=200k, Input t r=t f=20 ns) VCC Symbol fmax Parameter Maximum Clock Frequency(Figure 1) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 Guaranteed Limit -55C 3.5 8 12 360 160 130 330 80 60 280 120 100 200 100 80 25C 3.5 8 12 360 160 130 330 80 60 280 120 100 200 100 80 7.5 125C 1.75 4 6 720 320 260 660 160 120 560 240 200 400 200 160 Unit MHz tPLH, t PHL Maximum Propagation Delay, Clock to Q1 (Figure 1) Maximum Propagation Delay, Qn to Qn+1 (Figure 3) Maximum Propagation Delay, Reset to Any Q (Figure 2) Maximum Output Transition Time, Any Output (Figure 1) Maximum Input Capacitance ns tPLH, t PHL ns tPHL ns tTLH, t THL ns CIN pF TIMING REQUIREMENTS (CL=50pF, RL=200k, Input t r=t f=20 ns) VCC Symbol tw Parameter Minimum Pulse Width, Clock (Figure 1) V 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 Guaranteed Limit -55C 140 60 40 200 80 60 350 150 100 25C 140 60 40 200 80 60 350 150 100 Unlimited 125C 280 120 80 400 160 120 700 300 200 Unit ns tw Minimum Pulse Width, Reset (Figure 2) ns trem Minimum Removal Time, Reset(Figure 2) ns tr, tf Maximum Input Rise and Fall Times, Clock (Figure 1) s SLS System Logic Semiconductor SL4020B Figure 1. Switching Waveforms Figure 2. Switching Waveforms Figure 3. Switching Waveforms SLS System Logic Semiconductor SL4020B TIMING DIAGRAM EXPANDED LOGIC DIAGRAM SLS System Logic Semiconductor |
Price & Availability of SL4020BD |